Part Number Hot Search : 
GDR10 40004 IRFI5210 BC154 MCM36200 P000069 T2180 CXA2108
Product Description
Full Text Search
 

To Download VFTCE-E58P5S-FREQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508-435-6831 ? fax 508- 497-6377 ? www.valpeyfisher.com ? reva0507 1 vftce ocxo ultra low noise 35.4 x 26.7 mm smd, hcmos / sine parameter sym bol condition min typ max unit note frequency range f 4.8 180 mhz vs. operating temperature a: 0 c to +50 c b: -10 c to +60 c c: 0 c to +70 c d: -20 c to +70 c e: -30 c to +70 c f: -40 c to +85 c 5 5 5 10 20 50 ppb see ?how to order? chart ? f/f vs. supply voltage 1 5 ppb/v frequency stability vs. aging / day vs. aging / year 0.5 100 ppb after 30 days 50ppb available operating temperature range t 0 -10 0 -20 -30 -40 +50 +60 +70 +70 +70 +80 c allan variance .1s to 10s 1e-11 ssb phase noise 10hz 100hz 10khz -120 -150 -160 dbc/hz deteriorates by 20logn for higher freq. retrace after 30 min. 20 ppb g-sensitivity worst direction 1.0 ppb/g features ? 4.8mhz to 180mhz frequency range ? low phase noise: -160 dbc/hz @ 10khz ? sine wave or hcmos/ttl output applications ? telecommunication systems ? data communications ? gps ? instrumentation electrical specifications rohs status
75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508-435-6831 ? fax 508- 497-6377 ? www.valpeyfisher.com ? reva0507 2 vftce ocxo ultra low noise 35.4 x 26.7 mm smd, hcmos / sine electrical specifications note: not all combinations are available. please consult the factory. parameter symbol condition min typ max unit note output waveform/load sine hcmos/ttl 50 ohm 10kohm / 15pf order code s order code t power consumption p steady state, 25 c steady state, -30 c start-up @ -30 c 0.8 1.5 2.5 1 w supply voltage vcc 11.4 4.75 3.14 12.0 5.0 3.3 12.6 5.25 3.47 v warm up time to 0.1ppm accuracy 2 3 min control voltage vc 0 4.0 v pull range from nominal f 0.5 1 ppm at 10mhz deviation slope monotonic, positive 0.4 ppm/v setability vc0 25 c 1.0 2.0 3.0 v temperature stability code specification 17 1x10 -7 58 5x10 -8 28 2x10 -8 18 1x10 -8 59 5x10 -9 how to order temperature range code specification a 0c to 50c b -10c to 60c c 0c to 70c d -20c to 70c e -30c to 70c f -40c to 85c vftce frequency , mhz supply voltage code specification 5 5v 5% 2 12v 5% 3 3.3v 5% output code specification t ttl s sinewave a ging code specification l 1x10-9/day s 5x10-10/day p 2x10-10/day code temperature range 1x10 -7 5x10 -8 2x10 - 8 1x10 -8 5x10 -9 a 0c to 50c ? ? ? ? ? b -10c to 60c ? ? ? ? ? c 0c to 70c ? ? ? ? ? d -20c to 70c ? ? ? ? e -30c to 70c ? ? ? f -40c to 85c ? ? available frequency stabilities over operating
75 south street, hopkinton, ma 01748 ? 800-982-5737 ? 508-435-6831 ? fax 508- 497-6377 ? www.valpeyfisher.com ? reva0507 3 vftce ocxo ultra low noise 35.4 x 26.7 mm smd, hcmos / sine parameter symbol condition min typ max unit note supply break down voltage vcc -0.5 +13 v storage temperature ts -40 +85 c control voltage vc -1 9 v parameter specification mechanical shock per mil-std-202, 30g, 11ms vibration per mil-std-202, 5g to 2000hz soldering conditions 230 c for 30s max smd profile absolute maximum ratings environmental and mechanical pin # connections 1 vc 2 vref 3 vcc 4 output 5 gnd


▲Up To Search▲   

 
Price & Availability of VFTCE-E58P5S-FREQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X