Part Number Hot Search : 
KRMC08 TA8304F TDA74 A1205 ON2429 P120C SB240 TPSMB36
Product Description
Full Text Search
 

To Download SSB3FM28110114 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  168 catalog 1308389 dimensions are in millimeters dimensions are shown for usa: 1-800-522-6752 south america: 55-11-2103-6000 revised 6-07 and inches unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com to change. c. america: 52-55-1106-0803 uk: 8706-080-208 note: all part numbers are rohs compliant. buchanan terminal blocks 0.325" [8.26] pitch, series ssb3 lr25557 e63810 recommended pcb hole pattern material & finish housing material olypropylene flammability l94v-- color lack terminals rass, bright acid tin over copper plating screw teel w/ zinc + chromate plating mechanical properties pitch (terminal spacing) .325" [8.26] screw size --2 recommended pcb hole dia. .062" [1.57] wire strip length 31" [7.87] recommended tightening torque in--bs. recommended screwdrivers stanley 1006-4, sears craftsman 41581, any #2 phillips head. wire lug width (max.) .265" [6.73] electrical properties ratings ul class b 20 amps, 300v ul class c 20 amps, 300v ul class d 10 amps, 300v csa type b 10 amps, 300v csa type d 10 amps, 300v wire range 14--6 awg dielectric withstand 500v environmental properties operating temperature range 60 to +105?[-7-? o +221?] computing barrier block lengths direct mounting C use c1 & l1 for mounting option ". end position mounting C use c2 & l2 for mounting options " and ?. for mating socket, see pg. 162. ssb3fp##0202 ec/98/003-01 12241/cl dimensions c ircuits c1 l1* c 2 l2* (not positions) in. in. in. in. 02 0.325 0.704 0.975 1.354 03 0.650 1.029 1.300 1.679 04 0.975 1.354 1.625 2.004 05 1.300 1.679 1.950 2.329 06 1.625 2.004 2.275 2.654 07 1.950 2.329 2.600 2.979 08 2.275 2.654 2.925 3.304 09 2.600 2.979 3.250 3.629 10 2.925 3.304 3.575 3.954 11 3.250 3.629 3.900 4.279 12 3.575 3.954 4.225 4.604 13 3.900 4.279 4.550 4.929 14 4.225 4.604 4.875 5.254 15 4.550 4.949 5.200 5.579 16 4.875 5.254 5.525 5.579 17 5.200 5.579 5.850 6.229 18 5.525 5.904 6.175 7.554 19 5.850 6.229 6.500 6.879 20 6.2175 6.554 6.825 7.204 21 6.500 6.879 7.150 7.529 22 6.825 7.204 7.475 7.854 23 7.150 7.529 7.800 8.179 24 7.475 7.854 8.125 8.504 25 7.800 8.179 8.450 8.829 26 8.125 8.504 8.775 9.154 27 8.450 8.829 9.100 9.479 28 8.775 9.154 9.425 9.804 29 9.100 9.479 9.750 10.129 30 9.425 9.804 10.075 10.454 31 9.750 10.129 10.400 10.779 32 10.075 10.454 10.725 11.104 33 10.400 10.779 11.050 11.429 34 10.725 11.104 11.375 11.754 35 11.050 11.429 36 11.375 11.754 .054 [1.37] .055 [1.39] .200 [5.08] .350 [8.89] .250 [6.35] .325 [8.25] .180 [4.57] min. .032 [ 0.81] t yp. . 062 [1.57] dia. hole after plating .154 [3.91] .046 [1.16] .325 [8.25] . 270 [6.85] .500 [12.7] .500 [12.7] .048 [1.21] typ.
169 0.325" [8.26] pitch, series ssb3 (continued) b a r r i e r s t r i p s 2 catalog 1308389 dimensions are in millimeters dimensions are shown for usa: 1-800-522-6752 south america: 55-11-2103-6000 revised 6-07 and inches unless otherwise reference purposes only. canada: 1-905-470-4425 hong kong: 852-2735-1628 specified. specifications subject mexico: 01-800-733-8926 japan: 81-44-844-8013 www.tycoelectronics.com to change. c. america: 52-55-1106-0803 uk: 8706-080-208 note: all part numbers are rohs compliant. buchanan terminal blocks s ingle screw dual-barrier strip s sb contact spacing (center-to-center) 3 =.325 in. base f =raised base mounting options f = open end positions without end barriers m = open end positions with end barriers p = all positions filled with contacts, with end barriers no. of circuits (not positions) 02 through 36 terminal style 02 = printed circuit pin 04 = extended circuit board 11 = right-angle bend .18 x .12 t op hardware options 01 = bright zinc and chromate plated steelb inding-head s crew 02 = bright zinc and chromate plated steel screw and captive clampC do not order in combination with other top hardware. quick-connect blades (supplied with 01 screw) .110 wide .187 wide x.020 x.020 thick thick 10 70= 11 71= 12 72= 13 73= 14 74= 15 75= c ircuit identification options catalog number codes: 11 through 16. ssb blocks may beo rdered with circuit identification n umbers in white on the molding in six different variations. custom markings are available on special order. 11 = 12345... 12 = ...54321 13 = 14 = 15 = 16 = lr25557 e63810 ordering information ssb 3 f p 06 02 02 suffix a a b b c c d d e e f f g h h g 1 23 4 5 .. . 1 23 4 5 . .. 12345... ...54321 ec/98/003-01 12241/cl for mating socket, see pg. 162. hardware options 3c1xxx afety cover, see page 175 j3140 umpers, see page 177 3l02 ire clamp screw, see page 178 3l01 inding head screw, see page 178 qc1x 110 quick connects, see page 176 qc7x 187 quick connects, see page 176


▲Up To Search▲   

 
Price & Availability of SSB3FM28110114

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X