Part Number Hot Search : 
I3033LS RFN10B3S 00390 TQP9218 SCDAR1F MN6147 HT66F018 A0337M
Product Description
Full Text Search
 

To Download SF2206E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.rfm.com e-mail: info@rfm.com page 1 of 6 ?2009-2011 by rf monolithics, inc. SF2206E - 3/10/11 electrical characteristics electrical connections characteristic sym notes min typ max units center frequency f c 2655 mhz insertion loss, 2620.0 to 2690.0 mhz il 2.0 3.0 db amplitude ripple, 2620.0 to 2690.0 mhz 0.9 2.0 input/output return loss, 2620.0 to 2690.0 mhz 8 13 db attenuation, 0 db reference: db 2322.0 to 2402.0 mhz 33 36 2480.0 to to 2500.0 mhz 35 37 2500.0 to 2550.0 mhz 10 20 3000.0 to 3600.0 mhz 30 36 source impedance z s 50 ? load impedance z l 50 case style sm3030-6 3.0 x 3.0 mm nominal footprint lid symbolization (y=year, ww=week, s=shift) dot=pin 1 indicator 938, ywws standard reel quantity reel size 7 inch 500 pieces/reel reel size 13 inch 3000 pieces/reel connection terminals input 5 output 2 case ground all others sm3030-6 ? no matching network required for 50 ? operation  surface-mount 3.0 x 3.0 mm package  complies with directive 2002/95/ec (rohs) absolute maximum ratings rating value units input power level 10 dbm dc voltage on any non-ground terminal 0v operating temperature range -40 to +85 c storage temperature range in tape and reel -40 to +85 c solder reflow temperature, 10 seconds, 5 cycles maximum 260 c 2655 mhz saw filter SF2206E 1. unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified d emonstration board with impedance matching to 50 ? and measured with 50 ? network analyzer. 2. unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc. 3. rejection is measured as attenuation below the minimum il point in the passband. rejection in final user application is depe ndent on pcb layout and external impedance matching design. see application note no. 42 for details. 4. "lrip" or "l" after the part number indicates "low rate initial production" and "eng" or "e" indicates "engineering prototype s." 5. the design, manufacturing process, and specifications of this filter are subject to change. 6. either port 1 or port 2 may be used for either input or output in the design. however, impedances and impedance matching may vary between port 1 and port 2, so that the filter must always be installed in one direction per the circuit design. 7. us and international patents may apply. 8. rfm, stylized rfm logo, and rf monolithics, inc., are registered trademarks of rf monolithics, inc. pb caution: electrostatic sensitive device. observe precautions for handling. notes: preliminary         
                         
www.rfm.com e-mail: info@rfm.com page 2 of 6 ?2009-2011 by rf monolithics, inc. SF2206E - 3/10/11 filter passband response, 2400 to 2900 mhz filter response, 700 to 4600 mhz
www.rfm.com e-mail: info@rfm.com page 3 of 6 ?2009-2011 by rf monolithics, inc. SF2206E - 3/10/11 filter input return loss, 2400 to 2900 mhz filter output return loss, 2400 to 2900 mhz
www.rfm.com e-mail: info@rfm.com page 4 of 6 ?2009-2011 by rf monolithics, inc. SF2206E - 3/10/11 filter input smith chart, 2400 to 2900 mhz filter output smith chart, 2400 to 2900 mhz
www.rfm.com e-mail: info@rfm.com page 5 of 6 ?2009-2011 by rf monolithics, inc. SF2206E - 3/10/11 sm3030-6 case top view bottom view 1 2 3 6 5 4 1 2 3 6 5 4 a bc d j ef gh i 938 ywws          6-terminal ceramic surface-mount case 3.0 x 3.0 mm nominal footprint case and pcb footprint dimensions case materials dimension mm inches min nom max min nom max a 2.87 3.00 3.13 0.113 0.118 0.123 b 2.87 3.00 3.13 0.113 0.118 0.123 c 1.12 1.25 1.38 0.044 0.049 0.054 d 0.77 0.90 1.03 0.030 0.035 0.040 e 2.67 2.80 2.93 0.105 0.110 0.115 f 1.47 1.60 1.73 0.058 0.063 0.068 g 0.72 0.85 0.98 0.028 0.033 0.038 h 1.37 1.50 1.63 0.054 0.059 0.064 i 0.47 0.60 0.73 0.019 0.024 0.029 j 1.17 1.30 1.43 0.046 0.051 0.056 k 3.20 0.126 l 1.70 0.067 m 1.05 0.041 n 0.81 0.032 o 0.38 0.015 materials solder pad plating 0.3 to 1.0 m gold over 1.27 to 8.89 m nickel lid plating 2.0 to 3.0 m nickel body al 2 o 3 ceramic pb free pcb footprint top view
www.rfm.com e-mail: info@rfm.com page 6 of 6 ?2009-2011 by rf monolithics, inc. SF2206E - 3/10/11 tape and reel specifications ?b? quantity per reel inches millimeters 7 178 500 13 330 3000 see detail "a" 1 3 . 0 2 0 . 2 2.0 12.0 1 0 0 r e f . " b " r e f . component orientation and dimensions carrier tape dimensions ao 3.35 mm bo 3.35 mm ko 1.40 mm pitch 8.0 mm w 12.0 mm ro.3 (max.) ko section a-a 0.3 0.05 section b-b bo 2.0 4.0 ao pitch bb a r0.5 (max.) a 5 . 5 1 2 . 0 1 . 7 5 1.5 1.50 pin #1 user direction of feed


▲Up To Search▲   

 
Price & Availability of SF2206E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X