Part Number Hot Search : 
30FQ045 FM220 KIC7SZ04 CA556 CA556 FIP11F10 GRM21 M3501
Product Description
Full Text Search
 

To Download RSM58251R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev date: 10/26/2009 55 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specificatio ns before you order and/or use. rs/rsm series general purpose meta l oxide resistors stackpole electronics, inc. resistive product solutions features: ? lower-cost alternative to carbon comps and wirewounds ? coating meets ul 94v-0 ? meets solvent test of mil standard 202, method 215 ? cut and formed product is available on select sizes; contact factory for details ? higher or lower resistance values may be possible; contact factory ? rohs compliant / lead-free available (rsf, rsmf) maximum maximum resistance t y pe / code workin g overload temperature volta g e ( 1 ) volta g e coefficient 1% 2%, 5% rs 1/2 0.5w 250v 400v 600v 200 ppm/oc 0.1 - 75k 0.1 - 1m rs 1 1w 350v 600v 600v 200 ppm/oc 0.1 - 100k 0.1 - 1m rs 2 2w 350v 600v 600v 200 ppm/oc 0.1 - 120k 0.1 - 1m rs 3 3w 400v 700v 600v 200 ppm/oc 10 - 510k 10 - 510k rs 5 5w 750v 1,000v 1,000v 200 ppm/oc 10 - 510k 10 - 510k rsm 1/2 0.5w 250v 400v 350v 200 ppm/oc 0.1 - 47k 0.1 - 1m rsm 1 1w 350v 600v 500v 200 ppm/oc 0.1 - 75k 0.1 - 1m rsm 2 2w 350v 600v 500v 200 ppm/oc 0.1 - 100k 0.1 - 1m rsm 3 3w 500v 800v 500v 200 ppm/oc 0.1 - 118k 0.1 - 1m rsm 5 5w 750v 1,000v 750v 200 ppm/oc 1 - 510k 1 - 510k (1) lesser of pr or maximum working voltage power rating (watts) @ 70oc dielectric withstanding voltage ohmic range ( ? ) and tolerance electrical specifications nominal resistance 0.47 type description code wattage tolerance v alues types qty description code rs eia standard 1/2 0.5w 1% e96 rsm 1/2 5,000 rsm mini 1 1w 2% e24 rsf standard rohs 2 2w 5% e24 rsmf mini rohs 3 3w rs 2, rsm 3 1,000 prs (1) panasert 5 5w rs 3, rsm 5 500 prsf (1) panasert rohs rsm 1/2 5,000 rs 1/2, rsm 1 2,000 (1) for packaging information see radial leaded packaging spec page rs 3, rsm 5 500 all 1,000 bulk a ammo t rs 1, rs 2, rsm 2, rsm 3 2,500 1,000 rs 1/2, rsm 1, rs 1, rsm 2 tape r rs sei type code 1/2 tolerance 5% packaging r how to order
rev date: 10/26/2009 56 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specificatio ns before you order and/or use. rs/rsm series general purpose meta l oxide resistors stackpole electronics, inc. resistive product solutions power derating curve 100 75 50 25 0 50 100 ambient temperature (oc) 150 200 250 300 percent rated power (%) 235 70 1w, 2w, 3w 1/2w abcd body length body diameter lead length (bulk) lead diameter 0.35 0.04 0.14 0.02 1.1 0.12 0.024 0.003 inches 9.0 1.0 3.5 0.5 28.0 3.0 0.6 0.01 mm 0.43 0.04 0.18 0.02 1.1 0.20 0.028 0.004 inches 11.0 1.0 4.5 0.5 28.0 5.0 0.7 0.1 mm 0.59 0.04 0.2 0.04 1.26 0.24 0.029 0.004 inches 15.0 1.0 5.0 1.0 32.0 6.0 0.75 0.1 mm 0.71 0.08 0.26 0.02 1.38 0.12 0.031 0.002 inches 17.5 2.0 6.5 0.5 35.0 3.0 0.8 0.05 mm 0.96 0.08 0.34 0.02 1.38 0.12 0.031 0.002 inches 24.5 2.0 8.5 0.5 35.0 3.0 0.8 0.05 mm 0.26 0.02 0.09 0.01 1.1 0.12 0.02 0.003 inches 6.5 0.5 2.3 0.2 28.0 3.0 0.55 0.07 mm 0.35 0.04 0.13 0.02 1.1 0.12 0.026 0.003 inches 9.0 1.0 3.2 0.6 28.0 3.0 0.65 0.01 mm 0.43 0.04 0.17 0.03 1.18 0.20 0.029 0.004 inches 11.0 1.0 4.2 0.8 30.0 5.0 0.75 0.1 mm 0.59 0.04 0.2 0.04 1.26 0.24 0.029 0.004 inches 15.0 1.0 5.0 1.0 32.0 6.0 0.75 0.1 mm 0.71 0.08 0.26 0.02 1.38 0.08 0.031 0.002 inches 17.5 2.0 6.5 0.5 35.0 2.0 0.8 0.05 mm type / code units rs 5 rsm 1/2 rs 1/2 rs 1 rs 2 rs 3 rsm 3 rsm 5 rsm 1 rsm 2 mechanical specifications rsm series rs series short time over load jisc 5202 5.5 2% 1% biased humidity mil-std 202, method 103 dielectric withstanding voltage mil-std 202, method 103 load life mil-std 202, method 103 load life in humidity jisc 5202 7.9 temperature cycling jesd22 method ja-104 low temperture operation mil-std 202, method 103 moisture resistance mil-std 202, method 103 resistance to solder heat mil-std 202, method 210f terminal strength mil-std 202, method 103 vibration mil-std 202, method 103 operating temperature range: -55oc to +200oc (rs 1/2, rsm 1) -55oc to +235oc ( all others ) 0.2% 0.5% 1% 0.5% 0.5% 1% 0.5% 2% 2% test standard / method requirement 1.5% performance characteristics


▲Up To Search▲   

 
Price & Availability of RSM58251R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X