toll free: (888) sei-seis www.seielect.com email: marketing@seielect.com 1 (888) 734-7347 rpc series ? resistor pulse chip features ? excellent pulse withstanding performance ? stability class: 5% ? improved working voltage ? broad resistance range ? higher anti-surge performance compared with rmc series ? rohs compliant/ lead-free available electrical specifications type power rating (watts) @ 70c maximum working voltage isolation voltage resistance temperature coefficient ohmic range and tolerance 5% 10% rpc 0805 0.100 150v 500v 200 ppm/c 0.27 ? ? 22m 0.27 ? ? 22m rpc 1206 0.125 200v 500v 200 ppm/c 0.27 ? ? 22m 0.27 ? ? 22m rpc 1210 0.250 200v 500v 200 ppm/c 0.27 ? ? 22m 0.27 ? ? 22m rpc 2010 0.500 200v 500v 200 ppm/c 0.27 ? ? 22m 0.27 ? ? 22m rpc 2512 1.000 200v 500v 200 ppm/c 0.27 ? ? 22m 0.27 ? ? 22m how to order rpc 0805 10m 5% a sei type code nominal resistance tolerance packaging code tolerance values code description sei types pkg qty 0805 5% e24 r bulk all 1,000 1206 10% e24 g paper rpc 0805, rpc 1206 5,000 1210 20% e24 aemboss rpc 1210, rpc 2010, rpc 2512 4,000 2010 2512
toll free: (888) sei-seis www.seielec t.com email: market ing@seielect.com rpc series ? resistor pulse chip 2 (888) 734-7347 mechanical specifications type l body length w body width h body height a top termination b bottom termination units rpc 0805 0.079 0.004 2.00 0.10 0.049 0.004 1.25 0.10 0.021 0.004 0.55 0.10 0.012 0.008 0.30 0.20 0.016 0.008 0.40 0.20 inches mm rpc 1206 0.126 0.006 3.20 0.15 0.063 0.006 1.60 0.15 0.021 0.004 0.55 0.10 0.012 0.008 0.30 0.20 0.020 0.010 0.50 0.25 inches mm rpc 1210 0.126 0.006 3.20 0.15 0.098 0.006 2.50 0.15 0.021 0.006 0.55 0.15 0.012 0.008 0.30 0.20 0.020 0.010 0.50 0.25 inches mm rpc 2010 0.197 0.006 5.00 0.15 0.098 0.006 2.50 0.15 0.021 0.006 0.55 0.15 0.012 0.008 0.30 0.20 0.024 0.008 0.60 0.20 inches mm rpc 2512 0.248 0.006 6.30 0.15 0.126 0.006 3.20 0.15 0.021 0.006 0.55 0.15 0.012 0.008 0.30 0.20 0.024 0.008 0.60 0.20 inches mm climatic category rpc 2010 & rpc 2512 rpc 0805, rpc 1206, & rpc 1210 lower category temperature -55c -55c upper category temperature +125c +155c duration of the damp heat, steady-state test 56 days 56 days performance characteristics test test results test methods (jis c 520-1:1198) voltage proof no breakdown or flashover r 1g ohm clause 4.7 500va.c.,60s variation of resistance with temperature see ratings table clause 4.8 +20c/ -55c/ +20c/ +125c/ +20c : rpc 2010 rpc 2512 +20c/ -55c/ +20c/ +155c/ +20c : rpc 0805 rpc 1206 rpc 1210 overload ? r 1% + 0.05 ? no visible damage, legible markings clause 4.13 the applied voltage shall be 2.5 times of the rated voltage or twice of the limiting element voltage, whichever is the less severe, 2s. solderability in accordance with clause 4.17.4.5 clause 4.17 235c, 2s. resistance to soldering heat ? r 1% + 0.05 ? clause 4.18 after immersion into the flux, the immersion into solder shall be carried out in solder bath at 260c for 5s. rapid change of temperature ? r 1% + 0.05 ? no visible damage clause 4.19 cycle: -55c/ + 125c 5 times: rpc 2010 rpc 2512 cycle: -55c/ +155c 5 times: rpc 0805 rpc 1206 rpc 1210 climatic sequence ? r 5% + 0.10 ? no visible damage clause 4.23 dry/damp heat (12+12h cycle), first cycle./ cold/damp heat (12+12h cycle), remaining cycle./ d.c. load damp test, steady state ? r 5% + 0.10 ? no visible damage, legible markings clause 4.24 40c, 95% r.h., 56 days, test a) and b) of clause 4.24.2.1 endurance @ 70c ? r 5% + 0.10 ? no visible damage clause 4.25.1 rated voltage, 1.5h "on", 05.h "off", 70c, 1,000h endurance at the upper category temperature ? r 5% + 0.10 ? no visible damage clause 4.25.3 125c, no load, 1,000h: rpc 2010 rpc 2512 155c, no load, 1,000h: rpc 0805 rpc 1206 rpc 1210 adhesion no visible damage clause 4.32 5n, 10s bend of strength of the face plating ? r 1% + 0.05 ? clause 4.33 amount of bend: 3mm rpc 0805 rpc 1206 rpc 1210 amount of bend: 1mm rpc 2010 rpc 2512
|