Part Number Hot Search : 
LB1696 D0200 071973 XCS10 NJM2585L TLP25 00TTS 071973
Product Description
Full Text Search
 

To Download R50-CPCB36-01106S-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/2" diameter miniature rotary m iniature r otary r50 96 otto 2007 full line catalog specifications subject to change without notice commercial and military grade quality features: ? mil-s-3786/20 style available ? 1/2 inch diameter ? optional seal for pc board assembly and cleaning available ? choice of 36 45 60 and 90 angles of throw ? pc or solder lug termination ? positive shaft grounding for emi/rfi shielding available ? screwdriver slotted shaft style available standard characteristics/ratings: electrical : co ntact resistance: 5 0 milliohms max dwv: 600 vac min mechanical life: 25,000 cycles of operation load rating 28 vdc rating 115 vac rating 220 vac life cycles (min.) resistive 200 ma 25,000 resistive 150 ma 25,000 inductive 30 ma 25,000 lamp load 100 ma 25,000 la mp load 75 ma 25,000 ma t e rials and finishes: s witch base: t hermoset bushing: zinc, cadmium plated t e r m inals: b r a s s, gold plated over silverplate panel seal: silicone rubber s haf t se a l: f l u o r o silicone mo unting hardware: o ne mounting nut .089" thick by .375" across flats and one i nternal tooth lockwasher are supplied with the switch. mechanical characteristics: rot ati onal torque: 8-2 4 i nch-ounces. d et e n t an g l es: 3 6 , 4 5 , 6 0 and 90 st o p st re ngth: 7 . 5 i n ch-pounds minimum contact type: shorting or non-shorting wiping contacts. s haf t fl at ori e n tation: f l a t o p p osite contacting position of pole number one. t e r minals: s w i tches are provided with the full circle of terminals, regardless o f t h e number of active positions. b ush i n g mo un ti n g: r e q u i r e d f o r sw itches with stops, and recommended for switches w i t h o u t s t o p s.
1/2" diameter miniature rotary m iniature r otary r50 specifications subject to change without notice www.ottoexcellence.com 97 r o t a r y s w i t c h e s commercial and military grade a ngle number number of o f of positions throw poles per pole 36 1 02 thru 10 2 02 thru 05 4 5 1 02 thru 08 2 02 thru 04 60 1 02 thru 06 2 02 thru 03 90 1 02 thru 04 202 note: 45o 60?o 90?doawings available upon r equest.


▲Up To Search▲   

 
Price & Availability of R50-CPCB36-01106S-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X