Part Number Hot Search : 
XC61FN27 BPC30 PE6818 P2020 01M46VQA 70280 A019301 70280
Product Description
Full Text Search
 

To Download PE-53816SNLT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 755 33966678 ? ? taiwan 886 3 4641811 www.pulseeng.com 79 spm2007 (2/08) in circuit operating parameters 1 package pulse 6 pulse 5,6 national nominal rated max 2 nominal tht part smt part part inductance current et op dcr through surface lead number number number (h) (a dc ) (v-sec) ( ) hole mount diameter pe-53801nl pe-53801snl lm259x-l1 259 0.13 23.1 3.4 lp-25 lci-20 ? pe-53802nl pe-53802snl lm259x-l2 178 0.16 16.5 2.8 lp-25 lci-20 ? pe-53803nl pe-53803snl lm259x-l3 118 0.2 13.2 1.8 lp-25 lci-20 ? pe-53804nl pe-53804snl lm259x-l4 79 0.25 9.9 1.5 lp-25 lci-20 ? pe-53805nl pe-53805snl lm259x-l5 55 0.3 6.6 1.0 lp-25 lci-20 ? pe-53806nl pe-53806snl lm259x-l6 39 0.34 6.6 .80 lp-25 lci-20 ? pe-53807nl pe-53807snl lm259x-l7 26 0.45 6.6 .62 lp-25 lci-20 ? pe-53808nl pe-53808snl lm259x-l8 374 0.2 75.9 2.7 lp-30 lci-30 ? pe-53809nl pe-53809snl lm259x-l9 256 0.25 33 2.2 lp-30 lci-30 ? pe-53810nl pe-53810snl lm259x-l10 176 0.3 26.4 1.4 lp-30 lci-30 ? pe-53811nl pe-53811snl lm259x-l11 118 0.38 19.8 1.2 lp-30 lci-30 ? pe-53812nl pe-53812snl lm259x-l12 78 0.46 16.5 0.8 lp-30 lci-30 ? pe-53813nl pe-53813snl lm259x-l13 55 0.56 13.2 0.5 lp-30 lci-30 ? pe-53814nl pe-53814snl lm259x-l14 39 0.68 9.9 0.3 lp-30 lci-30 ? pe-53815nl pe-53815snl lm259x-l15 26 0.84 6.6 0.2 lp-30 lci-30 ? pe-53816nl pe-53816snl lm259x-l16 17 1.02 6.6 0.1 lp-30 lci-30 ? pe-53817nl pe-53817snl lm259x-l17 375 0.36 75.9 1.3 lp-37 lci-37 ? pe-53818nl pe-53818snl lm259x-l18 252 0.44 49.5 0.9 lp-37 lci-37 ? pe-53819nl pe-53819snl lm259x-l19 173 0.54 36.3 0.6 lp-37 lci-37 ? pe-53820nl pe-53820snl lm259x-l20 115 0.67 29.7 0.4 lp-37 lci-37 ? pe-53821nl pe-53821snl lm259x-l21 78 0.82 23.1 0.3 lp-37 lci-37 ? pe-53822nl pe-53822snl lm259x-l22 54 1.0 16.5 0.2 lp-37 lci-37 ? pe-53823nl pe-53823snl lm259x-l23 38 1.2 13.2 0.1 lp-37 lci-37 ? pe-53824nl pe-53824snl lm259x-l24 26 1.48 9.9 0.1 lp-37 lci-37 ? pe-53825nl pe-53825snl lm259x-l25 18 1.81 9.9 0.06 lp-37 lci-37 ? pe-53826nl pe-53826snl lm259x-l26 377 0.68 75.9 1.0 lp-44 lci-44 ? pe-53827nl pe-53827snl lm259x-l27 248 0.83 72.6 0.6 lp-44 lci-44 ? pe-53828nl pe-53828snl lm259x-l28 168 1.02 56.1 0.4 lp-44 lci-44 ? pe-53829nl pe-53829snl lm259x-l29 112 1.26 42.9 0.3 lp-44 lci-44 ? pe-53830nl pe-53830snl lm259x-l30 77 1.54 33 0.2 lp-44 lci-44 ? pe-53831nl pe-53831snl lm259x-l31 53 1.87 26.4 0.13 lp-44 lci-44 ? pe-53932nl pe-53932snl lm259x-l32 37 2.24 19.8 0.10 lp-44 lci-44 ? pe-53933nl pe-53933snl lm259x-l33 24 2.74 16.5 0.07 lp-44 lci-44 ? pe-53934nl pe-53934snl lm259x-l34 17 3.0 13.2 0.05 km-1.0 lci-44 .023 pe-53935nl pe-53935snl lm259x-l35 250 1.5 72.6 0.23 km-3.0 hci-68 .023 pe-54036nl pe-54036snl lm259x-l36 168 1.81 75.9 0.18 km-3.0 hci-68 .023 pe-54037nl pe-54037snl lm259x-l37 114 2.22 62.7 0.10 km-3.0 hci-68 .025 pe-54038nl pe-54038snl lm259x-l38 77 2.7 52.8 0.09 km-3.0 hci-68 .025 pe-54039nl pe-54039snl lm259x-l39 53 3.0 42.9 0.08 km-3.0 hci-68 .025 pe-54040nl pe-54040snl lm259x-l40 38 3.0 29.7 0.05 km-3.0 hci-68 .028 pe-54041nl pe-54041snl lm259x-l41 25 3.0 19.8 0.04 km-2.0 lci-50 .028 pe-54042nl ? lm259x-l42 167 2.5 75.9 0.14 km-4.0 ? .028 pe-54043nl ? lm259x-l43 121 3.0 75.9 0.09 km-4.0 ? .031 pe-54044nl pe-54044snl lm259x-l44 77 3.0 59.4 0.08 km-3.0 hci-68 .025 pe-53900nl ? lm258x-l 19 4.5 32 3 0.02 km-3.0 ? .035 electrical specifications @ 25c? operating temperature -40 to +130 c 7 notes: 1 . inductance values may vary 20%. 2. etop rated at 150khz except where designated. 3. etop rated at 100khz. 4 . simple switcher? is a trademark of national semiconductor corp. 5 . for smt parts, optional tape & reel packaging can be ordered by addin a " t " suffix to the part number (i.e. pe-53801snl becomes pe-53801snl t ). pulse complies to industry standard tape and reel specification eia481. tested and recommended by national semiconductor base material meets flammability requirements of ul 94v-0 available in surface mount and through hole versions tht/smt power inductors toroid - designed for national?s 150khz simple switcher ? 6 . the " nl " suffix indicates an rohs-compliant part number. non-nl suf- fixed parts are not necessarily rohs compliant, but are electrically and mechanically equivalent to nl versions. if a part number does not have the " nl " suffix, but an rohs compliant version is required, please con- tact pulse for availability. 7 . the temperature of the component (ambient plus temperature rise) must be within the stated operating temperature range.
usa 858 674 8100 ? ? germany 49 7032 7806 0 ? ? singapore 65 6287 8998 ? ? shanghai 86 21 54643211 / 2 ? ? china 86 755 33966678 ? ? taiwan 886 3 4641811 www.pulseeng.com 80 spm2007 (2/08) b max .135 .010 3,43 0,25 c a max 1 a max pe-xxxxx date code ctry origin 2 suggested pad layout d c d .035 0,89 .060 1,52 2x lead .020 0,51   

      
             pkg a b c d lp-25 .360 .310 .250 .250 9,14 7,87 6,35 6,35 lp-30 .400 .300 .300 .300 10,16 7,62 7,62 7,62 lp-37 .495 .375 .375 .375 12,57 9,52 9,52 9,52 lp-44 .635 .365 .500 .300 16,13 9,27 12,7 7,62 lp series hci-68 lci series mechanicals pkg abcde km-1.0 .340 .580 .650 .290 .110 8,64 14,73 16,51 7,37 2,79 km-2.0 .450 .650 .700 .325 .150 11,43 16,51 17,73 8,26 3,81 km-3.0 .450 830 .950 .415 .150 11,43 21,08 24,13 10,54 3,81 km-4.0 .610 .970 1.10 .475 .225 15,50 24,64 27,94 12,07 5,72        

    !                     " ! #  

    ! ! $        
     
                
      
                        !        km series note: coil must clear seating plane by .010 min 0,25 notes: 1. dimension ?d? is measured across terminal blocks only. 2. coil must clear seating plane by .010 min. 0,25 pkg a b c d e f lci-20 .340 .340 .270 .260 .300 .270 8,64 8,64 6,86 6,60 7,62 6,86 lci-30 .435 .440 .360 .350 .400 .360 11,05 11,18 9,14 8,89 10,16 9,14 lci-37 .565 .570 .360 .450 .520 .460 14,35 14,48 9,14 11,43 13,21 11,68 lci-44 .600 .620 .390 .500 .550 .510 15,24 15,75 9,91 12,7 13,97 12,95 lci-50 .670 .700 .390 .580 .620 .590 17,02 17,78 9,91 14,73 15,75 14,99 dimensions: inches mm unless otherwise specified, all tolerances are .010 0,25 tht/smt power inductors toroid - designed for national?s 150khz simple switcher ?


▲Up To Search▲   

 
Price & Availability of PE-53816SNLT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X