Part Number Hot Search : 
KE39A 2160B KE39A P4407 KE39A D4812 44200 KE39A
Product Description
Full Text Search
 

To Download PCIE--98-2F-D-TH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (1,00mm) .03937" pcie series pcie?064?02?f?d?ra (1,00mm) .03937" pitch polarized pcie?036?02?f?d?th pcie?098?02?f?d?ems2 four rows on 2mm pitch alignment pins accepts 1,6mm card supports one, four, eight and sixteen pci express ? links choice of card?edge mount or pcb mount www.samtec.com mates with: (1,60mm) .062" card ?036, ?064, ?098, ?164 pcie no. of positions ?ems2 = edge mount ?th = through-hole ?ra = right angle f-211-1 plating option tail option ?f = gold ? ash on contact, tin on tail (1,00) .03937 (1,78) .070 a1 a2 b1 b2 (2,31) .091 a b (8,61) .339 (11,00) .433 (15,40) .606 (2,05) .081 dia (2,50) .098 (2,00) .079 (7,50) .295 (1,35) .053 (10,00) .394 (11,65) .459 (6,50) .256 (4,50) .177 (2,50) .098 c (7,30) .287 (7,65) .301 (1,50) .059 (4,50) .177 (11,05) .435 (1,00) .03937 d (10,00) .394 (9,45) .372 (1,80) .071 a b c ?ems2 ?th 02 ?ra specifications note: some lengths, styles and options are non-standard, non-returnable. d pci express ? is a registered trademark of pci-sig for complete speci? cations and recommended pcb layouts see www.samtec.com?pcie insulator material: black nylon contact: phosphor bronze plating: au or sn over 50" (1,27m) ni current rating: 2.5a @ 80c ambient operating temp: -55c to +125c card insertion depth: (8,00mm) .315" nominal rohs compliant: ye s lead?free solderable: wave only positions ?036 (x1) ?064 (x4) ?098 (x8) ?164 (x16) a (25,00) .984 (39,00) 1.535 (56,00) 2.205 (89,00) 3.504 b (7,65) .301 (21,65) .852 (38,65) 1.522 (71,65) 2.821 cd (9,15) .360 (23,15) .911 (40,15) 1.581 (73,15) 2.880 (6,00) .236 (20,00) .787 (37,00) 1.457 (70,00) 2.756 also available pci express ? jumpers & extenders call for pciec series pci express ? card sockets f i n a l i n c h . c o m ? pcie rated @ 3db insertion loss 11,1mm stack height differential pair signaling 7.0 ghz / 14 gbps performance data for other stack heights and complete test data available at www.samtec.com?pcie or contact sig@samtec.com ? loop back extender (from one pcie ? slot to another pcie ? slot) ? ser-des physical extender (from one pcie ? slot to another pcie ? ser-des) ? physical extender for easy troubleshooting of pcie ? card debug and analysis (pcie ? slot to emulator or analyzer) call samtec. application specific option other plating options available. call samtec.


▲Up To Search▲   

 
Price & Availability of PCIE--98-2F-D-TH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X