Part Number Hot Search : 
ORT2200 FSQ500L 217015 TC319 FR1604 Q67006 EL5162 IMC07GR
Product Description
Full Text Search
 

To Download PBY160808B-250Y-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  yageo corporation smd inductor / beads multilayer ferrite chip beads sb/pb series [ pb series for large current ] applications prevention of high frequency emi form computers, printers, vcrs, tvs, wireless telephone and other related equipment. shapes and dimensions type a b c d s/pb 160808 1.6 0.20 0.80 0.15 0.8 0.15 0.4 0.2 s/pb 201209 2.0 0.20 1.25 0.20 0.9 0.20 0.5 0.3 s/pb 321611 3.2 0.20 1.60 0.20 1.1 0.20 0.5 0.3 sb 321616 3.2 0.20 1.60 0.20 1.6 0.20 0.5 0.3 sb 322513 3.2 0.20 2.50 0.20 1.3 0.20 0.5 0.3 s/pb 451616 4.5 0.25 1.60 0.20 1.6 0.20 0.5 0.3 s/pb 453215 4.5 0.25 3.20 0.20 1.5 0.20 0.5 0.3 dimensions : mm outline yageo ferrite chip emi suppressers provide a powerful means of emi/rfi attenuation for electronic equipment. these products are highly produced with the use of magnetic material and multilayered technology. these components contain tremendous electrode strength, solder heat resistance and outstanding solderability. these products are specially designed for flow, reflow and wave soldering required for surface mounting application. features unlike conventional beads, these beads do not require wiring: simply mounts them onto the pcb to eliminate the emi/rfi. specially designed for surface mounting equipment, available in various size which allows them to wide rang of application and usage. best designed and tested to offer high impedance for volume. product identification * b: bulk; t: tape and reel intemal no. impedance and tolerance packaging style ( * ) dimensions (a, b, c) material code product symbol sb pb (large current) sb ferrite terminal electrode d c b d a
note : electrical characteristics part no. test frequency impedance dc resistance rate current (mhz) ( ? )( ? ) max. (ma) max. sbk160808t-300y-s 100 30 25% 0.20 200 sbk160808t-400y-s 100 40 25% 0.20 200 sbk160808t-600y-s 100 60 25% 0.20 200 sbk160808t-800y-s 100 80 25% 0.30 200 sbk160808t-121y-s 100 120 25% 0.30 200 sbk160808t-221y-s 100 220 25% 0.50 100 sbk160808t-301y-s 100 300 25% 0.60 100 sbk160808t-451y-s 100 450 25% 0.70 100 sbk160808t-601y-s 100 600 25% 0.80 100 sbk160808t-751y-s 100 750 25% 1.00 100 sbk160808t-102y-s 100 1000 25% 1.00 100 sby201209t-070y-s 100 7 25% 0.10 600 sby201209t-090y-s 100 9 25% 0.10 600 sby201209t-110y-s 100 11 25% 0.10 600 sby201209t-170y-s 100 17 25% 0.10 500 sby201209t-320y-s 100 32 25% 0.20 500 sbk201209t-600y-s 100 60 25% 0.30 400 sbk201209t-700y-s 100 70 25% 0.30 400 sbk201209t-800y-s 100 80 25% 0.40 400 sbk201209t-121y-s 100 120 25% 0.40 200 sbk201209t-151y-s 100 150 25% 0.50 200 sbk201209t-221y-s 100 220 25% 0.60 200 sbk201209t-301y-s 100 300 25% 0.90 200 sbk201209t-401y-s 100 400 25% 0.90 200 sbk201209t-501y-s 100 500 25% 1.00 200 sbk201209t-601y-s 100 600 25% 1.00 200 sbk201209t-102y-s 50 1000 25% 1.00 100 sbk201212t-152y-s 30 1500 25% 1.00 100 2
note : 3 electrical characteristics part no. test frequency impedance dc resistance rate current (mhz) ( ? )( ? ) max. (ma) max. sby321611t-190y-s 100 19 25% 0.15 500 sby321611t-260y-s 100 26 25% 0.15 500 sby321611t-320y-s 100 32 25% 0.15 500 sby321611t-500y-s 100 50 25% 0.20 400 sby321611t-600y-s 100 60 25% 0.30 400 sbk321611t-700y-s 100 70 25% 0.30 400 sbk321611t-900y-s 100 90 25% 0.30 400 sbk321611t-121y-s 100 120 25% 0.40 400 sbk321611t-151y-s 100 150 25% 0.50 200 sbk321611t-201y-s 100 200 25% 0.50 200 sbk321611t-401y-s 100 400 25% 0.50 200 sbk321611t-501y-s 100 500 25% 0.50 200 sbk321611t-601y-s 100 600 25% 0.50 200 sbk321611t-102y-s 50 1000 25% 1.00 100 sbk321611t-122y-s 50 1200 25% 1.00 100 sbk321611t-202y-s 30 2000 25% 1.50 100 sby321616t-250y-s 100 25 25% 0.50 200 sby321616t-600y-s 100 60 25% 0.50 200 sbk321616t-700y-s 100 70 25% 0.50 200 sby322513t-320y-s 100 32 25% 0.30 400 sby322513t-600y-s 100 60 25% 0.30 400 sby322513t-900y-s 100 90 25% 0.30 400 sbk322513t-202y-s 30 2000 25% 1.50 100 sby451616t-330y-s 100 33 25% 0.30 400 sby451616t-600y-s 100 60 25% 0.30 400 sby451616t-800y-s 100 80 25% 0.30 400 sby451616t-101y-s 100 100 25% 0.40 300 sbk451616t-151y-s 100 150 25% 0.50 200 sbk451616t-171y-s 100 170 25% 0.50 200 sby453215t-700y-s 100 70 25% 0.40 300 sby453215t-121y-s 100 120 25% 0.40 300
note : 4 electrical characteristics part no. test frequency impedance dc resistance rate current (mhz) ( ? )( ? ) max. (ma) max. pby160808t-110 -s 100 11 25 or 20% 0.015 5000 pby160808t-250 -s 100 25 25 or 20% 0.030 4000 pby201209t-110 -s 100 11 25 or 20% 0.010 6000 pby201209t-320 -s 100 32 25 or 20% 0.025 4000 pby201209t-600 -s 100 60 25 or 20% 0.025 4000 pby201209t-800 -s 100 80 25 or 20% 0.030 4000 pby321611t-260 -s 100 26 20 or 20% 0.015 7000 pby321611t-320 -s 100 32 25 or 20% 0.015 6000 pby321611t-500 -s 100 50 25 or 20% 0.020 5000 pby321611t-700 -s 100 70 25 or 20% 0.020 5000 pby321611t-800 -s 100 80 20 or 20% 0.015 5000 pby321611t-900 -s 100 90 25 or 20% 0.030 4000 pby451616t-600 -s 100 60 25 or 20% 0.020 6000 pby451616t-700 -s 100 70 25 or 20% 0.025 6000 pby451616t-800 -s 100 80 25 or 20% 0.025 5000 pby453215t-700 -s 100 70 25 or 20% 0.030 7000 pby453215t-121 -s 100 120 25 or 20% 0.030 4000 : y ( 25%) m ( 20%)
5 packaging quantity type bulk chip/reel sb/pb 160808 4000 sb/pb 201209 4000 sb/pb 321611 3000 sb 321616 2000 sb 322513 2500 sb/pb 451616 2000 sb/pb 453215 1000 tape dimensions type a b t w p f k b160808 1.14 1.75 1.15 8.0 4.0 3.5 0.2 b201209 1.54 2.32 1.15 8.0 4.0 3.5 0.2 b321611 1.94 3.54 1.29 8.0 4.0 3.5 0.2 sb321616 1.94 3.64 1.90 8.0 4.0 3.5 0.2 sb322513 2.80 3.42 1.64 8.0 4.0 3.5 0.2 b451616 1.94 4.94 1.90 12.0 4.0 5.5 0.3 b453215 3.64 4.94 1.80 12.0 8.0 5.5 0.3 : s or p tape material reel dimensions type a b c d sb/pb 160808 178 60 10 2 sb/pb 201209 178 60 10 2 sb/pb 321611 178 60 10 2 sb 321616 178 60 10 2 sb 322513 178 60 10 2 sb/pb 451616 178 60 14 2 sb/pb 453215 178 60 14 2 recommended pattern type a b c sb/pb 160808 0.8 2.4~3.4 0.6 sb/pb 201209 1.2 3.0~4.0 1.0 sb/pb 321611 2.0 4.2~5.2 1.2 sb/pb 321616 2.0 4.2~5.2 1.2 sb 322513 2.0 5.5~6.5 1.8 sb 451616 3.0 5.5~6.5 1.2 sb/pb 453215 3.0 5.5~6.5 2.4 dimensions : mm dimensions : mm dimensions : mm 160mm min. blank part cover tape chip mounting part blank 330mm min. leader a 2 c 1 2 0.5 13 0.5 1.0 21 0.8 d 0.5 b 1 a b solder land inductor c 4 0.1 4 0.1 a 0.1 p 0.1 2 0.05 k 0.05 1.75 0.1 b 0.1 f 0.05 w 0.2 t 0.05 carrier tape : polystyrene cover type : polyethyiene
note : 6 typical electrical characteristic test instruments: hp4291a impedance/material analyzer pb series 0.1 10 1 100 1000 10000 1 10 100 1000 10000 frequency (mh z ) sb 160808 series 0.1 10 1 100 1000 10000 1 10 100 1000 10000 frequency (mh z ) sb 201209 series 0.1 10 1 100 1000 10000 1 10 100 1000 10000 frequency (mh z ) sb 321611 series 0.1 10 1 100 1000 10000 1 10 100 1000 frequency (mh z ) sb 321616 series 0.1 10 1 100 1000 10000 1 10 100 1000 10000 frequency (mh z ) sb 322513 series 10 1 100 1000 10000 0.1 1 10 100 1000 frequency (mh z ) sb 451616 series 0.1 10 1 100 1000 10000 1 10 100 1000 10000 frequency (mh z ) sb 453215 series 0.1 10 1 100 1000 10000 1 10 100 1000 frequency (mh z ) pby321611t-800-s pby321611t-500y-s
note : 7 typical electrical characteristic test instruments: hp4291a impedance/material analyzer sbk160808t-221 y-s sbk160808t-601 y-s sbk201209t-800 y-s sbk201209t-151 y-s sbk160808t-300 y-s sby201209t-110 y-s 10 1 100 1000 0.1 1 10 100 frequency (mh z ) r x l z 10 1 100 1 100 1000 0.1 10 1000 frequency (mh z ) r x l z 10 1 100 1000 0.1 1 100 10 1000 frequency (mh z ) r x l z 10 1 100 1000 0.1 1 10 1000 frequency (mh z ) r x l z 10 1 100 1000 0.1 1 10 1000 100 frequency (mh z ) r x l z 10 1 100 1000 0.1 1 10 1000 100 frequency (mh z ) r x l z
note : 8 typical electrical characteristic test instruments: hp4291a impedance/material analyzer sbk201209t-601y-s sby321611t-320y-s sbk321611t-121y-s sbk321611t-601y-s sbk321611t-122y-s sbk321611t-202y-s 10 1 100 1000 0.1 1 10 1000 100 frequency (mh z ) r x l z 10 1 100 1000 0.1 1 100 10 frequency (mh z ) r x l z 10 1 100 1000 0.1 1 1000 10 100 frequency (mh z ) r x l z 10 1 100 1000 0.1 1 1000 10 100 frequency (mh z ) x l r z 10 1 100 1000 1 10 10000 100 1000 frequency (mh z ) x l r z 10 1 100 1000 1 10 10000 100 1000 frequency (mh z ) r x l z
note : 9 typical electrical characteristic test instruments: hp4291a impedance/material analyzer sby322513t-320y-s sby322513t-600y-s sby322513t-900y-s sby451616t-600y-s sby453215t-700y-s sby453215t-121y-s 10 1 100 1000 0.01 1.0 100 1 10 frequency (mh z ) r x l z 10 1 100 1000 0.01 1 0.1 1000 10 100 frequency (mh z ) r x l z 10 1 100 1000 1 0.1 1000 10 100 frequency (mh z ) x l r z 10 1 100 1000 1 0.1 1000 10 100 frequency (mh z ) r z x l 10 1 100 1000 1 0.1 1000 10 100 frequency (mh z ) x l r z 10 1 100 1000 1 0.1 1000 10 100 frequency (mh z ) r x l z
10 sb, pb, cl series reliability test no item test conditions remarks 1 thrmal shock temperature : -40 c + 85 c, kept stabilized inductance value shall be within 10% of the initial value. (temperature cycle) for 30 minutes each q-factor shall be within 30% of the initial value. cycle : 100 cycles impedance shall be within 20% of the initial value. 2 humidity resistance humidity : 90% to 95% rh dcr value shall be within 20% of the initial value. temperature : 40 2 c no 1-4 measurement : after placing for 24 hours min. testing time : 1000 12 hours no 2-3 applied current : rated current (maximum value) 3 high temperature temperature : 85 2 c no 5 cycle : 5 cycles resistance humidity : 20% testing time : 1000 12 hours 4 low temperature temperature : -40 2 c storage life test time : 1000 12 hours 5 temperature and step temperature humidity time humidity cycle 1 25 2 c 95 ~ 100% rh 3 hours 2 55 2 c 95 ~ 96% rh 9.5 hours 3 25 2 c 95 ~ 100% rh 9.5 hours 6 vibration frequency : 10 hz to 55 hz amplitude : 1.5mm direction : x, y, z time : 2 hours each 7 ir reflow soldering solder : h63a (eutectic solder) impedance shall be within 20% of the initial value. solder temperature : 230 5 c dcr value shall be within 20% of the initial value. time : 6 minutes cycles : 1 8 soldering heat preheat : 120 to 150 c, 60 seconds the chip must have no cracks. resistance solder : h63a (eutectic solder) more than 75% of the terminal electrode must be covered solder temperature : 260 5 c with solder. flux : rosin dip time : 10 1 seconds 9 terminal strength the terminal electrode and the ferrite must not be damaged by the forces applied on the test conditions. spec : 160808 series : 0.5kg 201209 series : 1kg other series : 2 kg 10 bending strength the terminal electrode and the ferrite must not be damaged by the forces applied on the test conditions. spec : 4753215, 451616 : 8 kg 321616, 321611, 322513 : 6 kg 201209, 160808 : 3 kg 11 flexure strength no mechanical damage shall be noticed even when the board is bent 2 mm. w 45 45 20 a test board 100 1.0 40 2 1.6 chip 10 r0.5


▲Up To Search▲   

 
Price & Availability of PBY160808B-250Y-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X