Part Number Hot Search : 
FP35R12W 1205D 7808P SI7460DP LR014 12PD517 ON2604 MAX9317
Product Description
Full Text Search
 

To Download PA4-5PD11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  airborn, inc. ? 4321 airborn drive ? addison, tx 75001-0519 ph: (972)931-3200 fax: (972)931-9305 e-mail: info@airborn.com the interconnect solution source w series connectors w-70 9916 plug: pa 4-5 s jtb receptacle: pa 4-5 p j misc. connectors power cable to chassis examples: pa-pa pa4?sjtb pa4?pj plug receptacle series ? molded bodies: pa4 and pa4-5: diallyl phthalate per mil-m-14 (gdi-30f or sdg-f). pa10: polyphenylene sulfide pa = power connectors pa = power connectors number of contacts 5 = 5 #12 pin contacts 5 = 5 #12 pin contacts 4-5 = 4 #12 and 5 #16 pin contacts 4-5 = 4 #12 and 5 #16 pin contacts 10 = 10 #12 pin contacts 10 = 10 #12 pin contacts type of contacts ? contact rating: #12 contacts = 23 amps; #16 contacts = 13 amps. ? socket contacts: phosphor bronze, gold plated. ? pin contacts: brass, gold plated. ? nominal au plating thickness is 20 micro-inches on mating surfaces. p = pin, straight, solder cup s = socket, straight, open entry, solder cup pd11 = pin, straight, dip solder, .172 ? warning: when interchanging contacts, position of male and female hardware is automatically reversed. s = socket, straight, open entry, p = pin, straight, solder cup solder cup pd11 = pin, straight, dip solder, .172 type of hardware ? for hood strain relief, add h to jtl hardware; example: pa5sjtlh. see options below. sy = guide set sy = guide set jt = turning jackset, 1.054 j = fixed jackset jtb = hex turning jackset, .314 options ? hood pa5h for use with pa5 and pa4-5 connectors. specify jtl hardware when using hood.
airborn, inc. ? 4321 airborn drive  addison, tx 75001-0519 ph: (972)931-3200 fax: (972)931-9305 e-mail: info@airborn.com ?w? series connectors w-71 the interconnect solution source 0041


▲Up To Search▲   

 
Price & Availability of PA4-5PD11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X