Part Number Hot Search : 
1SMC26CA Y7C63 RF830 AK68512D 645ETT C105M 49801 STUS039
Product Description
Full Text Search
 

To Download NSPE-Y330M63V10X108NBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  42 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com nspe-y series hybrid aluminum electrolytic capacitors rated voltage range 25 ~ 63vdc rated capacitance range 22 ~ 270 f operating temp. range -55 ~ +135c capacitance tolerance 20% (m) max. leakage current after 2 minutes @ 20c less than 0.05cv or 100 a whichever is greater working and surge voltage ratings w.v. (vdc) 25 35 50 63 s.v. (vdc) 32 44 63 79 tan @ 120hz/20c 0.16 impedance ratio z -55c/z +20c 1 ~ 2.5 z +125c/z +20c 0.6 ~ 1.0 load life test @ 135c and rated voltage w.v. (vdc) 25 35 50 63 test duration 2000 hrs. 12 hrs. capacitance change within 30% of initial measured value tan and esr less than 200% of speci ed max. value leakage current less than speci ed max. value esr less than 200% of speci ed max. value characteristics ? cylindrical v-chip construction for surface mounting ? high temperature range (+135c) ? low esr and high ripple current ? 8x10.8 ~ 10x10.8mm case sizes ? reflow soldering rated to +260c (all sizes) rohs compliant includes all homogeneous materials *see part number system for details part number cap. ( f) working voltage case size (d x l) mm max. tan 120hz/20c max. esr (m ) at 100khz/20c max. ripple current (ma rms) at 100khz/135c load life hours (+135c) nspe-y151m25v8x10.8nbf 150 25 8x10.8 0.16 27 1060 2000 nspe-y271m25v10x10.8nbf 270 10x10.8 0.16 22 1220 2000 nspe-y101m35v8x10.8nbf 100 35 8x10.8 0.16 30 1010 2000 nspe-y151m35v10x10.8nbf 150 10x10.8 0.16 23 1180 2000 nspe-y330m50v8x10.8nbf 33 50 8x10.8 0.16 35 940 2000 nspe-y560m50v10x10.8nbf 56 10x10.8 0.16 25 1110 2000 nspe-y220m63v8x10.8nbf 22 63 8x10.8 0.16 40 870 2000 nspe-y330m63v10x10.8nbf 33 10x10.8 0.16 30 1010 2000 standard products and case sizes d x l (mm) precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com nspe-y 101 m 35v 8x10.8 n b y f rohs compliant sn-bi finish, 13" reel re ow temp. code (n=+260c) size in mm working voltage tolerance code m=20% capacitance code in f, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system optional: suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi ed production site for automotive applications see part numbering system
43 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com ww w.smtmagnetics. com nspe-y series hybrid aluminum electrolytic capacitors land pattern dim. (mm) + - aa p b case dia. a b p 8 4.1 2.1 2.8 10 4.4 2.5 4.3 diameter preheat (120 sec. max.) time above 200c time above 217c time above 230c peak temperature 6.3 ~ 10mm 150c ~ 190c 100 sec. max. 80 sec. max. 40 sec. max. 260c/5 sec. peak temperature and duration recommended reflow soldering profile* time above 200c (100 seconds max.) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (see table for temperature) peak temperature (260c/5 seconds) 260 230 time above 230c (40 seconds max.) *two re ow passes are permissible with a cool down to room temperature required between the rst and second pass. t a p feeding + - 1.5 ? +0.1/- 1.75 d b c 1.5 +0.1/-0 1.75 + 0.15 t 4 + 0.1 case size a 0.5 b 0.5 c 0.3 d 0.1 p 0.1 t 0.2 t max. 8x10.8 8.7 8.7 24.0 11.5 16.0 11.1 0.6 10x10.8 10.7 10.7 24.0 11.5 16.0 11.2 0.6 case size w 1.0 qty per reel 13" (330mm) 8x10.8 26 300 10x10.8 26 300 reel dimensions (mm) taping specifications (mm) 1. both leader and trailer tape: minimum 40mm (1.57") empty carrier tape pockets. 2. leader tape: approximately 20cm of cover tape at leader. 3. connection: maximum 3 connections (slices) per reel. 2mm 0.5mm 13mm 0.5mm 21mm 0.8mm 330mm 2.0mm or 380mm 2.0mm 50mm min. w 3mm part marking capacitance value voltage lot code series code 22 63v y__ dimensions (mm) 0.3mm max. d l case size d 0.5 l max. a, b 0.2 w i 0.2 p 0.2 8x10.8 8.0 10.8 8.3 0.7 ~ 1.0 2.9 3.2 10x10.8 10 10.8 10.3 1.0 ~ 1.4 3.2 4.6 + - i i w p a b time above 217c (80 seconds max.)


▲Up To Search▲   

 
Price & Availability of NSPE-Y330M63V10X108NBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X