Part Number Hot Search : 
SM540C SG4501A TC0429A 85C72 EPM7192S BCY70 AO4914 150LA10A
Product Description
Full Text Search
 

To Download NSPE-T151M35V10X108NBYF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  34 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com nspe-t series hybrid aluminum electrolytic capacitors rated voltage range 25 ~ 100vdc rated capacitance range 3.9 ~ 270 f operating temp. range -55 ~ +125c capacitance tolerance 20% (m) max. leakage current after 2 minutes @ 20c less than 0.05cv or 100 a whichever is greater working and surge voltage ratings w.v. (vdc) 25 35 50 63 80 100 s.v. (vdc) 32 44 63 79 100 125 tan @ 120hz/20c 0.16 impedance ratio z -55c/z +20c 1 ~ 2.5 z +125c/z +20c 0.6 ~ 1.0 load life test @ 125c and rated voltage w.v. (vdc) 25 35 50 63 80 100 case dia. 6.3mm 2000 hrs. 8 & 10mm 3000 hrs. capacitance change within 30% of initial measured value tan and esr less than 200% of speci? ed max. value leakage current less than speci? ed max. value esr less than 200% of speci? ed max. value resistance to soldering heat hot plate at +250c for 30 seconds with electrodes facing downward capacitance change within 10% of the initial measured value dissipation factor less than the initial limit leakage current less then the initial limit characteristics ? cylindrical v-chip construction for surface mounting ? extended load life at high temperture (2,000 ~ 3,000 hours @ +125c) ? high voltage ratings (25 ~ 100vdc) ? low esr and high ripple current ratings ? 6.3x8mm ~ 10x10.8mm case sizes ? reflow soldering rated to +260c (+250c 80v & 100v) expanded 80v & 100v values part number cap. ( f) working voltage case size (d x l) mm max. tan 120hz/20c max. esr (m ) at 100khz/20c max. ripple current (ma rms) at 100khz/125c load life hours (+125c) nspe-t680m25v6.3x8nbyf 68 25 6.3x8 0.16 45 980 2000 nspe-t151m25v8x10.8nbyf 150 8x10.8 0.16 27 1330 3000 nspe-t271m25v10x10.8nbyf 270 10x10.8 0.16 22 1520 3000 nspe-t470m35v6.3x8nbyf 47 35 6.3x8 0.16 60 910 2000 nspe-t101m35v8x10.8nbyf 100 8x10.8 0.16 30 1260 3000 nspe-t151m35v10x10.8nbyf 150 10x10.8 0.16 23 1480 3000 nspe-t100m50v6.3x8nbyf 10 50 6.3x8 0.16 80 840 2000 nspe-t330m50v8x10.8nbyf 33 8x10.8 0.16 35 1170 3000 nspe-t560m50v10x10.8nbyf 56 10x10.8 0.16 25 1390 3000 nspe-t3r9m63v6.3x8nbyf 3.9 63 6.3x8 0.16 100 740 2000 nspe-t220m63v8x10.8nbyf 22 8x10.8 0.16 40 1090 3000 nspe-t330m63v10x10.8nbyf 33 10x10.8 0.16 30 1260 3000 nspe-t120m80v10x10.8lbyf 12 80 10x10.8 0.16 70 900 3000 nspe-t100m100v10x10.8lbyf 10 100 10x10.8 0.16 80 870 3000 standard products and case sizes d x l (mm) new values
35 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com ww w.smtmagnetics. com part marking capacitance value voltage lot code series code 3r9 63v t__ dimensions (mm) 0.3mm max. d l case size d 0.5 l max. a, b 0.2 w i 0.2 p 0.2 6.3x8 6.3 8.0 6.6 0.5 ~ 0.8 2.5 2.2 8x10.8 8.0 10.8 8.3 0.7 ~ 1.0 2.9 3.2 10x10.8 10 10.8 10.3 1.0 ~ 1.4 3.2 4.6 + - i i w p a b nspe-t series hybrid aluminum electrolytic capacitors land pattern dim. (mm) + - aa p b case dia. a b p 6.3 3.5 1.8 2.1 8 4.1 2.1 2.8 10 4.4 2.5 4.3 diameter time above +200c time above +217c time above +230c peak temperature 6.3 ~ 63v 100 sec. max. 80 sec. max. 40 sec. max. +260c (5 sec. max.) 80 ~ 100v +250c (5 sec. max.) peak temperature and duration recommended reflow soldering profile* time above 200c (80 seconds max.) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (+150c ~ +190c) peak temperature (260c/5 seconds) 260 230 time above 230c (40 seconds max.) *two re? ow passes are permissible with a cool down to room temperature required between the ? rst and second pass. nspe-t 220 m 63v 8x10.8 n b y f rohs compliant sn-bi finish, 13" reel re? ow temp. code (n=+260c) size in mm working voltage tolerance code m=20% capacitance code in f, ? rst 2 digits are signi? cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi? ed production site
36 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com nspe-t series hybrid aluminum electrolytic capacitors t a p feeding + - 1.5 ? +0.1/- 1.75 d b c 1.5 +0.1/-0 1.75 + 0.15 t 4 + 0.1 case size a 0.5 b 0.5 c 0.3 d 0.1 p 0.1 t 0.2 t max. 6.3x8 7.0 7.0 16.0 7.5 12.0 8.2 0.6 8x10.8 8.7 8.7 24.0 11.5 16.0 11.0 0.6 10x10.8 10.7 10.7 24.0 11.5 16.0 11.0 0.6 case size w 1.0 qty per reel 13" (330mm) 6.3x8 18 500 8x10.5 26 300 10x10.5 26 300 reel dimensions (mm) taping specifications (mm) 1. both leader and trailer tape: minimum 40mm (1.57") empty carrier tape pockets. 2. leader tape: approximately 20cm of cover tape at leader. 3. connection: maximum 3 connections (slices) per reel. 2mm 0.5mm 13mm 0.5mm 21mm 0.8mm 330mm 2.0mm or 380mm 2.0mm 50mm min. w 3mm precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com


▲Up To Search▲   

 
Price & Availability of NSPE-T151M35V10X108NBYF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X