Part Number Hot Search : 
FRF1605G MC7905BT AK16D DZ15B 28F80 NE68700 2SK304 LBT13005
Product Description
Full Text Search
 

To Download NSPE-H470M35V63X8NBYF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  36 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com nspe-h series hybrid aluminum electrolytic capacitors rated voltage range 25 ~ 100vdc rated capacitance range 2.7 ~ 270 f operating temp. range -55 ~ +105c capacitance tolerance 20% (m) max. leakage current after 2 minutes @ 20c less than 0.05cv or 100 a whichever is greater working and surge voltage ratings w.v. (vdc) 25 35 40 50 63 80 100 s.v. (vdc) 32 44 50 63 79 100 125 tan @ 120hz/20c 0.16 impedance ratio z -55c/z +20c 1 ~ 2.5 z +105c/z +20c 0.6 ~ 1.0 load life test @ 105c and rated voltage w.v. (vdc) 25 35 40 50 63 80 100 case dia. 6.3mm 5000 hrs. - - 8 & 10mm 10000 hrs. capacitance change within 30% of initial measured value tan and esr less than 200% of speci? ed max. value leakage current less than speci? ed max. value esr less than 200% of speci? ed max. value characteristics ? cylindrical v-chip construction for surface mounting ? extended load life at high temperture (5000 ~ 10,000 hours @ +105c) ? high voltage ratings (25 ~ 100vdc) ? low esr and high ripple current ratings ? 6.3x8mm ~ 10x10.8mm case sizes ? reflow soldering rated to +260c (all sizes) rohs compliant includes all homogeneous materials *see part number system for details part number cap. ( f) working voltage case size (d x l) mm max. tan 120hz/20c max. esr (m ) at 100khz/20c max. ripple current (ma rms) at 100khz/105c load life hours (+105c) nspe-h470m25v6.3x6.3nbyf 47 25 6.3x6.3 0.16 60 1270 5000 nspe-h680m25v6.3x8nbyf 68 6.3x8 0.16 45 1400 5000 nspe-h151m25v8x10.8nbyf 150 8x10.8 0.16 27 1900 7000 nspe-h271m25v10x10.8nbyf 270 10x10.8 0.16 22 2530 7000 nspe-h270m35v6.3x6.3nbyf 27 35 6.3x6.3 0.16 100 1080 5000 nspe-h470m35v6.3x8nbyf 47 6.3x8 0.16 60 1300 5000 nspe-h101m35v8x10.8nbyf 100 8x10.8 0.16 30 1800 10000 nspe-h151m35v10x10.8nbyf 150 10x10.8 0.16 23 2470 10000 nspe-h180m40v6.3x6.3nbyf 18 40 6.3x6.3 0.16 110 1030 5000 nspe-h270m40v6.3x8nbyf 27 6.3x8 0.16 70 1250 5000 nspe-h560m40v8x10.8nbyf 56 8x10.8 0.16 32 1750 10000 nspe-h101m40v10x10.8nbyf 100 10x10.8 0.16 24 2400 10000 nspe-h5r6m50v6.3x6.3nbyf 5.6 50 6.3x6.3 0.16 120 980 5000 nspe-h100m50v6.3x8nbyf 10 6.3x8 0.16 80 1200 5000 nspe-h330m50v8x10.8nbyf 33 8x10.8 0.16 35 1670 10000 nspe-h560m50v10x10.8nbyf 56 10x10.8 0.16 25 2320 10000 nspe-h2r7m63v6.3x6.3nbyf 2.7 63 6.3x6.3 0.16 150 960 5000 nspe-h3r9m63v6.3x8nbyf 3.9 6.3x8 0.16 100 1060 5000 nspe-h220m63v8x10.8nbyf 22 8x10.8 0.16 40 1560 10000 nspe-h330m63v10x10.8nbyf 33 10x10.8 0.16 30 2100 10000 nspe-h120m80v10x10.8lbyf 12 80 10x10.8 0.16 70 1600 10000 nspe-h100m100v10x10.8lbyf 10 100 10x10.8 0.16 80 1450 10000 standard products and case sizes d x l (mm) precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com
37 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com ww w.smtmagnetics. com cap. f 100hz 1khz 10khz 100khz c < 4.7 0.03 0.30 0.65 1.00 5.6 ~ 33 0.05 0.32 0.67 1.00 > 33 0.10 0.35 0.70 1.00 ripple current frequency correction factors nspe-h 220 m 63v 8x10.8 n b y f rohs compliant sn-bi finish, 13" reel re? ow temp. code (n=+260c) size in mm working voltage tolerance code m=20% capacitance code in f, ? rst 2 digits are signi? cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system suitable for automotive equipment, sourced to special production and inspection at ts-16949 certi? ed production site nspe-h series hybrid aluminum electrolytic capacitors dimensions (mm) 0.3mm max. d l case size d 0.5 l max. a, b 0.2 w i 0.2 p 0.2 6.3x6.3 6.3 6.3 6.6 0.5 ~ 0.8 2.5 2.2 6.3x8 6.3 8.0 6.6 0.5 ~ 0.8 2.5 2.2 8x10.8 8.0 10.8 8.3 0.7 ~ 1.0 2.9 3.2 10x10.8 10 10.8 10.3 1.0 ~ 1.4 3.2 4.6 + - i i w p a b part marking capacitance value voltage lot code series code 68 25v h__ land pattern dim. (mm) + - aa p b case dia. a b p 6.3 3.5 1.8 2.1 8 4.1 2.1 2.8 10 4.4 2.5 4.3 diameter preheat (120 sec. max.) time above 200c time above 230c peak temperature 6.3 ~ 10mm 150c ~ 190c 80 sec. max. 40 sec. max. 260c/5 sec. peak temperature and duration recommended reflow soldering profile* time above 200c (80 seconds max.) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (see table for temperature) peak temperature (260c/5 seconds) 260 230 time above 230c (40 seconds max.) *two re? ow passes are permissible with a cool down to room temperature required between the ? rst and second pass.
38 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com nspe-h series hybrid aluminum electrolytic capacitors t a p feeding + - 1.5 ? +0.1/- 1.75 d b c 1.5 +0.1/-0 1.75 + 0.15 t 4 + 0.1 case size a 0.5 b 0.5 c 0.3 d 0.1 p 0.1 t 0.2 t max. 6.3x6.3 7.0 7.0 16.0 7.5 12.0 6.5 0.6 6.3x8 7.0 7.0 16.0 7.5 12.0 8.2 0.6 8x10.8 8.7 8.7 24.0 11.5 16.0 11.0 0.6 10x10.8 10.7 10.7 24.0 11.5 16.0 11.0 0.6 case size w 1.0 qty per reel 13" (330mm) 6.3x6.3 18 800 6.3x8 18 500 8x10.8 26 300 10x10.8 26 300 reel dimensions (mm) taping specifications (mm) 1. both leader and trailer tape: minimum 40mm (1.57") empty carrier tape pockets. 2. leader tape: approximately 20cm of cover tape at leader. 3. connection: maximum 3 connections (slices) per reel. 2mm 0.5mm 13mm 0.5mm 21mm 0.8mm 330mm 2.0mm or 380mm 2.0mm 50mm min. w 3mm


▲Up To Search▲   

 
Price & Availability of NSPE-H470M35V63X8NBYF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X