Part Number Hot Search : 
45L160D SDT253 2003M BG12864 3222E 4543BE PG8080A L6570A
Product Description
Full Text Search
 

To Download MX23L1610PC-12G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 p/n:pm0243 rev. 3.1, nov. 07, 2006 features ? bit organization - 2m x 8 (byte mode) - 1m x 16 (word mode)  fast access time - 70ns (max.)@3.3v 10%  current - operating:25ma - standby:15ua  supply voltage - 3.0v ~ 3.6v  package - 44 pin sop (500mil) - 42 pin dip (600mil) - 48 pin tsop (12mm x 20mm) - 44 pin tsop (type ii) pin description symbol pin function a0~a19 address inputs d0~d14 data outputs d15/a-1 d15 (word mode)/ lsb address (byte mode) ce chip enable input oe output enable input byte word/ byte mode selection vcc power supply pin vss ground pin nc no connection pin configuration 44 sop/44 tsop 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 nc a18 a17 a7 a6 a5 a4 a3 a2 a1 a0 ce vss oe d0 d8 d1 d9 d2 d10 d3 d11 nc a19 a8 a9 a10 a11 a12 a13 a14 a15 a16 byte vss d15/a-1 d7 d14 d6 d13 d5 d12 d4 vcc mx23l1610 42 pdip mx23l1610 3.3 volt 16-mbit (2m x 8 / 1m x 16) mask rom mx23l1610 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 a18 a17 a7 a6 a5 a4 a3 a2 a1 a0 ce vss oe d0 d8 d1 d9 d2 d10 d3 d11 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 a19 a8 a9 a10 a11 a12 a13 a14 a15 a16 byte vss d15/a-1 d7 d14 d6 d13 d5 d12 d4 vcc 48 tsop (normal type) 48 tsop (reverse type) byte a16 a15 a14 a13 a12 a11 a10 a9 a8 a19 vss nc a18 a17 a7 a6 a5 a4 a3 a2 a1 a0 ce 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 vss vss d15/a-1 d7 d14 d6 d13 d5 d12 d4 vcc vcc nc d11 d3 d10 d2 d9 d1 d8 d0 oe vss vss 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 mx23l1610 (normal type) byte a16 a15 a14 a13 a12 a11 a10 a9 a8 a19 a21 a20 a18 a17 a7 a6 a5 a4 a3 a2 a1 a0 ce 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 vss vss d15/a-1 d7 d14 d6 d13 d5 d12 d4 vcc vcc nc d11 d3 d10 d2 d9 d1 d8 d0 oe vss vss 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 mx23l1610 (reverse type)
2 p/n:pm0243 rev. 3.1, nov. 07, 2006 mx23l1610 mode selection ce oe byte d15/a-1 d0~d7 d8~d15 mode power h x x x high z high z - stand-by l h x x high z high z - active l l h output d0~d7 d8~d15 word active l l l input d0~d7 high z byte active *note:temperature: -40~85 c order information part no. access package remark mx23l1610mc-70 70ns 44 pin sop mx23l1610mc-90 90ns 44 pin sop mx23l1610mc-10 100ns 44 pin sop mx23l1610mc-12 120ns 44 pin sop mx23l1610mc-15 150ns 44 pin sop mx23l1610pc-10 100ns 42 pin pdip mx23l1610pc-12 120ns 42 pin pdip mx23l1610pc-15 150ns 42 pin pdip mx23l1610tc-70 70ns 48 pin tsop mx23l1610tc-90 90ns 48 pin tsop mx23l1610tc-10 100ns 48 pin tsop mx23l1610tc-12 120ns 48 pin tsop mx23l1610tc-15 150ns 48 pin tsop mx23l1610rc-10 100ns 48 pin tsop(reverse type) mx23l1610rc-90 90ns 48 pin tsop(reverse type) mx23l1610rc-12 120ns 48 pin tsop(reverse type) mx23l1610rc-15 150ns 48 pin tsop(reverse type) mx23l1610ti-12* 120ns 48 pin tsop mx23l1610yc-10 100ns 44 pin tsop mx23l1610yc-12 120ns 44 pin tsop mx23l1610yc-15 150ns 44 pin tsop mx23l1610mi-12g* 120ns 44 pin sop pb-free mx23l1610mc-10g 100ns 44 pin sop pb-free mx23l1610mc-12g 120ns 44 pin sop pb-free mx23l1610pc-10g 100ns 42 pin pdip pb-free MX23L1610PC-12G 120ns 42 pin pdip pb-free mx23l1610tc-10g 100ns 48 pin tsop pb-free mx23l1610tc-12g 120ns 48 pin tsop pb-free mx23l1610tc-15g 150ns 48 pin tsop pb-free
3 p/n:pm0243 rev. 3.1, nov. 07, 2006 mx23l1610 absolute maximum ratings item symbol ratings voltage on any pin relative to vss vin -0.3v to 4.3v ambient operating temperature topr 0 c to 70 c storage temperature tstg -65 c to 125 c note: minimum dc voltage on input or i/o pins is -0.5v. during voltage transitions, inputs may undershoot vss to -1.3v for periods of up to 20ns. maximum dc voltage on input or i/o pins is vcc+0.5v. during voltage transitions, input may overshoot vcc to vcc+2.0v for periods of up to 20ns. dc characteristics (ta = 0 c ~ 70 c, vcc = 3.0v~3.6v) item symbol min. max. conditions output high voltage voh 2.4v - ioh = -400ua output low voltage vol - 0.4v iol = 1.6ma input high voltage vih 2.2v vcc+0.3v* max. number:vcc+0.3v is under normal operation mode, and vcc+0.7v is under non-operating mode input low voltage vil -0.3v 0.2 x vcc input leakage current ili - 5ua 0v, vcc output leakage current ilo - 5ua 0v, vcc operating current icc1 - 25ma trc = 120ns, all output open standby current (ttl) istb1 - 0.5ma ce = vih standby current (cmos) istb2 - 15ua ce>vcc-0.2v input capacitance cin - 10pf ta = 25 c, f = 1mhz output capacitance cout - 10pf ta = 25 c, f = 1mhz block diagram address buffer memory array page buffer page decoder word/ byte output buffer d0 d15/(d7) a0/(a-1) a19 ce byte oe
4 p/n:pm0243 rev. 3.1, nov. 07, 2006 mx23l1610 ac test conditions input pulse levels 0.4v~ 2.4v input rise and fall times 10ns input timing level 1.4v output timing level 1.4v output load see figure timing diagram random read note: no output loading is present in tester load board. active loading is used and under software programming control. output loading capacitance includes load board's and all stray capacitance. dout c<100pf iol (load)=1.6ma ioh (load)=-0.4ma tace taa toh thz add add add add ce oe data note:ce, oe are enable valid valid valid trc toe ac characteristics (ta = 0 c ~ 70 c, vcc = 3.0v~3.6v) item symbol 23l1610-70 23l1610-90 23l1610-10 23l1610-12 23l1610-15 min. max. min. max. min. max. min. max. min. max. read cycle time trc 70ns - 90ns - 100ns - 120ns - 150ns - address access time taa - 70ns - 90ns - 100ns - 120ns - 150ns chip enable access time tace - 70ns - 90ns - 100ns - 120ns - 150ns output enable time toe - 35ns - 45ns - 50ns - 60ns - 70ns output hold after address toh 0ns - 0ns - 0ns - 0ns - 0ns - output high z delay thz - 20ns - 20ns - 20ns - 20ns - 20ns note:output high-impedance delay (thz) is measured from oe or ce going high, and this parameter guaranteed by design over the full voltage and temperature operating range - not tested.
5 p/n:pm0243 rev. 3.1, nov. 07, 2006 mx23l1610 package information
6 p/n:pm0243 rev. 3.1, nov. 07, 2006 mx23l1610
7 p/n:pm0243 rev. 3.1, nov. 07, 2006 mx23l1610
8 p/n:pm0243 rev. 3.1, nov. 07, 2006 mx23l1610
9 p/n:pm0243 rev. 3.1, nov. 07, 2006 mx23l1610
10 p/n:pm0243 rev. 3.1, nov. 07, 2006 mx23l1610 revision history revision description page date 1.9 1. package type:add 42-pdip package type. jun/11/1998 2. dc characteristics:the input low voltage vil max. value is changed as 0.2xvcc instead of 0.8v. 3. ac characteristics:the output high z delay is changed as 20ns instead of 70ns. 4. add 105ns speed grade. 5. add 100ns speed grade @3.3v5% 6. ac test conditions:the output timing level is changed as 1.4v instead of 0.8v and 2.0v. 2.0 ac characteristics toh 10ns-->0ns p4 feb/01/1999 2.1 typing error correction p1 jan/18/2000 2.2 1.added 44-pin tsop (type ii) package p1,8 jul/18/2001 2.modify package information p5~7 2.3 1.add 90ns speed grade p1,3 jul/31/2001 2.delete 105ns speed grade p1,3 2.4 1.added 70ns speed grade p1,3 aug/14/2001 2.5 change voh(min.):2.3v-->2.4v; vih(min.):2.1v-->2.2v p3 aug/15/2001 2.6 modify package information p5~9 nov/21/2002 2.7 modify 42-pdip package information p5 jun/20/2003 2.8 1. add pb-free in ordering information p2 jun/30/2004 2.9 correct typo error p2 no v/09/2004 3.0 1. added mx23l1610mi-12g in order information p2 jul/08/2005 3.1 1. added statement p11 no v/07/2006
mx23l1610 11 m acronix i nternational c o., l td . headquarters macronix, int'l co., ltd. 16, li-hsin road, science park, hsinchu, taiwan, r.o.c. tel: +886-3-5786688 fax: +886-3-5632888 macronix america, inc. 680 north mccarthy blvd. milpitas, ca 95035, u.s.a. tel: +1-408-262-8887 fax: +1-408-262-8810 email: sales.northamerica@macronix.com macronix japan cayman islands ltd. nkf bldg. 5f, 1-2 higashida-cho, kawasaki-ku kawasaki-shi, kanagawa pref. 210-0005, japan tel: +81-44-246-9100 fax: +81-44-246-9105 macronix (hong kong) co., limited. 702-703, 7/f, building 9, hong kong science park, 5 science park west avenue, sha tin, n.t. tel: +86-852-2607-4289 fax: +86-852-2607-4229 http : //www.macronix.com macronix international co., ltd. reserves the right to change product and specifications without notice. taipei office macronix, int'l co., ltd. 19f, 4, min-chuan e. road, sec. 3, taipei, taiwan, r.o.c. tel: +886-2-2509-3300 fax: +886-2-2509-2200 macronix europe n.v. koningin astridlaan 59, bus 1 1780 wemmel belgium tel: +32-2-456-8020 fax: +32-2-456-8021 singapore office macronix pte. ltd. 1 marine parade central #11-03 parkway centre singapore 449408 tel: +65-6346-5505 fax: +65-6348-8096 macronix's products are not designed, manufactured, or intended for use for any high risk applications in which the failure of a single component could cause death, personal injury, severe physical damage, or other substantial harm to persons or property, such as life-support systems, high temperature automotive, medical, aircraft and military application. macronix and its suppliers will not be liable to you and/or any third party for any claims, injuries or damages that may be incurred due to use of macronix's products in the prohibited applications.


▲Up To Search▲   

 
Price & Availability of MX23L1610PC-12G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X