Part Number Hot Search : 
1500A LC75412 1N5252B 7D5N60P MCR12LM PS113 LM3S811 LBS138A
Product Description
Full Text Search
 

To Download MKP-X2RPCM275120400VACREEL185500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  98 11.08 d metallized polypropylene (pp) rfi-capacitors class x2 with internal series connection pcm 15 mm to 27.5 mm spe cial features electrical dat a wima mkp-x2 r ? reliable self-healing ? increased corona inception level due to internal series connection ? high degree of interference suppression due to good attenuation and low esr ? according to rohs 2002/95/ec typical applications class x2 rfi applications to meet emc regulations ? capacitors connected to the mains between phase and neutral or phase conductors ? installation category ii in accordance with iec 60664, pulse peak voltage t 2.5 kv as capacitor voltage divider in appli - cations requiring a high capacitance stability over time construction dielectric: polypropylene (pp) film capacitor electrodes: vacuum-deposited internal construction: dielectric v acuum- deposited electrod e metal contact layer (schoopage) t erminating wire encapsulation: solvent-resistant, flame-retardant plastic case with epoxy resin seal, ul 94 vC0 terminations: tinned wire. marking: colour: red. marking: black. capacitance range: 0.033 m f to 1.5 m f rated voltage: 400 vac continuous dc voltage * (general guide): t 100 0 v capacitance tolerances: 20%, 10% (5% available subject to special enquiry) operating temperature range: C55 + c to +105 + c climatic test category: 55/105/56/c in accordance with iec insulation resistance at +20 + c: c t 0.33 m f: ? 15 x10 3 m ? c ? 0.33 m f: ? 5 000 sec ( m ? x m f) measuring voltage: 100 v/1 min. dissipation factors at +20 c: tan d at f c t 0.1 m f 0.1 m f < c t 1.0 m f c > 1.0 m f 1 khz t 8 x 10 -4 t 8 x 10 -4 t 10 x 10 -4 10 khz t 12 x 10 -4 t 12 x 10 -4 C 100 khz t 25 x 10 -4 C C test specifications: in accordance with din en 60384-14 maximum pulse rise time: 100 v/ m sec for pulses equal to a voltage amplitude with 2 x 400 vac = 565 v according to iec 60384-14 test voltage: c t 1.0 m f: 2260 vdc, 2sec. c ? 1.0 m f: 1800 vdc, 2sec. reliability: operational life ? 300 000 hours failure rate ? 2 fit (0.5 x u r and 40 ) c) mechanical tests pull test on leads: 10 n in direction of leads according to iec 60068-2-21 vibration: 6 hours at 10 ... 2000 hz and 0.75 mm displacement amplitude or 10 g in accordance with iec 60068-2-6 low air density: 1kpa = 10 mbar in accordance with iec 60068-2-13 bump test: 4000 bumps at 390 m/sec 2 in accordance with iec 60068-2-29 * the permissible pulse rise time du/dt (f max . ) will be subject to a reduction accor - ding to f max. = f r x 2 x uac ? / udc if the dc operating voltage udc is higher than 2 x uac packing available taped and reeled up to and including case size 15 x 26 x 31.5 / pcm 27.5 mm. detailed taping information and graphs at the end of the catalogue. for further details and graphs please refer to technical information. new
99 11.08 continuation general data d wima mkp-x2 r capacitance 400 vac * w h l pcm** 0.033 m f 5 11 18 15 0.047 ? 5 11 18 15 0.068 ? 6 12.5 18 15 0.1 m f 8 15 18 15 * 6 15 26.5 22.5 * 0.15 ? 9 16 18 15 * 7 16.5 26.5 22.5 * 0.22 ? 8.5 18.5 26.5 22.5 0.33 ? 10.5 19 26.5 22.5 0.47 ? 11 21 26.5 22.5 0.68 ? 13 24 31.5 27.5 1.0 m f 15 26 31.5 27.5 1.5 ? 17 29 31.5 27.5 * f = 50/60 hz ** pcm = printed circuit module = lead spacing * on ordering please state the required pcm . if not specified, smaller pcm will be booked. taped version see page 121. dims. in mm. rights reserved to amend design data without prior notification. pcm at the lead exit points ( 0.4) l w h d 6 - 2 d = 0.8 l
16 11.08 d recommendation for processing and application of through-hole capacitors soldering process a preheating of through-hole wima capacitors is allowed for temperatures t max ? 100 c. in practice a preheating duration of t ? 5 min. has been proven to be best. single wave soldering soldering bath temperature: t ? 260 c immersion time: t ? 5 sec double wave soldering soldering bath temperature: t ? 260 c immersion time: 2 x t ? 3 sec due to different soldering processes and heat requirements the graphs are to be regarded as a recommendation only. 2 s 3 s 30 60 90 120 150 180 210 240 sec] [ t t 260 240 220 200 180 160 140 120 100 80 60 40 20 [c ] 10 s see detail- enlargement w ave soldering typical temperature/time graph for double wave soldering wima quality and environmental philosophy iso 9001:2000 certification iso 9001:2000 is an international basic standard of quality assurance systems for all branches of industry. the approval according to iso 9001:2000 of our factories by the vde inspectorate certifies that organisation, equipment and moni- toring of quality assurance in our factories correspond to internationally recognized standards. wima wpcs the wima process control system (wpcs) is a quality surveillance and optimization system developed by wima. wpcs is a major part of the quality-oriented wima production. points of application of wpcs during production process: incoming material inspection metallization film inspection schoopage pre-healing lead attachment cast resin preparation/ encapsulation 100% final inspection aql check wima environmental policy all wima capacitors, irrespective of whether through-hole devices or smd, are made of environmentally friendly materials. neither during manufacture nor in the product itself any toxic substances are used, e.g. C lead C pbb/pbde C pcb C arsenic C cfc C cadmium C hydrocarbon chloride C mercury C chromium 6+ C etc. we merely use pure, recyclable materials for packing our components, such as: carton cardboard adhesive tape made of paper polystyrene we almost completely refrain from using packing materials such as: foamed polystyrene (styropor?) adhesive tapes made of plastic metal clips rohs compliance according to the rohs directive 2002/95/ec certain hazardous substances like e.g. lead, cadmium, mercury must not be used any longer in electronic equipment as of july 1st, 2006. for the sake of the environment wima has refraind from using such substances since years already. tape for lead-free wima capacitors din en iso 14001:2005 wimas environmental management has been established in accordance with the guidelines of din en iso 14001:2005. the certification has been granted in june 2006.
121 11.08 d p p 1 p 0 p 2 f d p p 1 h 1 h p 0 d p 2 f t d 0 w 2 v h w 0 p 1 p 2 p 0 p h 1 h w 1 w d f di agram 1: pc m 2 .5/5/7.5 mm di agra m 3 : p cm 22. 5 a nd 27.5*m m *pcm 27. 5 t aping possibl e w it h t wo feed hole s b etween component s di agram 2: pc m 1 0/1 5 m m dimensions for radial taping designation symbol pcm 2.5 taping pcm 5 taping pcm 7.5 taping pcm 10 taping * pcm 15 taping * pcm 22.5 taping pcm 27.5 taping carrier tape width w 18.0 p 0.5 18.0 p 0.5 18.0 p 0.5 18.0 p 0.5 18.0 p 0.5 18.0 p 0.5 18.0 p 0.5 hold-down tape width w 0 6.0 for hot-sealing 6.0 for hot-sealing 12.0 for hot-sealing 12.0 for hot-sealing 12.0 for hot-sealing 12.0 for hot-sealing 12.0 for hot-sealing adhesive tape adhesive tape adhesive tape adhesive tape adhesive tape adhesive tape adhesive tape hole position w 1 9.0 p 0.5 9.0 p 0.5 9.0 p 0.5 9.0 p 0.5 9.0 p 0.5 9.0 p 0.5 9.0 p 0.5 hold-down tape position w 2 0.5 to 3.0 max. 0.5 to 3.0 max. 0.5 to 3.0 max. 0.5 to 3.0 max. 0.5 to 3.0 max. 0.5 to 3.0 max. 0.5 to 3.0 max. feed hole diameter d 0 4.0 p 0.2 4.0 p 0.2 4.0 p 0.2 4.0 p 0.2 4.0 p 0.2 4.0 p 0.2 4.0 p 0.2 pitch of component p 12.7 p 1.0 12.7 p 1.0 12.7 p 1.0 25.4 p 1.0 25.4 p 1.0 38.1 p 1.5 3 * 8.1 p 1.5 or 50.8 p 1.5 cumulative pitch cumulative pitch cumulative pitch cumulative pitch cumulative pitch cumulative pitch cumulative pitch feed hole pitch p 0 12.7 p 0.3 error max. 12.7 p 0.3 error max. 12.7 p 0.3 error max. 12.7 p 0.3 error max. 12.7 p 0.3 error max. 12.7 p 0.3 error max. 12.7 p 0.3 error max. 1.0 mm/20 pitch 1.0 mm/20 pitch 1.0 mm/20 pitch 1.0 mm/20 pitch 1.0 mm/20 pitch 1.0 mm/20 pitch 1.0 mm/20 pitch feed hole centre p 1 5.1 p 0.5 3.85 p 0.7 2.6 p 0.7 7.7 p 0.7 5.2 p 0.7 7.8 p 0.7 5.3 p 0.7 to lead hole centre to p 2 6.35 p 1.3 6.35 p 1.3 6.35 p 1.3 12.7 p 1.3 12.7 p 1.3 19.05 p 1.3 19.05 p 1.3 component centre feed hole centre to bottom h v 16.5 p 0.3 16.5 p 0.3 16.5 p 0.5 16.5 p 0.5 16.5 p 0.5 16.5 p 0.5 16.5 p 0.5 edge of the component 18.5 p 0.5 18.5 p 0.5 18.5 p 0.5 18.5 p 0.5 18.5 p 0.5 18.5 p 0.5 18.5 p 0.5 feed hole centre to top h 1 h+h component < h 1 h+h component < h 1 h+h component < h 1 h+h component < h 1 h+h component < h 1 h+h component < h 1 h+h component < h 1 edge of the component 32.25 max. 32.25 max. 24.5 to 31.5 25.0 to 31.5 26.0 to 37.0 30.0 to 43.0 35.0 to 45.0 lead spacing at f 2.5 p 0.5 5.0 +0.8 7.5 p 0.8 10.0 p 0.8 15 p 0.8 22.5 p 0.8 27.5 p 0.8 upper edge of carrier tape C0.2 lead diameter d 0.4 p 0.05 0.5 p 0.05 ? 0.5 p 0.05 or 0.6 C0.05 ? 0.5 p 0.05 or 0.6 C0.05 0.8 C0.05 0.8 C0.05 0.8 C0.05 component alignment d h p 2.0 max. p 2.0 max. p 3.0 max. p 3.0 max. p 3.0 max. p 3.0 max. p 3.0 max. total tape thickness t 0.7 p 0.2 0.7 p 0.2 0.7 p 0.2 0.7 p 0.2 0.7 p 0.2 0.7 p 0.2 0.7 p 0.2 roll/ammo ammo package v (see also page 122) unit see details page 124. v please give ?h dimensions and desired packaging type when ordering. dims in mm. ? diameter of leads see general data. please clarify customer-specific deviations with the manufacturer. * pcm 10 and pcm 15 can be crimped to pcm 7.5. position of components according to pcm 7.5 (sketch 1). p 0 = 12.7 or 15.0 is possible reel p 360 max. b 52 p 2 depending on p 30 p 1 58 p 2 comp. dimensions 52 p 2 54 p 2 depending reel p 360 max. b 58 p 2 or reel p 500 max. b 60 p 2 on pcm and p 30 p 1 66 p 2 p 25 p 1 68 p 2 component dimensions +0.06 +0,06 +0,08 +0,08 +0.08 typical dimensions for taping configuration


▲Up To Search▲   

 
Price & Availability of MKP-X2RPCM275120400VACREEL185500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X