Part Number Hot Search : 
ISL94203 NDT2955 RB2545CT STC4054 1N1188E3 ADTR2 M4502 ECG005
Product Description
Full Text Search
 

To Download LJT06RT-23-55PA155 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 

3 * when tested using silver plated wire. ** please note that the establishment of electrical safety factors is left entirely in the designer?s hands, since he is in the best position to know what peak voltage, switching surges, transients, etc. can be expected in a particular circuit. contact rating contact size te s t c u r r e n t maximum millivolt drop crimp* maximum millivolt drop contact size crimp well data solder well data solder & crimp hermetic solder* hermetic* well diameter nominal well depth well diameter nominal well depth 22m 3 2 45 20 60 22m .028 .001 .141 .029 +.004 ?.000 22d 5 3 73 85 22d .0345 .0010 .141 22 5 3 73 20 85 22 .0365 .0010 .141 .036 +.004 ?.000 .094 20 7.5 5 55 20 60 20 .047 .001 .209 .044 +.004 ?.004 .125 16 13 10 49 20 85 16 .067 .001 .209 .078 +.000 ?.004 .141 12 23 17 42 20 85 12 .100 .002 .209 .116 +.004 ?.002 .141 10 (power) 33 na 33 na na 10 (power) .137 .002 .355 na na service rating** service rating suggested operating voltage (sea level) test voltage (sea level) test voltage 50,000 ft. test voltage 70,000 ft. test voltage 110,000 ft. ac (rms) dc m 400 500 1300 vrms 550 vrms 350 vrms 200 vrms n 300 450 1000 vrms 400 vrms 260 vrms 200 vrms i 600 850 1800 vrms 600 vrms 400 vrms 200 vrms ii 900 1250 2300 vrms 800 vrms 500 vrms 200 vrms finish data aluminum shell components non-hermetic finish suffix indicated finish standard for jt types listed below indicated finish standard for ljt types listed below military proprietary cadmium plated nickel base ms (a) ? jt/jtg/jtl/jtp ljt/ljtp anodic coating (alumilite) ms (c) (005) jts/jtps/jtls ljtps/ljts chromate treated (iridite 14-2) (011) jtn/jtpn/jtln ljtn/ljtpn olive drab cadmium plate nickel base ms (b) (014) electroless nickel ms (f) (023) hermetic connectors material/finish suffix indicated finish standard for jt types listed below indicated finish standard for ljt types listed below military proprietary carbon steel shell tin plated shell and contacts jt()h/jt()y jtl( )h/jtl( )y ljt( )y/ljt( )h carbon steel shell tin plated shell and gold plated contacts ms (d) stainless steel shell gold plated contacts ms (e) (162) jts( )y jtls( )y ljts( )y

specifications
4 jt ljt solder crimp hermetics service rating to t a l con- tacts contact size class h class y* 22d 22m 22 20 16 12 8 (coax) 8-2 p m2 2 8-3 x n/a p p m3 3 9-3 x 8-6 x x p p m6 6 9-6 x x p p m7 7 9-7 x i2 2 9-22 x 8-35 x p p m66 9-35 x p p 8-44 x p p m4 4 9-44 x 8-97 x m4 2 2 8-98 s x p p i3 3 9-98 x x p p i2 2 11-2 2p** 10-4 3 i4 4 11-4 x 2 10-5 x x p p i5 5 11-5 x 2 i6 6 11-6 s 10-13 x x p p m13 13 11-13 x x p p 10-35 x p p m1313 11-35 x p p 10-98 x x p/s p i6 6 11-98 x x p p 10-99 x p p i7 7 11-99 p 12-3 x x p p ii 3 3 13-3 p 12-4 x x p p i4 4 13-4 xxp/sp 12-8 x x p p/s i8 8 13-8 x x p p 12-22 x p p m22 22 13-22 x x p/s p 12-35 x p p m2222 13-35 x p p 12-98 x x p/s p i10 10 13-98 x x p/s p 14-4 2 i4 4 15-4 3 14-5 x x p p ii 5 5 15-5 xx 14-15 x x p/s p i15 141 15-15 x x p/s p 14-18 x x p/s p i18 18 15-18 x x p/s p 14-19 x 3 i19 19 15-19 2 14-35 x p p m3737 15-35 x p p 14-37 x x p p m37 37 15-37 x x p p 14-68 2 18 8 15-68 x 3 14-97 2 p p i12 84 15-97 x 2 p p

insert availability and identification, alternate positioning a plug with a given rotation letter will mate with a receptacle with the same rotation letter. the ab angle for a given connec- tor is the same whether it contains pins or sockets. only the master key/keyway rotates in the shell, and the insert always remains in the same position relative to the minor keys. ab angles shown are viewed from the front face of the connec- tor, a receptacle is shown below. the angles for the plug are exactly the same except the direction of rotation is opposite of that shown for the receptacle. jt master key/keyway rotation ab angle of rotation (degrees) shell size normal a b c d 8 100 82 ? ? 118 10 100 86 72 128 114 12 100 80 68 132 120 14 100 79 66 134 121 16 100 82 70 130 118 18 100 82 70 130 118 20 100 82 70 130 118 22 100 85 74 126 115 24 100 85 74 126 115 relative possible position of rotated master keyway (front face of receptacle shown) (p) pin inserts only (consult sidney, ny for socket availability) (s) socket inserts only (consult sidney, ny for pin availability) (2) not tooled for rp or 02re (3) pin inserts only, not tooled for rp or 02re (consult sidney, ny for availability) * same as h with interfacial seal ** tooled with special terminal only (consult sidney, ny for availability of standard terminal) ground plane proprietary option available. see page 51 for further information on ground plane connectors. 10 jt ref
5 (p) pin inserts only (consult sidney, ny for socket availability) (s) socket inserts only (consult sidney, ny for pin availability) (2) not tooled for rp or 02re jt ljt solder crimp hermetics service rating to t a l con- tacts contact size class h class y* 22d 22m 22 20 16 12 8 (coax) 8 (twinax) m3938 1 17-2 2 16-6 x p p i6 6 17-6 x p p 16-8 x x p p ii 8 8 17-8 xxpp/s 16-13 2 i13 13 17-13 2 coax 4 2 coax 2 17-22 m2422 2 17-25 2 16-26 x x p/s p i26 26 17-26 x x p/s p 16-35 x p/s p m5555 17-35 x x p p 16-42 x m42 42 17-42 p 16-55 x x p/s p m55 55 17-55 x x p 16-99 x x p p i23 212 17-99 x x s 18-11 x x p p ii 11 11 19-11 xxpp m1814 4 19-18 2 18-28 x x p p i28 262 19-28 x p 18-30 x x i30 291 19-30 x p 18-32 x x p/s p i32 32 19-32 x x p/s p 18-35 x p p m6666 19-35 x p p 18-53 x x m53 53 19-53 p 18-66 x x p p m66 66 19-66 x p p m67 67 19-67 x 3 s 18-68 2 i18 18 19-68 3 18-96 2 i9 9 20-1 x p m79 79 21-1 x s 20-2 x m65 65 21-2 2 20-11 3 i11 11 21-11 2 20-16 x x p p ii 16 16 21-16 xxpp i24 24 21-24 x i25 25 21-25 x i27 27 21-27 x 20-35 x m7979 21-35 x 20-39 x x p p i39 372 21-39 x x 20-41 x x p p i41 41 21-41 x x s

insert availability and identification, alternate positioning (3) pin inserts only, not tooled for rp or 02re (consult sidney, ny for availability) * same as h with interfacial seal ground plane proprietary option available. see page 51 for further information on ground plane connectors. a plug with a given rotation letter will mate with a receptacle with the same rotation letter. the ab angle for a given connec- tor is the same whether it contains pins or sockets. only the master key/keyway rotates in the shell, and the insert always remains in the same position relative to the minor keys. ab angles shown are viewed from the front face of the connec- tor, a receptacle is shown below. the angles for the plug are exactly the same except the direction of rotation is opposite of that shown for the receptacle. ljt master key/keyway rotation ab angle of rotation (degrees) shell size normal a b c d 9 95 77 ? ? 113 11 95 81 67 123 109 13 95 75 63 127 115 15 95 74 61 129 116 17 95 77 65 125 113 19 95 77 65 125 113 21 95 77 65 125 113 23 95 80 69 121 110 25 95 80 69 121 110 relative possible position of rotated master keyway (front face of receptacle shown) 5 ljt ref
6 jt ljt solder crimp hermetics service rating to t a l con- tacts contact size class h class y* 22d 22m 22 20 16 12 8 (coax) 8?? (twinax) 10 (power) 12 coax n4 21-75 2 ii 19 17 21-79 2 22-1 x m 100 100 23-1 x 22-2 x x p p m85 85 23-2 x x p p m5 5 23-5 x m6 6 23-6 p 22-14 2 i14 14 23-14 2 22-21 x x p p ii 21 21 23-21 xxpp 22-32 x x p i32 32 23-32 x p i34 34 23-34 x 22-35 x m 100 100 23-35 x i36 36 23-36 x 22-53 p i53 53 23-53 x x p/s 22-55 x x p p i55 55 23-55 3 ii 16 16 23-97 x ii 11 11 23-99 x 24-1 x m 128 128 25-1 x 24-2 x m 100 100 25-2 x 24-4 x p p i56 48 8 25-4 x m9997 2 25-7 2 n11 2 9 25-11 2 24-19 2 i19 19 25-19 2 n 30 10 13** 3 4 25-20 2 24-24 x p p i24 1212 25-24 x 24-29 x i29 29 25-29 xx 24-35 x m 128 128 25-35 x 24-37 2 i37 37 25-37 2 24-43 3 i43 2320 25-43 x 2 p p i46 40 4 2? 25-46 2 24-61 x x p p i61 61 25-61 x x p p

insert availabilit y and identification (p) pin inserts only (consult sidney, ny for socket availability) (s) socket inserts only (consult sidney, ny for pin availability) (2) not tooled for rp or 02re (3) pin inserts only, not tooled for rp or 02re (consult sidney, ny for availability) * same as h with interfacial seal ** two size 16 contacts dedicated to fiber optics. consult sidney, ny or catalog section 12-352 for fiber optic contact information. ? for rg180/u and rg195/u cables only (consult sidney, ny for other cable applications) ?? size 8 coax and twinax are interchangeable (4) ms connector 21-75 is supplied with four size 8 twinax contacts. proprietary connector 21-75 is supplied with four size 8 coax contacts. (5) ms connector 21-79 has provision for two size 8 coax contacts. coax contacts are not supplied unless specified by customer. ground plane proprietary option available. see page 51 for further information on ground plane connectors. (see note 4) (see note 5)
7 black arrangements ? jt or ljt green arrangements ? jt only blue arrangements ? ljt only front face of pin inserts illustrated insert arrangement (jt) 8-2 8-3 8-6 8-35 8-44 8-97 8-98 insert arrangement (ljt) 9-3 9-6 9-7 9-22 9-35 9-44 9-98 service rating mmmm i mmm i number of contacts 2367264223 contact size 20 20 22m 22m 20 22d 22 22m 20 20 insert arrangement (jt) 10- 4 10-5 10-13 10-35 10-98 10-99 insert arrangement (ljt) 11-2 11-4 11-5 11-6 11- 13 11-35 11-98 11-99 service rating iiiimmii number of contacts 2456131367 contact size 16 20 20 20 22m 22d 20 20 insert arrangement (jt) 12-3 12- 4 12-8 12-22 12-35 12-98 14-4 14-5 insert arrangement (ljt) 13-3 13-4 13-8 13-22 13-35 13-98 15-4 15-5 service rating iiiimmiiii number of contacts 3 4 8 22 22 10 4 5 contact size 16 16 20 22m 22d 20 12 16 insert arrangement (jt) 14-15 14-18 14-19 14-35 14-37 14-68 14-97 insert arrangement (ljt) 15- 15 15-18 15-19 15-35 15-37 15-68 15-97 service rating iiimmii number of contacts 14 1 18 19 37 37 8 8 4 contact size 20 16 20 20 22d 22m 16 20 16 contact legend 8 10 12 16 20 22 22m 22d

insert arrangements
8 black arrangements ? jt or ljt green arrangements ? jt only blue arrangements ? ljt only front face of pin inserts illustrated insert arrangement (jt) 16-6 16-8 16-13 16-26 insert arrangement (ljt) 17- 2 17-6 17-8 17-13 17-22 17-25 17-26 service rating m i ii i coax m i number of contacts 38 1 6 8 13 2 2 22 2 26 contact size 22d 8 twinax 12 16 16 12 coax 8 coax 22d 8 coax 20 insert arrangement (jt) 16-35 16-42 16-55 16-99 18-11 insert arrangement (ljt) 17-35 17-42 17-55 17-99 19-11 19-18 service rating mmm i ii m number of contacts 55 42 55 21 2 11 14 4 contact size 22d 22 22m 20 16 16 22d 8 twinax insert arrangement (jt) 18- 28 18-30 18-32 18-35 18-53 18-66 insert arrangement (ljt) 19-28 19-30 19-32 19-35 19-53 19-66 service rating iiimmm number of contacts 26 2 29 1 32 66 53 66 contact size 20 16 20 16 20 22d 22 22m insert arrangement (jt) 18-68 18-96 20-1 20-2 insert arrangement (ljt) 19-67 19-68 21-1 21-2 service rating m i i m m number of contacts 67 18 9 79 65 contact size 22m 16 12 22m 22 contact legend 8 10 12 16 20 22 22m 22d

insert arrangements
9 black arrangements ? jt or ljt green arrangements ? jt only blue arrangements ? ljt only front face of pin inserts illustrated insert arrangement (jt) 20-11 20-16 insert arrangement (ljt) 21-11 21-16 21-24 21-25 21-27 service rating iiiiii number of contacts1116242527 contact size 12 16 20 20 20 insert arrangement (jt) 20-35 20-39 20-41 insert arrangement (ljt) 21-35 21-39 21-41 21-75 21-79 service rating m i i n ii number of contacts 79 37 2 41 4 17 contact size 22d 20 16 20 (see note) 22d insert arrangement 22-1 22-2 22-14 insert arrangement (ljt) 23-1 23-2 23-5 23-6 23-14 service rating mmm m i number of contacts 100 85 5 6 14 contact size 22m 22 8 twinax 8 twinax 12 note: ms connector 21-75 is supplied with four size 8 twinax contacts. proprietary connector 21-75 is supplied with four size 8 coax contacts. ms connector 21-79 has provision for two size 8 coax contacts. coax contacts are not supplied unless specified by customer. contact legend 8 10 12 16 20 22 22m 22d

insert arrangements (see note)
10 black arrangements ? jt or ljt green arrangements ? jt only blue arrangements ? ljt only front face of pin inserts illustrated insert arrangement (jt) 22-21 22-32 22-35 insert arrangement (ljt) 23-21 23-32 23-34 23-35 service rating ii i i m number of contacts 21 32 34 100 contact size 16 20 20 22d insert arrangement (jt) 22-53 22-55 insert arrangement (ljt) 23-36 23-53 23-55 23-97 service ratingiiiii number of contacts36535516 contact size 20 20 20 16 insert arrangement (jt) 24-1 24-2 24-4 insert arrangement (ljt) 23-99 25-1 25-2 25-4 service rating ii m m i number of contacts 11 128 100 48 8 contact size 16 22m 22 20 16 contact legend 8 10 12 16 20 22 22m 22d

insert arrangements
11 black arrangements ? jt or ljt green arrangements ? jt only blue arrangements ? ljt only front face of pin inserts illustrated insert arrangement (jt) 24-19 insert arrangement (ljt) 25-7 25-11 25-19 25-20 service rating m n i n number of contacts 97 2 2 9 19 10 13 3 4 contact size 22d 8 twinax 20 10 12 20 16 8 twinax 12 coax insert arrangement (jt) 24-24 24-29 24-35 24-37 insert arrangement (ljt) 25-24 25-29 25-35 25-37 service rating i i m i number of contacts 12 12 29 128 37 contact size 16 12 16 22d 16 insert arrangement (jt) 24-43 24-61 insert arrangement (ljt) 25-43 25-46 25-61 service ratingiii number of contacts 23 20 40 4 2 61 contact size 20 16 20 16 8 coax? 20 ? coax contacts for rg180 or rg195 cable. contact legend 8 10 12 16 20 22 22m 22d

insert arrangements (locations u and y - dedicated to fiber optics)
28    
 !"  #  for ms stamping identification, accessories must be ordered by ms part number. if ordered by 10-part number, they will be stamped with said number. *to complete order number, add shell size and suffix number. for example: shell size 10 with cadmium plate, nickel base would be10-405982-107 or m85049/49-2-10w finish 10-number suffix ms27506 suffix m85049/49 suffix chromate treat -xx0 na anodic coating -xx5 cxx-2 (-2-xxa) cadmium plate nickel base -xx7 axx-2 na olive drab, cadmium, nickel base -xx9 bxx-2 (-2-xxw) electroless nickel -xxg fxx-2 (-2-xxn)

? accessories strain relief (crimp type) all dimensions for reference only. note: for solder type cable clamp 10-241055-xxx (m85049/49) consult amphenol, sidney, ny. for other m85049 accessories available from amphenol aerospace, see page 46. shell size b dia +.010 ?.025 g max. l max y thread (modified) bb dia. +.000 ?.011 screw size size class 2b modified minor dia. 8 .125 .775 .984 .4375-28unef .399 - .405 .250 6-32unc 10 .188 .837 .984 .5625-24unef .524 - .529 .312 6-32unc 12 .312 .963 .984 .6875-24unef .649 - .654 .438 6-32unc 14 .375 1.087 1.234 .8125-20unef .766 - .771 .562 6-32unc 16 .500 1.150 1.234 .9375-20unef .891 - .896 .625 6-32unc 18 .625 1.400 1.234 1.0625-18unef 1.002 - 1.007 .750 8-32unc 20 .625 1.400 1.234 1.1875-18unef 1.135 - 1.140 .750 8-32unc 22 .750 1.587 1.359 1.3125-18unef 1.252 - 1.257 .938 8-32unc 24 .800 1.681 1.281 1.4375-18unef 1.377 - 1.382 1.000 8-32unc
38     
     
 all dimensions for reference only. shell size b dia. ref. d dia. max. m .250 n dia. +.001 ?.005 9 .180 .812 3.000 .572 11 .180 .938 3.000 .700 13 .180 1.062 3.500 .850 15 .180 1.188 3.500 .975 17 .180 1.312 3.500 1.100 19 .209 1.438 3.500 1.207 21 .209 1.562 4.000 1.332 23 .209 1.688 4.000 1.457 25 .209 1.812 4.000 1.582 finish 10- number suffix ms number suffix with chain ms number suffix without chain chromate treat -xx0 anodic coating -xx5 cadmium plate nickel base -xx7 axxc axx olive drab, cadmium, nickel base -xx9 bxxc bxx electroless nickel -xxg fxxc fxx
? !""##$%# plug protection cap * to complete order number, add shell size and suffix number. for example, shell size 11 with cadmium plate, nickel base would be 10-421399-117, ms27501a11c or ms20048a11.
45 partial listing. if you do not see the contact for your application, consult amphenol, sidney, ny. thermocouple contacts contact size material jt/ljt pins jt sockets ljt sockets 20 chromel 10-407862-310 10-407863-310 10-407236-310 alumel 10-407862-320 10-407863-320 10-407865-320 iron 10-407862-335 10-407863-335 10-407865-335 constantan 10-407862-342 10-407863-342 10-407865-342

? thermocouple contacts, plastic protection caps, sealing plugs plastic protection caps jt ljt plug receptacle 8 10-70500-10 10-70506-10s 9 10-70506-14 10-70500-10 10 10-70506-14 10-70506-12 11 10-70506-16 10-70500-12 12 10-70506-16 10-70506-14 13 10-70506-18 10-70500-14 14 10-70506-18 10-70506-16 15 10-70506-20 10-70500-16 16 10-70506-20 10-70506-18 17 10-70506-22 10-70500-18 18 10-70506-22 10-70506-20 19 10-70506-24 10-70500-20 20 10-70506-24 10-70506-22 21 10-70576-24 10-70500-22 22 10-70576-24 10-70506-24 23 10-70506-28 10-70500-24 24 10-70506-28 10-70576-24 25 10-558651-25 10-70506-28 sealing plugs contact size sealing plugs proprietary no. ms no. 8 (coax) 10-482099-8 ms27488-8 8 (twinax) t3-4008-59p n/a 10 (power) 10-576225 n/a 12 10-405996-12 ms27488-12 16 10-405996-16 ms27488-16 20 10-405996-20 ms27488-20 22 10-405996-22 ms27488-22 22m 10-405996-22 ms27488-22 22d 10-405996-22 ms27488-22
46 mil-c-85049 accessories

? accessories m85049 strain reliefs, adapters, backshells, ?abk? heat shrinkable backshells ?abk? heat shrinkable backshells mil-c-85049 accessories now available through amphenol are:  strain reliefs (self-locking, nonself-locking, clamps & tie mounts)  shrink boat adapters (environmental and non-environmental)  backshells (environmental and non-environmental) part numbers covered are: m85049/14, /15, /16, /17, /18, /19, /20, /21, /27, /33, /36, /37, /38, /39, /47, /49-2, /57, /62, /63, /69. consult amphenol aerospace, sidney, ny for further information. ?abk? heat shrinkable backshells ? one part cable termination for mil-c-38999 series i, ii, iii & iv benefits of ?abk? assemblies are:  one piece part  quick and easy installation  one part covers wide cable range  lightweight  stainless and aluminum adapters  f, w and c class finishes  shielded and unshielded  straight, 45 and 90 configurations  various material, i.e. lfh, fluid resistant  operating temp. range ? 55c to +150c  repairable amphenol ?abk? heat shrinkable backshell kits are one-part assemblies for terminating mil-c-38999 series i, ii, iii & iv con- nectors to either shielded or unshielded cables. constructed using spin coupling adapters and heat-shrinkable molded parts, the kit comprises components already well proven in harsh military envi- ronments. installation is simply effected by coupling the adapter to the con- nector and shrinking the rear of the molded part onto the cable with a hot air gun. the molded part has a hot melt adhesive pre- installed to provide a bond between the cable jacket and the molded part. when used in conjunction with shielded cables, the assembly provides electrical continuity between the cable shield and the connector with rayaten tm molded parts which provide screening levels better than 90 db at 100 mhz. for more information on ?abk? backshells, including how to order and cable ranges, consult amphenol aerospace, sidney, ny.
47 the following data includes information pertaining to the application tools which have been established for crimping, inserting, and removing the size 12, 16, 20, 22, 22d and 22m contacts incorpo- rated in the jt-r, ljt-r and mil-c-38999 (ms) series connectors as applicable. all crimping tools included are the ?full cycling? type and when used as specified in the installation instructions (l-624 and l-844 cover- ing the jt-r, ljt-r and ms series connectors will provide reliable crimped wire to contact terminations. there is a possibility of addi- tional crimping tools other than those included being available at present or in the future for this specific application. for additional information on coaxial contacts, consult amphenol ? catalog section 12-130.

application tools contact size/type crimping to o l turret die or positioner 12 pin and socket m22520/1-01 m22520/1-04 16 pin and socket m22520/1-01 m22520/7-01 m22520/1-04 m22520/7-04 20 pin and socket m22520/1-01 m22520/2-01 m22520/7-01 m22520/1-04 m22520/2-10 m22520/7-08 22, 22d, 22m pin m22520/2-01 m22520/7-01 m22520/2-09 m22520/7-07 22, 22d, 22m socket (ljt-r) m22520/2-01 m22520/7-01 m22520/2-07 m22520/7-05 22d socket (jt-r) m22520/2-01 m22520/7-01 m22520/2-06 m22520/7-06 8 twinax center pin and socket m22520/2-01 m22520/2-37 8 twinax intermediate outer pin & socket m22520/5-01 m22520/5-200 where 2 or 3 tools are listed for a contact size, only one tool and its die or positioner are required to crimp the contact. th e above crimping tools and positioners are available from the approved tool manufacturer. contact size/type crimping to o l tu r r e t d ie or positioner 8 coaxial inner pin and socket m22520/2-01 m22520/2-31 8 coaxial outer pin and socket m22520/5-01 m22520/5-05 die closure b m22520/5-01 m22520/5-41 die closure b m22520/10-01 m22520/10-07 die closure b 16 coaxial inner pin and socket m22520/2-01 m22520/2-35 16 coaxial outer pin and socket m22520/4-01 m22520/4-02 12 coaxial inner pin and socket m22520/2-01 m22520/2-34 12 coaxial outer pin and socket m22520/31-01 m22520/31-02 10 (power) ?? ?? insertion tools use with contact size plastic tools metal tools part number color code angle type straight type proprietary part number color code ms part number proprietary part number 10 (power) m81969/14-05* gray/white m81969/8-11 ? ? green 12 m81969/14-04* yellow/(white) m81969/8-09 11-8674-12 11-8794-12 yellow 16 m81969/14-03* blue/(white) m81969/8-07 11-8674-16 11-8794-16 blue 20 m81969/14-10* red/(orange) m81969/8-05 11-8674-20 11-8794-20 red 22 m81969/14-09 brown/(white) m81969/8-03 11-8674-22 11-8794-22 brown 22d, 22m m81969/14-01* green/(white) m81969/8-01 11-8674-24 11-8794-24 black 8 coaxial none required 8 twinax none m81969/46-06** none red removal tools use with contact size plastic tools metal tools part number color code for unwired contacts proprietary part number angle type straight type proprietary part number color code ms part number proprietary part number 10 (power) m81969/14-05* (green)/white ? m81969/8-12 ? ? green/white 12 m81969/14-04* (yellow)/white 11-10050-11 m81969/8-10 11-8675-12 11-8795-12 yellow/white 16 m81969/14-03* (blue)/white 11-10050-10 m81969/8-08 11-8675-16 11-8795-16 blue/white 20 m81969/14-10* (red)/orange 11-10050-9 m81969/8-06 11-8675-20 11-8795-20 red/white 22 m81969/14-09* (brown)/white 11-10050-8 m81969/8-04 11-8675-22 11-8795-22 brown/white 22d, 22m m81969/14-01* (green)/white 11-10050-7 m81969/8-02 11-8675-24 11-8795-24 black/white 8 coaxial m81969/14-12 green none none 11-9170 drk264-8?? n/a 8 twinax m81969/14-12 green none m81969/46-12** 11-9170 n/a n/a crimping tools the m81969/8, 11-8674, 11-8675, and 11-8794 metal contact insertion and removal tools will accommodate wires having the maximum outside diameter as follows: contact size 12? .155, 16? .109, 20? .077, 22, 22d, 22m? .050. when wire diame- ters exceed those specified, the plastic tools must be used. * double ended insertion/removal tool. ** twinax insertion and removal tools are available only in a straight type, metal version. ? to be determined ?? contact daniels manufacturing co. for availability.
49 proprietary part number to more easily illustrate ordering procedure, part number jt00re-22-2pa( ) is shown as follows: part number jt 00 re - 22 - 2 p a ( ) 12 345 678/9 see code below: 1. connector type: jt designates standard junior tri-lock connector ljt designates long junior tri-lock connector ljts jts designates high temperature connector ljtn jtn designates chemical and fuel resistant jtl designates miniature mounting dimensions jtln designates miniature mounting dimensions - chemical resistant jtls designates miniature mounting dimensions - high temperature ljtpq jtpq designates back panel mounted wall mounting receptacle ljtp jtp designates back panel mounted box mounting receptacle ljtpn jtpn designates back panel mounted - chemical resistant ljtps jtps designates back panel mounted - high temperature jtg designates plug with grounding fingers* jtng designates plug with grounding fingers* - chemical resistant 2. shell style: 00 designates wall mount receptacle 01 designates line mount receptacle 02 designates box mount receptacle 06 designates straight plug 07 designates jam nut receptacle 08 designates 90 degree plug i designates solder mount receptacle - hermetic 3. service class: solder contacts/connectors: ?p? for potting applications - these connectors are supplied with a potting boot. ? all shells are designed with integral features to retain potting boots. ?a? for general duty applications. ?a (sr)? - threaded rear design with strain relief. ? ?c? for pressurized applications. ?c? (sr)? - threaded rear design with strain relief. ? ?h? for hermetic applications - fused compression glass sealed inserts. leakage rate less than .01 micron cu. ft./hr. (1 x 10 -7 cc/sec.) at 15 psi differential. ?y? same as ?h? with interfacial seal. ?t? for ms27599a applications - general duty, pressurized (receptacles only) 3. service class: crimp contacts/connectors: ?rp? for potting crimp applications. supplied with spacer grom- met and potting boot. ? ?re? for environmental crimp applications. supplied with a grommet and compression nut. ? can be supplied with strain relief integral with compression nut ?re (sr)?. (jt series only). ?rgf?** electroless nickel plated ground plane aluminum, 200c ?rgw?** olive drab cadmium plated ground plane aluminum, 175c ?rt? for environmental applications. supplied without rear accessories. design provides serrations on rear threads of shells. for additional information defining description of service class, consult amphenol, sidney, ny. 4. shell size: jt shell sizes available from 8 through 24. ljt shell sizes available from 9 through 25. 5. insert arrangement: 22-2 designates insert arrangement. refer to pages 4-9 for insert availability. 6. contact style: p designates pin contacts; s designates socket contacts. 7. alternate keying: ?a? designates alternate keying connector assembly. other basic alternate keys are ?b?, ?c? and ?d?. no letter required for normal (no rotation) position. see pages 4 and 5. 8. strain relief option: ?sr? designates a strain relief clamp. strain reliefs are available only on ?a?, ?c? and ?re? class connectors. 9. finish variation suffix: see finish variations available in table below: finish military finish data finish suffix finish plus ?sr? suffix cadmium plated nickel base a (sr) olive drab cadmium plate nickel base b (014) (386) electroless nickel f (023) (424) electroless nickel, space compatible (453) (467) anodic coating (alumilite) c (005) (300) chromate treated (iridite 14-2) (011) (344) military types ms27473 e 14 a 18 p a ms number service class shell size finish insert arrangement contact style (p or s) alternate keying (no letter required for normal position) military service class e environmental, same as re t environmental, same as rt p potting, same as rp y hermetically sealed, same as y for finish variations see above chart. for additional data, see page 3. for ms depictions and dimensional data see applicable mil-spec. (mil-dtl-38999, mil-c-27599).

how to order * grounding fingers standard on all ljt plugs ? not applicable to box mounting style or ljt series i. ** for more information on coax/triax/twinax ground plane connectors, see page 51. amphenol vendor identification/fscm 77820


▲Up To Search▲   

 
Price & Availability of LJT06RT-23-55PA155

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X