Part Number Hot Search : 
DAC08CN G0838 1001S 160250 DNA100 3502M MMAD1103 MC30A
Product Description
Full Text Search
 

To Download KPB-3025SRSGC-PRV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsaa5582 rev no: v.6 date:mar/23/2005 page: 1 of 4 approved: j. lu checked: allen liu drawn: j.f.wang features  3.0mmx2.5mm smt led, 1.1mm thickness.  bi - color,low power consumption.  wide viewing angle.  ideal for backlight and indicator.  various colors and lens types available.  package : 2000pcs / reel. package dimension s notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0 .2(0.008") unless otherwise noted. 3. specifications are subject to change without notice. 3.0x2.5mm surface mount led lamp kpb - 3025srsgc - prv super bright red super bright green description the super bright red source color devices are made with gallium aluminum arsenide red light emitting diode. the super bright green source color devices are made with gallium phosphide green light emitting diode.
spec no: dsaa5582 rev no: v.6 date:mar/23/2005 page: 2 of 4 approved: j. lu checked: allen liu drawn: j.f.wang selection guid e part no. dice lens type iv (mcd) @ 20ma viewing angle min. typ. 2 1/2 kpb - 3025srsgc - prv super bright red (gaalas) 36 100 120 super bright green (gap) 4 12 water clear note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c note: 1. 1/10 duty cycle, 0.1ms pulse width. symbol parameter device typ. max. test conditions units peak peak wavelength super bright red super bright green 660 565 nm i f =20ma d dominant wavelength super bright red super bright green 640 568 nm i f =20ma ? 1/2 spectral line half - width super bright red super bright green 20 30 nm i f =20ma c capacitance super bright red super bright green 45 15 pf v f =0v;f=1mhz v f forward voltage super bright red super bright green 1.85 2.2 2.5 2.5 v i f =20ma i r reverse current all 10 ua v r = 5v parameter super bright red super bright green units power dissipation 100 105 mw dc forward current 30 25 ma peak forward current [1] 155 140 ma reverse voltage 5 5 v operating / storage temperature - 40c to +85c
spec no: dsaa5582 rev no: v.6 date:mar/23/2005 page: 3 of 4 approved: j. lu checked: allen liu drawn: j.f.wang super bright red /super bright green kpb - 3025srsgc - prv
spec no: dsaa5582 rev no: v.6 date:mar/23/2005 page: 4 of 4 approved: j. lu checked: allen liu drawn: j.f.wang recommended soldering pattern (units : mm ) tape specifications (units : mm ) kpb - 3025srsgc - prv smt reflow soldering instruction s number of reflow process shall be 2 times or less and cooling process to normal temperature is required between first and second soldering process . remarks: if special sorting is required (e.g. binning based on forward voltage,luminous intensity, or wavelength), the typical accuracy of the sorting process is as follows: 1. wavelength: +/ - 1nm 2. luminous intensity: +/ - 15% 3. forward voltage: +/ - 0.1v note: accuracy may depend on the sorting parameters.


▲Up To Search▲   

 
Price & Availability of KPB-3025SRSGC-PRV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X