Part Number Hot Search : 
STD670S TIC106E 00190 LVC14A SR360 T1011MJ BAR66 A1034
Product Description
Full Text Search
 

To Download KPA-1606SYCK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsac0356 rev no: v.11 date: dec/16/2010 page: 1 of 5 approved: wynec checked: allen liu drawn: y.h.wu e rp: 1203003798 1.6x0.6mm right angle smd chip led lamp part number: KPA-1606SYCK super bright yellow features z 1.6mmx0.6mm right angle smt led,1.2mm thickness. z low power consumption. z wide viewing angle. z ideal for backlight and indicator. z various colors and lens types available. z package :2000pcs / reel. z moisture sensitivity level : level 3. z rohs compliant. description the super bright yellow device is made with algainp (on gaas substrate) light emitting diode chip. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.1(0.004") unless otherwise noted. 3. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice . 4. the device has a single mounting surface. the devi ce must be mounted according to the specifications.
spec no: dsac0356 rev no: v.11 date: dec/16/2010 page: 2 of 5 approved: wynec checked: allen liu drawn: y.h.wu e rp: 1203003798 selection guide notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. note: 1. 1/10 duty cycle, 0.1ms pulse width. part no. dice lens type v iewing angle [1] min. typ. 2 1/2 KPA-1606SYCK super bright yellow (algainp) water clear 80 150 110 iv (mcd) [2] @ 20ma symbol parameter device typ. max. units test conditions peak peak wavelength super bright yellow 590 nm i f =20ma d [1] dominant wavelength super bright yellow 590 nm i f =20ma ? 1/2 spectral line half-width super bright yellow 20 nm i f =20ma c capacitance super bright yellow 20 pf v f =0v;f=1mhz v f [2] forward voltage super bright yellow 2 2.5 v i f =20ma i r reverse current super bright yellow 10 ua v r =5v parameter super bright yellow units power dissipation 75 mw dc forward current 30 ma peak forward current [1] 175 ma reverse voltage 5 v operating temperature -40c to +85c storage temperature -40c to +85c
spec no: dsac0356 rev no: v.11 date: dec/16/2010 page: 3 of 5 approved: wynec checked: allen liu drawn: y.h.wu e rp: 1203003798 super bright yellow KPA-1606SYCK
spec no: dsac0356 rev no: v.11 date: dec/16/2010 page: 4 of 5 approved: wynec checked: allen liu drawn: y.h.wu e rp: 1203003798 KPA-1606SYCK reflow soldering is recommended and the soldering profile is shown below. other soldering methods are not recommended as they might cause damage to the product. recommended soldering pattern (units : mm; tolerance: 0.1) reel dimension tape dimensions (units : mm)
spec no: dsac0356 rev no: v.11 date: dec/16/2010 page: 5 of 5 approved: wynec checked: allen liu drawn: y.h.wu e rp: 1203003798 packing & label specifications KPA-1606SYCK


▲Up To Search▲   

 
Price & Availability of KPA-1606SYCK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X