Part Number Hot Search : 
PD25012 SR860 5233B MMSZ52 1N5819TR 120EI PAC1000 HIP4082
Product Description
Full Text Search
 

To Download JPD104N-H23C-4F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subject to change, please call your ne arest foxconn sales representative for update information . specifications dc power jack connector jp d series, r/ a through hole type 3 pins mechanical durability: 5,000 c ycles . insertion / withdrawal force: 0.4 kg - 3.0 kg . electrical voltage ra t ing: 12 v dc current rating: 7 a contact resistance: 30 m ew max. initial dielectrical withstanding voltage: 25 0 v insulation resistance: 100m ew min. physical housing: htn , ul 94 - 0, black contact: c opper alloy plating: see ordering information {, !` s@ drawing ordering i nf or m ati on center contact plating: t=ag plating n=ni plating product no.: j p d * 0 * * - h * * c - * * terminator type: 0=straight through hole 1=r/a through hole 3=straight smt lead free code: n=none f=lead free package type: 4=tray no. of contact: 3=3 pin 4=4 pin current rate: 1=1a max 2=2a max. 3=3a max 4=4a max 5=5a max 6=6a max 7=7a max 8=8a max center pin od (mm): 3=2.5mm


▲Up To Search▲   

 
Price & Availability of JPD104N-H23C-4F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X