Part Number Hot Search : 
00850 1766136 C122F1 TD112 00090 ADXRS623 MMBT5 NTE2976
Product Description
Full Text Search
 

To Download IPR1PAD71104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  b-26 apem www.apem.com ip series latching action pushbutton switches for harsh environments distinctive features and specifications b ? latching action actuator remains in the low position when ?n? ? illuminated and non-illuminated ? compact behind-panel depth less than 20 mm (.787) ? v ariety of terminal options ? sealed to ip 67 environmental specifications ?degree of protection : ip 67 ?shock resistance : 100 g according to iec 512-4, test 6c ?vibration resistance : 10-500hz - 10 g according to iec 512-4, test 6d ?salt spray : iec 512-6, test 11f ?robustness (non-illuminated sw.) : ik06 according to en 50102 (1 joule) ?operating temperature : -40? to +85? electrical and general specifications ?max. current/voltage rating with resistive load : 100ma 24vdc - life expectancy 200 000 cycles 2a 125vac - life expectancy 10 000 cycles (tested according to ul 1054) ?initial contact resistance : 50 m ? max. ?insulation resistance : 1 g ? min. at 500vdc ?dielectric strength : 1.500 vac rms between terminals 1.000 vac rms between terminals and frame ? panel thickness : 1,5 mm (.059) min. - 5,5 mm (.217) max. ?total travel : 2,5 mm (.098) ?operating force : 5,5 n +/- 1n ?contact bounce : 10 ms ?torque : 1,5 nm applied to nut ?soldering : 320? max. for 3 seconds materials ?case : pa-6t, ul 94-v0 ?plunger : polyamide 6/6 ?bushing/bezel : zinc die-cast (zamak), black painted ?contacts : silver, gold plated ?multi-wire lead awg20, section 0,6 mm 2 , ul approved ?led wire : awg26 ?lens : polycarbonate ?terminal seal : epoxy led component specifications led colour forward current super red (l0s) 20ma 20ma 10ma 10ma forward voltage 2v 2v 2v 3,5v max. lumin. intensity 180 mcd 280 mcd 28 mcd 22 mcd y ellow (l0y) green (l0g) blue (l0b) a resistor must be series-connected by the user. resistor value = supply voltage - led for war d voltage led forward current
apem www.apem.com b-27 ip series latching action pushbutton switches for harsh environments overview b ip bezel shape c square r round te r minals s solder lug f wire leads z1 quick-connect p straight pc electrical function 1 off - on plunger colour 1 blue 1/4 dark blue 2 black 3 green 5 y ellow 6 red 7/1 white 8 chrome plated 9 orange contacts ad silver, gold plated led colour blank non-illum. l0s red l0y y ellow l0g green l0b blue about this series on the following pages, you will find successively : model structure of switches and options in the same order as in above chart dimensions : first dimensions are in mm while inches are shown as bracketted numbers. a sealing boot is available to protect the switches against frost and sand (p/n u5125). it is presented at the end of the ip series and in section h. mounting accessories : standard hardware supplied : 1 hex nut 14 mm (.551) across flats and 1 o-ring. packaging unit : 25 pieces notice : please note that not all combinations of above numbers are available. refer to the following pages for further information. series
b-28 apem www.apem.com ip series latching action pushbutton switches for harsh environments square or round - illuminated b model structure ?four led colours ?tin plated led terminals square models ?2.00x0.75si 500 10 (19.68 .393) 1.50 min (.059 min) (.472diax0.75is) (.322) 12.40 (.488) 8.20 7.00 (.275) 12.00 (.472sq) (.224) 5.70 17.50 (.688sq) (.555) 14.10 epoxy ? flat solder lug terminals ipc1sad off - on wire lead terminals ipc1fad off - on round models 500 10 (19.68 .393) 1.50 min (.059 min) (.322) 12.40 (.488) 8.20 7.00 (.275) ?2.00 (.472dia) (.224) 5.70 ?7.50 (.688dia) epoxy (.472diax0.75is) ?2.00x0.75si 14.10 (.555) ? flat solder lug terminals ipr1sad off - on wire lead terminals ipr1fad off - on plunger colour 1 : blue - 1/4 : dark blue - 2 : black - 3 : green - 5 : yellow - 6 : red - 7/1 : white - 8 : chrome plated - 9 : orange led colour l0s : red - l0y : yellow - l0g : green - l0b : blue wire colours : black : contact, red : led anode(+), blue : led cathode(-) off on (.090) 2.30 (.125) 3.20 (.110) 2.80 1.40 (.055) (.094) 2.40 (.330) 8.40 (.110) 2.80 1.20 (.047) quick-connect z1 solder lug s (.039) 3.40 (.133) 1.00 straight p also available with straight pc : ipr1pad or quick-connect terminals : ipr1z1ad also available with straight pc : ipc1pad or quick-connect terminals : ipc1z1ad
apem www.apem.com b-29 ip series latching action pushbutton switches for harsh environments square or round - non-illuminated b model structure square models ?2.00x0.75si 500 10 (19.68 .393) 1.50 min (.059 min) (.472diax0.75is) (.322) 12.40 (.488) 8.20 7.00 (.275) 12.00 (.472sq) (.224) 5.70 17.50 (.688sq) epoxy (.555) 14.10 ? flat solder lug terminals ipc1sad off - on wire lead terminals ipc1fad off - on round models ?12.00x0.75si 500 10 (19.68 .393) 1.50 min (.059 min) (.472diax0.75is) (.322) 12.40 (.488) 8.20 7.00 (.275) 12.00 (.472dia) (.224) 5.70 17.50 (.688dia) (.555) 14.10 epoxy ? flat solder lug terminals ipr1sad off - on wire lead terminals ipr1fad off - on plunger colour 1 : blue - 1/4 : dark blue - 2 : black - 3 : green 5 : yellow - 6 : red - 7/1 : white 8 : chrome plated - 9 : orange mounting panel cut-out matrix mounting back of panel space requirement 13.60 (.535dia) 12.90 (.507) (.531dia) ?13.50 1 1.50min-5.50max (.059 min-.216max) 20.00 (.787) 20.00 (.787) (.787) 20.00 (.751) 19.10 option 104 : high plunger (round only) 12.00 (.472dia) (.185) 4.70 also available with straight pc : ipc1pad or quick-connect terminals : ipc1z1ad also available with straight pc : ipr1pad or quick-connect terminals : ipr1z1ad


▲Up To Search▲   

 
Price & Availability of IPR1PAD71104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X