Part Number Hot Search : 
1418O12 D2410 XT0009 2SK356 U2JC44 2SK3074 AR1A3M 32M10
Product Description
Full Text Search
 

To Download IP5-04-050-L-S-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.samtec.com ij5?04?05.0?l?s?1?gp ip5?08?05.0?l?s?1 ij5?08?05.0?l?s?1?gp ij5 05.0 plating f-209-1 guide post ?01, ?02, ?04, ?08 mates with: ip5 row option tail ?gp = guide post ?l = 10" (0,25m) gold ip5 plating ?01, ?02, ?04, ?08 mates with: ij5 row option option tail ?s = single row ?d = double row (not available with ?01) ?1 = (1,57mm) .062" board thickness ?l = cable latch (single row only) ?l = 10" (0,25m) gold (5,74) .226 (9,73) .383 (6,05) .238 (6,50) .256 (2,03) .080 (4,00) .1575 a (4,00) .158 ?1 = (1,57mm) .062" board thickness ?s = single row ?d = double row (not available with ?01) 05.0 ?s (?gp) ?d a (5,55) .219 (9,55) .376 (17,55) .691 (33,55) 1.321 no. of jacks ?01 ?02 ?04 ?08 a (8,33) .328 (12,32) .485 (20,32) .800 (36,32) 1.430 no. of plugs ?01 ?02 ?04 ?08 for complete speci cations and recommended pcb layouts see www.samtec.com?ij5 or www.samtec.com?ip5 shell material: copper alloy insulator material: black lcp contact material: copper alloy pin material: brass dielectric material: black lcp plating: au over 50? (1,27?) ni operating temp range: -40? to +90? insulation resistance: testing now! contact resistance: center: testing now! outer: testing now! impedance: testing now! dielectric withstanding voltage: testing now! dielectric working voltage: testing now! frequency range: testing now! rohs compliant: ye s processing: lead-free solderable: ye s application 10mm ij5 ip5 a (8,53) .336 (12,52) .493 (1,52) .060 (1,52) .060 (9,09) .358 (4,00) .1575 (4,00) .158 ?s ?d other stack heights and pcb thicknesses available. call samtec. specifications also available also available for cable see ij5c series. 75 system. see ij7/ip7 series specifications tm jacks per row plugs per row 50 isorate ? jack & plug ij5, ip5 series


▲Up To Search▲   

 
Price & Availability of IP5-04-050-L-S-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X