Part Number Hot Search : 
2SDA1 TIP147F BL8558 AN6876 GRM033R AD5025 DC1253 1067183
Product Description
Full Text Search
 

To Download HV732ATTPD1304F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  resistors technology of tomorrow 11 revision: 1 6 . ma y 200 6 europe gmbh ?kaddenbusch 6 ?d-25578 d?geling / itzehoe ?phone: +49 (0) 48 21/89 89-0 ?fax: +49 (0) 48 21/89 89 89 ?internet: www.koaeurope.de specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. resistors 0805 hv73 2a 100 0.125 w 400 v 800 v (dc) 100 k ?1 m 100 k ?10 m 100 k ?10 m 100 k ?10 m 200 1 1 m ?51 m 1206 hv73 2b 100 0.25 w 500 v 1000 v (dc) 100 k ?1 m 100 k ?10 m 100 k ?10 m 100 k ?10 m 200 1 1 m ?51 m 2010 hv73 2h 100 ** * * 0.5 w 2000 v (dc) 3000 v (dc) 100 k ?1 m 100 k ?10 m 100 k ?10 m 100 k ?10 m 200 1 1 m ?51 m hv73 1j none hv73 2a, 2b, 2h black white, 3 digits features superior to rk73-series in maximum working voltage higher critical r-value than standard rk73-series ruo 2 thick film resistor element anti-leaching nickel barrier terminations excellent heat resistance and moisture resistance are ensured by the use of metal glaze thick film ideal for use in av adapters, lcd back-light, camera strobe, electronic lighting ballast etc. rated ambient temperature: +70? operating temperature range: -55??155? meets or exceeds iec 60115-8, jis c 5201-8, eiaj rc-2134a suitable for reflow and wave soldering structure identification 1 ceramic substrate 2 top termination (ag pd) 3 bottom termination (ag) 4 resistive layer 5 glass layer 6 trimming cut 7 protective layer 8 end termination 9 diffusion barrier (ni) 10 solder plating dimensions (mm) rating 0603 hv73 1j 1.6 0 .8 0.1 0.3 0.1 0.3 0.1 0.45 0805 hv73 2a 2.0 1.25 0.1 0.4 0.2 0.3 0.5 1206 hv73 2b 3.2 1.6 0.2 0.5 0. 3 0.4 0.6 2010 hv73 2h 5.0 2.5 0.2 0.5 0.3 size type l 0.2 w c d t 0.1 +0.2 ?.1 resistance range (e24) size type t.c.r. (ppm/k) power* rating max. working voltage max. overload voltage** d ( 0.5%) f ( 1%) g ( 2%) j ( 5%) type coating color marking flat chip thick film high voltage hv73 type designation (how to order) *please see ?ackaging hv73 2b style 1j: 0.1w 2a: 0.125w 2b: 0.25w 2h: 0.5w t aping* td: punch ed paper tape te: embossed plastic tape bk: bulk product code nominal resistance j, g: 3 digits d, f: 4 digits termination surface material t: sn td 1004 t f tolerance d: ?.5% f: ?% g: ?% j: ?% * for resistors operated at an ambient temperature of +70? or above, the power rating shall be derated in accordance with the above derating curve . ** max. overload voltage is specified by d.c. voltage. when using in a.c. voltage, the peak value of a.c. voltage shall not exceed the maximum overload voltage *** in the ohmic range between 1.1 m ?0 m the specified t.c.r. is ?00 ppm/k in the temperature range -55??25?. at temperatures +25+125? the t.c.r. is specified wi th ?00 ppm/k. **** max. working voltage of 2h-size is specified by d.c. voltage. derating curve ambient temperature (?) all these products have pb-free terminations and meet rohs requirements new +0.2 ?.1 0603 hv73 1j ?00*** 0.1 w 350 v 500 v (dc) 1 0 k ?10 m 10 k ?10 m 10 k ?10 m new new new


▲Up To Search▲   

 
Price & Availability of HV732ATTPD1304F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X