Part Number Hot Search : 
CLL4690 06N60 DMF09RF BU401 NCV4276 47M63V 3CD4C 1N5244B
Product Description
Full Text Search
 

To Download GPC127154K160B31TR24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rohs compliant evox rifa smd and dil film capacitors gpc ? double metallized polyethylene naphthalate (pen) smd ? a ccording to iec 60384-23 typical applic ations construction general d ata recommended soldering conditions high frequency coupling and decoupling and in general high speed applications requiring high du/dt, such as pulse operation in smps. film capacitor for surface mounting. double sided metallized polyethylene naphthalate (pen) as electrode. clear pen as dielectric. rugged box encapsulation in self-extinguishing material meeting the requirements of ul 94v-0. r efow soldering temperature measured on the top body surface of the component preheating temperature should be less than 170c. the time above 217c should be less than 50 s. the peak temperature must not exceed 250c. 63 100 160 250 400 630 1000 40 63 100 160 200 300 350 0.47C 0.47C 0.47C 0.47C 0.47C 0.47C 0.47C 1000 1000 680 470 220 150 68 in accordance with iec e6 series. iec e12 and other values on request. 20%, 10% standard; other tolerances on request. -55c to +125c +100c the rated voltage should be decreased with 1.25%/c from +100c to +125c and 1.5%/c from +125c to 175 c. 55/125/56 1.6 x u r , 60s minimum value between terminals measured at +20c c 0.33 f c > 0.33 f u r 100 v 10 000 m ? 5000 s u r > 100 v 30 000 m ? 10 000 s max values at +23c c 100 nf 100 nf < c 1f c > 1f 1 khz 0.6% 0.6% 0.6% 10 khz 1.0% 1.0% 1.2% 100 khz 2.0% 2.5% the capacitors can withstand an unlimited number of pulses with a du/dt according to article table. for voltages (u) lower than the rated voltage (u r ), the specifed du/dt can be multiplied by u r /u. rated voltage u r , vdc rated voltage u r , vac capacitance range, nf capacitance values capacitance tolerance category temperature range r ated temperature v oltage derating climatic category v oltage proof i nsulation resistance dissipation factor pulse rise time -50 -25 0 25 50 75 100 125 150 175 temperature c 14 12 10 8 6 4 2 0 -2 -4 ?c/c% -50 -25 0 25 50 75 100 125 150 175 temperature c 0.02 0.016 0.012 0.008 0.004 0 tan temperature ( c) 200 240 30 60 90 120 150 180 210 160 120 40 80 240 270 330300 0 280 0 time (s) 150 c 170 c 223 c max 250 c min. 30 s, max 50 s above 217 c t ypical capacitance vs temperature at 1 k hz t ypical dissipation factor vs temperature at 1 k hz b l h 0.5 0.5 components may be vertically mounted for decreased footprint. see page 20. ordering inform ation see article table and page 10 for options and article code construction. marking ? rated capacitance ? capacitance tolerance code ? rated voltage code ? capacitor type p for gpc ? manufacturing date code according to iec 60062 (year, month) see also page 18. 33 kemet smd and dil film capacitors
c apaci- s ize d imensions m ax tance code in mm 0.2 d u /dt f b h v /s a rticle code c apaci- s ize d imensions m ax tance code in mm 0.2 d u /dt f b h v /s a rticle code 100 vdc /63 vac c hi p l e n g th 10.2 mm c od e 4036 0.0068 a31 9.1 5.5 600 gpc10.2 682k100a31 tr16 0.010 a31 9.1 5.5 600 gpc10.2 103k100a31 tr16 0.015 a31 9.1 5.5 600 gpc10.2 153k100a31 tr16 0.022 a31 9.1 5.5 600 gpc10.2 223k100a31 tr16 0.027 a31 9.1 5.5 600 gpc10.2 273k100a31 tr16 0.033 a31 9.1 5.5 600 gpc10.2 333k100a31 tr16 0.047 a31 9.1 5.5 600 gpc10.2 473k100a31 tr16 0.068 a31 9.1 5.5 600 gpc10.2 683k100a31 tr16 0.10 a31 9.1 5.5 600 gpc10.2 104k100a31 tr16 0.15 a31 9.1 5.5 600 gpc10.2 154k100a31 tr16 c hi p l e n g th 12.7 mm c od e 5045 0.22 b31 11.5 6.5 400 gpc12.7 224k100b31 tr24 0.33 b31 11.5 6.5 400 gpc12.7 334k100b31 tr24 c hi p l e n g th 16.5 mm c od e 6560 0.47 c31 15.0 7.0 150 gpc16.5 474k100c31 tr24 0.68 c31 15.0 7.0 150 gpc16.5 684k100c31 tr24 1.0 c31 15.0 7.0 150 gpc16.5 105k100c31 tr24 160 vdc /100 vac c hi p l e n g th 7.3 mm c od e 2824 0.00047 k31 6.0 2.5 1000 gpc7.3 471k160k31 tr12 0.00068 k31 6.0 2.5 1000 gpc7.3 681k160k31 tr12 0.0010 k31 6.0 2.5 1000 gpc7.3 102k160k31 tr12 0.0015 k31 6.0 2.5 1000 gpc7.3 152k160k31 tr12 0.0022 k31 6.0 2.5 1000 gpc7.3 222k160k31 tr12 0.0033 k31 6.0 2.5 1000 gpc7.3 332k160k31 tr12 0.0047 k31 6.0 2.5 1000 gpc7.3 472k160k31 tr12 0.0068 k31 6.0 2.5 1000 gpc7.3 682k160k31 tr12 0.010 k33 6.0 3.0 1000 gpc7.3 103k160k33 tr12 0.015 k33 6.0 3.0 1000 gpc7.3 153k160k33 tr12 0.022 k35 6.0 3.5 1000 gpc7.3 223k160k35 tr12 0.033 k37 6.0 4.5 1000 gpc7.3 333k160k37 tr12 c hi p l e n g th 10.2 mm c od e 4036 0.0068 a31 9.1 5.5 800 gpc10.2 682k160a31 tr16 0.010 a31 9.1 5.5 800 gpc10.2 103k160a31 tr16 0.015 a31 9.1 5.5 800 gpc10.2 153k160a31 tr16 0.022 a31 9.1 5.5 800 gpc10.2 223k160a31 tr16 0.027 a31 9.1 5.5 800 gpc10.2 273k160a31 tr16 0.033 a31 9.1 5.5 800 gpc10.2 333k160a31 tr16 0.047 a31 9.1 5.5 800 gpc10.2 473k160a31 tr16 0.068 a31 9.1 5.5 800 gpc10.2 683k160a31 tr16 0.10 a31 9.1 5.5 800 gpc10.2 104k160a31 tr16 c hi p l e n g th 12.7 mm c od e 5045 0.15 b31 11.5 6.5 600 gpc12.7 154k160b31 tr24 0.22 b31 11.5 6.5 600 gpc12.7 224k160b31 tr24 c hi p l e n g th 16.5 mm c od e 6560 0.33 c31 15.0 7.0 250 gpc16.5 334k160c31 tr24 0.47 c31 15.0 7.0 250 gpc16.5 474k160c31 tr24 0.68 c31 15.0 7.0 250 gpc16.5 684k160c31 tr24 gp c a r t icle tab le 63 vdc /40 vac c hi p l e n g th 7.3 mm c od e 2824 0.00047 k31 6.0 2.5 400 gpc7.3 471k63k31 tr12 0.00068 k31 6.0 2.5 400 gpc7.3 681k63k31 tr12 0.0010 k31 6.0 2.5 400 gpc7.3 102k63k31 tr12 0.0015 k31 6.0 2.5 400 gpc7.3 152k63k31 tr12 0.0022 k31 6.0 2.5 400 gpc7.3 222k63k31 tr12 0.0033 k31 6.0 2.5 400 gpc7.3 332k63k31 tr12 0.0047 k31 6.0 2.5 400 gpc7.3 472k63k31 tr12 0.0068 k31 6.0 2.5 400 gpc7.3 682k63k31 tr12 0.010 k31 6.0 2.5 400 gpc7.3 103k63k31 tr12 0.015 k31 6.0 2.5 400 gpc7.3 153k63k31 tr12 0.022 k31 6.0 2.5 400 gpc7.3 223k63k31 tr12 0.033 k33 6.0 3.0 400 gpc7.3 333k63k33 tr12 0.047 k33 6.0 3.0 400 gpc7.3 473k63k33 tr12 0.068 k35 6.0 3.5 400 gpc7.3 683k63k35 tr12 0.10 k37 6.0 4.5 400 gpc7.3 104k63k37 tr12 c hi p l e n g th 10.2 mm c od e 4036 0.0068 a31 9.1 5.5 300 gpc10.2 682k63a31 tr16 0.010 a31 9.1 5.5 300 gpc10.2 103k63a31 tr16 0.015 a31 9.1 5.5 300 gpc10.2 153k63a31 tr16 0.022 a31 9.1 5.5 300 gpc10.2 223k63a31 tr16 0.027 a31 9.1 5.5 300 gpc10.2 273k63a31 tr16 0.033 a31 9.1 5.5 300 gpc10.2 333k63a31 tr16 0.047 a31 9.1 5.5 300 gpc10.2 473k63a31 tr16 0.068 a31 9.1 5.5 300 gpc10.2 683k63a31 tr16 0.10 a31 9.1 5.5 300 gpc10.2 104k63a31 tr16 0.15 a31 9.1 5.5 300 gpc10.2 154k63a31 tr16 0.22 a31 9.1 5.5 300 gpc10.2 224k63a31 tr16 0.33 a31 9.1 5.5 300 gpc10.2 334k63a31 tr16 c hi p l e n g th 12.7 mm c od e 5045 0.47 b31 11.5 6.5 200 gpc12.7 474k63b31 tr24 c hi p l e n g th 16.5 mm c od e 6560 0.68 c31 15.0 7.0 100 gpc16.5 684k63c31 tr24 1.0 c31 15.0 7.0 100 gpc16.5 105k63c31 tr24 100 vdc /63 vac c hi p l e n g th 7.3 mm c od e 2824 0.00047 k31 6.0 2.5 800 gpc7.3 471k100k31 tr12 0.00068 k31 6.0 2.5 800 gpc7.3 681k100k31 tr12 0.0010 k31 6.0 2.5 800 gpc7.3 102k100k31 tr12 0.0015 k31 6.0 2.5 800 gpc7.3 152k100k31 tr12 0.0022 k31 6.0 2.5 800 gpc7.3 222k100k31 tr12 0.0033 k31 6.0 2.5 800 gpc7.3 332k100k31 tr12 0.0047 k31 6.0 2.5 800 gpc7.3 472k100k31 tr12 0.0068 k31 6.0 2.5 800 gpc7.3 682k100k31 tr12 0.010 k31 6.0 2.5 800 gpc7.3 103k100k31 tr12 0.015 k33 6.0 3.0 800 gpc7.3 153k100k33 tr12 0.022 k33 6.0 3.0 800 gpc7.3 223k100k33 tr12 0.033 k35 6.0 3.5 800 gpc7.3 333k100k35 tr12 0.047 k37 6.0 4.5 800 gpc7.3 473k100k37 tr12
evox rifa smd and dil film capacitors 3  capaci- size dimensions max tance code in mm 0.2 du/dt f b h v/s article code capaci- size dimensions max tance code in mm 0.2 du/dt f b h v/s article code gpc ar ticle table 400 vdc/200 vac chip length 16.5 mm code 6560 0.10 c31 15.0 7.0 450 gpc16.5 104k400c31 tr24 0.15 c31 15.0 7.0 450 gpc16.5 154k400c31 tr24 0.22 c31 15.0 7.0 450 gpc16.5 224k400c31 tr24 630 vdc/300 vac chip length 7.3 mm code 2824 0.00047 k31 6.0 2.5 2000 gpc7.3 471k630k31 tr12 0.00068 k31 6.0 2.5 2000 gpc7.3 681k630k31 tr12 0.0010 k31 6.0 2.5 2000 gpc7.3 102k630k31 tr12 0.0015 k31 6.0 2.5 2000 gpc7.3 152k630k31 tr12 0.0022 k33 6.0 3.0 2000 gpc7.3 222k630k33 tr12 0.0033 k33 6.0 3.0 2000 gpc7.3 332k630k33 tr12 0.0047 k35 6.0 3.5 2000 gpc7.3 472k630k35 tr12 0.0068 k37 6.0 4.5 2000 gpc7.3 682k630k37 tr12 chip length 10.2 mm code 4036 0.0068 a31 9.1 5.5 1600 gpc10.2 682k630a31 tr16 0.010 a31 9.1 5.5 1600 gpc10.2 103k630a31 tr16 0.015 a31 9.1 5.5 1600 gpc10.2 153k630a31 tr16 0.022 a31 9.1 5.5 1600 gpc10.2 223k630a31 tr16 chip length 12.7 mm code 5045 0.033 b31 11.5 6.5 1100 gpc12.7 333k630b31 tr24 0.047 b31 11.5 6.5 1100 gpc12.7 473k630b31 tr24 chip length 16.5 mm code 6560 0.068 c31 15.0 7.0 550 gpc16.5 683k630c31 tr24 0.10 c31 15.0 7.0 550 gpc16.5 104k630c31 tr24 1000 vdc/350 vac chip length 7.3 mm code 2824 0.00047 k31 6.0 2.5 2200 gpc7.3 471k1000k31 tr12 0.00068 k31 6.0 2.5 2200 gpc7.3 681k1000k31 tr12 0.0010 k31 6.0 2.5 2200 gpc7.3 102k1000k31 tr12 0.0015 k33 6.0 3.0 2200 gpc7.3 152k1000k33 tr12 0.0022 k33 6.0 3.0 2200 gpc7.3 222k1000k33 tr12 0.0033 k35 6.0 3.5 2200 gpc7.3 332k1000k35 tr12 0.0047 k37 6.0 4.5 2200 gpc7.3 472k1000k37 tr12 chip length 10.2 mm code 4036 0.0068 a31 9.1 5.5 1700 gpc10.2 682k1000a31 tr16 0.010 a31 9.1 5.5 1700 gpc10.2 103k1000a31 tr16 0.015 a31 9.1 5.5 1700 gpc10.2 153k1000a31 tr16 chip length 12.7 mm code 5045 0.022 b31 11.5 6.5 1200 gpc12.7 223k1000b31 tr24 0.033 b31 11.5 6.5 1200 gpc12.7 333k1000b31 tr24 chip length 16.5 mm code 6560 0.047 c31 15.0 7.0 600 gpc16.5 473k1000c31 tr24 0.068 c31 15.0 7.0 600 gpc16.5 683k1000c31 tr24 250 vdc/160 vac chip length 7.3 mm code 2824 0.00047 k31 6.0 2.5 1200 gpc7.3 471k250k31 tr12 0.00068 k31 6.0 2.5 1200 gpc7.3 681k250k31 tr12 0.0010 k31 6.0 2.5 1200 gpc7.3 102k250k31 tr12 0.0015 k31 6.0 2.5 1200 gpc7.3 152k250k31 tr12 0.0022 k31 6.0 2.5 1200 gpc7.3 222k250k31 tr12 0.0033 k31 6.0 2.5 1200 gpc7.3 332k250k31 tr12 0.0047 k31 6.0 2.5 1200 gpc7.3 472k250k31 tr12 0.0068 k33 6.0 3.0 1200 gpc7.3 682k250k33 tr12 0.010 k33 6.0 3.0 1200 gpc7.3 103k250k33 tr12 0.015 k35 6.0 3.5 1200 gpc7.3 153k250k35 tr12 0.022 k37 6.0 4.5 1200 gpc7.3 223k250k37 tr12 chip length 10.2 mm code 4036 0.0068 a31 9.1 5.5 1000 gpc10.2 682k250a31 tr16 0.010 a31 9.1 5.5 1000 gpc10.2 103k250a31 tr16 0.015 a31 9.1 5.5 1000 gpc10.2 153k250a31 tr16 0.022 a31 9.1 5.5 1000 gpc10.2 223k250a31 tr16 0.027 a31 9.1 5.5 1000 gpc10.2 273k250a31 tr16 0.033 a31 9.1 5.5 1000 gpc10.2 333k250a31 tr16 0.047 a31 9.1 5.5 1000 gpc10.2 473k250a31 tr16 0.068 a31 9.1 5.5 1000 gpc10.2 683k250a31 tr16 chip length 12.7 mm code 5045 0.10 b31 11.5 6.5 700 gpc12.7 104k250b31 tr24 0.15 b31 11.5 6.5 700 gpc12.7 154k250b31 tr24 chip length 16.5 mm code 6560 0.22 c31 15.0 7.0 350 gpc16.5 224k250c31 tr24 0.33 c31 15.0 7.0 350 gpc16.5 334k250c31 tr24 0.47 c31 15.0 7.0 350 gpc16.5 474k250c31 tr24 400 vdc/200 vac chip length 7.3 mm code 2824 0.00047 k31 6.0 2.5 1600 gpc7.3 471k400k31 tr12 0.00068 k31 6.0 2.5 1600 gpc7.3 681k400k31 tr12 0.0010 k31 6.0 2.5 1600 gpc7.3 102k400k31 tr12 0.0015 k31 6.0 2.5 1600 gpc7.3 152k400k31 tr12 0.0022 k31 6.0 2.5 1600 gpc7.3 222k400k31 tr12 0.0033 k31 6.0 2.5 1600 gpc7.3 332k400k31 tr12 0.0047 k33 6.0 3.0 1600 gpc7.3 472k400k33 tr12 0.0068 k35 6.0 3.5 1600 gpc7.3 682k400k35 tr12 0.010 k37 6.0 4.5 1600 gpc7.3 103k400k37 tr12 chip length 10.2 mm code 4036 0.0068 a31 9.1 5.5 1300 gpc10.2 682k400a31 tr16 0.010 a31 9.1 5.5 1300 gpc10.2 103k400a31 tr16 0.015 a31 9.1 5.5 1300 gpc10.2 153k400a31 tr16 0.022 a31 9.1 5.5 1300 gpc10.2 223k400a31 tr16 0.027 a31 9.1 5.5 1300 gpc10.2 273k400a31 tr16 chip length 12.7 mm code 5045 0.033 b31 11.5 6.5 900 gpc12.7 333k400b31 tr24 0.047 b31 11.5 6.5 900 gpc12.7 473k400b31 tr24 0.068 b31 11.5 6.5 900 gpc12.7 683k400b31 tr24 kemet smd and dil film capacitors


▲Up To Search▲   

 
Price & Availability of GPC127154K160B31TR24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X