Part Number Hot Search : 
BRUS340 05D101K 2SC1868 14012 NCP1654 2SC42 NDT2955 5R190
Product Description
Full Text Search
 

To Download EP1300HSETTPD-FREQ2-CL125TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  manufacturer category series package voltage class rev . date ecliptek corp. oscillator ep13 8 pin dip 3.3v os45 08/03 ep13 series ? epo? programmable oscillators  3.3v supply voltage  8 pin dip package  hcmos output  stability to 50ppm  custom lead length, gull wing options available oscillator ep13 800-ecliptek www.ecliptek.com for latest revision 70 specifications subject to change without notice. h 5.6 l 13.2 w 13.2 electrical specifications 1.000mhz to 106.250mhz -20c to 70c or -40c to 85c -55c to 125c 3.3v dc 0.3v dc 28ma maximum (unloaded) 16ma maximum (pin 1=ground) 20a maximum (pin 1=ground) 100ppm or 50ppm maximum v dd -0.4v dc minimum i oh =-8ma 0.4v dc maximum i ol =+8ma 4 nseconds maximum 50 10(%) (standard) 50 5(%) (optional) 30pf hcmos load maximum 15pf hcmos load maximum tri-state power down enables output disable output: high impedance disable output: logic low 5ppm / year maximum 10 mseconds maximum 250psec max, 100psec typical 125psec max, 75psec typical 50pseconds maximum 40pseconds maximum frequency range operating temperature range storage temperature range supply voltage (v dd ) input current disable current (ts option) standby current (pd option) frequency tolerance / stability output voltage logic high (v oh ) output voltage logic low (v ol ) rise time / fall time duty cycle load drive capability output control function output control function input voltage aging (at 25c) start up time period jitter: absolute period jitter: one sigma inclusive of all conditions: calibration tolerance at 25c, frequency stability over the operating temperature range, supply voltage change, output load change, first year aging at 25c, shock, and vibration w/hcmos load w/hcmos load 20% to 80% of waveform w/hcmos load at 50% of waveform w/hcmos load at 50% of waveform w/hcmos load (<50.000mhz only) <50.000mhz >50.000mhz t s pd v ih : no connection or >70% of v dd v il : (ts option) <20% of v dd v il : (pd option) <20% of v dd <33.000mhz >33.000mhz <33.000mhz >33.000mhz
ep13 00 hs et t ts - 24.000m - cl125 tr frequency tolerance / stability 00=100ppm maximum (standard) 45=50ppm maximum package hs=half size 8 pin dip operating temp. range blank=-20c to 70c or et=-40c to 85c duty cycle blank=50 10(%) (standard), t=50 5(%) packaging options blank=bulk (standard) tr=tape & reel (only offered with half size g and half size g2 options) available options blank=none (standard) clxxx=custom lead length (see page 133) g=half size gull wing (see page 132) g2=half size gull wing (see page 132) frequency output control function ts=tri-state, pd=power down part numbering guide manufacturer category series package voltage class rev . date ecliptek corp. oscillator ep13 8 pin dip 3.3v os45 08/03 mechanical dimensions all dimensions in millimeters tape and reel dimensions all dimensions in millimeters environmental/mechanical specifications line 1: ecliptek line 2: ep13 ts output control function pd = power down ts = tri-state enable high series designator line 3: xx.xxx m frequency in mhz (5 digits maximum + decimal) line 4: xx y zz week of year last digit of year ecliptek manufacturing identifier note: pin 1 shall be designated with a dot marking specifications 250 pieces per reel compliant to eia-481a pin 1 locator for gull wing (1) for ?g? option (2)for ?g2? option pin 1: tri-state or power down pin 4: ground/case ground pin 5: output pin 8: supply voltage 800-ecliptek www.ecliptek.com for latest revision 71 specifications subject to change without notice. characteristic specification fine leak test mil-std-883, method 1014, condition a gross leak test mil-std-883, method 1014, condition c mechanical shock mil-std-202, method 213, condition c vibration mil-std-883, method 2007, condition a lead integrity mil-std-883, method 2004 solderability mil-std-883, method 2002 temperature cycling mil-std-883, method 1010 resistance to soldering heat mil-std-883, method 210 resistance to solvents mil-std-883, method 215


▲Up To Search▲   

 
Price & Availability of EP1300HSETTPD-FREQ2-CL125TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X