Part Number Hot Search : 
AM447 RGP10DE 2SC51 MBR1535 6LN04SS ADL5601 PSSB05P 1N4971C
Product Description
Full Text Search
 

To Download ECCM7PA18-38400MTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pb rohs eccm7pa18-38.400m tr eccm7 p a 18 -38.400m tr series rohs compliant (pb-free) 2.5mm x 3.2mm ceramic smd crystal frequency tolerance/stability 10ppm at 25c, 15ppm over -20c to +70c mode of operation at-cut fundamental packaging options tape & reel nominal frequency 38.400mhz load capacitance 18pf parallel resonant electrical specifications nominal frequency 38.400mhz frequency tolerance/stability 10ppm at 25c, 15ppm over -20c to +70c aging at 25c 3ppm/year maximum load capacitance 18pf parallel resonant shunt capacitance (c0) 5pf maximum equivalent series resistance 60 ohms maximum mode of operation at-cut fundamental drive level 100watts maximum crystal cut at-cut spurious response >3db (from fo to fo +5000ppm) storage temperature range -40c to +85c insulation resistance 500 megaohms minimum at 100vdc environmental & mechanical specifications esd susceptibility mil-std-883, method 3015, class 1, hbm: 1500v fine leak test mil-std-883, method 1014, condition a flammability ul94-v0 gross leak test mil-std-883, method 1014, condition c mechanical shock mil-std-883, method 2002, condition b moisture resistance mil-std-883, method 1004 moisture sensitivity j-std-020, msl 1 resistance to soldering heat mil-std-202, method 210, condition k resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010, condition b vibration mil-std-883, method 2007, condition a mechanical dimensions (all dimensions in millimeters) pin connection 1 crystal 2 cover/ground 3 crystal 4 cover/ground line marking 1 e38.4 e=ecliptek designator 2 xxxxx xxxxx=ecliptek manufacturing identifier www.ecliptek.com | specification subject to change without notice | rev i 8/12/2010 | page 1 of 5 3.20 0.10 2.50 0.10 0.80 max 0.70 0.10 1.20 0.10 marking orient a tion 1 2 3 4 0.90 0.10 (x4) 1.00 0.10 (x4)
eccm7pa18-38.400m tr 0.8 0.4 1.3 (x4) 1.3 (x4) www.ecliptek.com | specification subject to change without notice | rev i 8/12/2010 | page 2 of 5 all t oler ances are 0.1 sug g ested solder p ad la y out solder land (x4) all dimensions in millimeters
dia 50 min dia 20.2 min dia 13.0 0.2 2.5 min width 10.0 min depth t ape slot in core f or t ape star t dia 40 min access hole at slot location 1.5 min tape & reel dimensions *compliant to eia 481a eccm7pa18-38.400m tr 8.0 0.2 3.5 0.1 2.75 0.10 4.0 0.1 2.00 0.05 4.0 0.1 2.9 0.1 dia 1.5 0.2 3.6 0.1 0.20 0.05 1.0 0.1 14.4 max 360 max quantity per reel: 3,000 units 8.4 +1.5/-0.0 www.ecliptek.com | specification subject to change without notice | rev i 8/12/2010 | page 3 of 5
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods eccm7pa18-38.400m tr high temperature infrared/convection ts max to tl (ramp-up rate) 3c/second maximum preheat - temperature minimum (ts min) 150c - temperature typical (ts typ) 175c - temperature maximum (ts max) 200c - time (ts min) 60 - 180 seconds ramp-up rate (tl to tp) 3c/second maximum time maintained above: - temperature (tl) 217c - time (tl) 60 - 150 seconds peak temperature (tp) 260c maximum for 10 seconds maximum target peak temperature (tp target) 250c +0/-5c time within 5c of actual peak (tp) 20 - 40 seconds ramp-down rate 6c/second maximum time 25c to peak temperature (t) 8 minutes maximum moisture sensitivity level level 1 www.ecliptek.com | specification subject to change without notice | rev i 8/12/2010 | page 4 of 5
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods eccm7pa18-38.400m tr low temperature infrared/convection 245c ts max to tl (ramp-up rate) 5c/second maximum preheat - temperature minimum (ts min) n/a - temperature typical (ts typ) 150c - temperature maximum (ts max) n/a - time (ts min) 30 - 60 seconds ramp-up rate (tl to tp) 5c/second maximum time maintained above: - temperature (tl) 150c - time (tl) 200 seconds maximum peak temperature (tp) 245c maximum target peak temperature (tp target) 245c maximum 2 times / 230c maximum 1 time time within 5c of actual peak (tp) 10 seconds maximum 2 times / 80 seconds maximum 1 time ramp-down rate 5c/second maximum time 25c to peak temperature (t) n/a moisture sensitivity level level 1 low temperature manual soldering 185c maximum for 10 seconds maximum, 2 times maximum. high temperature manual soldering 260c maximum for 5 seconds maximum, 2 times maximum. www.ecliptek.com | specification subject to change without notice | rev i 8/12/2010 | page 5 of 5


▲Up To Search▲   

 
Price & Availability of ECCM7PA18-38400MTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X