Part Number Hot Search : 
KTLP160G SPD9105W SN74LS 3120A KTLP160G FRS244H 00005 DTA123
Product Description
Full Text Search
 

To Download E2UPB18-37500MTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pb rohs e2upb18-37.500m tr e2u p b 18 -37.500m tr series rohs compliant (pb-free) resistance welded hc-49/us crystal frequency tolerance/stability 10ppm at 25c, 15ppm over -20c to +70c mode of operation at-cut third overtone packaging options tape & reel nominal frequency 37.500mhz load capacitance 18pf parallel resonant electrical specifications nominal frequency 37.500mhz frequency tolerance/stability 10ppm at 25c, 15ppm over -20c to +70c aging at 25c 5ppm/year maximum load capacitance 18pf parallel resonant shunt capacitance (c0) 7pf maximum equivalent series resistance 100 ohms maximum mode of operation at-cut third overtone drive level 1mwatt maximum storage temperature range -40c to +125c insulation resistance 500 megaohms minimum at 100vdc environmental & mechanical specifications fine leak test mil-std-883, method 1014 condition a gross leak test mil-std-883, method 1014 condition c lead integrity mil-std-883, method 2004 lead termination sn 2m - 6m mechanical shock mil-std-202, method 213 condition c resistance to soldering heat mil-std-202, method 210 resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010 vibration mil-std-883, method 2007 condition a mechanical dimensions (all dimensions in millimeters) line marking 1 e37.500m e=ecliptek designator m=mhz www.ecliptek.com | specification subject to change without notice | rev e 8/12/2010 | page 1 of 4 6.35 min 3.68 max 4.88 0.20 dia 0.457 0.051(x2) 4.70 max 11.18 max
quantity per reel: 1,000 pieces tape & reel dimensions *compliant to eia 468b 3.81 0.7 12.7 0.3 0.9 max 18.0 +1.0/-0.5 dia 81.5 max 14.0 min 38.0 max dia 178 min 370 max 56.0 max e2upb18-37.500m tr 32.2 max 18.0 2.0 www.ecliptek.com | specification subject to change without notice | rev e 8/12/2010 | page 2 of 4
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods e2upb18-37.500m tr high temperature solder bath (wave solder) ts max to tl (ramp-up rate) 3c/second maximum preheat - temperature minimum (ts min) 150c - temperature typical (ts typ) 175c - temperature maximum (ts max) 200c - time (ts min) 60 - 180 seconds ramp-up rate (tl to tp) 3c/second maximum time maintained above: - temperature (tl) 217c - time (tl) 60 - 150 seconds peak temperature (tp) 260c maximum for 10 seconds maximum target peak temperature (tp target) 250c +0/-5c time within 5c of actual peak (tp) 20 - 40 seconds ramp-down rate 6c/second maximum time 25c to peak temperature (t) 8 minutes maximum moisture sensitivity level level 1 www.ecliptek.com | specification subject to change without notice | rev e 8/12/2010 | page 3 of 4
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods e2upb18-37.500m tr low temperature solder bath (wave solder) ts max to tl (ramp-up rate) 5c/second maximum preheat - temperature minimum (ts min) n/a - temperature typical (ts typ) 150c - temperature maximum (ts max) n/a - time (ts min) 30 - 60 seconds ramp-up rate (tl to tp) 5c/second maximum time maintained above: - temperature (tl) 150c - time (tl) 200 seconds maximum peak temperature (tp) 245c maximum target peak temperature (tp target) 245c maximum 1 time / 235c maximum 2 times time within 5c of actual peak (tp) 5 seconds maximum 1 time / 15 seconds maximum 2 times ramp-down rate 5c/second maximum time 25c to peak temperature (t) n/a moisture sensitivity level level 1 low temperature manual soldering 185c maximum for 10 seconds maximum, 2 times maximum. high temperature manual soldering 260c maximum for 5 seconds maximum, 2 times maximum. www.ecliptek.com | specification subject to change without notice | rev e 8/12/2010 | page 4 of 4


▲Up To Search▲   

 
Price & Availability of E2UPB18-37500MTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X