Part Number Hot Search : 
C4071BF MAX12 BCW68F 1N5406G TC3100H HD647 XC6405A H2506
Product Description
Full Text Search
 

To Download CRCW080515K0FKEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 20035 for technical questions, contact: filmresistors.th ickfilmchip@vishay.com www.vishay.com revision: 13-oct-08 107 d../crcw.... e3 vishay lead (pb)-free thick film, rectangular chip resistors features ? high volume product suitable for commercial and special applications ? excellent stability ( r/r 1 % for 1000 h at 70 c) ? compliant with ?restriction of the use of hazardous substances? (rohs) directive 2002/95/ec (issue 2004) ? lead (pb)-free solder contacts on ni barrier layer ? pure tin plating provides compatibility with lead (pb)-free and lead containing soldering processes ? metal glaze on high quality ceramic ? protective overglaze notes ? these resistors do not feature a limited lifetime when operated wi thin the permissible limits. ho wever, resistance value drift increasing over operating time may result in exceeding a limi t acceptable to the specific application, thereby establ ishing a functional lifeti me. ? marking and packaging: see appropriate catalog or web pages ? power rating depends on the max. temperature at the solder po int, the component placement density and the substrate material standard electrical specifications model size power rating p 70 c w limiting element voltage max. v ? temperature coefficient ppm/k tolerance % resistance range e-series inch metric crcw0201 0201 0525 0.05 30 100 1 47r - 1m0 24 + 96 200 1 5 10r - 1m0 24 + 96 24 zero-ohm-resistor: r max.. = 50 m , i max. at 70 c = 1.0 a d10/crcw0402 0402 1005 0.063 50 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max. = 20 m , i max. at 70 c = 1.5 a d11/crcw0603 0603 1608 0.10 75 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max. = 20 m , i max. at 70 c = 2.0 a d12/crcw0805 0805 2012 0.125 150 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max. = 20 m , i max. at 70 c = 2.5 a d25/crcw1206 1206 3216 0.25 200 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max. = 20 m , i max. at 70 c = 3.5 a crcw1210 1210 3225 0.33 200 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max. = 20 m , i max. at 70 c = 4.0 a crcw1218 1218 3246 1.0 200 100 200 1 5 1r0 - 2m2 24 + 96 24 zero-ohm-resistor: r max. = 20 m , i max. at 70 c = 7.0 a crcw2010 2010 5025 0.50 400 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max. = 20 m , i max. at 70 c = 5.0 a crcw2512 2512 6332 1.0 500 100 200 1 5 1r0 - 10m 24 + 96 24 zero-ohm-resistor: r max. = 20 m , i max. at 70 c = 7.0 a
www.vishay.com for technical questions, cont act: filmresistors.thickfilmchip@vishay.com document number: 20035 108 revision: 13-oct-08 d../crcw.... e3 vishay lead (pb)-free thi ck film, rectangular chip resistors notes (1) for sizes 0402 until 1206 the measuring conditions are in acc. to en 140401-802. for all other sizes the result depends on the solder pad dimensions. (2) rated voltage: (3) the power dissipation on the resi stor generates a temperature rise against the local ambient, depending on the heat flow suppor t of the printed-circuit board (t hermal resistance). the rated dissipation applies only if the permitted film temperature of 155 c is n ot exceeded. notes (4) preferred way for ordering products is by use of the part number (5) please refer to table packaging, see next page technical specifications parameter unit crcw0201 d10/ crcw0402 d11/ crcw0603 d12/ crcw0805 d25/ crcw1206 crcw1210 crcw1218 crcw2010 crcw2512 rated dissipation at 70 c (3) w 0.05 0.063 0.10 0.125 0.25 0.33 1.0 0.5 1.0 limiting element voltage (2) v ? 30 50 75 150 200 200 200 400 500 insulation voltage (1 min) v peak 50 > 75 > 100 > 200 > 300 > 300 > 300 > 300 > 300 thermal resistance (1) k/w 870 550 440 220 140 65 88 65 insulation resistance > 10 9 category temperature range c - 55 to + 155 failure rate h -1 1.10 -9 0.3 x 10 - 9 weight/1000 pieces g 0.17 0.65 2 5.5 10 16 29.5 25.5 40.5 p x r part number and product description p art number: crcw0603562rfkec (4) cr cw 06 03 56 2r fke c model crcw0201 crcw0402 crcw0603 crcw0 8 05 crcw1206 crcw1210 crcw121 8 crcw2010 crcw2512 packagi n g (5) ea, eb, ec, ed, ee, ef, eg, eh, ei, ek, el, ey special up to 2 digits p roduct description: d1 1/crcw0603 100 562r 1 % et6 e3 d11/crcw0603 100 562r 1 % et6 e3 model resista n ce v alue tolera n ce packagi n g (5) lead (p b )-free crc w 0201 200 ppm/k 10r = 10 5 % et1, et5 e3 = p u re tin d10/crc w 0402 100 ppm/k 562r = 562 1 % et6, et7 te rmination finish d11/crc w 0603 10k = 10.0 k ef4, e02 d12/crc w 0 8 05 1m = 1 m e67, e 8 2 d25/crc w 1206 eg1, et9 crc w 1210 e20, e27 crc w 121 8 crc w 2010 crc w 2512 v alue r = decimal k = tho u sand m = million 0000 = j u mper tolera n ce f = 1.0 % j = 5.0 % z = j u mper k = 100 ppm/k n = 200 ppm/k tcr 0 = j u mper s = special 0r0 = j u mper tcr
document number: 20035 for technical questions, contact: filmresistors.th ickfilmchip@vishay.com www.vishay.com revision: 13-oct-08 109 d../crcw.... e3 lead (pb)-free thick film, re ctangular chip resistors vishay dimensions packaging model reel bulk tape width diameter pitch pieces/ reel packaging code pieces packaging code part number product desc. part number product desc. paper blister paper blister crcw0201 8 mm 180 mm/7" 2 mm 10 000 ed et7 330 mm/13" 2 mm 50 000 ee ef4 d10/crcw0402 8 mm 180 mm/7" 2 mm 10 000 ed et7 50 000 ey e27 330 mm/13" 2 mm 50 000 ee ef4 d11/crcw0603 8 mm 180 mm/7" 4 mm 5000 ea ei et1 eg1 25 000 ey e27 285 mm/11.25" 4 mm 10 000 eb et5 330 mm/13" 4 mm 20 000 ec el et6 e20 d12/crcw0805 8 mm 180 mm/7" 4 mm 5000 ea ei et1 eg1 ey e27 285 mm/11.25" 4 mm 10 000 eb et5 10 000 330 mm/13" 4 mm 20 000 ec el et6 e20 d25/crcw1206 8 mm 180 mm/7" 4 mm 5000 ea ei et1 eg1 285 mm/11.25" 4 mm 10 000 eb et5 330 mm/13" 4 mm 15 000 el e20 330 mm/13" 4 mm 20 000 ec et6 crcw1210 12 mm 180 mm/7" 4 mm 5000 ea et1 285 mm/11.25" 4 mm 10 000 eb et5 330 mm/13" 4 mm 20 000 ec et6 crcw1218 12 mm 180 mm/7" 4 mm 4000 ek et9 crcw2010 12 mm 180 mm/7" 4 mm 4000 ef e02 crcw2512 12 mm 180 mm/7" 8 mm 2000 eg e67 4 mm 4000 eh e82 size dimensions [in millimeters] solder pad dimensions [in millimeters] reflow soldering wave soldering inch metric l w h t1 t2 ab l ab l 0201 0525 0.6 0.05 0.3 0.05 0.23 0.05 0.15 0.05 0.15 + 0.05 - 0.10 0.28 0.43 0.23 0402 1005 1.0 0.05 0.5 0.05 0.35 0.05 0.25 0.05 0.2 0.1 0.4 0.6 0.5 0603 1608 1.55 + 0.10 - 0.05 0.85 0.1 0.45 0.05 0.3 0.2 0.3 0.2 0.5 0.9 1.0 0.9 0.9 1.0 0805 2012 2.0 + 0.20 - 0.10 1.25 0.15 0.45 0.05 0.3 + 0.20 - 0.10 0.3 0.2 0.7 1.3 1.2 0.9 1.3 1.3 1206 3216 3.2 + 0.10 - 0.20 1.6 0.15 0.55 0.05 0.45 0.2 0.4 0.2 0.9 1.7 2.0 1.1 1.7 2.3 1210 3225 3.2 0.2 2.5 0.2 0.55 0.05 0.45 0.2 0.4 0.2 0.9 2.5 2.0 1.1 2.5 2.2 1218 3246 3.2 + 0.10 - 0.20 4.6 0.15 0.55 0.05 0.45 0.2 0.4 0.2 1.05 4.9 1.9 1.25 4.8 1.9 2010 5025 5.0 0.15 2.5 0.15 0.6 0.1 0.6 0.2 0.6 0.2 1.0 2.5 3.9 1.2 2.5 3.9 2512 6332 6.3 0.2 3.15 0.15 0.6 0.1 0.6 0.2 0.6 0.2 1.0 3.2 5.2 1.2 3.2 5.2
www.vishay.com for technical questions, cont act: filmresistors.thickfilmchip@vishay.com document number: 20035 110 revision: 13-oct-08 d../crcw.... e3 vishay lead (pb)-free thi ck film, rectangular chip resistors functional performance 1000 100 10 1 0.1 0.01 10 - 6 10 - 5 10 - 4 10 - 3 10 - 2 10 - 1 1 10 2512 121 8 2010 1206 0 8 05 0603 0402 sin g le pulse maxim u m p u lse load, single p u lse; applica b le if p 0 and n 1000 and u u max. ; for permissi b le resistance change e qu i v alent to 8 000 h operation pulse duration i (s) pulse load max. (w) t p continuous pulse continuous pulse load max. (w) 100 10 1 0.10 0.01 10 - 6 10 - 5 10 - 4 10 - 3 10 - 2 10 - 1 1 10 maxim u m p u lse load, contin u o u s p u lses; applica b le if p p ( ? am b ) and ? ? max. ; for permissi b le resistance change e qu i v alent to 8 000 h operation pulse duration i (s) 121 8 2010 1206 0 8 05 0603 0402 t p 2000 200 0 10 - 6 10 - 5 10 - 4 10 - 3 10 - 2 10 - 1 110 pulse volta g e maxim u m p u lse v oltage, single and contin u o u s p u lses; applica b le if p p max. ; for permissi b le resistance change e qu i v alent to 8 000 h operation pulse duration i (s) 400 600 8 00 1000 1200 1400 1600 1 8 00 pulse volta g e max. (v) 2512 2010 1206/1210/121 8 0 8 05 0603 0402 t ?
document number: 20035 for technical questions, contact: filmresistors.th ickfilmchip@vishay.com www.vishay.com revision: 13-oct-08 111 d../crcw.... e3 lead (pb)-free thick film, re ctangular chip resistors vishay 0402 0603 0 8 05 1206 1210 2010 2512 90 8 0 70 60 50 40 30 20 10 0 0 0.1 0.2 0.3 0.4 0.5 power in w te mperature rise in c 121 8 temperature rise - 55 - 25 0 25 50 75 100 125 155 175 120 100 8 0 60 40 20 0 70 deratin g ambient temperature in c rated power in % 100 1k 10k 100k 1m 10m 11 0 100 90 8 0 70 60 50 40 30 20 10 resistance v alue in non-linearity a 3 in db 1206 0 8 05 0603 0402 non-linearity 100 1k 10k 100k 1m 10m 100 10 1 0.1 resistance v alue in current noise in v/ v 0402 0603 0 8 05 1206 current noise
www.vishay.com for technical questions, cont act: filmresistors.thickfilmchip@vishay.com document number: 20035 112 revision: 13-oct-08 d../crcw.... e3 vishay lead (pb)-free thi ck film, rectangular chip resistors d 25.. ap d12.. ap d 1 0.. ap d1 1.. ap 10k 1 m 10 m 140 120 100 8 0 60 40 20 0 ? s = f [ ? r ] parameter: ? a 20 40 60 8 0 100 120 140 160 1 8 0 load in w 0.01 0.1 1 20 40 60 8 0 100 120 140 160 1 8 0 surface temperature ? s in c 0.01 0.1 1 10 1 0.1 0.01 resistance chan g e / % r 0.5 0.4 0.3 0.2 0.1 0 ? r = f [p] parameter: size 140 120 100 8 0 60 40 20 0 stability nomo g ram typical values (for handlin g see g eneral explanations) resistance chan g e [ / ] in % after 1000 h temperature rise ? r in c ? a = 20 c 40 c 60 c 8 0 c 100 c 120 c 140 c t = 1 0 0 0 0 0 h 1 0 0 0 0 h 5 0 0 0 h 2 0 0 0 h 1 0 0 0 h surface temperature ? s in c r / (t) = f [ / (t = 1000 h)] parameter: time r r r r / [t = 1000 h] = f [ ? s ] parameter: resistance value r r r r 0.25 w 0.125 w 0.0625 w 120 100 8 0 60 40 20 12 3 5 7 10 2 3 5 7 100 2 3 5 7 60 8 0 100 120 140 s u rface temperat u re ? s [c] nu m b er of mo u nted resistors [pieces] power ratin g as a function of packa g in g density ( g uideline) ? a = 20 c ? r = [c] ? a = 40 c ? a = 60 c ? a = 8 0 c ? a = 10 0 c ? a = 120 c
document number: 20035 for technical questions, contact: filmresistors.th ickfilmchip@vishay.com www.vishay.com revision: 13-oct-08 113 d../crcw.... e3 lead (pb)-free thick film, re ctangular chip resistors vishay test procedures and requirements en 60115-1 size 0201 only test (clause) conditions of test requirements permissible change ( r / r ) stability class 1 or better stability class 2 or better requirements permissible change ( r / r ) stability for product types: d../crcw....e3 1 to 10 m 1 to 10 m 10 to 1 m resistance (4.5) - 1 % 5 % 1 %; 5 % temperature coefficient (4.8.4.2) 20/- 55/20 c and 20/125/20 c 100 ppm/k 200 ppm/k 200 ppm/k overload (4.13) u = 2.5 ( p 70 r ) 1/2 2 u max. ; duration: according the style ( 0.25 % r + 0.05 ) ( 0.5 % r + 0.05 ) ( 1 % r + 0.05 ) solderability (4.17.5) aging 4 h at 155 c, dryheat dolder bath method; 235 c; 2 s visual examination good tinning ( 95 % covered) no visible damage resistance to soldering heat (4.18.2) solder bath method; (260 5) c; (10 1) s ( 0.25 % r + 0.05 ) ( 0.5 % r + 0.05 ) ( 1 % r + 0.05 ) rapid change of temperature (4.19) 30 min at lct = - 55 c; 30 min at uct = 125 c; 5 cycles ( 0.25 % r + 0.05 ) ( 0.5 % r + 0.05 ) ( 0.5 % r + 0.05 ) damp heat, steady state (4.24) (40 2) c; 56 days; (93 3) % rh ( 1 % r + 0.05 ) ( 2 % r + 0.1 ) ( 2 % r + 0.1 ) climatic sequence (4.23) 16 h at uct = 125 c; 1 cycle at 55 c; 2 h at lct = - 55 c; 1 h/1 kpa at 15 c to 35 c; 5 cycles at 55 c u = ( p 70 r ) 1/2 u = u max. ; whichever is less severe ( 1 % r + 0.05 ) ( 2 % r + 0.1 ) ( 2 % r + 0.1 ) endurance at 70 c (4.25.1) u = ( p 70 r ) 1/2 u = u max. ; whichever is less severe 1.5 h on; 0.5 h off; 70 c; 1000 h ( 1 % r + 0.05 ) ( 2 % r + 0.1 ) ( 3 % r + 0.1 ) extended endurance (4.25.1.8) duration extended to 8000 h (2 % r + 0.1 ) (4 % r + 0.1 ) (4 % r + 0.1 ) endurance at upper category temperature (4.25.3) uct = 125 c; 1000 h (1 % r + 0.05 ) (2 % r + 0.1 ) (2 % r + 0.1 ) applicable specifications ? en 60115-1 generic specification ? en 140400 sectional specification ? en 140401-802 detail specification ? iec 60068-2-x variety of env ironmental test procedures ? iec 60286-3 packaging of smd components
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of CRCW080515K0FKEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X