Part Number Hot Search : 
10023825 05006 HC193 TIONA M24C128 SMS15C 2SK16 HMC441
Product Description
Full Text Search
 

To Download BFC246363902 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com for technical questions contact: filmcaps.r oeselare@vishay.com document number: 28129 290 revision: 24-may-06 kp 460 to 464 vishay bccomponents polypropylene film foil capacitors kp axial epoxy lacquered type features supplied loose in box, taped on reel or unidirectional lead (pb)-free and rohs-compliant product leads tinned wire capacitiance range (e12 series) 47 to 62 000 pf capacitance tolerance 5 %; 2 %; 1 % rated (dc) voltage 63 v; 160 v; 250 v; 400 v; 630 v rated (ac) voltage 40 v; 63 v; 125 v; 160 v; 200 v climatic category 40/100/56 rated temperature 85 c maximum application temperature 100 c reference specifications iec 60384-13 applications in circuits where close tolerance, reliability and low losses are of prime importance, for example: tuned circuits, filter and timing networks detail specification for more detailed data and test requirements contact: filmcaps.roeselare@vishay.com marking c-value; tolerance; rated voltage; code for dielectric material; production date code in accordance with ?iec 60062; clause 5?; manufacturer letter codes for year and numbers for month of production dielectric polypropylene film electrodes metal foils coating flame retardant epoxy material (ul-class 94 v-0) construction film/foil mono construction stability class 63; 160; 250 v versions: class 1 400; 630 v versions: class 2 year letter code month code 2003 r june 6 2004 s july 7 2005 t august 8 2006 u september 9 2007 v october o 2008 w november n 2009 x december d ? 1. 3 ? d l t l t l tot (1) l m a x < 1 < 1 d m a x 16 8 x12(h a lfp a ge) 1 6 8 x 1 2 ( h a l f p a g e ) 7.2 m a x 16.5 5.0 8 + 0.4 - 0.2 s e a ting pl a ne(2) ? d t l m a x l tot dimensions in mm. (1) l tot 13 mm for l max = 11 mm l tot 16 mm for l max = 15 mm (2) hole ? 1.0 rohs compliant pb-free e3
document number: 28129 for technical questi ons contact: filmcaps .roeselare@vishay.com www.vishay.com revision: 24-may-06 291 kp 460 to 464 polypropylene film foil capacitors kp axial epoxy lacquered type vishay bccomponents composition of catalog number * use this partnumber for t hose with access to the vishay?s sap system and partners website within the americas 2222 46. xx xx x bfc2* 46. xx xx x type and voltages 460 63 v 461 160 v 462 250 v 463 400 v 464 630 v type packaging lead configuration and tape distance preferred types c-tol 63 v 160 v 250 v 400 v 630 v 460 taped on reel tape distance 63.5 mm 1 % 8 2 % 7 461 taped on reel tape distance 63.5 mm 1 % 8 2 % 7 462 taped on reel tape distance 63.5 mm 1 % 8 2 % 7 463 taped on reel tape distance 63.5 mm 1 % 8 2 % 7 464 taped on reel tape distance 63.5 mm 1 % 8 2 % 7 on request 460 taped on reel tape distance 63.5 mm 5 % 6 loose in box lead length 30.0 or 28.0 mm 1 % 4 2 % 3 5 % 2 unidirectional 1 % 1 2 % 0 461 taped on reel tape distance 63.5 mm 5 % 6 loose in box lead length 30.0 or 28.0 mm 1 % 4 2 % 3 5 % 2 unidirectional 1 % 1 2 % 0 462 taped on reel tape distance 63.5 mm 5 % 6 loose in box lead length 30.0 or 28.0 mm 1 % 4 2 % 3 5 % 2 unidirectional 1 % 1 2 % 0 463 taped on reel tape distance 63.5 mm 5 % 6 loose in box lead length 30.0 or 28.0 mm 1 % 4 2 % 3 5 % 2 unidirectional 1 % 1 2 % 0 464 taped on reel tape distance 63.5 mm 5 % 6 loose in box lead length 30.0 or 28.0 mm 1 % 4 2 % 3 5 % 2 unidirectional 1 % 1 2 % 0 multiplier (nf) 0.0001 9 0.001 1 0.01 2 0.1 3 capacitance (numerically) example: 1003 = 100 x 0.1 = 10 nf
www.vishay.com for technical questions contact: filmcaps.r oeselare@vishay.com document number: 28129 292 revision: 24-may-06 kp 460 to 464 vishay bccomponents polypropylene film foil capacitors kp axial epoxy lacquered type specific reference data note 1. for unidirectional capacitors 13 x 10 ? 4 . description value tangent of loss angle: at 10 khz at 100 khz at 1 mhz (1) c 1000 pf 5x10 ? 4 ? 10 x 10 ? 4 1000 pf < c 5000 pf 5x10 ? 4 10 x 10 ? 4 ? 5000 pf < c 20 000 pf 5x10 ? 4 15 x 10 ? 4 ? 20 000 pf < c 47 000 pf 5x10 ? 4 25 x 10 ? 4 ? c > 47 000 pf 5x10 ? 4 40 x 10 ? 4 ? rated voltage pulse slope (du/dt) r at 63 v (dc) at 160 v (dc) at 250 v (dc) at 400 v (dc) at 630 v (dc) 10 000 v/s 10 000 v/s 10 000 v/s 10 000 v/s 10 000 v/s r between leads: at 10 v; 1 minute > 100 000 m at 100 v; 1 minute > 100 000 m > 100 000 m > 100 000 m > 100 000 m r between interconnecting leads and case; at 10 v; 1 minute > 100 000 m at 100 v; 1 minute > 100 000 m > 100 000 m > 100 000 m at 100 v; 1 minute > 100 000 m withstanding (dc) voltage (cut off current 10 ma); rise time 100 v/s 126 v; 1 minute 320 v; 1 minute 500 v; 1 minute 800 v; 1 minute 1260 v; 1 minute withstanding (dc) voltage between leads and case 400 v; 1 minute 400 v; 1 minute 500 v; 1 minute 800 v; 1 minute 1260 v; 1 minute
document number: 28129 for technical questi ons contact: filmcaps .roeselare@vishay.com www.vishay.com revision: 24-may-06 293 kp 460 to 464 polypropylene film foil capacitors kp axial epoxy lacquered type vishay bccomponents u rdc = 63 v; u rac = 40 v available on request c (e 24) (pf) dimensions d max x l max (mm) mass (g) catalog number 2222 460 ..... and packaging taped on reel loose in box unidirectional tape distance 63.5 mm c-tol = 2 % c-tol = 1 % c-tol = 2 % c-tol = 1 % last 5 digits of catalog number spq spq last 5 digits of catalog number spq l t = 30.0 mm; d t = 0.60 0.06 mm 6800 5.0 x 11.0 0.5 76802 86802 2500 250 06802 16802 1000 7500 0.5 77502 87502 07502 17502 8200 0.6 78202 88202 08202 18202 9100 0.6 79102 89102 09102 19102 l t = 28.0 mm; d t = 0.60 0.06 mm 10 000 6.0 x 15.0 0.6 71003 81003 1500 250 11 000 0.6 71103 81103 12 000 0.7 71203 81203 13 000 0.8 71303 81303 15 000 0.7 71503 81503 16 000 0.7 71603 81603 18 000 0.8 71803 81803 20 000 0.8 72003 82003 22 000 0.9 72203 82203 24 000 6.5 x 15.0 0.9 72403 82403 1500 250 27 000 1.0 72703 82703 30 000 7.0 x 15.0 1.1 73003 83003 1000 200 33 000 1.2 73303 83303 36 000 1.2 73603 83603 39 000 7.5 x 15.0 1.3 73903 83903 1000 150 43 000 1.4 74303 84303 47 000 8.0 x 15.0 1.5 74703 84703 1000 150 51 000 1.6 75103 85103 56 000 8.5 x 15.0 1.7 75603 85603 1000 125 62 000 1.8 76203 86203 packaging tape distance (mm) taped in ammopack 52.5 63.5 taped on reel 52.5
www.vishay.com for technical questions contact: filmcaps.r oeselare@vishay.com document number: 28129 294 revision: 24-may-06 kp 460 to 464 vishay bccomponents polypropylene film foil capacitors kp axial epoxy lacquered type u rdc = 160 v; u rac = 63 v available on request c (e 24) (pf) dimensions d max x l max (mm) mass (g) catalog number 2222 461 ..... and packaging c (e 24) (pf) taped on reel loose in box unidirectional tape distance 63.5 mm c-tol = 2 % c-tol = 1 % c-tol = 2 % c-tol = 1 % last 5 digits of catalog number spq spq last 5 digits of catalog number l t = 30.0 mm; d t = 0.60 0.06 mm 3600 5.0 x 11.0 0.5 73602 83602 2500 250 03602 13602 1000 3900 0.5 73902 83902 03902 13902 4300 0.5 74302 84302 04302 14302 4700 0.5 74702 84702 04702 14702 5100 0.5 75102 85102 05102 15102 5600 0.5 75602 85602 05602 15602 6200 0.6 76202 86202 06202 16202 l t = 28.0 mm; d t = 0.60 x 0.06 mm 6800 6.0 x 15.0 0.4 76802 86802 1500 250 7500 0.7 77502 87502 8200 0.6 78202 88202 9100 0.6 79102 89102 10 000 0.7 71003 81003 11 000 0.7 71103 81103 12 000 0.7 71203 81203 13 000 0.8 71303 81303 15 000 0.8 71503 81503 16 000 6.5 x 15.0 0.9 71603 81603 1500 250 18 000 0.9 71803 81803 20 000 1.0 72003 82003 22 000 7.0 x 15.0 1.1 72203 82203 1000 200 24 000 1.1 72403 82403 27 000 7.5 x 15.0 1.2 72703 82703 1000 150 30 000 8.0 x 15.0 1.3 73003 83003 1000 150 33 000 1.4 73303 83303 36 000 8.5 x 15.0 1.5 73603 83603 1000 125 39 000 1.6 73903 83903 packaging tape distance (mm) taped in ammopack 52.5 63.5 taped on reel 52.5
document number: 28129 for technical questi ons contact: filmcaps .roeselare@vishay.com www.vishay.com revision: 24-may-06 295 kp 460 to 464 polypropylene film foil capacitors kp axial epoxy lacquered type vishay bccomponents u rdc = 250 v; u rac = 125 v available on request c (e 24) (pf) dimensions d max x l max (mm) mass (g) catalog number 2222 462 ..... and packaging c (e 24) (pf) taped on reel loose in box unidirectional tape distance 63.5 mm c-tol = 2 % c-tol = 1 % c-tol = 2 % c-tol = 1 % last 5 digits of catalog number spq spq last 5 digits of catalog number l t = 30.0 mm; d t = 0.60 0.06 mm 1200 5.0 x 11.0 0.5 71202 81202 2500 250 01202 11202 1000 1300 0.5 71302 81302 01302 11302 1500 0.4 71502 81502 01502 11502 1600 0.5 71602 81602 01602 11602 1800 0.6 71802 81802 01802 11802 2000 0.6 72002 82002 02002 12002 2200 0.5 72202 82202 02202 12202 2400 0.5 72402 82402 02402 12402 2700 0.5 72702 82702 02702 12702 3000 0.5 73002 83002 03002 13002 3300 0.5 73302 83302 03302 13302 l t = 28.0 mm; d t = 0.60 0.06 mm 3600 6.0 x 15.0 0.5 73602 83602 1500 250 3900 0.5 73902 83902 4300 0.6 74302 84302 4700 0.6 74702 84702 5100 0.6 75102 85102 5600 0.6 75602 85602 6200 0.7 76202 86202 6800 0.7 76802 86802 7500 0.7 77502 87502 8200 6.5 x 15.0 0.8 78202 88202 1500 250 9100 0.8 79102 89102 10 000 0.9 71003 81003 11 000 7.0 x 15.0 0.9 71103 81103 1000 200 12 000 1.0 71203 81203 13 000 1.0 71303 81303 15 000 7.5 x 15.0 1.1 71503 81503 1000 150 16 000 1.2 71603 81603 18 000 8.0 x 15.0 1.3 71803 81803 1000 150 20 000 8.5 x 15.0 1.4 72003 82003 1000 125 22 000 1.5 72203 82203 packaging tape distance (mm) taped in ammopack 52.5 63.5 taped on reel 52.5
www.vishay.com for technical questions contact: filmcaps.r oeselare@vishay.com document number: 28129 296 revision: 24-may-06 kp 460 to 464 vishay bccomponents polypropylene film foil capacitors kp axial epoxy lacquered type u rdc = 400 v; u rac = 160 v available on request c (e 24) (pf) dimensions d max x l max (mm) mass (g) catalog number 2222 463 ..... and packaging c (e 24) (pf) taped on reel loose in box unidirectional tape distance 63.5 mm c-tol = 2 % c-tol = 1 % c-tol = 2 % c-tol = 1 % last 5 digits of catalog number spq spq last 5 digits of catalog number l t = 30.0 mm; d t = 0.60 0.06 mm 620 5.0 x 11.0 0.5 76201 86201 2500 250 06201 16201 1000 680 0.5 76801 86801 06801 16801 750 0.5 77501 87501 07501 17501 820 0.5 78201 88201 08201 18201 910 0.5 79101 89101 09101 19101 1000 0.5 71002 81002 01002 11002 1100 0.5 71102 81102 01102 11102 l t = 28.0 mm; d t = 0.60 0.06 mm 1200 6.0 x 15.0 0.5 71202 81202 1500 250 1300 0.5 71302 81302 1500 0.5 71502 81502 1600 0.5 71602 81602 1800 0.5 71802 81802 2000 0.5 72002 82002 2200 6.5 x 15.0 0.5 72202 82202 1000 250 2400 0.5 72402 82402 2700 0.6 72702 82702 3000 0.7 73002 83002 3300 7.0 x 15.0 0.7 73302 83302 1000 200 3600 0.7 73602 83602 3900 0.8 73902 83902 4300 7.5 x 15.0 0.8 74302 84302 1000 150 4700 0.9 74702 84702 5100 0.9 75102 85102 5600 8.0 x 15.0 1.0 75602 85602 1000 150 6200 1.0 76202 86202 6800 8.5 x 15.0 1.1 76802 86802 1000 125 7500 1.2 77502 87502 8200 1.3 78202 88202 packaging tape distance (mm) taped in ammopack 52.5 63.5 taped on reel 52.5
document number: 28129 for technical questi ons contact: filmcaps .roeselare@vishay.com www.vishay.com revision: 24-may-06 297 kp 460 to 464 polypropylene film foil capacitors kp axial epoxy lacquered type vishay bccomponents u rdc = 630 v; u rac = 200 v c (e 24) (pf) dimensions d max x l max (mm) mass (g) catalog number 2222 464 ..... and packaging c (e 24) (pf) taped on reel loose in box unidirectional tape distance 63.5 mm c-tol = 2 % c-tol = 1 % c-tol = 2 % c-tol = 1 % last 5 digits of catalog number spq spq last 5 digits of catalog number l t = 30.0 mm; d t = 0.60 0.06 mm 47 5.0 x 11.0 0.4 74709 84709 2500 250 04709 14709 1000 51 0.4 75109 85109 05109 15109 56 0.4 75609 85609 05609 15609 62 0.4 76209 86209 06209 16209 68 0.4 76809 86809 06809 16809 75 0.4 77509 87509 07509 17509 82 0.4 78209 88209 08209 18209 91 0.4 79109 89109 09109 19109 100 0.4 71001 81001 01001 11001 110 0.4 71101 81101 01101 11101 120 0.4 71201 81201 01201 11201 130 0.5 71301 81301 01301 11301 150 0.4 71501 81501 01501 11501 160 0.4 71601 81601 01601 11601 180 0.5 71801 81801 01801 11801 200 0.5 72001 82001 02001 12001 220 0.6 72201 82201 02201 12201 240 0.6 72401 82401 02401 12401 270 0.6 72701 82701 02701 12701 300 0.7 73001 83001 03001 13001 330 0.4 73301 83301 03301 13301 360 0.4 73601 83601 03601 13601 390 0.5 73901 83901 03901 13901 430 0.5 74301 84301 04301 14301 470 0.5 74701 84701 04701 14701 510 0.5 75101 85101 05101 15101 560 0.5 75601 85601 05601 15601 l t = 28.0 mm; d t = 0.60 0.06 mm 620 6.0 x 15.0 0.5 76201 86201 1500 250 680 0.5 76801 86801 750 0.5 77501 87501 820 0.5 78201 88201 910 0.5 79101 89101 1000 0.5 71002 81002 1100 0.5 71102 81102 1200 0.5 71202 81202 1300 6.5 x 15.0 0.6 71302 81302 1500 250 1500 0.6 71502 81502 1600 0.7 71602 81602 1800 0.7 71802 81802
www.vishay.com for technical questions contact: filmcaps.r oeselare@vishay.com document number: 28129 298 revision: 24-may-06 kp 460 to 464 vishay bccomponents polypropylene film foil capacitors kp axial epoxy lacquered type available on request 2000 7.0 x 15.0 0.8 72002 82002 1000 200 2200 0.9 72202 82202 2400 0.9 72402 82402 2700 7.5 x 15.0 0.9 72702 82702 1000 150 3000 1.0 73002 83002 3300 8.0 x 15.0 1.1 73302 83302 1000 150 3600 1.2 73602 83602 3900 1.3 73902 83902 4300 8.5 x 15.0 1.4 74302 84302 1000 125 4700 1.5 74702 84702 c (e 24) (pf) dimensions d max x l max (mm) mass (g) catalog number 2222 464 ..... and packaging c (e 24) (pf) taped on reel loose in box unidirectional tape distance 63.5 mm c-tol = 2 % c-tol = 1 % c-tol = 2 % c-tol = 1 % last 5 digits of catalog number spq spq last 5 digits of catalog number packaging tape distance (mm) taped in ammopack 52.5 63.5 taped on reel 52.5 capacitance temperature coefficient: ? between - 40 and + 20 c for c 1000 pf: - (125 125) x 10 -6 /k ? between - 40 and + 20 c for c > 1000 pf: - (125 60) x 10 -6 /k ? between + 20 and + 100 c: - (250 120) 10 -6 /k. soldering conditions the capacitance stability is dependent on the maximum temperature the capacitor reaches during soldering. the figure below shows the typical c/c as a function of soldering time under the worst possible mounting conditions (horizontal on the pcb, minimum possible pitch) and with 80 c preheating. min. m a x. typic a l - 40 c/c ( % ) 2 - 2 0 040 8 0t a m b (c) 1 khz 2 c/c ( % ) 0.4 - 0. 8 0 04 s oldering time ( s ) - 0.4 610
document number: 28129 for technical questi ons contact: filmcaps .roeselare@vishay.com www.vishay.com revision: 24-may-06 299 kp 460 to 464 polypropylene film foil capacitors kp axial epoxy lacquered type vishay bccomponents maximum rms voltage (sinewave) as a function of frequency 22 000 pf 62 000 pf 6 8 00 pf t a m b < 70 c, 6 3 vdc ac volt a ge (v) 10 2 10 1 10 0 f (hz) 10 4 10 5 10 6 10 7 10 8 22 000 pf 62 000 pf 6 8 00 pf 70 c < t a m b < 100 c, 6 3 vdc ac volt a ge (v) 10 2 10 1 10 0 f (hz) 10 4 10 5 10 6 10 7 10 8 10 000 pf 3 9 000 pf 3 600 pf t a m b < 70 c, 160 vdc ac volt a ge (v) 10 2 10 1 10 0 f (hz) 10 4 10 5 10 6 10 7 10 8 10 000 pf 3 9 000 pf 3 600 pf 70 c < t a m b < 100 c, 160 vdc ac volt a ge (v) 10 2 10 1 10 0 f (hz) 10 4 10 5 10 6 10 7 10 8 6 8 00 pf 22 000 pf 2400 pf t a m b < 70 c, 250 vdc ac volt a ge (v) 10 3 10 1 10 0 f (hz) 10 4 10 5 10 6 10 7 10 8 10 2 6 8 00 pf 22 000 pf 2400 pf 70 c < t a m b < 100 c, 250 vdc ac volt a ge (v) 10 3 10 1 10 0 f (hz) 10 4 10 5 10 6 10 7 10 8 10 2
www.vishay.com for technical questions contact: filmcaps.r oeselare@vishay.com document number: 28129 300 revision: 24-may-06 kp 460 to 464 vishay bccomponents polypropylene film foil capacitors kp axial epoxy lacquered type 33 00 pf 12 000 pf 1100 pf t a m b < 70 c, 400 vdc ac volt a ge (v) 10 3 10 1 10 0 f (hz) 10 4 10 5 10 6 10 7 10 8 10 2 33 00 pf 12 000 pf 1100 pf 70 c < t a m b < 100 c, 400 vdc ac volt a ge (v) 10 3 10 1 10 0 f (hz) 10 4 10 5 10 6 10 7 10 8 10 2 1000 pf 6 8 00 pf 200 pf t a m b < 70 c, 6 3 0 vdc ac volt a ge (v) 10 3 10 1 10 0 f (hz) 10 4 10 5 10 6 10 7 10 8 10 2 47 pf 1000 pf 6 8 00 pf 200 pf 70 c < t a m b < 100 c, 6 3 0 vdc ac volt a ge (v) 10 3 10 1 10 0 f (hz) 10 4 10 5 10 6 10 7 10 8 10 2 47 pf
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of BFC246363902

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X