Part Number Hot Search : 
OPB707C F1010EL 1N943B 04N60 APL3212A N4001 DMP20 04N60
Product Description
Full Text Search
 

To Download APTGT100TL60T3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APTGT100TL60T3G APTGT100TL60T3G ? rev 0 february, 2009 www.microsemi.com 1-7 q1 to q4 absolute maximum ratings these devices are sens itive to electrostatic discharge. prope r handling procedures should be follow ed. see application note apt0502 on www.microsemi.com 16 15 18 20 23 22 13 11 12 14 8 7 29 30 28 27 26 3 32 31 10 19 2 25 4 all multiple inputs and outputs must be shorted together example: 10/11/12 ; 7/8 ? symbol parameter max ratings unit v ces collector - emitter breakdown voltage 600 v t c = 25c 150 i c continuous collector current t c = 80c 100 i cm pulsed collector current t c = 25c 200 a v ge gate ? emitter voltage 20 v p d maximum power dissipation t c = 25c 340 w rbsoa reverse bias safe operating area t j = 150c 200a @ 550v v ces = 600v i c = 100a @ tc = 80c application ? solar converter ? uninterruptible power supplies features ? trench + field stop igbt technology - low voltage drop - low tail current - switching frequency up to 20 khz - soft recovery parallel diodes - low diode vf - low leakage current - rbsoa and scsoa rated ? kelvin emitter for easy drive ? very low stray inductance ? high level of integration ? internal thermistor fo r temperature monitoring benefits ? stable temperature behavior ? very rugged ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? easy paralleling due to positive tc of vcesat ? low profile ? rohs compliant three level inverter trench + field stop igbt power module
APTGT100TL60T3G APTGT100TL60T3G ? rev 0 february, 2009 www.microsemi.com 2-7 all ratings @ t j = 25c unless otherwise specified q1 to q4 electrical characteristics symbol characteristic test conditions min typ max unit i ces zero gate voltage collector current v ge = 0v, v ce = 600v 250 a t j = 25c 1.5 1.9 v ce(sat) collector emitter saturation voltage v ge =15v i c = 100a t j = 150c 1.7 v v ge(th) gate threshold voltage v ge = v ce , i c = 1.5 ma 5.0 5.8 6.5 v i ges gate ? emitter leakage current v ge = 20v, v ce = 0v 400 na q1 to q4 dynamic characteristics symbol characteristic test conditions min typ max unit c ies input capacitance 6100 c oes output capacitance 390 c res reverse transfer capacitance v ge = 0v v ce = 25v f = 1mhz 190 pf q g gate charge v ge =15v, i c =100a v ce =300v 1.1 c t d(on) turn-on delay time 115 t r rise time 45 t d(off) turn-off delay time 225 t f fall time inductive switching (25c) v ge = 15v v bus = 300v i c = 100a r g = 3.3 55 ns t d(on) turn-on delay time 130 t r rise time 50 t d(off) turn-off delay time 300 t f fall time inductive switching (150c) v ge = 15v v bus = 300v i c = 100a r g = 3.3 70 ns t j = 25c 0.4 e on turn on energy t j = 150c 0.875 mj t j = 25c 2.5 e off turn off energy v ge = 15v v bus = 300v i c = 100a r g = 3.3 t j = 150c 3.5 mj i sc short circuit data v ge 15v ; v bus = 360v t p 6s ; t j = 150c 500 a r thjc junction to case thermal resistance 0.44 c/w
APTGT100TL60T3G APTGT100TL60T3G ? rev 0 february, 2009 www.microsemi.com 3-7 cr1 to cr4 diode ratings and characteristics symbol characteristic test conditions min typ max unit v rrm maximum peak repetitive reverse voltage 600 v t j = 25c 250 i rm maximum reverse leakage current v r =600v t j = 150c 500 a i f dc forward current tc = 80c 75 a t j = 25c 1.6 2 v f diode forward voltage i f = 75a v ge = 0v t j = 150c 1.5 v t j = 25c 100 t rr reverse recovery time t j = 150c 150 ns t j = 25c 3.6 q rr reverse recovery charge t j = 150c 7.6 c t j = 25c 0.85 e rr reverse recovery energy i f = 75a v r = 300v di/dt =2000a/s t j = 150c 1.8 mj r thjc junction to case thermal resistance 0.98 c/w cr5 & cr6 diode ratings and characteristics symbol characteristic test conditions min typ max unit v rrm maximum peak repetitive reverse voltage 600 v t j = 25c 250 i rm maximum reverse leakage current v r =600v t j = 150c 500 a i f dc forward current tc = 80c 100 a t j = 25c 1.6 2 v f diode forward voltage i f = 100a v ge = 0v t j = 150c 1.5 v t j = 25c 125 t rr reverse recovery time t j = 150c 220 ns t j = 25c 4.7 q rr reverse recovery charge t j = 150c 9.9 c t j = 25c 1.1 e rr reverse recovery energy i f = 100a v r = 300v di/dt =2000a/s t j = 150c 2.4 mj r thjc junction to case thermal resistance 0.77 c/w temperature sensor ntc (see application note apt0406 on www.micr osemi.com for more information). symbol characteristic min typ max unit r 25 resistance @ 25c 50 k ? r 25 /r 25 5 % b 25/85 t 25 = 298.15 k 3952 k ? b/b t c =100c 4 % ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? = t t b r r t 1 1 exp 25 85 / 25 25 t: thermistor temperature r t : thermistor value at t
APTGT100TL60T3G APTGT100TL60T3G ? rev 0 february, 2009 www.microsemi.com 4-7 thermal and package characteristics symbol characteristic min typ max unit v isol rms isolation voltage, any terminal to case t =1 min, i isol<1ma, 50/60hz 2500 v t j operating junction temperature range -40 175 t stg storage temperature range -40 125 t c operating case temperature -40 100 c torque mounting torque to heatsink m4 2.5 4.7 n.m wt package weight 110 g sp3 package outline (dimensions in mm) 17 12 28 1 see application note 1901 - mounting instructions for sp3 power modules on www.microsemi.com q1 to q4 typical performance curve hard switching 0 20 40 60 80 0 25 50 75 100 125 150 i c (a) fmax, operating frequency (khz) v ce =300v d=50% r g =3.3 ? t j =150c t c =85c operating frequency vs collector current
APTGT100TL60T3G APTGT100TL60T3G ? rev 0 february, 2009 www.microsemi.com 5-7 output characteristics (v ge =15v) t j =25c t j =25c t j =125c t j =150c 0 25 50 75 100 125 150 175 200 00.511.522.53 v ce (v) i c (a) output characteristics v ge =15v v ge =13v v ge =19v v ge =9v 0 25 50 75 100 125 150 175 200 00.511.522.533.5 v ce (v) i c (a) t j = 150c transfert characteristics t j =25c t j =25c t j =125c t j =150c 0 25 50 75 100 125 150 175 200 56789101112 v ge (v) i c (a) energy losses vs collector current eon eoff 0 1 2 3 4 5 6 7 0 25 50 75 100 125 150 175 200 i c (a) e (mj) v ce = 300v v ge = 15v r g = 3.3 ? t j = 150c eon eoff 0 2 4 6 8 0 5 10 15 20 25 30 gate resistance (ohms) e (mj) v ce = 300v v ge =15v i c = 100a t j = 150c switching energy losses vs gate resistance reverse bias safe operating area 0 50 100 150 200 250 0 100 200 300 400 500 600 700 v ce (v) i f (a) v ge =15v t j =150c r g =3.3 ? maximum effective transient thermal impedance, junction to case vs pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.1 0.2 0.3 0.4 0.5 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration in seconds thermal impedance (c/w)
APTGT100TL60T3G APTGT100TL60T3G ? rev 0 february, 2009 www.microsemi.com 6-7 cr1 to cr4 typical performance curve energy losses vs collector current 0 1 2 3 0 25 50 75 100 125 150 i f (a) e (mj) v ce = 300v r g = 4.7 ? t j = 150c 0 0.5 1 1.5 2 0 5 10 15 20 25 30 35 gate resistance (ohms) e (mj) v ce = 300v i c = 75a t j = 150c switching energy losses vs gate resistance forward characteristic of diode t j =25c t j =150c 0 25 50 75 100 125 150 0 0.4 0.8 1.2 1.6 2 2.4 v f (v) i f (a) maximum effective transient thermal impedance, junction to case vs pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.2 0.4 0.6 0.8 1 1.2 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration in seconds thermal impedance (c/w)
APTGT100TL60T3G APTGT100TL60T3G ? rev 0 february, 2009 www.microsemi.com 7-7 cr5 & cr6 typical performance curve energy losses vs collector current 0 1 2 3 4 0 25 50 75 100 125 150 175 200 i f (a) e (mj) v ce = 300v r g = 3.3 ? t j = 150c 0 0.5 1 1.5 2 2.5 3 0 5 10 15 20 25 30 gate resistance (ohms) e (mj) v ce = 300v i c = 100a t j = 150c switching energy losses vs gate resistance maximum effective transient thermal impedance, junction to case vs pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration in seconds thermal impedance (c/w) forward characteristic of diode t j =25c t j =150c 0 25 50 75 100 125 150 175 200 0 0.4 0.8 1.2 1.6 2 2.4 v f (v) i f (a) microsemi reserves the right to change, without notice , the specifications and information contained herein microsemi's products are covered by one or more of u.s patents 4, 895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,8 86 6,939,743 7,342,262 and foreign patents. u.s and foreign patents pending. all rights reserved.


▲Up To Search▲   

 
Price & Availability of APTGT100TL60T3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X