Part Number Hot Search : 
20114 C100EP 200S1 M54HC00D P4SMAJ20 1N6277L LTC3555 PSD813FH
Product Description
Full Text Search
 

To Download AP7362-25SP-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ap7362 1.5a, low quiescent current, fast transient ultra-low dropout linear regulator ap7362 document number: ds35058 rev. 2 - 2 1 of 13 www.diodes.com june 2011 ? diodes incorporated new product description the ap7362 is a 1.5a adjustable output voltage linear regulator with ultra-low dropout. the device includes pass element, error amplifier, band-gap, current limit and thermal shutdown circuitry. the integrated enable block allows the part to be turned on and off via a logic signal. a logic high level on en turns the device on and a logic low turns the part off. the low dropout voltage characteristics and fast transient response to step changes in load make it suitable for low voltage microprocessor applications. the typical quiescent current is approximately 0.5ma and changes little with load current. the built-in current-limit and thermal-shutdown functions prevent damage to the ic in fault conditions. this device is available in u-dfn2030-8 and so-8ep packages. features ? 1.5a ultra-low dropout linear regulator with en ? ultra-low dropout: 220mv at 1.5a ? stable with 10f input/output capacitor, any type ? wide input voltage range: 2.7v to 5.5v ? adjustable output voltage: 0.6v to 5.0v ? fixed output options: 1v, 1.2v, 1.5v, 1.8v, 2.5v, 3.3v ? low ground pin current ? 25na quiescent current in shutdown mode ? v adj accuracy of 1.5% @ 25c ? v adj accuracy of 3% over line, load and temperature ? excellent load/line transient response ? current limit and thermal shutdown protection ? ambient temperature range: -40oc to 85oc ? u-dfn2030-8, so-8ep: available in ?green? molding compound (no br, sb) ? lead free finish/ rohs compliant (note 1) applications ? asic power supplies in printers, graphics cards, dvd players, stbs, routers, etc ? fpga and dsp core or i/o power supplies ? smps regulator ? conversion from 3.3vor 5v rail pin assignments typical application circuit 10f in gnd en out enable 10f v in v out ap7362 fixed output 10f in gnd en out enable adj r2 r1 10f v in v out ap7362 adjustable output ? k10 2 rwhere 2 r 1 r 1 ref v out v ? ? ? ? ? ? ? ? + = notes: 1. eu directive 2002/95/ec (rohs). all applicab le rohs exemptions applied. please visit our website at http://www.diodes.com /products/lead_free.html . in gnd adj/ nc 12 en 34 65 87 out in out out ? en in gnd adj/nc 1 2 3 4 8 7 6 5 in out (top view) so-8ep out out u-dfn2030-8 (top view)
ap7362 1.5a, low quiescent current, fast transient ultra-low dropout linear regulator ap7362 document number: ds35058 rev. 2 - 2 2 of 13 www.diodes.com june 2011 ? diodes incorporated new product pin descriptions pin name pin number description gnd 1 ground. en 2 enable input, active high. in 3, 4 voltage input pin. out 5, 6, 7 voltage output pin. adj 8 output feedback pin for adjustable version only ? a resistor divider from this pin to the out pin and ground sets the output voltage. nc 8 no connection for fixed output version. ep ep the exposed pad (ep) is used to remove heat from the package and it is recommended that it is connected to a copp er area. the die is electrically connected to the exposed pad. it is recommended to connect it exter nally to gnd, but should not be the only ground connection. functional block diagram in en gnd out gate driver 0.605v current limit and thermal shutdown fixed version r r in en gnd adj out gate driver 0.605v current limit and thermal shutdown adjustable version
ap7362 1.5a, low quiescent current, fast transient ultra-low dropout linear regulator ap7362 document number: ds35058 rev. 2 - 2 3 of 13 www.diodes.com june 2011 ? diodes incorporated new product absolute maximum ratings (note 2) symbol parameter ratings unit esd hbm human body model esd protection 2000 v esd mm machine model esd protection 200 v v in input voltage -0.3 to 6.0 v v out , v en out, en voltage -0.3v to v in + 0.3 v i out continuous load current internal limited t st storage temperature range -65 to 150 c t j maximum junction temperature 150 c notes: 2. stresses beyond those listed under absolute ma ximum ratings may cause permanent dam age to the device. these are s tress ratings only, and functional operation of the device at these or any other conditio ns beyond those indicated is not implied. exposure to absolute-maximum rated conditions for extended periods may affect device reliability. recommended operating conditions symbol parameter min max unit v in input voltage 2.7 5.5 v i out output current 0 1.5 a t a operating ambient temperature -40 85 c t j operating junction temper ature (note 3) -40 125 c notes: 3. operating junction temperature must be ev aluated and derated as needed, based on ambient temperature (t a ), power dissipation (p d ), maximum allowable operating junction temperature (t j-max ), and package thermal resistance ( ja ).
ap7362 1.5a, low quiescent current, fast transient ultra-low dropout linear regulator ap7362 document number: ds35058 rev. 2 - 2 4 of 13 www.diodes.com june 2011 ? diodes incorporated new product electrical characteristics t a = 25 o c, v in = 3.3v, v out =1.8v, i out = 10ma, v en = v in , c in = 10 f, c out = 10 f, v en = 2v, unless otherwise stated. minimum and maximum limits are guaranteed through test, design, or st atistical correlation. typical values represent the most l ikely parametric norm at t a = 25 o c, and are provided for reference purposes only. symbol parameter test conditions min typ. max unit v adj adj pin voltage v in = v in-min to v in-max , i out = 10ma to 1.5a t a = 25 o c 0.584 0.605 0.626 v over temp 0.575 0.635 v adj adj pin voltage (a grade) v in = v in-min to v in-max , i out = 10ma to 1.5a t a = 25 o c 0.596 0.605 0.614 v over temp 0.587 0.623 i adj adj pin bias current v in = v in-min to v in-max t a = 25 o c 50 na over temp 750 v dropout dropout voltage (note 4) i out = 1.5a, v out = 2.5v t a = 25 o c 190 240 mv over temp 280 v out / v in line regulation (note 5) v in = v in-min to v in-max t a = 25 o c - 0.04 - %/v over temp 0.05 v out / i out load regulation (note 5) i out = 10ma to 1.5a t a = 25 o c - 0.18 - %/a over temp 0.33 i gnd ground pin current in normal operation mode i out = 10ma to 1.5a t a = 25 o c 1 1.2 ma over temp 1.3 i shdn ground pin current v en < v il t a = 25 o c 0.025 0.125 a over temp 15 i out-pk peak output current vout v out-nom -5% 3.6 a i sc short circuit current out grounded t a = 25 o c 3.7 a over temp 2 v ih enable logic high v in = v in-min to v in-max over temp 1.4 v v il enable logic low v in = v in-min to v in-max over temp 0.65 i ih enable pin high current v en = v in 1 na i il enable pin low current v en = 0v 0.1 t d(off) turn-off delay from v en < v il to v out = off, i out = 1.5a 25 s t d(on) turn-on delay from v en > v ih to v out = on, i out = 1.5a 25 s psrr ripple rejection v in = 3.0v, i out = 1.5a, f = 120hz 65 db v in = 3.0v, i out = 1.5a, f = 1khz 61 n(l/f) output noise density f = 120hz, c out = 10 f ceramic 1.0 v/ hz e n output noise voltage bw = 100hz ? 100khz, c out = 10 f ceramic 90 v(rms) t shdn thermal shutdown threshold t j rising 170 c t hys thermal shutdown hysteresis t j falling from t shdn 10 ja thermal resistance junction-to- ambient u-dfn2030-8 (note 6) 174.0 o c/w so-8ep (note 6) 52.8 jc thermal resistance junction-to- case u-dfn2030-8 (note 6) 28.2 o c/w so-8ep (note 6) 10.0 notes: 4. dropout voltage is the minimum voltage difference between the input and the output at which the output voltage drops 2% below its nominal value. for any output voltage less than 2.5v, the minimum v in operating voltage is the limiting factor. 5. the line and load regulation specification contains on ly the typical number. however, the limits for line and load regu lation are included in the adjust voltage tolerance specification. 6. device mounted on 2? x 2? fr-4 substr ate pcb, 2oz copper with minimum recommended pad layout.
ap7362 1.5a, low quiescent current, fast transient ultra-low dropout linear regulator ap7362 document number: ds35058 rev. 2 - 2 5 of 13 www.diodes.com june 2011 ? diodes incorporated new product typical performance characteristics unless otherwise specified: t j =25c, v in =2.7v, v en =v in , c in =10 f, c out =10 f, i out =10ma, v out =1.8v noise density frequency(hz) 100 1000 10k 100k 10k 1k 100 10 noise(nv/root-hz) noise density frequency(hz) 100 1000 10k 100k noise(nv/root-hz) 10 100 1k 10k i gnd(off) vs temperature -50-250 255075100125 temperature( ) i gnd (na) 1k 100 10 1 c out =10 f tant i gnd vs load current 0 0.5 1 1.5 2 2.5 3 0 0.5 1 1.5 i load (a) i gnd (ma) v en = 0.65v c out =10 f cer
ap7362 1.5a, low quiescent current, fast transient ultra-low dropout linear regulator ap7362 document number: ds35058 rev. 2 - 2 6 of 13 www.diodes.com june 2011 ? diodes incorporated new product typical performance characteristics (cont.) unless otherwise specified: t j =25c, v in =2.7v, v en =v in , c in =10 f, c out =10 f, i out =10ma, v out =1.8v turn-on characeristics 0 1 2 0123 v in (v) v out (v) dropout voltage vs load current 0 0.1 0.2 0.3 00 . 511 . 5 load current(a) dropout voltage(v) 25 c 125 c -40 c v en vs temperature 0.8 0.9 1 1.1 1.2 1.3 -50 -25 0 25 50 75 100 125 temperature( ) v en (v) i l =0a 25 c -40 c 125 c v ad j vs temperature 0.590 0.595 0.600 0.605 0.610 0.615 -50 -25 0 25 50 75 100 125 temperature( ) v adj (v)
ap7362 1.5a, low quiescent current, fast transient ultra-low dropout linear regulator ap7362 document number: ds35058 rev. 2 - 2 7 of 13 www.diodes.com june 2011 ? diodes incorporated new product typical performance characteristics (cont.) unless otherwise specified: t j =25c, v in =2.7v, v en =v in , c in =10 f, c out =10 f, i out =10ma, v out =1.8v turn-on time time (10 s/div) turn-on time time (10 s/div) load transient response time (40 s/div) v out =1.2v (500mv/div) i l =0a, c out =10 f cer v in =3.0v ( 2v/div ) v out =1.2v (500mv/div) i l =1.5a, c out =10 f cer v in =3.0v ( 2v/div ) v out =1.8v (50mv/div) i load =100ma to 1.5a (1a/div) v in =v en =3.3v c out =10 f cer psrr 0 10 20 30 40 50 60 70 80 90 0.1 1 10 100 1000 frequency(khz) rejection ratio(db) v in =3.3v v out =1.8v i out =1a c in =1 f cer c out =1 f cer
ap7362 1.5a, low quiescent current, fast transient ultra-low dropout linear regulator ap7362 document number: ds35058 rev. 2 - 2 8 of 13 www.diodes.com june 2011 ? diodes incorporated new product application information input capacitor a minimum 2.2 f ceramic capacitor is recommended between in and gnd pins to decouple input power supply glitch and noise. t he amount of the capacitance may be increased without limit. larger input capacitor like 10 f will provide better load transient response. this input capacitor must be located as close as possible to the device to assure input stability and reduce noise. for pcb layout, a wide copper trace is required for both in and gnd pins. a lower esr capacitor type allows the use of less capacitance, while higher esr type requires more capacitance. output capacitor the output capacitor is requ ired to stabilize and help the transient response of the ldo. the ap7362 is stable with any type of capacitor, with no limitations on minimum or maximum esr. the device is designed to have excellent transient response for most applications with a small amount of output capacitance. the device is also stable with multiple capacitors in parallel, which can be of any type of value. additional capacitance helps to reduce undershoot and overshoot during transient loads. this capacitor should be placed as close as possible to out and gnd pins for optimum performance. adjustable operation the ap7362 provides output voltage from 0.6v to 5.0v through external resistor divider as shown below. 10f in gnd en out enable adj r2 r1 10f v in v out ap7362 adjustable output the output voltage is calculated by: ? ? ? ? ? ? ? ? + = 2 r 1 r 1 ref v out v where v ref =0.6v (the internal reference voltage) rearranging the equation will give the following that is used for adjusting the output to a particular voltage: ? ? ? ? ? ? ? ? ? = 1 ref v out v 2 r 1 r to maintain the stability of the internal reference voltage, r 2 need to be kept smaller than 10k . no load stability other than external resistor divider, no minimum load is required to keep the device stable. the device will remain stable and regulated in no load condition. stability and phase margin any regulator which operates using a feedback loop must be compensated in such a way as to ensure adequate phase margin, which is defined as the difference between the phase shift and -180 degrees at the frequency where the loop gain crosses unity (0 db). for most ldo regulators, the esr of the output capacitor is required to create a zero to add enough phase lead to ensure stable operation. the ap7362 has an internal compensation circuit which maintains phase margin regardless of the esr of the output capacitor, any type of capacitor can be used. below two charts show the gain/phase plot of the ap7362 with an output of 1.2v, 10 f ceramic output capacitor, delivering 1.5a load current and no load. it can be seen the phase margin is about 90 (which is very stable) . -120 -100 -80 -60 -40 -20 0 20 40 60 80 100 120 frequency(hz) -80 -60 -40 -20 0 20 40 60 80 100 120 140 phase margin( ) loop gain(db) 100 1k 10k 100k 1m v in =2.7v v out =1.2v i l =1.5a c out =10 f cer gain phase gain-bandwidth plot for 1.5a load
ap7362 1.5a, low quiescent current, fast transient ultra-low dropout linear regulator ap7362 document number: ds35058 rev. 2 - 2 9 of 13 www.diodes.com june 2011 ? diodes incorporated new product application information (cont.) on/off input operation the ap7362 is turned on by setting the en pin high, and is turned off by pulling it low. if this feature is not used, the en pin should be tied to in pin to keep the regulator output on at all time. to en sure proper operation, the signal source used to drive the en pin must be able to swing above and below the specified turn-on/off voltage thresholds listed in the electrical characteristics section under v il and v ih . short circuit protection when output current at out pin is higher than current limit threshold, the current lim it protection will be triggered and clamp the output current to prevent over-current and to protect the regulator from damage due to overheating. thermal shutdown protection thermal protection disables the output when the junction temperature rises to approximately +170c, allowing the device to cool down. when the junction temperature reduces to approximately +160c the output circuitry is enabled again. depending on power dissipation, thermal resistance, and ambient te mperature, the thermal protection circuit may cycle on and off. this cycling limits the heat dissipation of the r egulator, protecting it from damage due to overheating. low quiescent current the ap7362, consumes only around 0.5ma for all input voltage range and load currents, this provides great power saving in portable and low power applications. output noise this is the integrated valu e of the output noise over a specified frequency range. i nput voltage and output load current are kept constant during the measurement. results are expressed in vrms or v hz. the ap7362 is a low noise regulator and needs no external noise reduction capacitor. output voltage noise is typically 100 vrms overall noise level between 100 hz and 100 khz noise is specified in two ways: output noise density is the rms sum of all noise sources, measured at the regul ator output, at a specific frequency (measured with a 1hz bandwidth). this type of noise is usually plotted on a curve as a function of frequency. output noise voltage is the rms sum of spot noise over a specified bandwidth. spot noise is measured in units v/ hz or nv/ hz and total output noise is measured in v(rms). the primary source of noise in low-dropout regulators is the internal reference. power dissipation the device power dissipation and proper sizing of the thermal plane that is connected to the thermal pad is critical to avoid thermal shutdown and ensure reliable operation. power dissipation of the device depends on input voltage and load conditions and can be calculated by: p d = (v in - v out ) x i out the maximum power dissipation, handled by the device, depends on the junction to ambient thermal resistance, and maximum ambient temperature, which can be calculated by the equation in the following: ja r ) a t-c150( p max_d + = -120 -100 -80 -60 -40 -20 0 20 40 60 80 100 120 frequency(hz) -80 -60 -40 -20 0 20 40 60 80 100 120 140 phase margin( ) loop gain(db) 100 1k 10k 100k 1m v in =2.7v v out =1.2v i l =0a c out =10 f cer gain phase gain-bandwidth plot for no load
ap7362 1.5a, low quiescent current, fast transient ultra-low dropout linear regulator ap7362 document number: ds35058 rev. 2 - 2 10 of 13 www.diodes.com june 2011 ? diodes incorporated new product ordering information ap 7362 - x x x x - x package packing 7 /13 : tap e & reel blank : adj 10 : 1 .0v output 12 : 1 .2v 15 : 1 .5v 18 : 1 .8v 25 : 2 .5v 33 : 3 .3v sp : so-8ep ha : u-dfn 2030-8 device package code packaging (note 7) 7?/13? tape and reel quantity part number suffix ap7362-xxha-7 ha u-dfn2030-8 3000/tape & reel -7 ap7362-xxsp-13 sp so-8ep 2500/tape & reel -13 notes: 7. pad layout as shown on diodes inc. suggested pad layout document ap 02001, which can be found on our website at http://www.diodes.com /datasheets/ap02001.pdf. marking information (1) u-dfn2030-8 y : year : 0~9 ( top view ) y w x xx xx : identification code x : a~z : internal code w : week : a~z : 1~26 week; a~z : 27~52 week; z represents 52 and 53 week device package identification code ap7362adj u-dfn2030-8 ra ap7362-10 u-dfn2030-8 rb ap7362-12 u-dfn2030-8 rc ap7362-15 u-dfn2030-8 rd ap7362-18 u-dfn2030-8 re ap7362-25 u-dfn2030-8 rf ap7362-33 u-dfn2030-8 rg
ap7362 1.5a, low quiescent current, fast transient ultra-low dropout linear regulator ap7362 document number: ds35058 rev. 2 - 2 11 of 13 www.diodes.com june 2011 ? diodes incorporated new product marking information (2) so-8ep ( top view ) ap7362-vv yy ww x logo part number 5 8 4 1 e ww : week : 01~52; 52 yy : year : 08, 09,10~ x : internal code represents 52 and 53 week so-8-ep ap7362 for adj ap7362-10 for 1.0v ap7362-12 for 1.2v ap7362-15 for 1.5v ap7362-18 for 1.8v ap7362-25 for 2.5v ap7362-33 for 3.3v package outline dimensions (all dimensions in mm) (1) package type: u-dfn2030-8 bottom view side view 0.10 c 0.08 c seating plane c 1.95/2.05 2.95/3.05 (pin #1 id) a b 0.10 cab 0.25 a 2x- 0.25 b 2x- top mark 0.15typ. 0/0.05 0.57/0.63 0.30/0.60 0.50typ. 0.20/0.30 land pattern recommendation (unit: mm) top view 8x- 8x- c l c l 1.50/1.70 1.40/1.60 2.60 1.70 c l 2.60 pin1 c l 6x-0.50 8x-0.30 1.60 8x-0.60
ap7362 1.5a, low quiescent current, fast transient ultra-low dropout linear regulator ap7362 document number: ds35058 rev. 2 - 2 12 of 13 www.diodes.com june 2011 ? diodes incorporated new product package outline dimensions (cont.) (all dimensions in mm) (2) package type: so-8ep 1.27typ 0.3/0.5 7~9 4.85/4.95 3.85/3.95 5.90/6.10 0.15/0.25 7~9 3.70/4.10 0.62/0.82 0/0.13 gauge plane 0.254 seating plane 0.35max. 45 detail "a" detail "a" 1.30/1.50 1.75max. bottom view 2.4ref. 3.3ref. exposed pad 8x-0.60 land pattem recommendation (unit:mm) exposed pad 1 1 1 5.4 8x-1.55 6x-1.27 notes: 8. co planarity applies to the exposed heat sink slug as well as the terminals.
ap7362 1.5a, low quiescent current, fast transient ultra-low dropout linear regulator ap7362 document number: ds35058 rev. 2 - 2 13 of 13 www.diodes.com june 2011 ? diodes incorporated new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or ot her changes without further notice to this document and any product described herein. diodes incorporated does not assume any liabi lity arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products desc ribed herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fee s arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized a pplication. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety-critical, life support devices or systems. copyright ? 2011, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of AP7362-25SP-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X