Part Number Hot Search : 
TP01100 AA3528 AA3528 BD4148 TC1775 P2AF4 PD190122 25X25
Product Description
Full Text Search
 

To Download AFC107M2APB-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1605 east rodney french blvd. new bedford, ma 02744 (508) 996-8564, fax(508) 996-3830 http://www.cornell-dubilier.com e-mail: cdenb@cornell-dubilier.com low impedance and long-life for filtering, bypassing, power supply decoupling highlights ? +105 c, up to 5000 hour load life ? capacitance range: 1 f to 6800 f ? voltage range: 6.3 vdc to 100 vdc specifications 1000 h @ +105 c, 4 - 10 mm 5000 h @ +105 c, 12.5 - 18 mm ? capacitance 20% df: 200% of limit dcl: 100% of limit 1000 h @ +105 c ? capacitance 20% df: 200% of limit dcl: 100% of limit load life: shelf life: type afc capacitors are the choice for high-fre- quency filtering. at 100 khz, most ratings can handle more than twice the ripple current of type aha. with solid performance at temperatures down to -55 c, type afc has more than 90% capacitance retention at -20 c and 1 khz. type afc large can capacitors expand the afc product line from 1500 to 6800 f and from 50 to 100 vdc. with low impedance to beyond 100 khz, it is ideal for higher power dc/dc converters. the vertical cylindrical cases make for easy automatic mounting and reflow soldering, and offer big savings and higher capacitance compared to tantalum capacitors. type afc, -55 c to 105 c smt aluminum electrolytic capacitors - low impedance, 105 c operating temperature: rated voltage: capacitance: capacitance tolerance: leakage current: ripple current multiplier: dissipation factor: -55 c to +105 c, 4 - 10 mm / -40 c to +105 c, 12.5 - 18 mm 6.3, 10, 16, 25, 50, 63 & 100 vdc 1.0 f to 6800 f 20% @ 120 hz and +20 c 0.01 cv or 3 a @ +20 c, after two minutes (whichever is greater) frequency see ratings table 1 50/60 hz 120 hz 1 khz 10 khz 100 khz 0.7 0 .75 0.9 0.95 1.0
1605 east rodney french blvd. new bedford, ma 02744 (508) 996-8564, fax(508) 996-3830 http://www.cornell-dubilier.com e-mail: cdenb@cornell-dubilier.com case dimensions type afc, -55 c to 105 c smt aluminum electrolytic capacitors - low impedance, 105 c case code d 0.5 l a 0.2 h (max) i (ref) w p (ref) k b 4.0 5.4 +.1,-.2 4.3 5.5 1.8 0.65 0.1 1.0 0.35 + 0.15/-0.20 c 5.0 5.4 +.1,-.2 5.3 6.5 2.2 0.65 0.1 1.5 0.35 + 0.15/-0.20 d 6.3 5.4 +.1,-.2 6.6 7.8 2.4 0.65 0.1 1.8 0.35 + 0.15/-0.20 e 8 .0 6.2 .3 8.3 9.5 3 .4 0.65 0.1 2.2 0.35 + 0.15/-0.20 f 8 .0 10.2 .3 8 .3 10 3.4 0.90 0.2 3.2 0.70 0.20 g 10.0 10.2 .3 10.3 12 3.5 0.90 0.2 4.6 0.70 0.20 l 1 2.5 1 6.5 .5 13.5 15.0 4.7 0.90 0.3 4.4 0.70 0.3 p 16.0 16.5 .5 17.0 19.0 5.5 1.2 0.3 6.7 0.70 0.3 r 18.0 16.5 .5 17.0 19.0 5.5 1.2 0.3 6.7 0.70 0.3 s 18.0 21.5 .5 19.0 21.0 6.5 1.2 0.3 6.7 0.70 0.3 afc series marking outline drawing 220 capacitance (
1605 east rodney french blvd. new bedford, ma 02744 (508) 996-8564, fax(508) 996-3830 http://www.cornell-dubilier.com e-mail: cdenb@cornell-dubilier.com t ype afc, -55 c to 105 c smt aluminum electrolytic capacitors - low impedance, 105 c ratings t able m a x . m a x . m a x . m a x. d i s s i p a t i o n e s r @ i m p e d a n ce r i p p l e c u r r e n t c ap c a t a l og d c l f a c t or @ 1 2 0 h z @ 100 k h z @ 10 5 c c a s e s i z e ( m m ) q uan t i t y be r ( a / 2 1 2 0 h z 2 0 c20 c 1 0 0 k h z c o d e d x l p e r r e e l m i n) 20 c ( ? )( ? ) ( m a ) 22 afc226m06b12t 3.0 0.26 19.6 3.0 60 b 4x5.4 2000 47 a f c 47 6 m 06 c 1 2 t 3 . 0 0 . 2 6 9 . 2 1 . 8 95 c 5 x 5 . 4 1 0 00 1 0 0 a f c 10 7 m 06 d 1 6 t 6 . 3 0 . 2 6 4 . 3 1 . 0 1 4 0 d 6 . 3 x 5 . 4 1 0 0 0 220 afc227m06e16t 13.9 0.26 2 .0 0.4 2 30 e 8 x6.2 1000 330 afc337m06f24t 20.8 0.26 1.3 0.3 450 f 8x10.2 500 1000 afc108m06g24t 6 3.0 0.26 0.43 0.15 6 70 g 10x10.2 500 1500 afc158m06g24t 9 4.5 0.26 0.29 0.15 6 70 g 10x10.2 500 2200 afc228m06p44t 139 0.24 0.18 0.043 1 690 p 16x16.5 125 3300 afc338m06r44t 208 0.26 0.13 0.038 2 000 r 18x16.5 125 4700 afc478m06s44t 296 0.28 0.10 0.028 2 205 s 18x21.5 7 5 6800 afc688m06s44t 428 0.32 0.08 0.028 2 490 s 18x21.5 7 5 33 afc336m10c12t 3.3 0.19 9.6 1.8 95 c 5 x5.4 1000 100 afc107m10e16t 10.0 0.19 3 .2 0.4 2 30 e 8 x6.2 1000 150 afc157m10e16t 15.0 0.19 2 .1 0.4 2 30 e 8 x6.2 1000 220 afc227m10f24t 22.0 0.19 1.4 0.3 450 f 8x10.2 500 470 afc477m10g24t 4 7.0 0.19 0.67 0.15 6 70 g 10x10.2 500 1000 afc108m10g24t 100.0 0.22 0.36 0.15 670 g 10x10.2 500 1000 afc108m10l32t 100 0.19 0.31 0 .065 1205 l 12.5x16.5 150 2200 afc228m10p44t 220 0.21 0.16 0.043 1 690 p 16x16.5 125 3300 afc338m10r44t 330 0.23 0.12 0.038 2 000 r 18x16.5 125 4700 afc478m10s44t 470 0.25 0.09 0.028 2 490 s 18x21.5 7 5 6800 afc688m10s44t 680 0.29 0.07 0.028 2 490 s 18x21.5 7 5 10 afc106m16b12t 3.0 0.16 26.5 3.0 60 b 4x5.4 2000 22 afc226m16c12t 3.5 0.16 12.1 1.8 95 c 5x5.4 1000 47 afc476m16d16t 7.5 0.16 5.7 1.0 140 d 6.3x5.4 1000 68 afc686m16e16t 10.9 0.16 3 .9 0.4 2 30 e 8 x6.2 1000 100 afc107m16e16t 16.0 0.16 2 .7 0.4 2 30 e 8 x6.2 1000 220 afc227m16g24t 3 5.2 0.16 1 .2 0.15 670 g 10x10.2 500 330 afc337m16g24t 5 2.8 0.16 0 .8 0.15 670 g 10x10.2 500 470 afc477m16g24t 7 5.2 0.16 0 .6 0.15 670 g 10x10.2 500 680 afc687m16g24t 108.8 0.16 0.4 0 .15 6 70 g 10x10.2 500 1000 afc108m16p44t 160 0.16 0.27 0.043 1 690 p 16x16.5 125 2200 afc228m16r44t 352 0.18 0.14 0.038 2 000 r 18x16.5 125 3300 afc338m16s44t 528 0.20 0.10 0.028 2 490 s 18x21.5 7 5 6.8 afc685m25b12t 3.0 0.14 34.1 3.0 60 b 4x5.4 2000 22 afc226m25d16t 5.5 0.14 10.6 1.0 1 40 d 6 .3x5.4 1000 33 afc336m25d16t 8.3 0.14 7.0 1.0 140 d 6.3x5.4 1000 47 afc476m25e16t 11.8 0.14 4 .9 0.4 2 30 e 8 x6.2 1000 68 afc686m25f24t 17.0 0.14 3.4 0.3 450 f 8x10.2 500 100 afc107m25f24t 25.0 0.14 2.3 0.3 450 f 8x10.2 500 220 afc227m25g24t 5 5.0 0.14 1 .1 0.15 670 g 10x10.2 500 330 afc337m25g24t 8 2.5 0.14 0 .7 0.15 670 g 10x10.2 500 470 afc477m25g24t 117.5 0.14 0.5 0 .15 6 70 g 10x10.2 500 470 afc477m25l32t 118 0.14 0.49 0 .065 1205 l 12.5x16.5 150 1000 afc108m25r44t 250 0.14 0.23 0.038 2 000 r 18x16.5 125 2200 afc228m25s44t 550 0.16 0.12 0.028 2 490 s 18x21.5 7 5 6 . 3 v dc ( 8 v d c s u r g e ) 1 0 v d c ( 1 3 v d c s u r g e ) 16 v d c ( 20 v d c s u r g e ) 25 v d c ( 31 v d c s u r g e ) 3
1605 east rodney french blvd. new bedford, ma 02744 (508) 996-8564, fax(508) 996-3830 http://www.cornell-dubilier.com e-mail: cdenb@cornell-dubilier.com t ype afc, -55 c to 105 c smt aluminum electrolytic capacitors - low impedance, 105 c ratings t able m a x . m a x . m a x . m a x . d i s s i p a t i on e s r @ i mped a n c e r i pp l e c u r r ent c a p c a t a l og d c l f a c t o r @ 1 20 h z @ 1 0 0 k h z @ 1 0 5 c c a s e s i z e ( m m ) q u an t i t y ( c20 c 1 00 k h z c o d e d x l p er r e e l m i n) 20 c ( ? ? . 0 12
1605 east rodney french blvd. new bedford, ma 02744 (508) 996-8564, fax(508) 996-3830 http://www.cornell-dubilier.com e-mail: cdenb@cornell-dubilier.com type afc, -55 c to 105 c smt aluminum electrolytic capacitors - low impedance, 105 c typical performance curves 5 0 0.2 0.4 0.6 0.8 1 1.2 1.4 10 100 1 000 1 0000 100000 1000000 ratio to 25 c, 120 hz value 65 c 25 c 85 c 0c ? 40 c 45 c ? 20 c 105 c ? 55 c 0.1 1 10 100 10 100 1,000 10,000 100,000 1,000,000 ratio to 25 c, 120 hz value ? 40 c ? 20 c 0c 25 c 45 c 85 c 65 c ? 55 c 105 c capacitance vs. temperature & frequency 1500 f @ 6.3 vdc (10 x 10.2 mm) 1500 f @ 6.3 vdc (10 x 10.2 mm) 1500 f @ 6.3 vdc (10 x 10.2 mm) impedance vs. temperature and frequency esr vs. temperature and frequency frequency (hz) frequency (hz) frequency (hz) 0.01 0.1 1 10 100 10 100 1,000 10,000 100,000 1,000,000 ratio to 25 c, 120 hz value ? 40 c 0c 25 c 65 c 85 c 45 c ? 20 c 105 c ? 55 capacitance vs. temperature & frequency impedance vs. temperature and frequency esr vs. temperature and frequency 0 0.2 0.4 0.6 0.8 1 1.2 10 100 1,000 10,000 100,000 1,000,000 ratio to 25 c, 120 hz value 65 c 25 c 85 c 0c ? 40 c 45 c ? 20 c 105 c ? 55 c 0.1 1 10 100 10 100 1 ,000 10,000 100,000 1,000,000 ratio to 25 c, 120 hz value ? 40 c ? 20 c 0c 25 c 45 c 85 c 65 c ? 55 c 105 c frequency (hz) frequency (hz) frequency (hz) 330 f @ 6.3 vdc (8 x 10.2 mm) 330 f @ 6.3 vdc (8 x 10.2 mm) 330 f @ 6.3 vdc (8 x 10.2 mm) 0.01 0.1 1 10 10 100 1 ,000 10,000 100,000 1 ,000,000 ratio to 25 c, 120 hz value ? 40 c 0c 25 c 65 c 85 c 45 c ? 20 c 105 c ? 55 c
1605 east rodney french blvd. new bedford, ma 02744 (508) 996-8564, fax(508) 996-3830 http://www.cornell-dubilier.com e-mail: cdenb@cornell-dubilier.com typical performance curves smt aluminum electrolytic capacitors - low impedance, 105 c type afc 6 0 0.2 0.4 0.6 0.8 1 1.2 10 100 1,000 10,000 100,000 1,000,000 ratio to 25 c, 120 hz value 65 c 25 c 85 c 0c 105 c ? 40 c 45 c ? 55 c 0.1 1 10 100 10 100 1,000 10,000 100,000 1,000,000 ratio to 25 c, 120 hz value ? 40 c 0 c 25 c 45 c85 c 65 c 105 c ? 55 c 0.01 0.1 1 10 10 100 1,000 10,000 100,000 1,000,000 ratio to 25 c, 120 hz value ? 40 c 0c 25 c 65 c 85 c 45 c 105 c ? 55 c capacitance vs. temperature and frequency esr vs. temperature and frequency impedance vs. temperature and frequency 1000 f @ 35 vdc (18 x 16.5 mm) 1000 f @ 35 vdc (18 x 16.5 mm) 1000 f @ 35 vdc (18 x 16.5 mm) frequency (hz) frequency (hz) frequency (hz) capacitance vs. temperature & frequency impedance vs. temperature and frequency esr vs. temperature and frequency 0.01 0.1 1 10 100 10 100 1,000 10,000 100,000 1,000,000 ratio to 25 c, 120 hz value ? 40 c 0c 25 c 65 c 85 c 45 c ? 20 c 105 c ? 55 0.1 1 10 100 10 100 1,000 10,000 100,000 1,000,000 ratio to 25 c, 120 hz value ? 40 c ? 20 c 0 c 25 c 45 c 85 c 65 c ? 55 c 105 c 0 0.2 0.4 0.6 0.8 1 1.2 10 100 1,000 10,000 100,000 1,000,000 ratio to 25 c, 120 hz value 65 c 25 c 85 c 0c ? 40 c 45 c ? 20 c 105 c ? 55 c 220 f @ 50 vdc (10 x 10.2 mm) 220 f @ 50 vdc (10 x 10.2 mm) 220 f @ 50 vdc (10 x 10.2 mm) frequency (hz) frequency (hz) frequency (hz)
1605 east rodney french blvd. new bedford, ma 02744 (508) 996-8564, fax(508) 996-3830 http://www.cornell-dubilier.com e-mail: cdenb@cornell-dubilier.com typical performance curves smt aluminum electrolytic capacitors - low impedance, 105 c type afc 7 -20 -10 0 10 20 -60 -40 -20 0 20 40 60 80 100 120 capacitance change (%) 100 f @ 6.3 vdc (6.3 x 5.4 mm) 47 f @ 16 vdc (6.3 x 5.4 mm) 10 f @ 50 vdc (6.3 x 5.4 mm) capacitance change with temperature (typical performance afc series @ 120 hz) (typical performance afc series @ 120 hz) temperature ( c) temperature ( c) dissipation factor vs. temperature 0 0.1 0.2 0.3 0.4 0.5 0.6 -60 -40 -20 0 20 40 60 80 100 120 d.f. (@120 hz) 100 f @ 6.3 vdc (6.3 x 5.4 mm) 47 f @ 16 vdc (6.3 x 5.4 mm) 10 f @ 50 vdc (6.3 x 5.4 mm) -20 -15 -10 -5 0 5 10 0 500 1,000 1,500 2,000 capacitance change (%) 10 f @ 16 vdc (4 x 5.4 mm) 47 f @ 16 vdc ( 6.3 x 5.4 mm) 330 f @ 16 vdc (10 x 10.2 mm) capacitance change vs time time (hours) 0 0.2 0.4 0.6 0.8 1 1.2 10 100 1 ,000 10,000 100,000 1,000,000 ratio to 25 c, 120 hz value 65 c 25 c 85 c 0c 105 c ? 40 c 45 c ? 20 c ? 55 c 0.001 0.01 0.1 1 10 10 100 1,000 10,000 100,000 1,000,000 ratio to 25 c, 120 hz value ? 40 c 0c 25 c 65 c 85 c 45 c ? 20 c 105 c ? 55 c 0.1 1 10 100 10 100 1 ,000 10,000 100,000 1 ,000,000 ratio to 25 c, 120 hz value ? 40 c ? 20 c 0 c 25 c 45 c 85 c 65 c 105 c ? 55 c capacitance vs. temperature & frequency esr vs. temperature and frequency impedance vs. temperature and frequency 100 f @ 63 vdc(12.5 x16.5mm) 100 f @ 63 vdc (12.5 x 16.5 mm) 100 f @ 63 vdc (12.5 x 16.5 mm) frequency (hz) frequency (hz) frequency (hz)
1605 east rodney french blvd. new bedford, ma 02744 (508) 996-8564, fax(508) 996-3830 http://www.cornell-dubilier.com e-mail: cdenb@cornell-dubilier.com t ype a vs, aha, afc, afk, ahd t ape and reel specifications t ape specifications a 0.2 p1 b 0.2 w 0.3 4 0.1 1.5 dia 1.75 0.1 f 0.1 0.4 t 0.2 component orientation polarity stripe (-) cathode case codewabcdfps h 32.0 14.0 14.0 18.0 14.5 14.2 24.0 28.4 l 32.0 14.0 14.0 18.0 17.5 14.2 24.0 28.4 p 44.0 17.5 17.5 23.0 17.5 20.2 28.0 40.4 r 44.0 19.5 19.5 26.0 17.5 20.2 32.0 40.4 s 44.0 19.5 19.5 26.0 22.5 20.2 32.0 40.4 0.2+0.05 0.75+0.1 2.00.1 4.00.1 ? 1.50.1 p0.1 b0.5 w0.3 s0.1 f0.1 1.750.1 a0.5 d0.2 0.5 c0.5 c a s e c ode w a b p 1 f t a 12 . 0 3 . 4 3 . 5 8 . 0 5 . 5 5 . 8 b 12 . 0 4 . 7 4 . 6 8 . 0 5 . 5 5 . 8 c 12 . 0 6 . 0 6 . 0 12 . 0 5 . 5 5 . 8 d 16 . 0 7 . 0 7 . 0 12 . 0 7 . 5 5 . 8 x 16 . 0 7 . 0 7 . 0 12 . 0 7 . 5 8 . 4 e 16 . 0 8 . 7 8 . 7 12 . 0 7 . 5 6 . 8 f 24 . 0 8 . 7 8 . 7 16 . 0 11 . 5 11 . 0 g 24 . 0 10 . 7 10 . 7 16 . 0 11 . 5 11 . 0 1. 0 1 3 c
1605 east rodney french blvd. new bedford, ma 02744 (508) 996-8564, fax(508) 996-3830 http://www.cornell-dubilier.com e-mail: cdenb@cornell-dubilier.com land pattern: reel specifications w case code a b c d e w t a, b size 3802 5 0 min 1 3.00.5 2 1.00.8 2 .00.5 141 3.0 c, d, e, x size 3802 5 0 min 1 3.00.5 2 1.00.8 2 .00.5 181 3.0 f, g size 3802 5 0 min 1 3.00.5 2 1.00.8 2 .00.5 261 3.0 j, k, h, l size 3302 5 0 min 1 3.00.5 2 1.00.8 2 .00.5 341 3.0 p, r, s, u size 3302 5 0 min 1 3.00.5 2 1.00.8 2 .00.5 461 3.0 type avs, aha, afc, afk, ahd tape and reel specifications e c d r: 1.0 mm (.039 in.) a t b 9 case codeabc a 0.6 2.2 1.5 b 1.0 2.5 1.6 c 1.5 2.8 1.6 d 2.2 3.0 1.6 e 2.2 4.5 1.6 f 3.2 4.0 2.0 g 4.6 4.3 2.0 j, k 4 4.5 2.0 h 4.0 5.7 2.0 l 4.0 5.7 2.0 p 6.0 6.5 2.5 r, u 6.0 6.5 2.5 s 6.0 7.5 2.5 123456789012345678 1 2345678901234567 8 1 2345678901234567 8 1 2345678901234567 8 1 2345678901234567 8 1 2345678901234567 8 1 2345678901234567 8 1 2345678901234567 8 1 2345678901234567 8 1 2345678901234567 8 1 2345678901234567 8 1 2345678901234567 8 1 2345678901234567 8 1 2345678901234567 8 123456789012345678 1234567890123456789 1 23456789012345678 9 1 23456789012345678 9 1 23456789012345678 9 1 23456789012345678 9 1 23456789012345678 9 1 23456789012345678 9 1 23456789012345678 9 1 23456789012345678 9 1 23456789012345678 9 1 23456789012345678 9 1 23456789012345678 9 1 23456789012345678 9 1 23456789012345678 9 1234567890123456789 c b b a
1605 east rodney french blvd. new bedford, ma 02744 (508) 996-8564, fax(508) 996-3830 http://www.cornell-dubilier.com e-mail: cdenb@cornell-dubilier.com 1 0 type avs, aha, afc, afk, ahd reflow solder & case dimensions outline drawing case dimensions reflow soldering temperature profile: (mm) *5.8 +0.1,-0.2 for afk and ahd series case peak max. time code temp ( c) @ 200 c (sec.) a, b, c, d, x 240 40 e, f, g, h 230 30 j, k, l, p r, s, u case code d 0.5 l a 0.2 h (max) i (ref) w p (ref) k a 3.0 5.4 +.1,-.2 3.3 4.5 1.5 0.55 0.1 0.6 0.35 + 0.15/-0.20 b 4.0 5.4 +.1,-.2 4.3 5.5 1.8 0.65 0.1 1.0 0.35 + 0.15/-0.20 c 5.0 5.4 +.1,-.2 5.3 6.5 2.2 0.65 0.1 1.5 0.35 + 0.15/-0.20 d 6.3 5.4 +.1,-.2 6.6 7.8 2.4 0.65 0.1 1.8 0.35 + 0.15/-0.20 x 6.3 7.9 .3 6.6 7.8 2.6 0.65 0.1 1.8 0.35 + 0.15/-0.20 e 8.0 6.2 .3 8.3 9.5 3.4 0.65 0.1 2.2 0.35 + 0.15/-0.20 f 8.0 10.2 .3 8.3 10 3.4 0.90 0.2 3.2 0.70 0.20 g 10.0 10.2 .3 10.3 13 3.5 0.90 0.2 4.6 0.70 0.20 h 12.5 13.5 .5 13.5 15 4.7 0.9 0.3 4.4 0.70 0.30 j 10 13.5 10.3 12 3.5 0.9 0.2 4.6 0.70 0.20 k 10 17.5 10.3 12 3.5 0.9 0.2 4.6 0.70 0.20 l 12.5 16.5 .5 13.5 15.0 4.7 0.90.3 4.4 0.70 0.30 p 16.0 16.5 .5 17.0 19.0 5.5 1.20.3 6.7 0.70 0.30 r 18.0 16.5 .5 19.0 21.0 6.5 1.20.3 6.7 0.70 0.30 s 18.0 21.5 .5 19.0 21.0 6.5 1.20.3 6.7 0.70 0.30 u 16.0 21.5 17.0 19.0 6.7 1.20.3 6.7 0.70 0.30 120 seconds preheat maximum time @ 200 c (see chart below) time 160 c 200 c peak temp. (see chart below) 5 seconds maximum h l w p d 0.3 mm max. a i i k


▲Up To Search▲   

 
Price & Availability of AFC107M2APB-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X