Part Number Hot Search : 
7D1DP30Q 153KL IDT74 EGP20G UPD030A 74HCT138 GKDA3M8 SNXXX
Product Description
Full Text Search
 

To Download A-2PAF081-XXXW2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
amphenol manufactures a family of amphenol micro miniature coaxial (ammc) connectors for use in applications with 50 ohm impedance requirements. ammc connectors are low profile (1.4 mm of the board) and offer an extremely small board footprint (2 mm x 2 mm). this series is 100% compatible with the w.fl interface. ammc specifications electrical impedance 50 , nominal frequency range dc - 6 ghz contact resistance center contact: 20 m max. outer contact: 10 m max. insulation resistance 500 m min. operating voltage: 500 vrms dwv: no line or insulation breakdown: 200 vac for 1 min. vswr: 1.3 max. at dc - 3 ghz, 1.35 max. at 3 - 6 ghz. mechanical durability 20 cycles temperature range -40 to +90c mating withdrawl force 2n - 10n amphenol rf ? 4 old newtown road ? danbury, ct 06810, usa telephone: 800.627.7100 amphenol rf asia ? gong ming town ? bao an district shenzen 518132, p.r. china ? fax: 203.796.2032 telephone: 86.755.2717.7843 fax: 86.755.2717.7845 ? www.amphenolrf.com ammc interface is fully compatible with ?w.fl? series product material connector body phosphor bronze, silver plated (.08u min.) over copper (1-2u) connector center contact phosphor bronze, gold plated (0.2u min.) over nickel (2-3u) connector insulator pbt cable jacket fep cable dielectric fep cable center conductor 32 awg annealed copper wire stranded, silver plated cable outer conductor annealed copper wire braid, silver plated for your convenience, please use the part numbering system below to create your own part number: a-2pav081-xxxyz a: series name (a=ammc) 2pa: plug xxx: cable length in mm v: connector orientation y: cable color:  (dash) - both the same direction  g - gray  c - 90 deg. clockwise offset  b - black  f - 180 deg. offset  w - white  r - 270 deg. offset z: number of terminated ends: cable diameter (od): 0.081 - 8.1 mm  1  2


▲Up To Search▲   

 
Price & Availability of A-2PAF081-XXXW2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X