Part Number Hot Search : 
33982B 6N136 NSR01 LTC4412 5N120 MCP320 OMAP5 MUR1540
Product Description
Full Text Search
 

To Download 550PC074M250DG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. 0.6 6/07 copyright ? 2007 by silicon laboratories si550 v oltage -c ontrolled c rystal o scillator (vcxo) 10 mh z to 1.4 gh z features applications description the si550 vcxo utilizes silicon laboratories? advanced dspll ? circuitry to provide a low-jitter clock at high fre quencies. the si550 is available with any-rate output frequency from 10 to 945 mhz and selected frequencies to 1400 mhz. unlike traditional vcxos, where a different crystal is required for each output frequency, the si550 uses one fixed crystal to provide a wide range of output frequencies. this ic-based approach allows the crystal resonator to provide exceptional frequency stability and reliability. in addition, dspll clock synthesis provid es superior supply noise rejection, simplifying the task of generating low-jitter clocks in noisy environments typically found in communication systems. the si550 ic-based vcxo is factory-configurable for a wide variet y of user specifications, including frequency, supply voltage, output format, tuning slope, and temperature stability. specific configurations are factory programmed at time of shipment, thereby eliminating the long lead time s associated with custom oscillators. functional block diagram available with any-rate output frequencies from 10 to 945 mhz and selected frequencies to 1.4 ghz 3rd generation dspll ? with superior jitter performance 3x better frequency stability than saw-based oscillators internal fixed crystal frequency ensures high reliability and low aging available cmos, lvpecl, lvds, and cml outputs 3.3, 2.5, and 1.8 v supply options industry-standard 5 x 7 mm package and pinout lead-free/rohs-compliant sonet/sdh xdsl 10 gbe lan/wan low-jitter clock generation optical modules clock and data recovery fixed frequency xo any-rate 10-1400 mhz dspll ? clock synthesis adc v dd clk+ clk? vc oe gnd ordering information: see page 8. pin assignments: see page 7. (top view) si5602 1 2 3 6 5 4 v c gnd oe v dd clk+ clk? si550 r evision d
si550 2 rev. 0.6 1. electrical specifications table 1. recommended operating conditions parameter symbol test condition min typ max units supply voltage 1 v dd 3.3 v option 2.97 3.3 3.63 v 2.5 v option 2.25 2.5 2.75 1.8 v option 1.71 1.8 1.89 supply current i dd output enabled lvpecl cml lvds cmos ? ? ? ? 120 108 99 90 130 117 108 98 ma tristate mode ? 60 75 output enable (oe) 2 v ih 0.75 x v dd ?? v v il ??0.5 operating temperature range t a ?40 ? 85 c notes: 1. selectable parameter specified by part number. see 3. "ordering information" on page 8 for further details. 2. oe pin includes a 17 k ? resistor to v dd . table 2. v c control voltage input parameter symbol test condition min typ max units control voltage tuning slope 1,2,3 k v 10 to 90% of v dd ?33 45 90 135 180 356 ? ppm/v control voltage linearity 4 l vc bsl ?5 1 +5 % incremental ?10 5 +10 modulation bandwidth bw 9.3 10.0 10.7 khz v c input impedance z vc 500 ? ? k ? nominal control voltage v cnom @ f o ?v dd /2 ? v control voltage tuning range v c 0v dd v notes: 1. positive slope; selectable option by part number. see 3. "ordering information" on page 8. 2. for best jitter and phase noise performance, always choose the smallest k v that meets the application?s minimum apr requirements. see ?an266: vcxo tuning slope (k v ), stability, and absolute pull r ange (apr)? for mo re information. 3. k v variation is 10% of typical values. 4. bsl determined from deviation from best straight line fit with v c ranging from 10 to 90% of v dd . incremental slope determined with v c ranging from 10 to 90% of v dd .
si550 rev. 0.6 3 table 3. clk output frequency characteristics parameter symbol test condition min typ max units nominal frequency 1,2,3 f o lvds/cml/lvpecl 10 ? 945 mhz cmos 10 ? 160 temperature stability 1,4 t a = ?40 to +85 oc ?20 ?50 ?100 ? ? ? +20 +50 +100 ppm absolute pull range 1,4 apr 25 ? 375 ppm aging frequency drift over first year. ? ? 3 ppm frequency drift over 15 year life. ? ? 10 power up time 5 t osc ??10ms notes: 1. see section 3. "ordering information" on page 8 for further details. 2. specified at time of order by part number. also available in frequencies from 970 to 1134 mhz and 1213 to 1417 mhz. 3. nominal output frequency set by v cnom =v dd /2. 4. selectable parameter specified by part number. 5. time from power up or tristate mode to f o . table 4. clk output levels and symmetry parameter symbol test condition min typ max units lvpecl output option 1 v o mid-level v dd ? 1.42 ? v dd ? 1.25 v v od swing (diff) 1.1 ? 1.9 v pp v se swing (single-ended) 0.55 ? 0.95 v pp lvds output option 2 v o mid-level 1.125 1.20 1.275 v v od swing (diff) 0.5 0.7 0.9 v pp cml output option 2 v o mid-level ? v dd ? 0.75 ? v v od swing (diff) 0.70 0.95 1.20 v pp cmos output option 3 v oh i oh =32ma 0.8 x v dd ? v dd v v ol i ol =32ma ? ? 0.4 rise/fall time (20/80%) t r, t f lvpecl/lvds/cml ? ? 350 ps cmos with c l =15pf ? 1 ? ns symmetry (duty cycle) sym lvpecl: v dd ? 1.3 v (diff) lvds: 1.25 v (diff) cmos: v dd /2 45 ? 55 % notes: 1. 50 ? to v dd ? 2.0 v. 2. r term = 100 ? (differential). 3. c l = 15 pf
si550 4 rev. 0.6 table 5. clk output phase jitter parameter symbol test condition min typ max units phase jitter (rms) 1,2,3 for f out > 500 mhz j kv = 33 ppm/v 12 khz to 20 mhz (oc-48) 50 khz to 80 mhz (oc-192) ? ? 0.26 0.26 ? ? ps kv = 45 ppm/v 12 khz to 20 mhz (oc-48) 50 khz to 80 mhz (oc-192) ? ? 0.27 0.26 ? ? kv = 90 ppm/v 12 khz to 20 mhz (oc-48) 50 khz to 80 mhz (oc-192) ? ? 0.32 0.26 ? ? kv = 135 ppm/v 12 khz to 20 mhz (oc-48) 50 khz to 80 mhz (oc-192) ? ? 0.40 0.27 ? ? kv = 180 ppm/v 12 khz to 20 mhz (oc-48) 50 khz to 80 mhz (oc-192) ? ? 0.49 0.28 ? ? kv = 356 ppm/v 12 khz to 20 mhz (oc-48) 50 khz to 80 mhz (oc-192) ? ? 0.87 0.33 ? ? notes: 1. differential modes: lvpecl/lvds/cml. refer to an255, an256, and an266 for further information. 2. for best jitter and phase noise performanc e, always choose the smallest k v that meets the application?s minimum apr requirements. see ?an266: vcxo tuning slope (k v ), stability, and absolute pull r ange (apr)? for mo re information. 3. see ?an255: replacing 622 mhz vcso devices with the si550 vcxo? for comparison highlighting power supply rejection (psr) advantage of si55x versus saw-based solutions.
si550 rev. 0.6 5 phase jitter (rms) 1,2,3 for f out of 125 to 500 mhz j kv = 33 ppm/v 12 khz to 20 mhz (oc-48) 50 khz to 80 mhz (oc-192) ? ? 0.37 0.33 ? ? ps kv = 45 ppm/v 12 khz to 20 mhz (oc-48) 50 khz to 80 mhz (oc-192) ? ? 0.37 0.33 ? ? kv = 90 ppm/v 12 khz to 20 mhz (oc-48) 50 khz to 80 mhz (oc-192) ? ? 0.43 0.34 ? ? kv = 135 ppm/v 12 khz to 20 mhz (oc-48) 50 khz to 80 mhz (oc-192) ? ? 0.50 0.34 ? ? kv = 180 ppm/v 12 khz to 20 mhz (oc-48) 50 khz to 80 mhz (oc-192) ? ? 0.59 0.35 ? ? kv = 356 ppm/v 12 khz to 20 mhz (oc-48) 50 khz to 80 mhz (oc-192) ? ? 1.00 0.39 ? ? table 6. clk output period jitter parameter symbol test condition min typ max units period jitter* j per rms ? 2 ? ps peak-to-peak ? 14 ? *note: any output mode, incl uding cmos, lvpecl, lvds, cml. n = 1000 cycles . refer to an279 fo r further information. table 5. clk output phase jitter (continued) parameter symbol test condition min typ max units notes: 1. differential modes: lvpecl/lvds/cml. refer to an255, an256, and an266 for further information. 2. for best jitter and phase noise performanc e, always choose the smallest k v that meets the application?s minimum apr requirements. see ?an266: vcxo tuning slope (k v ), stability, and absolute pull r ange (apr)? for mo re information. 3. see ?an255: replacing 622 mhz vcso devices with the si550 vcxo? for comparison highlighting power supply rejection (psr) advantage of si55x versus saw-based solutions.
si550 6 rev. 0.6 table 7. clk output phase noise (typical) offset frequency 74.25 mhz 90 ppm/v lvpecl 491.52 mhz 45 ppm/v lvpecl 622.08 mhz 135 ppm/v lvpecl units 100 hz 1khz 10 khz 100 khz 1mhz 10 mhz 100 mhz ?87 ?114 ?132 ?142 ?148 ?150 n/a ?75 ?100 ?116 ?124 ?135 ?146 ?147 ?65 ?90 ?109 ?121 ?134 ?146 ?147 dbc/hz table 8. absolute maximum ratings 1 parameter symbol rating units maximum operating temperature t amax 85 oc supply voltage v dd ?0.5 to +3.8 volts input voltage v i ?0.5 to v dd + 0.3 volts storage temperature t s ?55 to +125 oc esd sensitivity (hbm, per jesd22-a114) esd 2500 volts soldering temperature (pb-free profile) 2 t peak 260 oc soldering temperature time @ t peak (pb-free profile) 2 t p 20?40 seconds notes: 1. stresses beyond those listed in absolute maximum ratings may cause permanent damage to the device. functional operation or specification co mpliance is not implied at these conditions. exposure to maximum rating conditions for extended periods may affect device reliability. 2. the device is compliant with jedec j-std-020c. refer to si5xx packaging faq available for download from www.silabs.com/vcxo for further information, including soldering profiles. table 9. environmental compliance the si550 meets the following qualification test requirements. parameter conditions/test method mechanical shock mil-std-883f, method 2002.3 b mechanical vibration mil-std-883f, method 2007.3 a solderability mil-std-8 83f, method 203.8 gross & fine leak mil-std-883f, method 1014.7 resistance to solvents mil-std-883f, method 2016
si550 rev. 0.6 7 2. pin descriptions table 10. si550 pin descriptions pin name type function 1 v c analog input control voltage 2 oe* input output enable (polarity = high): 0 = clock output disabled (outputs tri-stated) 1 = clock output enabled 3 gnd ground electrical and case ground 4 clk+ output oscillator output 5 clk? (n/a for cmos) output complementary output (n/c for cmos) 6 v dd power power supply voltage *note: oe includes 17 k ? pullup resistor to v dd . see section 3. "ordering information" on page 8 for details on oe polarity ordering options. 1 2 3 6 5 4 v c gnd oe v dd clk+ clk? (top view)
si550 8 rev. 0.6 3. ordering information the si550 supports a variety of options including fr equency, temper ature stability, tuning sl ope, output format, and v dd . specific device configurations are programmed into the si550 at time of sh ipment. configurations are specified using the part number configuration chart show n below. silicon labs provides a web browser-based part number configuration utility to simplify this process. refer to www.silabs.com/vcxopartnumber to access this tool and for further ordering instructions. the si550 vcxo seri es is supplied in an industr y-standard, rohs compliant, lead-free, 6-pad, 5 x 7 mm package. tape and reel packaging is an ordering option. figure 1. part number convention r = tape & reel blank = trays operating temp range (c) g ?40 to +85 c device revision letter 550 vcxo product family 550 x x xxxmxxx d g r 1 st option code v dd output format output enable polarity a 3.3 lvpecl high b 3.3 lvds high c 3.3 cmos high d3.3cml high e 2.5 lvpecl high f 2.5 lvds high g 2.5 cmos high h2.5cml high j 1.8 cmos high k1.8cml high m3.3lvpecl low n3.3lvds low p3.3cmos low q3.3cml low r2.5lvpecl low s2.5lvds low t2.5cmos low u2.5cml low v1.8cmos low w1.8cml low note : cmos available to 160 mhz. 2 nd option code temperature tuning slope minimum apr stability kv (ppm) for vdd @ code ppm (max) ppm/v (typ) 3.3 v 2.5 v 1.8 v a 100 180 100 75 25 b 100 90 30 note 6 note 6 c 50 180 150 125 75 d50 90 803025 e 20 45 25 note 6 note 6 f50 135 1007550 g 20 356 375 300 235 h 20 180 185 145 105 j 20 135 130 104 70 k 100 356 295 220 155 m 20 33 12 note 6 note 6 notes: 1. for best jitter and phase noise performance, always choose the smallest kv that meets the application?s minimum apr requirements. unlike saw-based solutions which require higher higher kv values to account for their higher temperature dependence, the si55x series provides lower kv options to minimize noise coupling and jitter in real- world pll designs. see an255 and an266 for more information. 2. apr is the ability of a vcxo to track a signal over the product lifetime. a vcxo with an apr of 25 ppm is able to lock to a clock with a 25 ppm stability over 15 years over all operating conditions. 3. nominal pull range () = 0.5 x v dd x tuning slope. 4. nominal absolute pull range ( apr) = pull range ? stability ? lifetime aging = 0.5 x v dd x tuning slope ? stability ? 10 ppm 5. minimum apr values noted above include worst case values for all parameters. 6. combination not available. example part number: 550af622m080dgr is a 5 x 7 mm vcxo in a 6 pad package. the nominal frequency is 622.080 mhz, with a 3.3 v supply, lvpecl output, and output enable active high polarity. temperature stability is specified as 50 ppm and the tuning slope is 13 5 ppm/v. the part is specified for a ?40 to +85 c ambient temperature range operation and is shipped in tape and reel format. frequency (e.g. 622m080 is 622.080 mhz) available frequency range is 10 to 945 mhz, 970 to 1134, and 1213 to 1417 mhz. the position of ?m? shifts to denote higher or lower frequencies. if the frequency of interest requires greater than 6 digit resolution, a six digit code will be assigned for the specific frequency.
si550 rev. 0.6 9 4. si55x mark specification figure 2 illustrates the mark specification for the si550. table 11 lists the line information. figure 2. mark specification table 11. si55x top mark description line position description 1 1?10 ?silabs?+ part family number, 5xx (first 3 characters in part number) 2 1?10 si550: option1+option2+freq(7)+temp si552, si554, si550 w/ 8-digit resolu tion: option1+option2+confignum(6)+temp 3 trace code position 1 pin 1 orientation mark (dot) position 2 product revision (d) position 3?6 tiny trace code (4 alphanumeric charac ters per assembly release instructions) position 7 year (least significant year digit), to be assigned by assembly site (ex: 2007 = 7) position 8?9 calendar work week number (1?53), to be assigned by assembly site position 10 ?+? to indicate pb-free and rohs-compliant silabs 123 123 4 5 6 r t t t t y w w + 1 2 3 4 5 6 7 8 9 0
si550 10 rev. 0.6 5. outline diagram and suggested pad layout figure 3 illustrates the package details for the si550. table 12 lists the val ues for the dimensions shown in the illustration. figure 3. si550 outline diagram table 12. package diagram dimensions (mm) dimension min nom max a 1.45 1.65 1.85 b1.21.41.6 c0.60 typ. d 7.00 bsc. d1 6.10 6.2 6.30 e 2.54 bsc. e 5.00 bsc. e1 4.30 4.40 4.50 l 1.07 1.27 1.47 s 1.815 bsc. r 0.7 ref. aaa ? ? 0.15 bbb ? ? 0.15 ccc ? ? 0.10 ddd ? ? 0.10
si550 rev. 0.6 11 6. 6-pin pcb land pattern figure 4 illustrates the 6-pin pcb land pa ttern for the si550. table 13 lists th e values for the dimensions shown in the illustration. figure 4. si550 pcb land pattern table 13. pcb land pattern dimensions (mm) dimension min max d2 5.08 ref e 2.54 bsc e2 4.15 ref gd 0.84 ? ge 2.00 ? vd 8.20 ref ve 7.30 ref x1.70 typ y2.15 ref zd ? 6.78 ze ? 6.30 notes: 1. dimensioning and tolerancing per the ansi y14.5m-1994 specification. 2. land pattern design based on ipc-7351 guidelines. 3. all dimensions shown are at ma ximum material condition (mmc). 4. controlling dimension is in millimeters (mm).
si550 12 rev. 0.6 d ocument c hange l ist revision 0.3 to revision 0.4 updated table 1, ?recommended operating conditions,? on page 2. added maximum supply current specifications. specified relationship between temperature at startup and operation temperature. added output enable active polarity as an option in figure 1, ?part number convention,? on page 8. revision 0.4 to revision 0.5 updated note 3 in table 1, ?recommended operating conditions,? on page 2. updated figure 1, ?part number convention,? on page 8. revision 0.5 to revision 0.6 updated table 1, ?recommended operating conditions,? on page 2. device maintains stable operation over ?40 to +85 oc operating temperature range. supply current specifications updated for revision d. updated table 4, ?clk output levels and symmetry,? on page 3. updated lvds differential peak-peak swing specifications. updated table 5, ?clk output phase jitter,? on page 4. updated table 6, ?clk outp ut period jitter,? on page 5. revised period jitter specifications. updated table 8, ?absolute maximum ratings 1 ,? on page 6 to reflect the soldering temperature time at 260 oc is 20?40 sec per jedec j-std-020c. updated 3. "ordering information" on page 8. changed ordering instructions to revision d. added 4. "si55x mark specification" on page 9.
si550 rev. 0.6 13 n otes :
si550 14 rev. 0.6 c ontact i nformation silicon laboratories inc. 400 west cesar chavez austin, tx 78701 tel: 1+(512) 416-8500 fax: 1+(512) 416-9669 toll free: 1+(877) 444-3032 email: vcxoinfo@silabs.com internet: www.silabs.com silicon laboratories, silicon labs, and dspll are trademarks of silicon laboratories inc. other products or brandnames mentioned herein are trademarks or registered trademarks of their respective holders. the information in this document is believed to be accurate in all respects at the time of publication but is subject to change without notice. silicon laboratories assumes no responsibility for errors and omissions, and disclaims responsib ility for any consequences resu lting from the use of information included herein. a dditionally, silicon laboratorie s assumes no responsibility for the functioning of und escribed features or parameters. silicon laboratories reserves the right to make changes without further notice . silicon laboratories makes no wa rranty, rep- resentation or guarantee regarding the suitability of its products for any particular purpose, nor does silicon laboratories as sume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any an d all liability, including wi thout limitation conse- quential or incidental damages. silicon laborat ories products are not designed, intended, or authorized for use in applications intended to support or sustain life, or for any other application in which the failure of the silicon laboratories product could create a s ituation where per- sonal injury or death may occur. should buyer purchase or us e silicon laboratories products for any such unintended or unauthor ized ap- plication, buyer shall indemnify and hold silicon laboratories harmless against all claims and damages.


▲Up To Search▲   

 
Price & Availability of 550PC074M250DG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X