Part Number Hot Search : 
EGPD630E M61506FP WT6018 SMW250 15R06 20G227 2SA16 QESM05
Product Description
Full Text Search
 

To Download 2N4393C1B-JQRSGRPC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon small signal n-channel jfet semelab limited reserves the right to change test c onditions, parameter limits and package dimensions without notice. information furnished by semelab is believed to be both accurate and reliable at the time of going to press. however semelab assumes no responsibility for any errors or omissions discovered in its use. semelab encourage s customers to verify that datasheets are current before placing o rders. semelab limited semelab limited semelab limited semelab limited coventry road, lutterworth, leicestershire, le17 4 jb telephone +44 (0) 1455 556565 fax +44 (0) 1455 5526 12 email: sales@semelab-tt.com website: http://www.semelab-tt.com document number 8518 issue 2 page 1 of 4 2n4393c1 hermetic surface mounted package. designed for high reliability and space applications. screening options available. absolute maximum ratings (t a = 25c unless otherwise stated) vds drain ? source voltage 40v v gs gate ? source voltage -40v v gd gate ? drain voltage -40v i g gate current 50ma p d total power dissipation at t a = 25c 300mw derate above 25c 2mw/c t j junction temperature range -55 to +175c t stg storage temperature range -65 to +200c thermal properties symbols parameters min. typ. max. units r ja thermal resistance, junction to ambient 500 c/w
silicon small signal n-channel jfet 2n4393c1 semelab limited semelab limited semelab limited semelab limited coventry road, lutterworth, leicestershire, le17 4 jb telephone +44 (0) 1455 556565 fax +44 (0) 1455 5526 12 email: sales@semelab-tt.com website: http://www.semelab-tt.com document number 8518 issue 2 page 2 of 4 electrical characteristics (t a = 25c unless otherwise stated) symbols parameters test conditions min. typ max. units v (br)gss gate ? source breakdown voltage v ds = 0v i g = 1.0a -40 v gs(off) gate ? source cut-off voltage v ds = 20v i d = 1.0na -0.5 -3 v i dss (1) saturation drain current v ds = 20v v gs = 0v 5 30 ma v ds = 0v v gs = -20v -100 pa i gss gate reverse current t a = 150c -200 na v ds = 20v v gs = -5v 100 pa i d(off) drain cut-off current t a = 150c 200 na v ds(on) drain ? source on voltage v gs = 0v i d = 3ma 0.4 v r ds(on) drain ? source on resistance v gs = 0 i d = 1.0ma 100 dynamic characteristics c iss common ? source input capacitance v ds = 20v f = 1.0mhz v gs = 0v 26 c rss common ? source reverse transfer capacitance v ds = 0v f = 1.0mhz v gs = -5v 5 pf r ds(on) drain ? source on resistance v gs = 0 f = 1.0khz i d = 0a 100 n (2) equivalent input noise voltage v dg = 10v f = 1.0khz i d = 1.0ma 3 nv hz t r rise time 5 t d(on) turn-on delay time 15 t f fall time 30 t d(off) turn-off delay time v dd = 10v v gs = 0v v gsx = -5v i d(on) = 3ma 50 ns notes notes notes notes (1) pulse width 300us, 2% (2) by design only, not a production test.
silicon small signal n-channel jfet 2n4393c1 semelab limited semelab limited semelab limited semelab limited coventry road, lutterworth, leicestershire, le17 4 jb telephone +44 (0) 1455 556565 fax +44 (0) 1455 5526 12 email: sales@semelab-tt.com website: http://www.semelab-tt.com document number 8518 issue 2 page 3 of 4 mechanical data dimensions in mm (inches) c1 underside view package variant table variant pad 1 pad 2 pad 3 pad 4 a drain source gate no pad (3-pins only) b drain source gate lid contact * c source drain gate no pad (3-pins only) d source drain gate lid contact * * the additional contact provides a connection to t he lid in the application. connecting the metal lid to a known electrical potential stops deep dielectric discharge in space applications; see the space weather link www.semelab.co.uk/mil/lcc1_4 on the semelab web site. package variant to be specified at order. 2 1 0.51 0.10 (0.02 0.004) 1.91 0.10 (0.075 0.004) 3.05 0.13 (0.12 0.005) 2.54 0.13 (0.10 0.005) 0.76 0.15 (0.03 0.006) 1.40 (0.055) max. 0.31 (0.012) rad. 3 1.02 0.10 (0.04 0.004) 4 r0.5 6 (0.022) r0.31 (0.012) see package variant table
silicon small signal n-channel jfet 2n4393c1 semelab limited semelab limited semelab limited semelab limited coventry road, lutterworth, leicestershire, le17 4 jb telephone +44 (0) 1455 556565 fax +44 (0) 1455 5526 12 email: sales@semelab-tt.com website: http://www.semelab-tt.com document number 8518 issue 2 page 4 of 4 screening options space level (jqrs/esa) and high reliability options a re available in accordance with the high reliability and screening options handbook available for download from the from the tt electronics semelab web site. esa quality level products are based on the testing procedures specified in the generic escc 5000 and in the corresponding part detail specifications. semelabs qr216 and qr217 processing specifications (jqrs), in conjunction with the companies iso 9001: 2000 approval present a viable alternative to the america n mil- prf-19500 space level processing. qr217 (space level quality conformance) is based on the quality conformance inspection requirements of mil- prf- 19500 groups a (table v), b (table via), c (table vi i) and also esa / escc 5000 (chart f4) lot validation tests. qr216 (space level screening) is based on the scree ning requirements of mil-prf-19500 (table iv) and also e sa /escc 5000 (chart f3). jqrs parts are processed to the device data sheet a nd screened to qr216 with conformance testing to q217 groups a and b in accordance with mil-std-750 method s and procedures. additional conformance options are available, for ex ample pre-cap visual inspection, buy-off visit or data pac ks. these are chargeable and must be specified at the o rder stage (see ordering information). minimum order quantities may apply. alternative or additional customer specific conforma nce or screening requirements would be considered. contact semelab sales with enquires. marking details screened parts are typically marked with specificat ion number, serial number (or week of seal) as shown in the example below. all non screened parts are printed wi th three characters only eg. 22a. customer specific marking requirements can be arrang ed at time of order but is approximately limited to two l ines of 7 characters. this is to ensure text remains readabl e.. example marking: ordering information part number is built from part, package variant and screening level. the part number can be extended to include the additional options as shown below. type ? see electrical stability characteristics tab le package variant ? see mechanical data screening level ? see screening options (esa / jqrs) additional options: customer pre-cap visual inspection .cvp customer buy-off visit .cvb data pack .da solderability samples .ss scanning electron microscopy .sem radiography (x-ray) .xray total dose radiation test .rad mil-prf-19500 (qr217) group b charge .grpb group b destructive mechanical samples .gbdm (12 pi eces) group c charge .grpc group c destructive electrical samples .gcde (12 pi eces) group c destructive mechanical samples .gcdm (6 pie ces) esa/escc lot validation testing (subgroup 1) charge .lvt1 lvt1 destructive samples (environmental) .l1de (15 pieces) lvt1 destructive samples (mechanical) .l1dm (15 pie ces) lot validation testing (subgroup 2) charge .lvt2 lvt2 endurance samples (electrical) .l2d (15 pieces ) lot validation testing (subgroup 3) charge .lvt3 lvt3 destructive samples (mechanical) .l3d (5 piece s) additional option notes: 1) all ?additional options? are chargeable and must be specified at order stage. 2) when group b,c or lvt is required, additional el ectrical and mechanical destructive samples must be ordered 3) all destructive samples are marked the same as o ther production parts unless otherwise requested. example ordering information: the following example is for the 2n4393c1 part, packa ge variant d, jqrs screening, additional group c conform ance testing and a data pack. part numbers: 2n4393c1d-jqrs (include quantity for flight parts) 2n4393c1d-jqrs.grpc (chargeable conformance option) 2n4393c1d-jqrs.gcde (charge for destructive parts) 2n4393c1d-jqrs.gcdm (charge for destructive parts) 2n4393c1d-jqrs.da (charge for data pack) customers with any specific requirements (e.g. marki ng, package or screening) may be supplied with a simila r alternative part number (there is maximum 20 charac ter limit to part numbers). contact semelab sales with all enquiries high reliability and screening options handbook link : http://www.semelab.co.uk/pdf/misc/documents/hirel_ and_screening_options.pdf


▲Up To Search▲   

 
Price & Availability of 2N4393C1B-JQRSGRPC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X