Part Number Hot Search : 
A1374 LB11876 SB857 MAX1830 LT119001 TMU7N65H G1006 C3866
Product Description
Full Text Search
 

To Download 006208505110852 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  08  ? tube package ( only without kinked boss ) 00  ??a tray package 1.0mm pitch series 6208 1.0mm e?? zif ??? dip "?
? : ????? 1.0mmpitch zif vertical through hole single- sided contact slide lock ??? ordering code xx 6208 xx0 1xx xxx x ?
: number of positions  0  ? without boss 1  ? ? with boss 0  ??? with kinked 1  ??? without kinked base pin type b type a connector an even number supporting tape 001 ? ??lvy sn-cu plated  rohs 0 ? rohs compliant product  001 ??lvy sn-pb plated 020 ?lvy au plated  rohs 0 ? rohs compliant product 
\? 0 d ?
:tmmoxz? ?t]? y&m?b{ 'ffmgsffupdpoubdupvs tbmftefqbsunfougpsbwbjmbcmfovncfst pgqptjujpot
xx 6208 xxx 0xx xxx x 00 ??a tray package 08 ? tube package ?`w? only without boss  1.0mm pitch series 6208 1.0mm e?? ??? smt ????? 1.0mmpitch vertical smt slide lock ??? ordering code ?
: number of positions ??3?? variation code 500  smt ? without boss 520  smt ? ? with boss  ? without boss ? ? with boss ??a ? 00 6208 5xx x10 xxx x tape & reel package 00 6208 5xx x10 xxx x 000+ ? ??lvy sn-cu plated  rohs 0 ? rohs compliant product  000 ??lvy sn-pb plated 009+ ????? 0 c/ag type  rohs 0 ? rohs compliant product  009 ????? 0 c/ag type 852+ ?lvy au plated  rohs 0 ? rohs compliant product  852 ?lvy au plated
\? 0 d ?
:tmmoxz? ?t]? y&m?b{ 'ffm gsff up dpoubdu pvs tbmft efqbsunfou gps bwbjmbcmfovncfstpgqptjujpot
1.0mm pitch series 6208 ??a ? smt t ape and reel package smt ??? ordering code 00 6208 5xx x10 xxx x ?
: number of positions ??3?? variation code 1  ?? tape & reel 24.0mm 2  ?? tape & reel 32.0mm 3  ?? tape & reel 44.0mm 4  ?? tape & reel 56.0mm a
:?yx / ??? packing quantity  /reel 000+ ? ??lvy sn-cu plated  rohs 0 ? rohs compliant product  000 ??lvy sn-pb plated 009+ ????? 0 c/ag type  rohs 0 ? rohs compliant product  009 ????? 0 c/ag type 852+  ?lvy au plated  rohs 0 ? rohs compliant product  852 ?lvy au plated
\? 0 d ?
:tmmoxz? ?t]? y&m?b{ 'ffm gsff up dpoubdu pvs tbmft efqbsu nfou gps bwbjmbcmf ovncfst pg qptj ujpot


▲Up To Search▲   

 
Price & Availability of 006208505110852

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X