Part Number Hot Search : 
MAX9972 NJU7748 CHV37H12 TK20E60U 4096XEDD 4096XEDD TBA120S 47C200
Product Description
Full Text Search
 

To Download SUP75N08-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sup/sub75n08-10 vishay siliconix document number: 70263 s-57253erev. b, 24-feb-98 www.vishay.com  faxback 408-970-5600 2-1 n-channel 75-v (d-s), 175  c mosfet 
   v (br)dss (v) r ds(on) (  ) i d (a) 75 0.010 75 a d g s n-channel mosfet to-220ab top view gds drain connected to tab to-263 s d g top view SUP75N08-10 sub75n08-10            
 parameter symbol limit unit gate-source voltage v gs  20 v continuous drain current (t 175  c) t c = 25  c i d 75 a a (t j = 175  c) t c = 125  c i d 55 a pulsed drain current i dm 240 a avalanche current i ar 60 repetitive avalanche energy b l = 0.1 mh e ar 280 mj power dissipation t c = 25  c (to-220ab and to-263) p d 187 c w power dissipation t a = 25  c (to-263) d p d 3.7 w operating junction and storage temperature range t j , t stg 55 to 175  c       parameter symbol limit unit junction to ambient pcb mount (to-263) d r hja 40  c/w junction-to-ambient free air (to-220ab) r thja 62.5  c/w junction-to-case r thjc 0.8 notes a. package limited. b. duty cycle  1%. c. see soa curve for voltage derating. d. when mounted on 1o square pcb (fr-4 material).
sup/sub75n08-10 vishay siliconix www.vishay.com  faxback 408-970-5600 2-2 document number: 70263 s-57253erev. b, 24-feb-98 specifications (t j = 25  c unless otherwise noted) parameter symbol test condition min typ max unit static drain-source breakdown voltage v (br)dss v gs = 0 v, i d = 250  a 75 v gate threshold voltage v gs(th) v ds = v gs , i d = 250  a 2.0 3.5 4.5 v gate-body leakage i gss v ds = 0 v, v gs =  20 v  100 na zgvl dic i v ds = 75 v, v gs = 0 v 1 a zero gate voltage drain current i dss v ds = 75 v , v gs = 0 v, t j = 125  c 50  a v ds = 75 v, v gs = 0 v, t j = 175  c 150 on-state drain current a i d(on) v ds = 5 v, v gs = 10 v 120 a dis os r i a v gs = 10 v, i d = 30 a 0.0087 0.010  drain-source on-state resistance a r ds(on) v gs = 10 v, i d = 30 a, t j = 125  c 0.017  v gs = 10 v, i d = 30 a, t j = 175  c 0.021 forward transconductance a g fs v ds = 15 v, i d = 30 a 30 s dynamic b input capacitance c iss v 0 v v 25 v f 1 mh 4800 f output capacitance c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 910 pf reverse transfer capacitance c rss 270 total gate charge c q g v30vv 10vi75a 85 120 c gate-source charge c q gs v ds = 30 v , v gs = 10 v, i d = 75 a 31 nc gate-drain charge c q gd 24 turn-on delay time c t d(on) v30vr047  20 40 rise time c t r v dd = 30 v, r l = 0.47  i 75a v 10v r 25  95 200 ns turn-off delay time c t d(off) dd , l i d  75 a, v gen = 10 v, r g = 2.5  65 120 ns fall time c t f 20 60 source-drain diode ratings and characteristics (t c = 25  c) b continuous current i s 75 a pulsed current i sm 240 a forward voltage a v sd i f = 75 a , v gs = 0 v 1.0 1.3 v reverse recovery time t rr i 75 a di/d 100 a/ 80 120 ns peak reverse recovery current i rm(rec) i f = 75 a, di/dt = 100 a/  s 7 9 a reverse recovery charge q rr 0.28 0.54  c notes a. pulse test: pulse width  300  sec, duty cycle  2%. b. guaranteed by design, not subject to production testing. c. independent of operating temperature.
sup/sub75n08-10 vishay siliconix document number: 70263 s-57253erev. b, 24-feb-98 www.vishay.com  faxback 408-970-5600 2-3   
           output characteristics transfer characteristics capacitance gate charge transconductance on-resistance vs. drain current v ds drain-to-source voltage (v) drain current (a) i d v gs gate-to-source voltage (v) drain current (a) i d gate-to-source voltage (v) on-resistance ( q g total gate charge (nc) i d drain current (a) v ds drain-to-source voltage (v) c capacitance (pf) r ds(on) w ) v gs v gs gate-to-source voltage (v) transconductance (s) g fs 0 50 100 150 200 250 0246810 0 1000 2000 3000 4000 5000 6000 7000 0 102030405060 0 4 8 12 16 20 0 25 50 75 100 125 150 175 0 20 40 60 80 100 120 0 20406080100 0 0.002 0.004 0.006 0.008 0.010 0.012 0 20406080100 0 50 100 150 200 02468 25  c 55  c 6 v t c = 125  c v ds = 30 v i d = 75 a v gs = 10 v 7 v 8 v v gs = 10 v v gs = 20 v c iss c oss c rss t c = 55  c 25  c 125  c 5 v 4 v 9 v
sup/sub75n08-10 vishay siliconix www.vishay.com  faxback 408-970-5600 2-4 document number: 70263 s-57253erev. b, 24-feb-98               on-resistance vs. junction temperature source-drain diode forward voltage (normalized) on-resistance ( t j junction temperature (  c) v sd source-to-drain voltage (v) r ds(on) w ) source current (a) i s 0 0.5 1.0 1.5 2.0 2.5 50 25 0 25 50 75 100 125 150 175 100 10 1 0.3 0.6 0.9 1.2 1.5 v gs = 10 v i d = 30 a t j = 25  c t j = 150  c    
 normalized thermal transient impedance, junction-to-case square wave pulse duration (sec) 2 1 0.1 0.01 10 5 10 4 10 3 10 2 10 1 1 normalized effective transient thermal impedance 3 safe operating area maximum avalanche and drain current vs. case temperature t c case temperature (  c) v ds drain-to-source voltage (v) drain current (a) i d drain current (a) i d 100 500 10 0.1 0 20 40 60 80 100 0 25 50 75 100 125 150 175 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 10  s 100  s 1 ms 10 ms 100 ms dc t c = 25  c single pulse limited by r ds(on) 0.1 1 10 100 1
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SUP75N08-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X