Part Number Hot Search : 
STD2805 TIC22 C2562 MBJ4762A B59101Z 95310 41000 AD8691
Product Description
Full Text Search
 

To Download SN1767K09713 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cable type (please consult us) electrical ? frequency range : 20 mhz ? impedance : 77 ? insulation resistance/500 v : 5000 m ? contact resistance : 5m ? withstanding voltage : 500 v climatic ? temperature : -65c to +150c ? salt spray : 250 h mated 48 h unmated ? watertightness-hermiticity : 4,7 kpa in low pressure immersion mechanical ? shell material : copper alloy ? contact material : copper alloy ? plating shell : tin contact : gold ? locking system : screw ? polarization : no ? number of cycles max. : 500 ? sn 2297 : connector conforming to the standard project en 3716- 001, with screw locking, linked by crimping to shielded twin twisted cable, defined by the en 3375 standard. contact type - (m : male - f : female) 005 - jam-nut receptacle 006 - plug basic series sn 2297 k hhh h h ordering information sn2297k 32.7 36 ?11.4 ?13 bus 1553 b connectors and contacts snc bus 1553 b connectors electrical ? frequency range : 20 mhz ? impedance : 77 ? insulation resistance/500 v : 5000 m ? contact resistance : 5m ? withstanding voltage : 500 v climatic ? temperature : -65c to +200c ? watertightness-hermiticity : 1 bar mechanical ? shell material : copper alloy ? contact material : copper alloy ? plating : gold over nickel ? locking system : bayonet ? polarization : yes ? number of cycles max. : 500 the increase of on-board equipment and the implantation of local net- works (bus networks) have produce major space and weights savings. the most common standard is the bus, mil-std 1553 b. it has various applications : ? missiles, ? launchers, ? tanks, ? helicopters... ? single-way connectors with triaxial interface ? sn 1767 : connectors with bayonet locking with performance conforming to mil-c-39029/90 a and 91 a, linked to cable by crim- ping. number of bayonets (3 or 4) 0970 - male plug 0971 - female cable connecting receptacle 0972 - female receptacle with jam nut fixation basic series sn 1767k hhhh h 39.8 ?15.1 32.8 ?11.6 sn1767k 466
sn 1767 ? frequency range : 20 mhz ? impedance : 77 ? insulation resistance/500 v : 5000 m ? contact resistance : 5m ? withstanding voltage : 500 v sn 2044 ? frequency range : 2 ghz ? impedance : 50 ? insulation resistance/500 v : 5000 m ? contact resistance : 5m ? withstanding voltage : 500 v climatic ? temperature : -65c to +125c ? salt spray see standard ? watertightness connectors catalogue mechanical ? shell material : copper alloy ? contact material : copper alloy ? number of cycles max. : 500 ? mil-c-38999 series 1 and 3 connectors ? sn 1767 : triaxial contact 08 interface conforming to mil-c- 39029/90a and 91a ? sn 2044 : triaxial contact for he 308 and arinc 600 connectors, high frequency applications : 2 ghz. these triaxial databus contacts are mounted in the same way as stan- dards contacts in standard connectors. 4571 - watertightness boot please consult us for nato part numbers 988 - male contact 998 - female contact 818 - male load contact 819 - female load contact basic series sn 1767 k hhhh h ordering information electrical ? frequency range : 20 mhz ? impedance : 77 ? insulation resistance/500 v : 5000 m ? contact resistance : 5m ? withstanding voltage : 500 v sn 1447 ? temperature : -55c to +125c ? salt spray see standard ? watertightness connectors catalogues sn 1908 ? temperature : -65c to +150c ? salt spray see standard ? watertightness connectors catalogues ? d-sub connectors (he 507; ute-c-93569) ? sn 1447 : triaxial databus contact 10 ? sn 1908 : twinaxial contact 10 part numbers : ? sn 1447 kf 100 : female contact ? sn 1447 km 100 : male contact ? dod 83527 connectors ? sn 1909 : contact with triaxial interface conforming to mil-c- 39029/96 1, 2 or 3 - male contact, straight, angled or with spills 4, 5 or 6 - female contact, straight, angled or with spills basic series sn 1908 k h ordering information triaxial 1553 b databus contacts for standard connectors 467 bus 1553 b connectors and contacts snc } } } electrical climatic


▲Up To Search▲   

 
Price & Availability of SN1767K09713

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X