Part Number Hot Search : 
PFB6000 1351100 74AC158M RF236 1351100 08100 STTH4R02 HA1315
Product Description
Full Text Search
 

To Download S7C0P4-001S0A01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s700 series 337 polarization see table p 342 specification code a - standard connector (triax # 8 grounded) b - specific connector (triax # 8 not grounded) connector termination style and packaging code xx - without contact so - crimp contacts applications mechanical and electrical interface between on-board military avionics equipments and racks description ? rectangular connector ? three sizes of shells ? a large number of insulators with integral signal, power, coaxial and triaxial contacts ? shielding bracelet removable without tooling for maximum emi/rfi protection standards mil c 83527 pr en 3682 characteristics mechanical ? shell : aluminum alloy ? finish : cadmium-plating over nickel underplate ? inserts : thermoset (or aluminum) ? grommet and seal : elastomer silicone ? contact : copper alloy ? contact plating : gold over nickel underplate ? insert retention plate : blue anodized aluminum alloy ? screening ring : copper alloy with plating ? screws : passivate stainless steel ? mechanical endurance : 500 mating ? shock : 30 g during 11 ms ? random vibration : frequency 15 to 2000 hz electrical ? dielectric withstanding voltage (vrms) ? contacts contact layouts combination see, insert combination code next page p 340 shell size 2-3-4 shell type p - rack plug r - equipment receptacle class 0 - sealed 1 - unsealed 2 - semisealed complete connector basic series ordering information complete connector s7 c o p 2 - 001 so a 01 contacts sizes at sea level altitude (1.1 k pa) # 22 1 300 800 other contacts 1 500 800 contact wire current contact sizes sizes max in a resistance m 22 5 17 22 24 3 23 26 2 38 20 7.5 11 20 22 5 17 24 3 23 16 13 6 16 18 10 8 20 7.5 10 12 23 3.35 12 14 17 4.24 16 12 8 coaxial coaxial triaxial bandwidth 0-500 mhz 0-1 000 mhz 0-20 mhz 800 vrms 900 vrms 500 vrms 250 vrms 250 vrms 125 vrms voltage drop inner contact rg179<120mv/1a rg179<120mv/1a <15mv/1a rg316<55mv/1a rg316<55mv/1a middle contact <15mv/1a outer contact <80mv/12a <75mv/12a <35mv/12a at sea level at 21 000 m dielectric withstanding voltage ? shielding effectiveness climatic ? temperature rating : ?65c +150c ? temperature life : 1000 hours at +155c ? salt spray : 500 hours ? fluid resistance : as per mil-c 83527 test method mil-std 1344 and aecma en 2591 frequency mhz attenuation (db) 100 65 1 000 60 s700 337-351_typo_mod:mise en page 1 24/02/2009 14:07 page 337 30
s700 series 338 without digit - without grounding g - with grounding for insert with triaxial contacts t? number of triaxial contacts (to be ordered separately) see contact layouts p 342 contacts grounded without digit - without grounding g- with grounding for insert with coaxial contacts c? number of coaxial contacts (to be ordered separately) see contact layouts p 324 termination type (monocontact) without digit - crimp contacts l - without contact number of monocontacts see contact layouts p 340 polarization see table p 342 obligatory suffix a - standard connector shell size 2-3-4 shell type p - rack plug r - equipment receptacle shell without insert basic series complete body assembly - without insert s7 s p 2 a 00 plating type c - conductive plating without digit - without conductive plating obligatory suffix insert size 1 - for cavities a, c, e 2 - for cavities b, d, f class 0 - sealed 1 - unsealed basic series dummy metal insert s7t 0 1 0 c insert type p - for rack plug r - for equipment receptacle insert size 1 - for cavities a, c, e 2 - for cavities b, d, f class 0 - sealed 1 - unsealed 2 - semisealed obligatory digit t - insert basic series insert with or without contacts s7 t 0 1 p 150 . ? . .. . } } s700 337-351_typo_mod:mise en page 1 24/02/2009 14:07 page 338 31
339 s700 series part number cross reference list connectors insulators insulators fci souriau part numbers mil-c 83527 part numbers aecma en 3682 part numbers s7c0p2-001s0a01 m83527/01-a001 en3682p2g00101 s7c0p2-001s0b01 en3682p2a00101 s7c0p2-001xxa01 m83527/01-b001 en3682p2g00101l s7c0p2-001xxb01 en3682p2a00101l s7c0r2-001s0a01 m83527/02-a001 en3682r2g00101 s7c0r2-001s0b01 en3682r2a00101 s7c0r2-001xxa01 m83527/02-b001 en3682r2g00101l s7c0r2-001xxb01 en3682r2a00101l s7c0p3-001s0a01 m83527/03-a001 en3682p3g00101 s7c0p3-001s0b01 en3682p3a00101 s7c0p3-001xxa01 m83527/03-b001 en3682p3g00101l s7c0p3-001xxb01 en3682p3a00101l s7c0r3-001s0a01 m83527/04-a001 en3682r3g00101 s7c0r3-001s0b01 en3682r3a00101 s7c0r3-001xxa01 m83527/04-b001 en3682r3g00101l s7c0r3-001xxb01 en3682r3a00101l S7C0P4-001S0A01 m83527/05-a001 en3682p4g00101 s7c0p4-001s0b01 en3682p4a00101 s7c0p4-001xxa01 m83527/05-b001 en3682p4g00101l s7c0p4-001xxb01 en3682p4a00101l s7c0r4-001s0a01 m83527/06-a001 en3682r4g00101 s7c0r4-001s0b01 en3682r4a00101 s7c0r4-001xxa01 m83527/06-b001 en3682r4g00101l s7c0r4-001xxb01 en3682r4a00101l fci souriau part numbers mil-c 83527 part numbers aecma en 3682 part numbers s7t01r60 en3682-1r60 s7t01pc12gt6g en3682-1pc2gt6g s7t01rc12gt6g en3682-1rc12gt6g s7t01p126l en3682-1p126l s7t01p126 en3682-1p126 s7t01r126l en3682-1r126l s7t01-0 en3682-1-0 s7t02-0 en3682-2-0 s7t02p100l m83527/01-06 en3682-2p100l s7t02p100 en3682-2p100 s7t02r100l m83527/08-06 en3682-2r100l s7t02r100 en3682-2r100 s7t02p11lc2 m83527/07-07 en3682-2p11c2l s7t02p11c2 en3682-2p11c2 s7t02r11lc2 m83527/08-07 en3682-2r11c2l s7t02r11c2 en3682-2r11c2 s7t02p20lt4g m83527/07-08 en3682-2p20t4gl s7t02p20t4g en3682-2p20t4g s7t02p20lt4 en3682-2p20t4l s7t02p20t4 en3682-2p20t4a s7t02r20lt4g m83527/08-08 en3682-2r20t4gl s7t02r20t4g en3682-2r20t4g s7t02r20lt4 en362-2r20t4al s7t02r20t4 en3682-2r20t4a s7t02p34l m83527/07-09 en3682-2p34l s7t02p34 en3682-2p34 s7t02r34l m83527/08-09 en3682-2r34l s7t02r34 en3682-2r34 s7t02pt6g m83527/07-10 en3682-2pt6g s7t02rt6g m83527/08-10 en3682-2rt6g s7t02p62lt2g en3682-2p62t2gl s7t02p62t2g en3682-2p62t2g s7t02p62lt2 en3682-2p62t2al s7t02p62t2 en3682-2p62t2a s7t02r62lt2g en3682-2r62t2gl s7t02r62t2g en3682-2r62t2g s7t02r62lt2 en3682-2r62t2al s7t02r62t2 en3682-2r62t2a s7t02p11lt2g en3682-2p11t2gl s7t02p11t2g en3682-2p11t2g s7t02p11lt2 en3682-2p11t2al s7t02p11t2 en3682-2p11t2a s7t02r11lt2g en3682-2r11t2gl s7t02r11t2g en3682-2r11t2g s7t02r11lt2 en3682-2r11t2al s7t02r11t2 en3682-2r11t2a fci souriau part numbers mil-c 83527 part numbers aecma en 3682 part numbers s7t01p150l m83527/07-01 en3682-1p150l s7t01p150 en3682-1p150 s7t01r150l m83527/08-01 en3682-1r150l s7t01r150 en3682-1r150 s7t01p47lt2g m83527/07-03 en3682-1p47t2gl s7t01p47t2g en3682-1p47t2g s7t01p47lt2 en3682-1p47t2al s7t01p47t2 en3682-1p47t2a s7t01r47lt2g m83527/08-03 en3682-1r47t2gl s7t01r47t2g en3682-1r47t2g s7t01r47lt2 en3682-1r47t2al s7t01r47t2 en3682-1r47t2a s7t01p24l m83527/07-04 en3682-1p24l s7t01p24 en3682-1p24 s7t01r24l m83527/08-04 en3682-1r24l s7t01r24 en3682-1r24 s7t01p60l m83527/07-05 en3682-1p60l s7t01p60 en3682-1p60 s7t01r60l m83527/08-05 en3682-1r60l s700 337-351_typo_mod:mise en page 1 24/02/2009 14:07 page 339 32
s700 series 340 contact layouts viewed from front face of male insulator cavities - a, c, e 1?150 150 size 22 1?126 120 size 22 6 size 16 1?60 60 size 20 1?47t2 47 size 20 2 triaxial size 8 1?24 24 size 12 1?c1 2t6 12 coaxial size 12 6 triaxial size 8 1?0 dummy metal insert cavities - b, d, f arrangements number of contacts arrangements number of contacts arrangements number of contacts arrangement number of contacts 2?11c2 4 size 20 3 size 16 4 size 12 2 coaxial size 5 2?11t2 4 size 20 3 size 16 4 size 12 2 triaxial size 8 2?t6 6 triaxial size 8 metal insert 2?0 dummy metal insert 2?100 100 size 22 2?62t2 60 size 22 2 size 16 2 triaxial 8 2?34 24 size 20 10 size 16 2?20t4 20 size 20 4 triaxial size 8 s700 337-351_typo_mod:mise en page 1 24/02/2009 14:07 page 340 33
341 s700 series insert combination code code shell size insert combination in shell abcd 001 2 1 - 47t2 2 - 100 002 2 1 - 47t2 2 - 20t4 003 2 1 - 47t2 2 - 34 200 2 empty empty 201 2 1 - 150 2 - 34 203 2 1 - 126 2 - 100 204 2 1 - 150 2 - 11c2 207 2 1 - 150 2 - 20t4 209 2 1 - 47t2 2 - 11c2 211 2 1 - 150 2 - 11t2 212 2 1 - 60 2 - 11t2 216 2 1 - 150 2 - 100 217 2 1 - 24 2 - 11c2 224 2 1 - 150 2 - 62t2 225 2 1 - 60 2 - 20t4 230 2 1 - 47t2 2 - 0 231 2 1 - 24 2 - 0 232 2 1 - 24 2 - 34 237 2 1 - 24 2 - 100 256 2 1 - 60 2 - 11c2 263 2 1 - 60 2 - t6g code shell size insert combination in shell ab c d 004 3 1 - 150 2 - 34 1 - 150 2 - 20t4 005 3 1 - 150 2 - 100 1 - 47t2 2 - 100 006 3 1 - 60 2 - 100 1 - 60 2 - 100 007 3 1 - 150 2 - 100 1 - 150 2 - 100 008 3 1 - 60 2 - 34 1 - 60 2 - 34 200 3 empty empty empty empty 202 3 1 - 150 2 - 20t4 1 - 0 2 - 100 205 3 1 -150 2 - t6 1 - 150 2 - t6 208 3 1 - 150 2 - 20t4 1 - 150 2 - 0 210 3 1 - 150 2 - 11c2 1 - 24 2 - 100 213 3 1 - 24 2 - 34 1 - 24 2 - 20t4 214 3 1 - 24 2 - 34 1 - 0 2 - 20t4 215 3 1 - 150 2 - 100 1 - c12t6 2 - 11c2 218 3 1 - 24 2 - 11c2 1- 24 2 - t6g 222 3 1 - 150 2 - 11t2 1 - 24 2 - 100 223 3 1 - 150 2 - 11c2 1 - 150 2 - 11c2 226 3 1 - 150 2 - 34 1 - 150 2 - 100 227 3 1 - 150 2 - 20t4 1- 24 2 - 0 228 3 1 - 150 2 - 100 1- 150 2 - 20t4 code shell size insert combination in shell abcdef 229 3 1 - 150 2 - 20t4 1 - 24 2 - 11c2 233 3 1 - 150 2 - 34 1 - 150 2 - 34 234 3 1 - 24 2 - 11c2 1 - 150 2 - 100 235 3 1 - 150 2 - 0 1 - 150 2 - 20t4 238 3 1 - 0 2 - 11c2 1 - 0 2 - 20t4 239 3 1 - 24 2 - 34 1 - 24 2 - 34 240 3 1 - 47t2 2 - 34 1 - 24 2 - 34 242 3 1 - 0 2 - 11c2 1 - 0 2 - 34 243 3 1 - 60 2 - 34 1 - 24 2 - 34 245 3 1 - 150 2 - 11c2 1 - 24 2 - 11c2 250 3 1 - 24 2 - 0 1 - 150 2 - 20t4 251 3 1 - 126 2 - 34 1 - 126 2 - 20t4 252 3 1 - 150 2 - 34 1 - 0 2 - 11c2 253 3 1 - 24 2 - 100 1 - 150 2 - 20t4 254 3 1 - 150 2 - 62t2 1 - 150 2 - 62t2 255 3 1 - 150 2 - 11c2 1 - 0 2 - 34 257 3 1 - 150 2 - 100 1 - c12t6 2 - 34 258 3 1 - 150 2 - 11c2 1 - 150 2 - 34 260 3 1- 150 2 - t6 1 - 150 2 - 34 261 3 1 - 150 2 - 11c2 1 - 126 2 - 34 262 3 1 - 150 2 - 100 1 - 150 2 - 62t2 270 3 1 - 150 2 - 11t2 1 - 150 2 - 20t4 271 3 1 - 150 2 - 11t2 1 - 150 2 - 11t2 code shell size insert combination in shell abcdef 009 4 1 - 150 2 - 34 1 - 150 2 - 20t4 1 - 150 2 - 20t4 010 4 1 - 24 2 - 34 1 - 150 2 - 100 1 - 150 2 - 20t4 011 4 1 - 150 2 - 34 1- 150 2 - 20t4 1 - 150 2 - t6 012 4 1 - 24 2 - 34 1 - 150 2 - 0 1 - 150 2 - 20t4 200 4 empty empty empty empty empty empty 219 4 1 - 24 2 - 11c2 1 - 47t4 2 - 34 1 - 24 2 - 20t4 220 4 1 - 150 2 - 100 1 - 150 2 - 100 1 - 150 2 - 100 221 4 1 - 24 2 - 34 1 - 150 2 - 20t4 1 - 150 2 - t6 236 4 1 - 24 2 - 34 1 - 24 2 - 0 1 - 150 2 - 20t4 241 4 1 - 24 2 - 34 1 - 24 2 - 34 1 - 24 2 - 34 244 4 1 - 60 2 - 34 1 - 60 2 - 34 1 - 24 2 - 34 246 4 1 - 24 2 - 34 1 - 60 2 - 100 1 - 150 2 - 20t4 247 4 1 - 24 2 - 34 1 - 24 2 - 100 1 - 150 2 - 20t4 248 4 1 - 60 2 - t6 1 - 60 2 - t6 1 - 24 2 - t6 249 4 1 - 60 2 - t6 1 - 0 2 - t6 1 - 150 2 - t6 259 4 1 - 150 2 - 20t4 1 - 24 2 - t6g 1 - 150 2 - 11t2 272 4 1 - 150 2 - 34 1 - 150 2 - 100 1 - 150 2 - 20t4 s700 337-351_typo_mod:mise en page 1 24/02/2009 14:07 page 341 34
s700 series 342 polarization rack plug 00 - polarizing key delivered unmounted polarizing post - rack plug equipment receptacle 00 - polarizing eyes delivered unmounted position l.h. key centre key r.h.key 01 111 02 211 03 311 04 411 05 511 06 611 07 116 08 216 09 316 10 416 11 516 12 616 13 115 14 215 15 315 16 415 17 515 18 615 19 114 20 214 21 314 22 414 23 514 24 614 25 113 26 213 27 313 28 413 29 513 30 613 31 112 32 212 33 312 34 412 35 512 36 612 37 121 38 221 39 321 40 421 41 521 42 621 43 126 44 226 45 326 46 426 47 526 48 626 49 125 50 225 51 325 52 425 53 525 54 625 55 124 56 224 57 324 58 424 59 524 60 624 61 123 62 223 63 323 64 423 65 523 66 623 67 122 68 222 69 322 70 422 71 522 72 622 73 131 74 231 75 331 76 431 77 531 78 631 79 136 80 236 81 336 82 436 83 536 84 636 85 135 86 235 87 335 88 435 89 535 90 635 91 134 92 234 93 334 94 434 95 534 96 634 97 134 98 233 99 333 position l.h. key centre key r.h.key 01 444 02 443 03 442 04 441 05 446 06 445 07 544 08 543 09 542 10 541 11 546 12 545 13 644 14 643 15 642 16 641 17 646 18 645 19 144 20 143 21 142 22 141 23 146 24 145 25 244 26 243 27 242 28 241 29 246 30 245 31 344 32 343 33 342 34 341 35 346 36 345 37 434 38 433 39 432 40 431 41 436 42 435 43 534 44 533 45 532 46 531 47 536 48 535 49 634 50 633 51 632 52 631 53 636 54 635 55 134 56 133 57 132 58 131 59 136 60 135 61 234 62 233 63 232 64 231 65 236 66 235 67 334 68 333 69 332 70 331 71 336 72 335 73 424 74 423 75 422 76 421 77 426 78 425 79 524 80 523 81 522 82 521 83 526 84 525 85 624 86 623 87 622 88 621 89 626 90 625 91 124 92 123 93 122 94 121 95 126 96 125 97 224 98 223 99 222 polarizing post - equipment receptacle attention : 00 - unmounted keys part number (supplied separately) 01 - standard order, part number, for other location indicate the number in suffix example : connector marking : s7c0p2-001s0a23 (location 23) left hand key centre key right hand key location of polarizing keys (view of engaging face) black area represents key position key key s700 337-351_typo_mod:mise en page 1 24/02/2009 14:07 page 342 35
343 s700 series dimensions (mm) new type of removable rfi bracelet without tool shell size 2 rack plug equipment receptacle 35.50 max stabilizing seal screening ring 3.99 ? 3.91 4.78 ? 4.70 57.30 56.79 2.54 30.23 44.96 33.78 60.96 27.69 33.27 60.96 2.54 30.23 27.69 33.27 60.96 1.83 18.11 8.26 22.53 21.08 41.02 60.96 80.9 100.84 120.09 53.09 52.58 1.75 1.52 20.65 20.55 1.65 1.40 46.48 max 4.78 ? 4.70 60.96 44.96 33.78 131.21 130.81 105.99 max 38.86 max 5.08 4.57 ( 4 fois) 3.99 ? 3.91 1.83 8.26 41.02 21.08 60.96 100.84 120.09 38.00 max 18 holes ? 3.96 3.71 38.00 max 18 holes ? 3.96 3.71 80.9 24.76 2.92 2.41 6.10 5.34 7.85 7.29 34.01 33.50 40.39 max 130.81-131.32 109.88-110.13 s700 337-351_typo_mod:mise en page 1 24/02/2009 14:07 page 343 36
s700 series 344 new type of removable rfi bracelet without tool shell size 3 rack plug equipment receptacle 35.50 maxi 35.50 max 79.22 78.97 stabilizing seal screening ring 3.99 ? 3.91 4.78 ? 4.70 94.39 93.88 2.54 30.23 30.23 60.96 18.54 27.69 33.27 131.32 130.81 110.13 109.88 60.96 1.83 8.26 41.02 21.08 60.96 100.84 120.09 38.00 max 22 holes ? 3.96 3.71 80.9 24.76 43.31 41.28 2.92 2.41 6.10 5.34 7.85 7.29 34.01 33.50 40.39 max 38.86 max 75.08 max 3.99 ? 3.91 4.78 ? 4.70 90.55 90.04 2.54 60.96 18.54 27.69 33.27 131.21 130.81 105.99 maxi 60.96 1.83 8.26 41.02 21.08 60.96 100.84 120.09 22 holes ? 3.96 3.71 80.9 24.76 41.28 1.75 1.52 1.65 1.40 7.85 7.29 20.65 20.55 40.48 max 5.08 4.57 30.23 30.23 44.96 33.78 s700 337-351_typo_mod:mise en page 1 24/02/2009 14:07 page 344 37
345 s700 series new type of removable rfi bracelet without tool shell size 4 rack plug equipment receptacle 35.50 max 38.86 max 2.54 5.08 4.57 105.99 max 1.75 1.52 1.75 1.52 1.65 1.40 4.78 ? 4.70 46.48 max 20.65 20.55 30.23 60.96 27.69 33.27 60.96 1.83 1.83 24.76 57.78 8.26 41.02 37.08 37.08 21.08 112.17 max 60.96 80.9 100.84 120.09 26 holes ? 3.96 3.71 41.28 59.61 127.25 126.75 105.99 max 44.96 33.78 130.81-131.21 30.23 30.23 3.99 ? 3.91 116.31 116.05 stabilizing seal screening ring 3.99 ? 3.91 4.78 ? 4.70 131.47 130.96 2.54 33.78 109.88-110.13 30.23 30.23 30.23 60.96 37.08 37.08 27.69 33.27 131.32 130.81 60.96 1.83 8.26 41.02 21.08 60.96 100.84 120.09 26 holes ? 3.96 3.71 80.9 24.76 57.78 61.85 41.28 2.92 2.41 6.10 5.34 7.85 7.29 34.01 33.50 40.39 max s700 337-351_typo_mod:mise en page 1 24/02/2009 14:07 page 345 38
s700 series 346 panel cut out rack plug equipment receptacle e y y g y t k x x x size 2 size 3 size 4 g 4.06 4.01 121.92 1.83 8.26 24.76 8.26 8.26 111.15 mini 117.3 mini 8.26 24.76 24.76 4r : 1.47 max 4r : 1.47 max 4r : 1.47 max 80.2 mini 41.28 41.28 43.31 57.78 61.85 12.09 4.06 4.01 5.70 5.40 4.06 4.01 5.70 5.40 100.84 80.9 60.96 41.02 21.08 4.85 ? 4.80 4.85 ? 4.80 4.85 ? 4.80 26 holes ? 4.58 4.22 36.33 18 holes ? 4.58 4.22 43.1 mini 5.70 5.40 ? ? 0.20 e x g ? ? 0.25? e x y 22 holes ? 4.58 4.22 ? 0.25? e x y 0.50 e x y ?0.40 e k t ?0.40 e k t ?0.40 e k t ?0.50 e x y ?0.50 e x y ?0.25? e x y ?0.20 e x ?0.50 e x y 1 0.40 b 1 0.40 b 1 0.40 b 1 0.40 k ? 0.20 e x a y y g y b x x x size 2 size 3 size 4 c 4.06 4.01 121.92 2.5 maxi 1.83 8.26 18.11 22.53 8.26 8.26 24.76 24.76 4r : 5.70 max 4r : 5.70 max 4r : 5.70 max 41.28 41.28 57.78 59.61 120.09 4.06 4.01 5.70 5.40 4.06 4.01 5.70 5.40 100.84 80.9 60.96 41.02 21.08 4.85 ? 4.80 4.85 ? 4.80 4.85 ? 4.80 26 holes ? 4.58 4.22 35.82 18 holes ? 4.58 4.22 39 mini 76 mini 131.1 mini 107 mini 5.70 5.40 ? ? 0.20 a x g ? ? 0.25? a x y 22 holes ? 4.58 4.22 ? 0.25? a x y ? ? 0.25? a x y 0.50 a x y ?0.40 a b w ?0.40 a b w ?0.40 a b w ?0.50 a x y ?0.50 a x y ?0.25? e x y ?0.20 a x 1 0.40 b 1 0.40 b 1 0.40 b 1 0.40 b ? 0.20 e x s700 337-351_typo_mod:mise en page 1 24/02/2009 14:07 page 346 39
347 s700 series contacts equipment receptacle contacts size 22, 20, 16, 12 rack plug contacts part numbers sizes 22 8667-c03-22r -01a/01 20 8667-c01-20r -01a/01 16 8667-c01-16r -01a/01 12 8667-c01-12r -01a/01 coaxial contacts size 16 for rg 179 b/u, rg 316 b/u and kx 22 dt cables 16 8667-d02-16r -01a/01 16 8667-d03-16r -01a/01 coaxial contacts size 16 for axon 2619 ce 60/50 dt and 3007 cr 40/75 dt cables 16 8667-d02-16r -02a/01 16 8667-d03-16r -02a/01 coaxial contacts size 12 for cable kx 21 dt 12 8667-d02-12r -02a/01 12 8667-d03-12r -02a/01 coaxial contacts size 12 for rg 179 b/u, rg 316 b/u and kx 22 dt cables 12 8667-d02-12r -01a/01 12 8667-d03-12r -01a/01 coaxial contacts size 5 for rg 58, rg 141 and kx 15 cables unsealed 8667-d02-05r -01a/01 sealed 8667-d02-05r -51a/01 contacts part numbers sizes 22 8667-c01-22r -01a/01 20 8667-c03-20r -01a/01 16 8667-c03-16r -01a/01 12 8667-c03-12r -01a/01 unsealed 8667-d03-05r -01a/01 sealed 8667-d03-05r -51a/01 blue black brown green white green orange green yellow black white grey green white violet blue blue blue black black orange yellow green green yellow black black green green green green yellow white white black red s700 337-351_typo_mod:mise en page 1 24/02/2009 14:07 page 347 40
s700 series 348 equipment receptacle rack plug size 8 triaxial for cables mil-c 17176 00002 - en 3374-003 - nfl 52161-1 unsealed 8667-d02-08r -01a/01 sealed 8667-d02-08r -51a/01 unsealed 8667-d03-08r -01a/01 sealed 8667-d03-08r -51a/01 size 8 triaxial for cables nfl 52161-2 - nfl 52161-3 - en 3374-004 unsealed 8667-d02-08r -02a/01 sealed 8667-d02-08r -52a/01 unsealed 8667-d03-08r -02a/01 sealed 8667-d03-08r -52a/01 thermocouples contacts # 22 chromel 8667-c03-220 -02a/01 alumel 8667-c03-220 -03a/01 yellow code black code cavities reducers # 8 # 12 consult the factory straight spill contacts for equipment receptacle chromel 8667-c01-220 -02a/01 alumel 8667-c01-220 -03a/01 yellow code black code contacts type contacts sizes 22 20 16 12 part numbers dimensions (mm) al? 8667-c23-22r-01a/01 13.98 3.80 0.63 8667-c23-220-02a/04 16.35 3.80 0.63 8667-c23-220-03a/04 16.35 10.00 0.63 8667-420-200-01a/mj 10.10 3.80 0.63 8667-420-160-01a/mj 10.55 3.80 0.63 8667-420-120-01a/mj 10.55 3.80 0.63 female male color code color code green l a ? l a ? green s700 337-351_typo_mod:mise en page 1 24/02/2009 14:07 page 348 41
349 s700 series contact arrangements in shells p : rack plug r : equipment receptacle contacts size 22 male female contacts size 20, 16, 12 female male coaxial contacts size 16, 12, 5 and triaxial contacts size 8 female male wire data for crimp contacts filler plug (sealed version) dummy contacts contacts sizes contacts ? admissible wire section external ? over insulation awg mm 2 mm min max min max min max 22 0.76 26 22 0.14 0.38 0.66 1.37 20 1 24 20 0.21 0.60 0.82 1.80 16 1.6 20 16 0.60 1.34 1.34 2.62 12 2.4 14 12 1.91 3.18 1.90 3.43 16 coaxial 12 coaxial 5 coaxial 8 triaxial rg 179 b/u - rg 316 b/u - kx 22 dt axon 2619 ce 60/50 dt axon 3007 cr 40/75 dt 2.67 2.59 1.34 2.62 4.95 4.84 rg 179 / kx 22 dt rg 316 / kx 21 dt rg 58 - kx 15 - rg 141 mil-c-17-176 00002 en 3374-003 - nfl 52161-1 nfl 52161-2 - en 3374-004 en 3374-005 -nfl 52161-3 cavities filler plug size part numbers colour 22 8660-212 black 20 8522-389a red 16 8522-390a blue 12 8522-391a yellow 5 8660-726 white 8 8660-3035 red cavities size 22 8667-6a0-220-02a/aa 8667-6a0-220-01a/aa 20 8667-6a0-200-01a/aa 16 8667-6a0-160-01a/aa 12 8667-6a0-120-01a/aa 5 8667-6a0-050-02a/aa 8667-6a0-050-01a/aa 8 8667-6a0-080-01a/aa dummy contacts part numbers plug receptacle s700 337-351_typo_mod:mise en page 1 24/02/2009 14:07 page 349 42
s700 series 350 shielding cover (mm dimensions) for cavities a, c and e for cavities b, d and f *35.50 maxi *58 maxi *74.50 maxi 70 maxi 0.50 maxi 55.90 maxi 35.50 maxi 50.50 maxi 78.40 maxi emi gasket * dimension with obturation plates 52 maxi 37 maxi 30.40 maxi 84.70 maxi 6.90 0.1 54 0.1 ?20 + 0.1 +0 35.50 maxi 39.50 maxi emi gasket 41 maxi 67.40 maxi 55.90 maxi 38 maxi 30.40 maxi 37 maxi * dimension with obturation plates 84.70 maxi 0.50 maxi 70 maxi * 74.50 maxi 6.90 0.1 54 0.1 ?20 + 0.1 +0 s700 337-351_typo_mod:mise en page 1 24/02/2009 14:07 page 350 43
351 s700 series receptacle with straight spill contact tooling crimping (contacts sizes 22, 20, 16 and 12) female straight spill contact size 22 (rear release) l a part number 31.65 3.80 8667-c23-22r-01a/01 34 3.80 8667-c23-220-02a/04 34 10 8667-c23-220-03a/04 contact sizes 22 0.38 22 24 0.21 8476-01 8660-216 26 0.15 (m22520/2-01) (m22520/2-23) 20 0.60 20 22 0.38 8476-01 8476-08 24 0.21 (m22520/2-01) (m22520/2-08) 20 0.60 16 18 0.93 8365 8365-02 16 1.34 (m22520/1-01) (m22520/1-02) 12 14 1.91 8365 8365-02 12 3.18 (m22520/1-01) (m22520/1-02) awg section in mm2 cables part numbers crimping tool locator crimping (coaxial contacts) contact sizes cables inner contact body (ferrule) crimping plier locator crimping plier hex dies rg 179 b/u - rg 316 b/u 16 axon 2619 ce 60/50 dt 8476-01 m22520/4-01 axon 3007 cr 40/75 dt (m22520/1-01) kx 22 dt 12 rg 179 b/u - rg 316 b/u 8476-01 sn 2176 k100 m22520/31-01 sn 2176 k101 kx 22 dt - kx 21 dt (m22520/2-01) 5 rg 58 b/u - rg 141 b/u - kx 15 8476-01 m22520/2-14 m22520/5-01 m22520/5-45b (m22520/2-01) crimping (size 8 triaxial contacts) contact size inner contact crimping tool locator intermediary contact crimping tool locator body crimping tool hex dies 8 8476-1 8476-37 8476-01 sn 1767 k100 m22520/5-01 m22520/5-45b (m22520/2-01) (m22520/2-37) (m22520/2-01) contact insertion and extraction contact sizes tools part numbers / insertion and extraction colour 22 m81969/ 1-01 green 20 8660-18 (m81969/1-02) red 16 m81969/14-03 blue 12 m81969/14-04 yellow 16 coaxial ?? 12 coaxial m81969/14-04 yellow 5 insertion : manual ? coaxial extraction : 8660-187 yellow (m81969/28-01) 8 insertion : manual triaxial 8660-197 steel female straight spill contact size 22 (rear release) (8667-420-160-01a/mj) / male straight spill contact size 16 (rear release) (8667-420-120-01a/mj) / male straight spill contact size 12 (rear release) (8667-420-200-01a/mj) / male straight spill contact size 20 (rear release) a 3.80 l 0.25 34 spill ? for contacts size 22, 20, 16 and 12 : 0,63 mm s700 337-351_typo_mod:mise en page 1 24/02/2009 14:07 page 351 44


▲Up To Search▲   

 
Price & Availability of S7C0P4-001S0A01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X