Part Number Hot Search : 
03140 IS126 IM811 MQ100 F8714 BB121 BR1300 6220A
Product Description
Full Text Search
 

To Download RP154N013B-TR-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rp154x series small dual 300ma ldo no.ek-202-100223 cmos ldo regulator the rp154x series are cmos-based dual output ldo regulators featuring 300ma output. various basic performances of the rp series have been improved by adopting a new manufacturing process. rp154x features a supply current from 50 a per output, a minimum input voltage from 1.4v and the output voltage can be set from 0.8v to 3.6v (in 0.1v steps). rp154x is available in sot -23-6 and dfn1216-8 packages. due to the low minimum input voltage rp154l is able to extend battery life, additionally the ldo has le ss power dissipation by the low dropout voltage between input and output. features ? supply current (i ss ) typ. 50 a 2 (v in =set v out +1v) ? standby current (i standby ) typ. 0.1 a 2 (same as above, ce1/ce2="l") ? dropout voltage (v dif ) typ. 0.25v (i out =300ma, v out =2.8v) ? ripple rejection (rr) typ. 70db (f=1khz) ? input voltage range (v in ) 1.4v to 5.25v ? output voltage range (v out ) 0.8v to 3.6v ? (internally fixed) ? output voltage accuracy 1% ? temp. coeff. of output voltage typ. 80ppm/ c ? line regulationtyp. 0.02%/v ? fold-back protection circuit current limit typ. 60ma ? auto-discharge function b version ? packages dfn1216-8, sot-23-6 ? ceramic capacitor can be used. 1 f or more ? ) for information about combination of out put voltage, visit our website to check. (the above shows specification at topt=25 c. design assurance value at -40 c < = < = c is also available. for details, please refer to the datasheet.) block diagrams rp154nxxxb rp154lxxxb (single input type) (dual input type) vref current limit error amp. r1_1 r2_1 vref current limit error amp. r1_2 r2_2 v out1 v out2 v dd ce1 ce2 gnd vref current limit error amp. r1_1 r2_1 vref current limit error amp. r1_2 r2_2 v out1 v out2 v dd1 ce1 ce2 gnd v dd2 ? ) xxxa version does not exist above blue line. selection guides package quantity per reel part no. dfn1216-8 5,000 pcs rp154l . xxx ? -e2 sot-23-6 3,000 pcs rp154n . xxx ? -tr-fe . xxx . : specify a combination of output voltage for each output using serial numbers. . ? : select from ( . a . ) without auto-discharge function or ( . b . ) with auto-discharge function. packages typica l characteristic dfn1216-8 sot-23-6 top view bottom view 2 7 3 6 4 5 1 8 3 6 2 7 1 8 4 5 ? 6 5 4 1 2 3 1 gnd ? 1 2 v out1 3 v out2 4 gnd ? 1 5 ce2 6 v dd2 7 v dd1 8 ce1 1 ce1 2 v dd 3 ce2 4 v out2 5 gnd 6 v out1 rp154x (vr1/vr2) dropout voltage vs. output current 85 c 25 c -40 c 0 300 v out =2.5v 250 100 200 150 50 0 200 250 100 50 150 300 output current i out (ma) dropout voltage v dif (mv) ? ) the tab is substrate level (gnd). ? 1) the gnd pin must be wired toge ther when it is mounted on board. applications ? power source for hand-held communication equipment, cameras, and vcrs ? power source for home appliances ? power source for battery-powered equipment
3*$0)$0.1"/: -5% &mfduspojd%fwjdft$pnqboz ?4ijo:plpibnbp$?df *oufsobujpobm4bmft
 4ijo:plpibnb ,piplvlv :plpibnb$juz ,bobhbxb +bqbo 1ipof 'by  3*$0)&6301& /&5)&3-"/%4
#7 ?4fnjdpoevdups4vqqpsu$fousf 1spg8),fftpnmbbo %-"ntufmwffo 5if/fuifsmboet 10#py "$"ntufmwffo 1ipof 'by  3*$0)&-&$530/*$%&7*$&4,03&"$p -ue qpps )bftvohcvjmejoh  %bfdijepoh (bohobnhv 4fpvm ,psfb 1ipof 'by  3*$0)&-&$530/*$%&7*$&44)"/()"*$p -ue 3ppn /p#vjmejoh #j#p3pbe 1v%poh/fxejtusjdu 4ibohibj  1fpqmft3fqvcmjdpg$ijob 1ipof 'by  3*$0)$0.1"/: -5% &mfduspojd%fwjdft$pnqboz ?5bjqfjp$?df 3ppn ' /p )fohzboh3e 5bjqfj$juz 5bjxbo 30$
1ipof 'by  iuuqxxxsjdpidpn-4* 5ifqspevdutboeuifqspevdutqfdjpdbujpoteftdsjcfejouijtepdvnfoubsftvckfduupdibohfps ejtdpoujovbujpopgqspevdujpoxjuipvuopujdfgpssfbtpot tvdibtjnqspwfnfou5ifsfgpsf cfgpsf efdjejohupvtfuifqspevdut qmfbtfsfgfsup3jdpitbmftsfqsf tfoubujwftgpsuifmbuftu jogpsnbujpouifsfpo 5ifnbufsjbmtjouijtepdvnfounbzopucfdpqjfepspuifsxjtfsfqspevdfejoxipmfpsjoqbsu xjuipvuqsjpsxsjuufodpotfoupg3jdpi 1mfbtfcftvsfupublfbozofdfttbszgpsnbmjujftvoefssfmfwboumbxtpssfhvmbujpotcfgpsf fyqpsujohpspuifsxjtfubljohpvupgzpvsdpvouszuifqspevdut psuifufdiojdbmjogpsnbujpo eftdsjcfeifsfjo 5ifufdiojdbmjogpsnbujpoeftdsjcfejouijtepdvnfoutipxtuzqjdbmdibsbdufsjtujdtpgboe fybnqmfbqqmjdbujpodjsdvjutgpsuifqspevdut5ifsfmfbtfpgt vdijogpsnbujpojtopuupcf dpotusvfebtbxbssbouzpgpsbhsboupgmjdfotfvoefs3jdpit psbozuijseqbsuztjoufmmfduvbm qspqfsuzsjhiutpsbozpuifssjhiut  5ifqspevdutmjtufejouijtepdvnfoubsfjoufoefeboeeftjhofe gpsvtfbthfofsbmfmfduspojd dpnqpofoutjotuboebsebqqmjdbujpot p$?dffrvjqnfou ufmfdpnnvo jdbujpofrvjqnfou  nfbtvsjohjotusvnfout dpotvnfsfmfduspojdqspevdut bnvtfnfou frvjqnfoufud
5iptf dvtupnfstjoufoejohupvtf bqspevdujobobqqmjdbujposfrvjsjohfyusfnfrvbmjuzboesfmjb cjmjuz  gpsfybnqmf jobijhimztqfdjpdbqqmjdbujpoxifsfuifgbjmvsf psnjtpqfsbujpopguifqspevdu dpvmesftvmujoivnbojokvszpsefbui bjsdsbgu tqbdfwfijdmf ovdmfbssfbdupsdpouspmtztufn  usb$?ddpouspmtztufn bvupnpujwfboe usbotqpsubujpofrvjqnfou dpncvtujpofrvjqnfou tbgfuz efwjdft mjgftvqqpsutztufnfud
tipvmepstudpoubduvt 8fbsfnbljohpvsdpoujovpvtf$?psuupjnqspwfuifrvbmjuzboesfmjbcjmjuzpgpvsqspevdut cvu tfnjdpoevdupsqspevdutbsfmjlfmzupgbjmxjuidfsubjoqspcbcjm juz*opsefsupqsfwfoubozjokvszup qfstpotpsebnbhftupqspqfsuzsftvmujohgspntvdigbjmvsf dvt upnfsttipvmecfdbsfgvmfopvhi upjodpsqpsbuftbgfuznfbtvsftjouifjseftjho tvdibtsfevoeb odzgfbuvsf psfdpoubjonfou gfbuvsfboegbjmtbgfgfbuvsf8fepopubttvnfbozmjbcjmjuz pssftqpotjcjmjuzgpsbozmpttps ebnbhfbsjtjohgspnnjtvtfpsjobqqspqsjbufvtfpguifqspevdut  "oujsbejbujpoeftjhojtopujnqmfnfoufejouifqspevduteftdsjcfejouijtepdvnfou  1mfbtfdpoubdu3jdpitbmftsfqsftfoubujwfttipvmezpvibwfboz rvftujpotpsdpnnfout dpodfsojohuifqspevdutpsuifufdiojdbmjogpsnbujpo 3*$0)$0.1"/: -5% &mfduspojd%fwjdft$pnqboz  ricoh presented with the japan management quality award for 1999 . ricoh continually strives to promote customer satisfaction, and shares the achievements of its management quality improvement program with people and society.  ricoh awarded iso 14001 certification. the ricoh group was awarded iso 14001 certification, which is an international standard for environmental management systems, at both its domestic and overseas production facilities. our current aim is to obtain iso 14001 certification for all of our business offices. ricoh completed the organization of the lead-free production for all of our products. after apr. 1, 2006, we will ship out the lead free products only. thus, all products that will be shipped from now on comply with rohs directive.


▲Up To Search▲   

 
Price & Availability of RP154N013B-TR-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X