Part Number Hot Search : 
P120A D2412 FR16B02 M128FAN 5330H1 0E335K8R CP326X 1A105
Product Description
Full Text Search
 

To Download QXP2E154KRPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  we can also custom-make. 250vdc (2e) to 10 f, 400vdc (2g) to 4.7 f, 630vdc (2j) to 3.3 f, 800vdc (2k) to 1.5 f please contact us and let us know the specification you need. plastic film capacitors ideal for high frequency applications due to a metallized polypropylene film dielectric which exhibits superior operative characteristics with minimal loss at high frequency. self-healing electrode and non-inductive construction provide excellent characteristics in minimal inductance having better with standing voltage capability. finished by inner dipping with liquid epoxy resin and outer coating with flame-retardant epoxy resin, those double coating gives superior characteristics against moisture. compliant to the rohs directive (2002/95/ec). application high frequency circuit, general electronic circuit and etc. ac voltage (operating at 50 / 60hz ac circuit) shall be as follows however, do not use this product for across-the-line applications. when used in high frequency circuit, refer to table 2 and 4 for the values of effective voltage, current and effective va, shown in pages 333, 336. xp series (for high frequency applications) metallized polypropylene film capacitor drawing specifications category temperature range rated voltage (u r ) rated capacitance range capacitance tolerance dielectric loss tangent insulation resistance withstand voltage encapsulation 40 to +105?c (rated temperature : 85?c) 250, 400, 630, 800vdc 0.01 to 3.3f 5% (j), 10% (k) 0.1% or less (at 1khz 20?c) c < = 0.33f : 30000 m ? or more c > 0.33f : 10000 ? f or more between terminals : rated voltage 175%, 1 to 5 secs. between terminals and coverage : rated voltage 200%, 1 to 5 secs. flame retardant epoxy resin performance characteristics item q 1 x 2 p 3 2 4 j 5 1 6 0 7 3 8 k 9 r 10 p 11 t 12 configuration (rp : polypropylene, tinned cp wire ) ac usage applicable straight lead type : t ac usage applicable cut / formed lead type : capacitance tolerance (j : 5% k : 10%) rated capacitance (0.01 f) rated voltage (630v) series name type f size 12.5 17.5 22.5 code 7fl 7fp 7ft 27.5 7fx straight lead type. cut / formed lead type. w max p1.5 1.5 max 25 min h +1.0 max d 0.05 t max w max t max f1.5 d 0.05 4.5 0.5 5 max h +1.0 max type numbering system (example : 630v 0.01 f) ac voltage category voltage = u r 0.7 dc rated voltage ac voltage 250vdc 125vac 400vdc 160vac 630vdc 200vac 800vdc 250vac dimensions unit : mm f : lead pitch for cut / formed lead wires v (code) cap.(f) size twh d p f 0.01 103 0.015 153 0.022 223 0.033 333 0.047 473 5.6 16.0 9.6 0.6 12.5 12.5 0.068 683 6.1 16.0 10.2 0.6 12.5 12.5 0.1 104 6.8 16.0 10.9 0.6 12.5 12.5 0.15 154 7.7 16.0 11.8 0.6 12.5 12.5 0.22 224 7.4 21.0 11.4 0.6 17.5 17.5 0.33 334 8.5 21.0 12.6 0.6 17.5 17.5 0.47 474 9.4 21.0 14.1 0.6 17.5 17.5 0.68 684 10.3 21.0 16.5 0.6 17.5 17.5 1.0 105 9.9 26.5 18.2 0.8 22.5 22.5 1.5 155 11.8 26.5 20.2 0.8 22.5 22.5 2.2 225 12.6 31.5 20.9 0.8 27.5 27.5 3.3 335 14.5 31.5 24.4 0.8 27.5 27.5 400vdc (2g) twh d p f 5.8 16.0 9.4 0.6 12.5 12.5 6.5 16.0 10.6 0.6 12.5 12.5 7.2 16.0 11.3 0.6 12.5 12.5 8.2 16.0 12.3 0.6 12.5 12.5 7.6 21.0 11.7 0.6 17.5 17.5 8.6 21.0 13.3 0.6 17.5 17.5 9.2 21.0 15.5 0.6 17.5 17.5 11.1 21.0 17.3 0.6 17.5 17.5 10.4 26.5 18.7 0.8 22.5 22.5 12.3 26.5 20.6 0.8 22.5 22.5 13.0 31.5 21.3 0.8 27.5 27.5 14.9 31.5 24.9 0.8 27.5 27.5 630vdc (2j) twh d p f 5.5 16.0 9.6 0.6 12.5 12.5 6.1 16.0 10.1 0.6 12.5 12.5 6.8 16.0 10.8 0.6 12.5 12.5 7.5 16.0 11.2 0.6 12.5 12.5 6.7 21.0 11.4 0.6 17.5 17.5 7.1 21.0 13.4 0.6 17.5 17.5 8.2 21.0 14.4 0.6 17.5 17.5 9.6 21.0 15.9 0.6 17.5 17.5 9.0 26.5 17.3 0.8 22.5 22.5 10.7 26.5 19.1 0.8 22.5 22.5 11.1 31.5 19.4 0.8 27.5 27.5 13.2 31.5 21.5 0.8 27.5 27.5 800vdc (2k) twh d p f 6.2 16.0 10.3 0.6 12.5 12.5 7.0 16.0 11.1 0.6 12.5 12.5 8.0 16.0 12.1 0.6 12.5 12.5 7.1 21.0 11.8 0.6 17.5 17.5 7.5 21.0 13.8 0.6 17.5 17.5 8.7 21.0 14.9 0.6 17.5 17.5 9.6 21.0 17.5 0.6 17.5 17.5 9.6 26.5 18.0 0.8 22.5 22.5 11.5 26.5 19.8 0.8 22.5 22.5 12.1 31.5 20.5 0.8 27.5 27.5 13.7 31.5 23.7 0.8 27.5 27.5 code 250vdc (2e) cat.8100y


▲Up To Search▲   

 
Price & Availability of QXP2E154KRPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X