Part Number Hot Search : 
AD7699 NTHD4P02 IRLR120A M29F002 LC5523F MUR1560 SMCJ36A IRLR120A
Product Description
Full Text Search
 

To Download PCF0805-13-2K10BI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a subsidiary of tt electr onics plc 02 . 08 general note w elwyn components r eserves the right to make changes in pr oduct specification without notice or liability . all information is subject to w elwyn? s own data and is consider ed accurate at time of going to print. ? w elwyn components limited bedlington northumberland ne22 7aa, uk t elephone: +44 (0) 1670 822181 facsimile: +44 (0) 1670 829465 email: info@welwyn-tt.com w ebsite: www .welwyn-tt.com pr ecision sur face mount resistors pr ecision metal film technology extended ohmic range 1r - 2m pr ecision to 0.01% and 5ppm/c tcr grades 50, 25, 15, 10, 5ppm/c passivated range for superior humidity performance load life stability and humidity to 0.05% power (w) pcf0201 pcf0402 pcf0603 pcf0805 pcf1206 pcf1210 pcf2010 pcf2512 0.05 0.063 0.063 0.1 0.125 0.25 0.25 0.5 t ype tcr (ppm/c limiting element v oltage (v) 100 25 50 25 15 10 5 50 25 15 10 5 50 25 15 10 5 50 25 15 10 5 25 10 5 50 25 15 10 5 50 25 15 10 5 15 25 75 100 150 200 150 150 ohmic v alue range * 0.1% 10r-200k 10r-200k 50r-12k 50r-12k 50r-2k 4r7-800k 4r7-800k 4r7-332k 4r7-332k 50r-4k 4r7-2m 4r7-2m 4r7-1m 4r7-1m 50r-10k 4r7-1m 4r7-1m 4r7-1m 4r7-1m 50r-15k 51r-2m 100r-330k 100r-200k 4r7-1m 4r7-1m 4r7-1m 4r7-1m 25r-25k 4r7-1m 4r7-1m 4r7-1m 4r7-1m 25r-25k 0.5% 10r-30r (1%) 33r -22k 10r-200k 10r-200k 50r-12k 2r-800k 2r-800k 4r7-332k 1r-2m 1r-2m 4r7-500k 1r-2m 1r-2m 4r7-1m 51r-2m 100r-330k 100r-200k 1r-2m 1r-2m 4r7-1m 1r-2m 1r-2m 4r7-1m 0.25% 10r-200k 10r-200k 50r-12k 2r-800k 2r-800k 4r7-332k 1r-2m 1r-2m 4r7-500k 1r-2m 1r-2m 4r7-1m 1r-2m 1r-2m 4r7-1m 1r-2m 1r-2m 4r7-1m 0.05% 50r-12k 50r-12k 50r-12k 50r-2k 4r7-150k 4r7-150k 25r-100k 50r-4k 4r7-500k 4r7-500k 25r-200k 50r-10k 4r7-1m 4r7-1m 25r-500k 50r-15k 4r7-1m 4r7-1m 25r-500k 25r-25k 4r7-1m 4r7-1m 25r-500k 25r-25k 0.01% 50r-12k 50r-12k 50r-12k 50r-12k 50r-2k 25r-100k 25r-100k 25r-100k 25r-100k 50r-4k 25r-200k 25r-200k 25r-200k 25r-200k 50r-10k 25r-500k 25r-500k 25r-500k 25r-500k 50r-15k 25r-500k 25r-500k 25r-500k 25r-500k 25r-25k 25r-500k 25r-500k 25r-500k 25r-500k 25r-25k * standar d values e24 or e96. other values may be available by r equest. electrical data - standar d range pcf series
construction a thin-film material is selectively deposited on a 96% alumina s ubstrate together with metallic contacts at each end of the r esistor . the unadjusted r esistors a r e heat t r eated to give the r equir ed tcr and stability , then a p r ecisely contr olled laser trim p r ocess adjusts the r esistance value. epoxy pr otection is applied and wrap-ar ound terminations ar e added and plated with nickel then t in. each r esistor is measur ed immediately befor e packing into tape. t erminations the chips ar e supplied with 100% sn matte plated wrap-ar ound terminations suitable for soldering. pr ecision sur face mount resistors 0.5% 25r-25k 25r-25k 25r-200k 25r-200k 25r-400k 25r-400k 25r-500k 25r-500k 25r-600k 25r-600k 25r-600k 25r-600k power (w) t ype tcr (ppm/c limiting element v oltage (v) 50 25 50 25 50 25 50 25 50 25 50 25 ohmic v alue range * 0.25% 25r-25k 25r-25k 25r-200k 25r-200k 25r-400k 25r-400k 25r-500k 25r-500k 25r-600k 25r-600k 25r-600k 25r-600k 0.1% 25r-25k 25r-25k 25r-200k 25r-200k 25r-400k 25r-400k 25r-500k 25r-500k 25r-600k 25r-600k 25r-600k 25r-600k pcf0402p pcf0603p pcf0805p pcf1206p pcf2010p pcf2512p 0.063 0.063 0.1 0.125 0.25 0.5 25 50 100 150 150 150 * s t andard values e24 or e96. other values may be available by request. w 0.3 0.05 0.5 0.05 0.8 0.2 1.25 0.2 1.6 0.2 2.6 0.2 2.4 0.2 3.1 0.2 l 0.6 0.05 1.0 0.05 1.6 0.2 2.0 0.2 3.2 0.2 3.2 0.2 4.9 0.2 6.3 0.2 tmax 0.26 0.40 0.55 0.65 0.65 0.50 0.65 0.65 a 0.12 0.05 0.2 0.1 0.3 0.2 0.4 0.2 0.5 0.2 0.45 0.2 0.5 0.2 0.5 0.2 c 0.12 0.05 0.2 0.1 0.3 0.2 0.4 0.2 0.5 0.2 0.5 0.2 0.6 0.2 0.6 0.2 t w a a l w rap-around terminations (3 faces) c 0201 0402 0603 0805 1206 1210 2010 2512 dimensions (mm) & w eight (mg) wt 1 3 6 9 20 25 36 55 02 . 08 ? w elwyn components limited bedlington northumberland ne22 7aa, uk t elephone: +44 (0) 1670 822181 facsimile: +44 (0) 1670 829465 email: info@welwyn-tt.com w ebsite: www .welwyn-tt.com pcf series physical data * s t andard values e24 or e96. other values may be available by request. 50 25 50 25 50 25 pcf0603h pcf0805h pcf1206h 0.1 0.125 0.25 0.5% 10r-332k 10r-332k 4r7-1m 4r7-1m 4r7-1m 4r7-1m power (w) t ype tcr (ppm/c limiting element v oltage (v) ohmic v alue range * 0.25% 10r-332k 10r-332k 4r7-1m 4r7-1m 4r7-1m 4r7-1m 0.1% 10r-332k 10r-332k 4r7-1m 4r7-1m 4r7-1m 4r7-1m 50 150 200 electrical data - high power range
0.05% tolerance 0603 to 2512 0.25% 0.3% 0.5% 0.25% 0.1% 0.2% load life humidity short term overload high temperatur e operation t emperatur e cycle resistance to solder heat solderability maximum change (+0.05r) chip size 0402 0.5% 0.3% 0.5% 0.25% 0.1% 0.2% 0.01% tolerance 0603 to 2512 0.05% 0.05% 0.05% 0.25% 0.05% 0.05% conditions t est parameters 1000 hours rated load @ 70c 1000 hours @ 40c, 90 - 95%rh 6.25 x rated power , or 2 x lev , for 5 sec 1000 hours at 125c 5 cycles -55 c, 125c 270c, 10 sec 235c, 2 sec 95% minimum coverage 0.5% 0.5% 0.5% 0.5% 0.25% 0.2% 95% minimum coverage load life humidity short term overload high temperatur e operation t emperatur e cycle resistance to solder heat solderability maximum change (+0.05r) conditions t est parameters 1000 hours rated load @ 70c 1000hrs @ 40c, 90 - 95%rh 6.25 x rated power , or 2 x lev , for 5 sec 1000 hours at 155c 5 cycles -55c, 125c 270c, 10 sec 235c, 2 sec 0603 to 2512 0.05% 0.05% 0.02% 0.05% 0.02% 0.02% load life humidity short term overload high temperatur e operation t emperatur e cycle resistance to solder heat solderability maximum change (+0.05r) conditions t est parameters 1000 hours rated load @ 70c 1000hrs @ 40c, 90 - 95%rh 6.25 x rated power , or 2 x lev , for 5 sec 1000 hours at 125c 5 cycles -55 c, 125c 270c, 10 sec 235c, 2 sec 95% minimum coverage 0402 0.25% 0.5% 0.1% 0.5% 0.1% 0.1% solderability the terminations have an electr oplated nickel barrier and tin coating. this ensur es excellent 'leach' r esistance pr operties and solderability . packaging pcf resistors ar e supplied taped and r eeled as per iec 286-3. application notes pcf r esistors ar e ideally suited for handling by automatic methods due to their r ectangular shape and the small dimensional tolerances. electrical connection to a ceramic substrate or to a printed cir cuit boar d can be made by r eflow or wave soldering of wrap-ar ound terminations. pr ecision sur face mount resistors 02.08 ? w elwyn components limited bedlington northumberland ne22 7aa, uk t elephone: +44 (0) 1670 822181 facsimile: +44 (0) 1670 829465 email: info@welwyn-tt.com w ebsite: www .welwyn-tt.com pcf series per for mance data - standar d range per for mance data - high power range per for mance data - passivated range
t ype size range w rap-ar ound terminations pr ovide good leach pr operties and ensur e r eliable contact. due to the r obust construction, the pcf can be immersed in the solder bath for 30 seconds at 260 c. this enables the r esistor to be mounted on one side of a printed cir cuit boar d and wir e-leaded components applied on the other side. pcf r esistors themselves can operate at a maximum temperatur e of 125 c (see performance above) (155 c for high power grades). for solder ed r esistors, the joint temperatur e should not exceed 110 c. this condition is met when the stated power levels at 70 c ar e used. or dering pr ocedur e pr ecision sur face mount resistors pcf 0603 p - 1 1 - 1k54 b i 50,000/r eel 10,000/r eel 5000/r eel 4000/r eel 1000/r eel i 0201 0402 0603, 0805, 1206, 1210 2010, 2512 0402, 0603, 0805, 1206, 2010, 2512 standar d t1 please enquir e to confirm availability of 1000 piece r eels 0.25% 0.5% 0.01% 0.05% 0.1% l w b c d 25ppm/ c 50ppm/ c 5ppm/c 10ppm/c 15ppm/c 13 12 11 r 2 standar d high power passivated h p tcr resistance value (iec62 code) t olerance packing 02 . 08 ? w elwyn components limited bedlington northumberland ne22 7aa, uk t elephone: +44 (0) 1670 822181 facsimile: +44 (0) 1670 829465 email: info@welwyn-tt.com w ebsite: www .welwyn-tt.com pcf series


▲Up To Search▲   

 
Price & Availability of PCF0805-13-2K10BI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X