Part Number Hot Search : 
PG15009 CMD5D111 SN8P1602 T648CTEB TFS704A 2005G SB340 D200561
Product Description
Full Text Search
 

To Download P82EJ-68-72-235PR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mitsumi 1.27mm density (jeida standard) card connectors cp-p82, p82ej series outline connectors cp-p82, p82ej series connectors are 1.27mm density, 68 pins connector plug substrate dip conforming to the jeida (japan electronic industry development association) standard ver.4.1 pc card guideline. features 1. cp-p82ej series has been provided with an ejector button for extraction of card at its connector. 2. thickness of applicable pc card is 3.30.1mm (jeida standard type i ) and 50.1mm (jeida standard type ii ) 3. a connector with boss (7mm) is available so that parts may be mounted under the connector mount on the substrate. 4. the connector and ejector portions being separateble, the ejector can be mounted with ease after soldering the connector on the substrate. 5. both the connector and ejector are of the low type (thickness : 6mm). how to order p82- - - p 1 2 3 4 5 678 1 series no. 2 no. of contacts (68 : 68pins) 3 housing material (72 : pbt resin) 4 running no. assigned by us 5 contact style (3 : angle) 6 contact finish [contact area] (5 : 0.3m gold) 7 plug or socket (p : plug) 8 contact tail length (1 : 10.5mm, none : 3mm) p82ej- - - p r 12345678 1 series no. 2 no. of contacts (68 : 68pins) 3 housing material (72 : pbt resin) 4 running no. assigned by us (1 : without boss, 2 : with boss) 5 contact style (3 : angle) 6 contact finish [contact area] (5 : 0.3m gold) 7 plug or socket (p : plug) 8 location of pushing button (r : right)
mitsumi 1.27mm density (jeida standard) card connectors dimensions specifications current capacity 0.5a per contact withstanding voltage 500v ac (rms) 1minute insulation resistance 1,000m ? min. contact resistance 40m ? max. material & finish component parts material finish cp-p82 housing glass filled pbt resin series contact copper alloy gold selective plating housing glass filled pbt resin cp-p82ej pushing button glass filled pbt resin series contact copper alloy gold selective plating metal components stainless electrical characteristics cp-p82 series cp-p82ej series unit : mm


▲Up To Search▲   

 
Price & Availability of P82EJ-68-72-235PR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X