Part Number Hot Search : 
2108A LT3845A LT5526 1536W MB91110 11HWA 3S400 10EDA40
Product Description
Full Text Search
 

To Download P4KE91E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  400 watt transient voltage suppressor microsemi scottsdale division 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503 page 1 copyright ? 2007 6-20-2007 rev d www . microsemi . com scottsdale division p4ke6.8 thru p4ke400ca, e3 p4ke6.8 thru 400 description appearance this 400 w transient voltage suppressor (tvs) series is an economical molded axial-leaded package to protect voltage-sensitive components from destructive or partial degradation. they are available in both unidirectional or bi-directional configurations as well as rohs compliant (annealed matte-tin finish) with an e3 suffix added to the part number. they have a peak pulse power rating of 400 watts for a 10/1000 s as depicted in figures 1 and 2. the nom inal breakdown voltages (v br ) in this series extend from 6.8 to 400 volts. microsemi also offers a broad spectrum of additional tvss to meet your needs. important: for the most current data, consult microsemi?s website: http://www.microsemi.com features applications / benefits ? economical series for thru-hole mounting ? available in both unidirectional and bi-directional (add c or ca suffix to part number for bidirectional) ? voltages from 6.8 to 400 v breakdown (v br ) ? fast response ? optional 100% screening for avionics grade is available by adding ma prefix to part number for added 100% temperature cycle -55 o c to +125 o c (10x) as well as surge (3x) and 24 hours htrb with post test v z & i r (in the operating direction for unidirectional or both directions for bidirectional) ? options for screening in accordance with mil-prf- 19500 for jan, jantx, or jantxv are available by adding mq, mx, or mv prefixes respectively to part numbers ? rohs compliant devices avaialbe by adding ?e3? suffix ? surface mount equivalents available as smajp4ke6.8 to smajp4ke400ca ? moisture classification is level 1 with no dry pack required per ipc/jedec j-std-020b ? suppresses transients up to 400 watts @ 10/1000 s (see figure 1) ? protects sensitive components such as ic?s, cmos, bipolar, bicmos, ecl, dtl, t 2 l, etc. ? protection from switching transients & induced rf ? compliant to iec61000-4-2 and iec61000-4-4 for esd and eft protection respectively ? secondary lightning protection per iec61000-4-5 with 42 ohms source impedance: class 1: p4ke5.0 to p4ke91a or ca class 2: p4ke5.0 to p4ke47a or ca class 3: p4ke5.0 to p4ke24a or ca class 4: p4ke5.0 to p4ke12a or ca ? secondary lightning protection per iec61000-4-5 with 12 ohms source impedance: class 1: p4ke5.0 to p4ke30a or ca class 2: p4ke5.0 to p4ke15a or ca maximum ratings mechanical and packaging ? operating and storage temperature: -65 c to +150 c ? peak pulse power: 400 watts at 10/1000 s (see figure 1, 2 and 3 for t w , waveform and derating effects) ? impulse repetition rate (duty factor): 0.01% ? thermal resistance: 50 c/w junction to leads @ 3/8 inch (10 mm) from body, or 110 c/w junction to ambient when mounted on fr4 pc board with 4 mm 2 copper pads (1oz) and track width 1 mm, length 25 mm ? steady-state power: 2.5 watts @ t l =25 c at 3/8 inch (10 mm) from body, or 1.13 w at t a = 25 o c on fr4 pc board described for thermal resistance ? forward voltage at 25 c: 3.5 v @ 30 a with 8.3 ms half- sine wave (unidirectional only) ? solder temperatures: 260 c for 10 s (maximum) ? case: void-free transfer molded thermosetting epoxy body meeting ul94v-0 ? finish: tin-lead or rohs compliant annealed matte-tin plating readily solderable per mil-std- 750, method 2026 ? marking: body marked with part number ? polarity: band denotes cathode. bidirectional not marked ? weight: 0.3 grams (approximate) ? tape & reel option: standard per eia-296 (add ?tr? suffix to part number) ? see package dimensions on last page do-41 (do-204al)
400 watt transient voltage suppressor www. microsemi . com scottsdale division p4ke6.8 thru p4ke400ca, e3 p4ke6.8 thru 400 electrical characteristics @ 25 o c breakdown voltage v (br) @ i (br) rated stand-0ff voltage v wm min. max. ma maximum clamping voltage v c @ i pp maximum standby current i d @ v wm maximum peak pulse current i pp maximum temperature coefficient of v (br) v(br) type number v vdc vdc v uadc a % / o c p4ke6.8 p4ke6.8a p4ke7.5 p4ke7.5a 5.50 5.80 6.05 6.40 6.12 6.45 6.75 7.13 7.48 7.14 8.25 7.88 10 10 10 10 10.8 10.5 11.7 11.3 500 500 200 200 37 38 34 35 .057 .057 .061 .061 p4ke8.2 p4ke8.2a p4ke9.1 p4ke9.1a 6.63 7.02 7.37 7.78 7.38 7.79 8.19 8.65 9.02 8.61 10.0 9.55 10 10 1 1 12.5 12.1 13.8 13.4 100 100 20 20 32 33 29 30 .065 .065 .068 .068 p4ke10 p4ke10a p4ke11 p4ke11a 8.10 8.55 8.92 9.40 9.00 9.50 9.90 10.5 11.0 10.5 12.1 11.6 1 1 1 1 15.0 14.5 16.2 15.6 20 5 2 2 27 28 25 26 .073 .073 .075 .075 p4ke12 p4ke12a p4ke13 p4ke13a 9.72 10.2 10.5 11.1 10.8 11.4 11.7 12.4 13.2 12.6 14.3 13.7 1 1 1 1 17.3 16.7 19.0 18.2 1 1 1 1 23 24 21 22 .078 .078 .081 .081 p4ke15 p4ke15a p4ke16 p4ke16a 12.1 12.8 12.9 13.6 13.5 14.3 14.4 15.2 16.5 15.8 17.6 16.8 1 1 1 1 22.0 21.2 23.5 22.5 1 1 1 1 18 19 17 18 .084 .084 .086 .086 p4ke18 p4ke18a p4ke20 p4ke20a 14.5 15.3 16.2 17.1 16.2 17.1 18.0 19.0 19.8 18.0 22.0 21.0 1 1 1 1 26.5 25.2 29.1 27.7 1 1 1 1 15 16 14 14.5 .088 .088 .090 .090 p4ke22 p4ke22a p4ke24 p4ke24a 17.8 18.8 19.4 20.5 19.8 20.9 21.6 22.8 24.2 23.1 26.4 25.2 1 1 1 1 31.9 30.6 34.7 33.2 1 1 1 1 12.5 13 11.5 12 .092 .092 .094 .094 p4ke27 p4ke27a p4ke30 p4ke30a 21.8 23.1 24.3 25.6 24.3 25.7 27.0 28.5 29.7 28.4 33.0 31.5 1 1 1 1 39.1 37.5 43.5 41.4 1 1 1 1 10 11 9.0 9.5 .096 .096 .097 .097 p4ke33 p4ke33a p4ke36 p4ke36a 26.8 28.2 39.1 30.8 29.7 31.4 32.4 34.2 36.3 34.7 39.6 37.8 1 1 1 1 47.7 45.7 52.0 49.9 1 1 1 1 8.5 9.0 7.5 8.0 .098 .098 .099 .099 p4ke39 p4ke39a p4ke43 p4ke43a 31.6 33.3 34.8 36.8 35.1 37.1 38.7 40.9 42.9 41.0 47.3 45.2 1 1 1 1 56.4 53.9 61.9 59.3 1 1 1 1 7.0 7.5 6.5 7.0 .100 .100 .101 .101 p4ke47 p4ke47a p4ke51 p4ke51a 38.1 40.2 41.3 43.6 42.3 44.7 45.9 48.5 51.7 49.4 56.1 53.6 1 1 1 1 67.8 64.8 73.5 70.1 1 1 1 1 5.9 6.2 5.4 5.7 .101 .101 .102 .102 p4ke56 p4ke56a p4ke62 p4ke62a 45.4 47.8 50.2 53.0 50.4 53.2 55.8 58.9 61.6 58.8 68.2 65.1 1 1 1 1 80.5 77.0 89.0 85.0 1 1 1 1 5.0 5.2 4.5 4.7 .103 .103 .104 .104 p4ke68 p4ke68a p4ke75 p4ke75a 55.1 58.1 60.7 64.1 61.2 64.6 67.5 71.3 74.8 71.4 82.5 78.8 1 1 1 1 98.0 92.0 108.0 103.0 1 1 1 1 4.1 4.4 3.7 3.9 .104 .104 .105 .105 microsemi scottsdale division page 2 copyright ? 2007 6-20-2007 rev d 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503
400 watt transient voltage suppressor www. microsemi . com scottsdale division p4ke6.8 thru p4ke400ca, e3 p4ke6.8 thru 400 breakdown voltage v (br) @ i (br) rated stand-0ff voltage v wm min. max. ma maximum clamping voltage v c @ i pp maximum standby current i d @ v wm maximum peak pulse current i pp maximum temperature coefficient of v (br) v(br) type number v vdc vdc v uadc a % / o c p4ke82 p4ke82a p4ke91 p4ke91a 66.4 70.1 73.7 77.8 73.8 77.9 81.9 86.5 90.2 86.1 100.0 95.5 1 1 1 1 118.0 113.0 131.0 125.0 1 1 1 1 3.4 3.5 3.1 3.2 .105 .105 .106 .106 p4ke100 p4ke100a p4ke110 p4ke110a 81.0 85.5 89.2 94.0 90.0 95.0 99.0 105.0 110.0 105.0 121.0 116.0 1 1 1 1 144.0 137.0 158.0 152.0 1 1 1 1 2.8 2.9 2.5 2.6 .106 .106 .107 .107 p4ke120 p4ke120a p4ke130 p4ke130a 97.2 102.0 105.0 111.0 108.0 114.0 117.0 124.0 132.0 126.0 143.0 137.0 1 1 1 1 173.0 165.0 187.0 179.0 1 1 1 1 2.3 2.4 2.1 2.2 .107 .107 .107 .107 p4ke150 p4ke150a p4ke160 p4ke160a 121.0 128.0 130.0 136.0 135.0 143.0 144.0 152.0 165.0 158.0 176.0 168.0 1 1 1 1 215.0 207.0 230.0 219.0 1 1 1 1 1.9 1.95 1.7 1.8 .108 .108 .108 .108 p4ke170 p4ke170a p4ke180 p4ke180a 138.0 145.0 146.0 154.0 153.0 162.0 162.0 171.0 187.0 179.0 198.0 189.0 1 1 1 1 244.0 234.0 258.0 246.0 1 1 1 1 1.6 1.7 1.5 1.6 .108 .108 .108 .108 p4ke200 p4ke200a p4ke220 p4ke220a 162.0 171.0 175.0 185.0 180.0 190.0 198.0 209.0 220.0 210.0 242.0 231.0 1 1 1 1 287.0 274.0 344.0 328.0 1 1 1 1 1.4 1.5 1.0 1.0 .108 .108 .110 .110 p4ke250 p4ke250a p4ke300 p4ke300a 202.0 214.0 243.0 256.0 225.0 237.0 270.0 285.0 275.0 263.0 330.0 315.0 1 1 1 1 360.0 344.0 430.0 414.0 1 1 1 1 1.0 1.0 1.0 1.0 .110 .110 .110 .110 p4ke350 p4ke350a p4ke400 p4ke400a 284.0 300.0 324.0 342.0 315.0 333.0 360.0 380.0 385.0 368.0 440.0 420.0 1 1 1 1 504.0 482.0 574.0 548.0 1 1 1 1 1.0 1.0 1.0 1.0 .110 .110 .110 .110 forward voltage (vf) @ 30 amps peak, 8.3 ms sine wave equal to 3. 5 volts maximum for p4ke6.8 to 200. (excluding bidirectional) for bi-directional constr uction, indicate a c or ca suffix after part number, i.e. p4ke170ca. symbols & definitions symbol definition symbol definition v wm working peak (standoff) voltage i pp peak pulse current p pp peak pulse power v c clamping voltage v (br) breakdown voltage i (br) breakdown current for v (br) i d standby current microsemi scottsdale division page 3 copyright ? 2007 6-20-2007 rev d 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503
400 watt transient voltage suppressor www. microsemi . com scottsdale division p4ke6.8 thru p4ke400ca, e3 p4ke6.8 thru 400 graphs figure 1 test waveform parameters: tr=10 s, tp=1000 s peak pulse power vs. pulse time figure 2 pulse waveform for exponential surge package dimensions note: cathode indicated by band. all dimensions in millimeters (inches) microsemi scottsdale division page 4 copyright ? 2007 6-20-2007 rev d lead or ambient temperature o c v (br) - breakdown voltage ? volts peak pulse power ( p pp ) or continuous average power in percent of 25 o c c ? capacitance - picofarads figure 3 figure 4 derating curve p4ke typical capacitance vs. breakdown voltage (unipolar) 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503


▲Up To Search▲   

 
Price & Availability of P4KE91E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X