Part Number Hot Search : 
CMD6392 1KOHM IRF1404 FS20054 05100 38410 12HCC D77C20AC
Product Description
Full Text Search
 

To Download P4KE30CA-E323 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay general semiconductor p4ke6.8 thru p4ke540a document number 88365 07-jun-06 www.vishay.com 1 t rans z orb ? transient voltage suppressors features ? glass passivated chip junction ? available in unidirectional and bidirectional ? 400 w peak pulse power capability with a 10/1000 s waveform, repet itive rate (duty cycle): 0.01 % ? excellent clamping capability ? very fast response time ? low incremental surge resistance ? solder dip 260 c, 40 seconds ? component in accordance to rohs 2002/95/ec and weee 2002/96/ec typical applications use in sensitive electronics protection against voltage transients induced by inductive load switching and lighting on ics, mosfet, signal lines of sensor units for consumer, computer, industrial, automotive and telecommunication. mechanical data case: do-204al, molded epoxy over passivated chip epoxy meets ul 94v-0 flammability rating terminals: matte tin plated leads, solderable per j-std-002b and jesd22-b102d e3 suffix for commercial grade, he3 suffix for high reliability grade (aec q101 qualified) polarity: for unidirectional types the color band denotes cathode end, no marking on bidirectional types do-204al (do-41) devices for bidirection applications for bidirection use c or ca suffix (e.g. p4ke440ca). electrical characteristics apply in both directions. major ratings and characteristics v (br) unidirectional 6.8 v to 540 v v (br) bidirectional 6.8 v to 440 v p ppm 400 w p d 1.0 w i fsm (unidirectional only) 40 a t j max. 175 c note: (1) non-repetitive current pulse, per fig. 3 and derated above t a = 25 c per fig. 2 (2) measured on 8.3 ms single half si ne-wave or equivalent square wave, dut y cycle = 4 pulses per minute maximum (3) v f = 3.5 v for p4ke220(a) & below; v f = 5.0 v for p4ke250(a) & above maximum ratings (t a = 25 c unless otherwise noted) parameter symbol limit unit peak power dissipation with a 10/1000 s waveform (1) (fig. 1) p ppm 400 w peak pulse current with a 10/1000 s waveform (1) i ppm see next table a power dissipation on infi nite heatsink at t l = 75 c (fig. 5) p d 1.0 w peak forward surge current, 8.3 ms si ngle half sine-wave unidirectional only (2) i fsm 40 a maximum instantaneous forward voltage at 25 a for unidirectional only (3) v f 3.5/5.0 v operating junction and storage temperature range t j , t stg - 55 to + 175 c
www.vishay.com 2 document number 88365 07-jun-06 vishay general semiconductor p4ke6.8 thru p4ke540a electrical characteristics (t a = 25 c unless otherwise noted) device type breakdown voltage v (br) at i t (1) (v) test current i t (ma) stand- off voltage v wm (v) maximum reverse leakage at v wm i d (3) (a) maximum peak pulse current i ppm (2) (a) maximum clamping voltage at i ppm v c (v) maximum temperature coefficient of v (br) (%/c) min max p4ke6.8 6.12 7.48 10 5.50 1000 37.0 10.8 0.057 p4ke6.8a 6.45 7.14 10 5.80 1000 38.1 10.5 0.057 p4ke7.5 6.75 8.25 10 6.05 500 34.2 11.7 0.061 p4ke7.5a 7.13 7.88 10 6.40 500 35.4 11.3 0.061 p4ke8.2 7.38 9.02 10 6.63 200 32.0 12.5 0.065 p4ke8.2a 7.79 8.61 10 7.02 200 33.1 12.1 0.06 p4ke9.1 8.19 10.0 1.0 7.37 50 29.0 13.8 0.068 p4ke9.1a 8.65 9.55 1.0 7.78 50 29.9 13.4 0.068 p4ke10 9.00 11.0 1.0 8.10 10 26.7 15.0 0.073 p4ke10a 9.50 10.5 1.0 8.55 10 27.6 14.5 0.073 p4ke11 9.90 12.1 1.0 8.92 5.0 24.7 16.2 0.075 p4ke11a 10.5 11.6 1.0 9.40 5.0 25.6 15.6 0.075 p4ke12 10.8 13.2 1.0 9.72 1.0 23.1 17.3 0.076 p4ke12a 11.4 12.6 1.0 10.2 1.0 24.0 16.7 0.078 p4ke13 11.7 14.3 1.0 10.5 1.0 21.1 19.0 0.081 p4ke13a 12.4 13.7 1.0 11.1 1.0 22.0 18.2 0.081 p4ke15 13.5 16.5 1.0 12.1 1.0 18.2 22.0 0.084 p4ke15a 14.3 15.8 1.0 12.8 1.0 18.9 21.2 0.084 p4ke16 14.4 17.6 1.0 12.9 1.0 17.0 23.5 0.086 p4ke16a 15.2 16.8 1.0 13.6 1.0 17.8 22.5 0.086 p4ke18 16.2 19.8 1.0 14.5 1.0 15.1 26.5 0.088 p4ke18a 17.1 18.9 1.0 15.3 1.0 15.9 25.2 0.088 p4ke20 18.0 22.0 1.0 16.2 1.0 13.7 29.1 0.090 p4ke20a 19.0 21.0 1.0 17.1 1.0 14.4 27.7 0.090 p4ke22 19.8 24.2 1.0 17.8 1.0 12.5 31.9 0.092 p4ke22a 20.9 23.1 1.0 18.8 1.0 13.1 30.6 0.092 p4ke24 21.6 26.4 1.0 19.4 1.0 11.5 34.7 0.094 p4ke24a 22.8 25.2 1.0 20.5 1.0 12.0 33.2 0.094 p4ke27 24.3 29.7 1.0 21.8 1.0 10.2 39.1 0.096 p4ke27a 25.7 28.4 1.0 23.1 1.0 10.7 37.5 0.096 p4ke30 27.0 33.0 1.0 24.3 1.0 9.2 43.5 0.097 p4ke30a 28.5 31.5 1.0 25.6 1.0 9.7 41.4 0.097 p4ke33 29.7 36.3 1.0 26.8 1.0 8.4 47.7 0.098 p4ke33a 31.4 34.7 1.0 28.2 1.0 8.8 45.7 0.098 p4ke36 32.4 39.6 1.0 29.1 1.0 7.7 52.0 0.099 p4ke36a 34.2 37.8 1.0 30.8 1.0 8.0 49.9 0.099 p4ke39 35.1 42.9 1.0 31.6 1.0 7.1 56.4 0.100 p4ke39a 37.1 41.0 1.0 33.3 1.0 7.4 53.9 0.100 p4ke43 38.7 47.3 1.0 34.8 1.0 6.5 61.9 0.101 p4ke43a 40.9 45.2 1.0 36.8 1.0 6.7 59.3 0.101 p4ke47 42.3 51.7 1.0 38.1 1.0 5.9 67.8 0.101 p4ke47a 44.7 49.4 1.0 40.2 1.0 6.2 64.8 0.101 p4ke51 45.9 56.1 1.0 41.3 1.0 5.4 73.5 0.102 p4ke51a 48.5 53.6 1.0 43.6 1.0 5.7 70.1 0.102 p4ke56 50.4 61.6 1.0 45.4 1.0 5.0 80.5 0.103 p4ke56a 53.2 58.8 1.0 47.8 1.0 5.2 77.0 0.103 p4ke62 55.8 68.2 1.0 50.2 1.0 4.5 89.0 0.104 p4ke62a 58.9 65.1 1.0 53.0 1.0 4.7 85.0 0.104 p4ke68 61.2 74.8 1.0 55.1 1.0 4.1 98.0 0.104 p4ke68a 64.6 71.4 1.0 58.1 1.0 4.3 92.0 0.104 p4ke75 67.5 82.5 1.0 60.7 1.0 3.7 108 0.105
document number 88365 07-jun-06 www.vishay.com 3 p4ke6.8 thru p4ke540a vishay general semiconductor note: (1) pulse test: t p 50 ms (2) surge current waveform per fig. 3 and derated per fig. 2 (3) for bidirectional types having v wm of 10 volts and less, the i d limit is doubled (4) all terms and symbols are consistent with ansi/ieee c62.35 p4ke75a 71.3 78.8 1.0 64.1 1.0 3.9 103 0.105 p4ke82 73.8 90.2 1.0 66.4 1.0 3.4 118 0.105 p4ke82a 77.9 86.1 1.0 70.1 1.0 3.5 113 0.105 p4ke91 81.9 100 1.0 73.7 1.0 3.1 131 0.106 p4ke91a 86.5 95.5 1.0 77.8 1.0 3.2 125 0.106 p4ke100 90.0 110 1.0 81.0 1.0 2.8 144 0.106 p4ke100a 95.0 105 1.0 85.5 1.0 2.9 137 0.106 p4ke110 99.0 121 1.0 89.2 1.0 2.5 158 0.107 p4ke110a 105 116 1.0 94.0 1.0 2.6 152 0.107 p4ke120 108 132 1.0 97.2 1.0 2.3 173 0.107 p4ke120a 114 126 1.0 102 1.0 2.4 165 0.107 p4ke130 117 143 1.0 105 1.0 2.1 187 0.107 p4ke130a 124 137 1.0 111 1.0 2.2 179 0.107 p4ke150 135 165 1.0 121 1.0 1.9 215 0.108 p4ke150a 143 158 1.0 128 1.0 1.9 207 0.108 p4ke160 144 176 1.0 130 1.0 1.7 230 0.108 p4ke160a 152 168 1.0 136 1.0 1.8 219 0.108 p4ke170 153 187 1.0 138 1.0 1.6 244 0.108 p4ke170a 162 179 1.0 145 1.0 1.7 234 0.108 p4ke180 162 198 1.0 146 1.0 1.6 258 0.108 p4ke180a 171 189 1.0 154 1.0 1.6 246 0.108 p4ke200 180 220 1.0 162 1.0 1.4 287 0.108 p4ke200a 190 210 1.0 171 1.0 1.5 274 0.108 p4ke220 198 242 1.0 175 1.0 1.2 344 0.108 p4ke220a 209 231 1.0 185 1.0 1.2 328 0.108 p4ke250 225 275 1.0 202 1.0 1.1 360 0.110 p4ke250a 237 263 1.0 214 1.0 1.2 344 0.110 p4ke300 270 330 1.0 243 1.0 0.93 430 0.110 p4ke300a 285 315 1.0 256 1.0 1.0 414 0.110 p4ke350 315 385 1.0 284 1.0 0.79 504 0.110 p4ke350a 333 368 1.0 300 1.0 0.83 482 0.110 p4ke400 360 440 1.0 324 1.0 0.70 574 0.110 p4ke400a 380 420 1.0 342 1.0 0.73 548 0.110 p4ke440 396 484 1.0 356 1.0 0.63 631 0.110 p4ke440a 418 462 1.0 376 1.0 0.66 602 0.110 p4ke480 432 528 1.0 389 1.0 0.58 686 0.110 p4ke480a 456 504 1.0 408 1.0 0.61 658 0.110 p4ke510 459 561 1.0 413 1.0 0.55 729 0.110 p4ke510a 485 535 1.0 434 1.0 0.57 698 0.110 p4ke540 486 594 1.0 437 1.0 0.52 772 0.110 p4ke540a 513 567 1.0 459 1.0 0.54 740 0.110 electrical characteristics (t a = 25 c unless otherwise noted) device type breakdown voltage v (br) at i t (1) (v) test current i t (ma) stand- off voltage v wm (v) maximum reverse leakage at v wm i d (3) (a) maximum peak pulse current i ppm (2) (a) maximum clamping voltage at i ppm v c (v) maximum temperature coefficient of v (br) (%/c) min max
www.vishay.com 4 document number 88365 07-jun-06 vishay general semiconductor p4ke6.8 thru p4ke540a ratings and characteristics curves (t a = 25 c unless otherwise noted) thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol limit unit typical thermal resistan ce junction-to-lead r jl 60 c/w typical thermal resistance junction-to-ambient, l lead = 10 mm r ja 100 c/w ordering information preferred p/n unit weight (g) preferred package code base quantity delivery mode p4ke6.8a-e3/54 0.350 54 4000 13" diameter paper tape & reel figure 1. peak pulse power rating curve figure 2. pulse power or current versus initial junction temperature 100 10 1 0.1 n on-repetiti v e p u lse w a v eform sho w n in fig. 3 t a = 25 c 0.1 s 1.0 s 10 s 100 s 1.0 ms 10 ms p ppm , peak p u lse po w er (k w ) td, p u lse w idth 100 75 50 25 0 0 25 50 75 100 125 150 175 200 peak p u lse p o w er (p pp ) or c u rrent (i pp ) derating in p ercentage , % t j - initial temperat u re (c) figure 3. pulse waveform figure 4. typical junction capacitance uni-directional 0 1.0 2.0 3.0 4.0 0 50 100 150 td t - time (ms) i ppm - peak p u lse c u rrent, % i rsm tr = 10 sec. peak v al u e i ppm half v al u e - i ppm ipp 2 10/1000 sec. w a v eform as defined b y r.e.a. t j = 25 c p u lse w idth (td) is defined as the point w here the peak c u rrent decays to 50 % of i ppm 10 100 1000 10000 1.0 10 100 200 meas u red at zero bias meas u red at stand-off v oltage v w m t j = 25 c f = 1.0 mhz v sig = 50 m v p-p c j , j u nction capacitance (pf) v (br) - breakdo w n v oltage ( v )
vishay general semiconductor p4ke6.8 thru p4ke540a document number 88365 07-jun-06 www.vishay.com 5 package outline dimensions in inches (millimeters) figure 5. power derating curve figure 6. max. non-repetitive forward surge current uni-directional only l = 0.375" (9.5 mm) lead lengths p d , po w er dissipation ( w ) t l - lead temperat u re (c) 60 hz resisti v e or ind u cti v e load 1.00 0.75 0.50 0.25 0 0 25 50 75 100 125 150 175 200 1 5 10 50 100 10 50 100 200 t j = t j max. 8 .3 ms single half sine- w a v e nu m b er of cycles at 60 hz peak for w ard s u rge c u rrent (a) figure 7. typical reverse leakage characteristics figure 8. typical transient thermal impedance 0.01 0.1 1 10 100 0 100 200 300 400 500 600 meas u red at de v ices stand-off v oltage v w m t a = 25 c instantaneo u s re v erse leakage c u rrent ( a) v (br) - breakdo w n v oltage ( v ) 10 100 1 0.001 0.01 0.1 1 10 100 1000 t - p u lse d u ration (sec.) transient thermal impedance (c/ w ) 0.107 (2.7) 0.0 8 0 (2.0) 0.034 (0. 8 6) 0.02 8 (0.71) dia. 1.0 (25.4) mi n . 1.0 (25.4) mi n . 0.205 (5.2) 0.160 (4.1) dia. do-204al (do-41)
legal disclaimer notice vishay document number: 91000 www.vishay.com revision: 08-apr-05 1 notice specifications of the products displayed herein are subjec t to change without notice. vishay intertechnology, inc., or anyone on its behalf, assume s no responsibility or liability fo r any errors or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. except as provided in vishay's terms and conditions of sale for such products, vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and /or use of vishay products including liab ility or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyrigh t, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify vishay for any damages resulting from such improper use or sale.


▲Up To Search▲   

 
Price & Availability of P4KE30CA-E323

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X