Part Number Hot Search : 
STG8206 CM4312A2 DSL12AW IAPX186 SDR4G D102K 05030 LTC248
Product Description
Full Text Search
 

To Download MXPLAD15KP85ATRE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  15,000 w surface mount transient voltage suppressor microsemi scottsdale division page 1 copyright ? 2007 10-12-2007 rev g www. micr o semi . com scottsdale division plad15kp5.0 thru plad15kp400ca, e3 plad15kp5.0- 400ca, e3 description appearance these microsemi 15 kw transient voltage suppressors (tvss) are designed for applications requiring protection of voltage- sensitive electronic devices that may be damaged by harsh or severe voltage transients including lightning per iec61000-4-5 and classes with various source impedances described herein. this series is available in 5.0 to 400 volt standoff voltages (v wm ) in both unidirectional and bidirectional offered in one surface mount device. microsemi also offers numerous other tvs products to meet higher and lower power demands and special applications. important: for the most current data, consult microsemi?s website: http://www.microsemi.com features applications / benefits ? available in both unidirectional and bidirectional construction (bidirectional with c or ca suffix) ? low profile surface mount ? available in tape-and-reel or waffle pack ? selections for 5.0 to 400 volts standoff voltages (v wm ) ? suppresses transients up to 15,000 watts @ 10/1000 s (see figure 1) ? fast response ? optional 100% screening for avionics grade is available by adding ma prefix to part number for added 100% temperature cycle -55 o c to +125 o c (10x) as well as surge (3x) and 24 hours htrb with post test v z & i r (in the operating direction for unidirectional or both directions for bidirectional) ? options for screening in accordance with mil-prf- 19500 for jan, jantx, and jantxv are also available by adding mq, mx, or mv prefixes respectively to part numbers. ? moisture classification is level 1 with no dry pack required per ipc/jedec j-std-020b ? rohs compliant devices available by adding ?e3? suffix ? protection from switching transients and induced rf ? protection from esd, and eft per iec 61000-4-2 and iec 61000-4-4 ? secondary lightning protection per iec61000-4-5 with 42 ohms source impedance: class 1,2,3,4: plad15kp5.0a to 400a or ca class 5: plad15kp5.0a to 400a or ca ? secondary lightning protection per iec61000-4-5 with 12 ohms source impedance: class 1,2,3,4: plad15kp5.0a to 400a or ca ? secondary lightning protection per iec61000-4-5 with 2 ohms source impedance: class 2,3: plad15kp5.0a to 400a or ca class 4: plad15kp5.0 to 54a or ca ? pin injection protection per rtca/do-160d for waveform 4 (6.4/69 s): level 4: plad15kp5.0a to 400a or ca level 5: plad15kp5.0a to 100a or ca ? pin injection protection per rtca/do-160d for waveform 5a (40/120 s): level 4: plad15kp5.0a to 28a or ca maximum ratings mechanical and packaging ? operating and storage temperature: -55 o c to +150 o c ? peak pulse power dissipation at 25 o c: 15,000 watts at 10/1000 s (also see figures 1 and 2) ? impulse repetition rate (duty factor): 0.05% ? t clamping (0 volts to v (br) min.): < 100 ps theoretical for unidirectional and < 5 ns for bidirectional ? thermal resistance: 0.2 c/w junction to case or 50 o c/w junction to ambient when mounted on fr4 pc board with recommended mounting pad (see last page) ? steady-state power dissipation: 50 watts at t c = 100 o c with good heat sink, or 2.5 watts at t a = 25 o c if mounted on fr4 pc board as described for thermal resistance ? forward surge voltage: 3.5 v maximum @ 500 amps 8.3 ms half-sine wave (unidi rectional devices only) ? solder temperatures: 260 o c for 10 s (maximum) ? case: void-free transfer molded thermosetting epoxy body meeting ul94v-0 ? terminals: tin-lead or rohs compliant annealed matte-tin plating readily solderable per mil-std-750, method 2026 ? marking: body marked with part number ? polarity: for unidirect ional devices, the cathode is on the metal backside (package bottom) ? weight: 1 gram (approximate) ? tape & reel: standard per eia-481-b (add ?tr? suffix to part number) ? see package dimensions on last page 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503
15,000 w surface mount transient voltage suppressor microsemi scottsdale division page 2 copyright ? 2007 10-12-2007 rev g www. micr o semi . com scottsdale division plad15kp5.0 thru plad15kp400ca, e3 plad15kp5.0- 400ca, e3 electrical characteristics microsemi part number (note 2) reverse stand-off voltage v wm (note 1) volts breakdown voltage v (br) v (br) @ i (br) volts ma maximum clamping voltage v c @ i pp volts maximum standby current i d @ v wm a maximum peak pulse current i pp (fig. 3) a maximum temperature coefficient of v (br) v(br ) mv/ oc plad15kp5.0 plad15kp5.0a plad15kp6.0 plad15kp6.0a 5.0 5.0 6.0 6.0 6.40 ? 7.30 6.40 ? 7.00 6.67 ? 8.15 6.67 ? 7.37 150 150 150 150 9.6 9.2 11.4 10.3 15000 15000 15000 15000 1620 1629 1317 1455 4.0 4.0 4.0 4.0 plad15kp6.5 plad15kp6.5a plad15kp7.0 plad15kp7.0a 6.5 6.5 7.0 7.0 7.22 ? 8.82 7.22 ? 7.98 7.78 ? 9.51 7.78 ? 8.60 150 150 150 150 12.3 11.2 13.3 12.0 6000 6000 3000 3000 1221 1341 1134 1251 4.0 4.0 5.0 5.0 plad15kp7.5 plad15kp7.5a plad15kp8.0 plad15kp8.0a 7.5 7.5 8.0 8.0 8.33 ? 10.2 8.33 ? 9.21 8.89 ? 10.9 8.89 ? 9.83 5 5 5 5 14.3 12.9 15.0 13.6 750 750 450 450 1350 1164 999 1101 6.0 6.0 6.0 6.0 plad15kp8.5 plad15kp8.5a plad15kp9.0 plad15kp9.0a 8.5 8.5 9.0 9.0 9.44 ? 11.5 9.44 ? 10.4 10.0 ? 12.2 10.0 ? 11.1 5 5 5 5 15.9 14.4 16.9 15.4 150 150 120 60 942 1041 885 975 7.0 7.0 8.0 8.0 plad15kp10 plad15kp10a plad15kp11 plad15kp11a 10 10 11 11 11.1 ? 13.6 11.1 ? 12.3 12.2 ? 14.9 12.2 ? 13.5 5 5 5 5 18.8 17.0 20.1 18.2 45 45 10 10 798 882 747 822 9.0 9.0 10 10 plad15kp12 plad15kp12a plad15kp13 plad15kp13a 12 12 13 13 13.3 ? 16.3 13.3 ? 14.7 14.4 ? 17.6 14.4 ? 15.9 5 5 5 5 22.0 19.9 23.8 21.5 10 10 10 10 681 753 630 696 11 11 12 12 plad15kp14 plad15kp14a plad15kp15 plad15kp15a 14 14 15 15 15.6 ? 19.1 15.6 ? 17.2 16.7 ? 20.4 16.7 ? 18.5 5 5 5 5 25.8 23.2 26.9 24.4 10 10 10 10 582 645 564 318 13 13 15 15 plad15kp16 plad15kp16a plad15kp17 plad15kp17a 16 16 17 17 17.8 ? 21.8 17.8 ? 19.7 18.9 ? 23.1 18.9 ? 20.9 5 5 5 5 28.8 26.0 30.5 27.6 10 10 10 10 528 576 492 543 18 16 19 18 plad15kp18 plad15kp18a plad15kp20 plad15kp20a 18 18 20 20 20.0 ? 24.4 20.0 ? 22.1 22.2 ? 27.1 22.2 ? 24.5 5 5 5 5 32.2 29.2 35.8 32.4 10 10 10 10 465 516 417 462 20 19 24 22 plad15kp22 plad15kp22a plad15kp24 plad15kp24a 22 22 24 24 24.4 ? 29.8 24.4 ? 26.9 26.7 ? 32.6 26.7 ? 29.5 5 5 5 5 39.4 35.5 43.0 38.9 10 10 10 10 381 423 348 384 27 24 30 27 plad15kp26 plad15kp26a plad15kp28 plad15kp28a 26 26 28 28 28.9 ? 35.3 28.9 ? 31.9 31.1 ? 38.0 31.1 ? 34.4 5 5 5 5 46.6 42.1 50.1 45.5 10 10 10 10 321 357 297 330 33 29 34 30 plad15kp30 plad15kp30a plad15kp33 plad15kp33a 30 30 33 33 33.3 ? 40.7 33.3 ? 36.8 36.7 ? 44.9 36.7 ? 40.6 5 5 5 5 53.5 48.4 59.0 53.3 10 10 10 10 279 309 255 282 38 35 41 38 plad15kp36 plad15kp36a plad15kp40 plad15kp40a 36 36 40 40 40.0 ? 48.9 40.0 ? 44.2 44.4 ? 54.3 44.4 ? 49.1 5 5 5 5 64.3 58.1 71.4 64.5 10 10 10 10 234 258 210 234 45 40 50 45 plad15kp43 plad15kp43a plad15kp45 plad15kp45a 43 43 45 45 47.8 ? 58.4 47.8 ? 52.8 50.0 ? 61.1 50.0 ? 55.3 5 5 5 5 76.7 69.4 80.3 72.7 10 10 10 10 195 216 186 207 54 49 57 51 plad15kp48 plad15kp48a plad15kp51 plad15kp51a 48 48 51 51 53.3 ? 65.1 53.3 ? 58.9 56.7 ? 69.3 56.7 ? 62.7 5 5 5 5 85.5 77.4 91.1 82.4 10 10 10 10 174 195 165 183 62 55 65 60 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503
15,000 w surface mount transient voltage suppressor microsemi scottsdale division page 3 copyright ? 2007 10-12-2007 rev g www. micr o semi . com scottsdale division plad15kp5.0 thru plad15kp400ca, e3 plad15kp5.0- 400ca, e3 microsemi part number (note 2) reverse stand- off voltage v wm (note 1) volts breakdown voltage v (br) v (br) @ i (br) volts ma maximum clamping voltage v c @ i pp volts maximum standby current i d @ v wm a maximum peak pulse current i pp (fig. 3) a maximum temperature coefficient of v (br) v(br ) mv/ oc plad15kp54 plad15kp54a plad15kp58 plad15kp58a 54 54 58 58 60.0 ? 73.3 60.0 ? 66.3 64.4 ? 78.7 64.4 ? 71.2 5 5 5 5 96.3 87.1 103.0 93.6 10 10 10 10 156 171 147 159 70 64 77 69 plad15kp60 plad15kp60a plad15kp64 plad15kp64a 60 60 64 64 66.7 ? 81.5 66.7 ? 73.7 71.1 ? 86.9 71.1 ? 78.6 5 5 5 5 107.0 96.8 114.0 103.0 10 10 10 10 141 156 132 147 79 70 85 75 plad15kp70 plad15kp70a plad15kp75 plad15kp75a 70 70 75 75 77.8 ? 95.1 77.8 ? 86.0 83.3 ? 102.0 83.3 ? 92.1 5 5 5 5 125 113 134 121 10 10 10 10 120 132 111 123 93 84 100 90 plad15kp78 plad15kp78a plad15kp85 plad15kp85a 78 78 85 85 86.7 ? 106.0 86.7 ? 95.8 94.4 ? 115.0 94.4 ? 104.0 5 5 5 5 139 126 151 137 10 10 10 10 108 120 99 108 104 94 113 102 plad15kp90 plad15kp90a plad15kp100 plad15kp100a 90 90 100 100 100 ? 122 100 ? 111 111 ? 136 111 ? 123 5 5 5 5 160 146 179 162 10 10 10 10 93 102 84 93 120 109 134 122 plad15kp110 plad15kp110a plad15kp120 plad15kp120a 110 110 120 120 122 ? 149 122 ? 135 133 ? 163 133 ? 147 5 5 5 5 196 177 214 193 10 10 10 10 78 84 70 78 147 132 161 145 plad15kp130 plad15kp130a plad15kp150 plad15kp150a 130 130 150 150 144 ? 176 144 ? 159 167 ? 204 167 ? 185 5 5 5 5 231 209 268 243 10 10 10 10 65 71 56 62 174 157 202 183 plad15kp160 plad15kp160a plad15kp170 plad15kp170a 160 160 170 170 178 ? 218 178 ? 197 189 ? 231 189 ? 209 5 5 5 5 287 259 304 275 10 10 10 10 52 58 49 55 216 195 229 207 plad15kp180 plad15kp180a plad15kp200 plad15kp200a 180 180 200 200 200 ? 244 200 ? 221 222 ? 271 222 ? 245 5 5 5 5 321 291 356 322 10 10 10 10 47 52 42 47 242 219 269 243 plad15kp220 plad15kp220a plad15kp250 plad15kp260a 220 220 250 260 245 ? 299 245 ? 271 278 ? 308 289 ? 320 5 5 5 5 293 356 403 419 10 10 10 10 38 42 37 35.5 297 269 306 318 plad15kp280a plad15kp300a plad15kp350a plad15kp400a 280 300 350 400 311 ? 345 333 ? 369 389 ? 431 444 - 492 5 5 5 5 451 483 564 644 10 10 10 10 33 31 26.5 23 344 368 430 490 note 1: transient voltage suppressors are normally selected with reverse ?stand off voltage? v wm which should be equal to or greater than the dc or continuous peak operating voltage level. note 2: for bidirectional construction, indicate a c or ca suffix after the part number. symbols & definitions symbol definition symbol definition v wm working peak (standoff) voltage i pp peak pulse current p pp peak pulse power v c clamping voltage v (br) breakdown voltage i (br) breakdown current for v (br) i d standby current 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503
15,000 w surface mount transient voltage suppressor microsemi scottsdale division page 4 copyright ? 2007 10-12-2007 rev g www. micr o semi . com scottsdale division plad15kp5.0 thru plad15kp400ca, e3 plad15kp5.0- 400ca, e3 graphs p pp peak pulse power - kw tp ? pulse time ? sec figure 1 peak pulse power vs. pulse time to 50% of exponentially decaying pulse peak pulse power (p pp ) or continuous power in percent of 25 o c rating t l lead temperature o c test waveform parameters: tr=10 s, tp=1000 s figure 2 figure 3 pulse waveform derating curve 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503
15,000 w surface mount transient voltage suppressor microsemi scottsdale division page 5 copyright ? 2007 10-12-2007 rev g www. micr o semi . com scottsdale division plad15kp5.0 thru plad15kp400ca, e3 plad15kp5.0- 400ca, e3 package and mounting pad dimensions inches [mm] 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503


▲Up To Search▲   

 
Price & Availability of MXPLAD15KP85ATRE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X