Part Number Hot Search : 
K4H511 DW53D 32170 OXUF936 MAX52 1117C MAX52 IB0505S
Product Description
Full Text Search
 

To Download MSP3BR1100DS14E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  precision surface mount resistors wirewound or metal film technologies www.vishay.com for technical questions, contact: sfer@vishay.com document number: 50003 1 revision: 17-oct-08 msp vishay sfernice features ? approved according cecc 40402-801 (wirewound) ? wide range of ohmic values (0.04 to 1 m ) ? low temperature coefficient ( 25 ppm/c available) ? good electrical insulation ? all welded construction and molded encapsulant ? high power ratings (up to 2.5 w) ? stability class 0.5 ? pure matte tin termination specially designed for surface mounting, the msp series uses either wirewound or metal film technology. the molded package ensures mechanical and climatic protection as well as high dielectric insulation. the msp design is compatible with surface mounting equipment and can withstand wave and reflow soldering techniques. dimensions in millimeters general tolerance: 0.2 mm msp c d a b f f e dimensions a bcd e fwx z average mass (g) series msp 1 6.9 3.8 3.8 2.5 6.5 1.4 2.7 2.9 6 0.2 msp 2 11.4 5 7 5 11 2.4 5.2 4.1 9.4 0.8 msp 3 14.8 6.6 7 5 14.4 2.4 5.2 4.1 12.7 1.5 recommended soldering areas z w x x technical specifications resistive technology wirewound metal film vishay sfernice series msp 1 b msp 2 b msp 3 b msp 1 c msp 2 c cecc 40402-801 rw1 rw2 rw3 - - metric size 0704m 1107m 1607m 0704m 1107m rated dissipation at + 25 c, p 25 1 w 2 w 2.5 w 0.5 w 1 w ohmic range in relation to tolerance (with prefered ohmic value series) 5 % e24 series 0.04 2.2k 0.04 4.7k 0.04 13k -- 2 % e48 series 0.04 2.2k 0.04 4.7k 0.05 13k - - 1 % e96 series 0.04 2.2k 0.04 4.7k 0.05 13k 10 332k 10 1m 0.5 % e96 series 0.4 2.2k 0.4 4.7k 0.3 13k 10 332k 10 1m 0.1 % e192 series --- 10 332k 10 332k approved range cecc 40402-801 1 % or class 0.5 0.5 1k 0.5 2.2k 0.1 4.12k -- limiting element voltage, u max. ac/dc 50 v 120 v 200 v 300 v 350 v
msp precision surface mount resistors wirewound or metal film technologies vishay sfernice document number: 50003 for technica l questions, contact: sfer@vishay.com www.vishay.com revision: 17-oct-08 2 technical specifications (continued) resistive technology wirewound metal film series msp 1 b msp 2 b msp 3 b msp 1 c msp 2 c critical resistance - - - 180k 122.5k temperature coefficient, tc cecc 40402-801 - 55 c/+ 200 c < 1 100 ppm/c 1 to < 10 50 ppm/c 10 25 ppm/c - 55 c/+ 155 c 10 to 332 k k3: 50 ppm/c k4: 25 ppm/c > 332 k - k3: 50 ppm/c failure rate with cecc approval e6 10 -6 /h e6 10 -6 /h e0 or a 10 -4 /h -- mechanical specifications wirewound metal film encapsulant thermoset resistive element cuni or nicr nicr or nip ceramic substrate alumina or steatite alumina termination electrolytic pure matte tin environmental specifications wirewound metal film temperature range - 55 c to 275 c - 55 c to 155 c climatic category (lct/uct/days) 55/200/56 55/125/10 performance tests conditions requirements wirewound metal film wirewound cecc 40402-801 metal film short time overload iec 60115-1 5 p r or u = 2 u max. /5 s (0.25 % + 0.05 ) 0.25 % load life iec 60115-1 90?/30? cycles 1000 h p r + 25 c 8000 h p r (0.5 % + 0.05 ) (3 % + 0.05 ) 1 % - dielectric w/s voltage iec 60115-1 u rms = 500 v/60 s no flashover or breakdown leakage current < 10 a rapid change of temperature iec 60115-1 iec 60068-2-14 test na 5 cycles (30? at lct/30? at uct) (0.25 % + 0.05 ) 0.25 % - 55 c/+ 200 c - 55 c/+ 125 c climatic sequence iec 60115-1 (0.5 % + 0.05 ) 0.5 % - 55 c/+ 200 c - 55 c/+ 125 c humidity (steady state) iec 60115-1 iec 60068-2-3 test ca 95 % hr/40 c (0.5 % + 0.05 ) 1 % 56 days 10 days substrate bending test iec 60115-1 iec 60068-2-21 test u e3 2 mm/10 times (0.25 % + 0.05 ) 0.25 % shock iec 60115-1 iec 60068-2-27 test ea 50 g?s/half sine/ 3 times by direction (i.e. 18 shocks) (0.25 % + 0.05 ) n/a vibration iec 60115-1 iec 60068-2-6 test fc (0.25 % + 0.05 ) 0.25 % 10/2000 hz 10/500 hz resistance to soldering heat iec 60115-1 iec 60068-2-58 solder bath 260 c/10 s (0.5 % + 0.05 ) n/a
www.vishay.com for technical ques tions, contact: sf er@vishay.com document number: 50003 3 revision: 17-oct-08 msp vishay sfernice precision surface mount resistors wirewound or metal film technologies power rating chart temperature rise surface mounting of msp b soldering cycle: 2 min at 215 c or 10 s at 260 c or with an iron 40 w: 3 s at 350 c. soldering is possible by wave, reflow and vapor phase. non inductive winding for msp b non inductive (ayrton perry) winding available. please consult vishay sfernice. marking sfernice trademark, ohmic value (in ), tolerance (in %), series and st yle, technology, manufacturing date. ambient temperature in c % rated power 125 100 75 50 25 0 - 100 - 55 0 50 100 200 msp b msp c 250 25 155 275 rated power in w hot spot temperature in c 250 200 150 100 50 0 0.5 1 1.5 2 2.5 3 0 msp 3 b msp 2 b msp 2 c msp 1 c msp 1 b packaging in bulk (plastic bag of 100 units or multiples). in tube: msp1 70 units per tube msp2 50 units per tube msp3 40 units per tube in reel of 500 units for msp1 and msp2. dimensions in millimeters - informative data tube packaging reel packaging t 1 t 2 t 3 t 4 length a 0 b 0 k 0 p 0 wt p msp 1 6.6 6.8 4.6 4.8 530 3.9 7.35 4.25 4 12 0.254 8 msp 2 9.2 8.7 8 7.5 615 7.43 11.91 5.36 4 24 0.368 12 msp 3 n/a p a 0 w p 0 b 0 t k 0 tube reel t 4 t 1 t 2 t 3 cross section of t ub e
msp precision surface mount resistors wirewound or metal film technologies vishay sfernice document number: 50003 for technica l questions, contact: sfer@vishay.com www.vishay.com revision: 17-oct-08 4 ordering information msp 1 b 48u7 1 % tc ba100 e3 series style technology b: wirewound c: metal film non inductive winding optional ohmic value tolerance applicable only in ?c? technology packaging lead (pb)-free sap part numbering guidelines global model option size ohmic value tol. te m p. coef. packaging special rohs msp blank or n (non inductive winding) 1b 2b 3b 1c 2c b = wirewound c = metal film the firts four digits are significant figures and the last digit specifies the number of zeros to follow. r designates decimal point. 48r70 = 48.7 48701 = 48 700 10002 = 100 000 r0100 = 0.01 r4700 = 0.47 ... b = 0.1 % f = 1 % g = 2 % j = 5 % k = 10 % blank or applicable only on metal film technologies 1c and 2c: e k3 or h k4 s14 = bag (100 pieces) r10 = reel (500 pieces) t25 = tube (70 pieces) t17 = tube (40 pieces) t20 = tube (50 pieces) as applicable e3 = pure tin 1b48r7 p m s 0f t 0 3 2e
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of MSP3BR1100DS14E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X