Part Number Hot Search : 
SOT143 ZLLS1000 SS6525 DDS001 00152 SZ2511 P6KE36A D2FK60
Product Description
Full Text Search
 

To Download MP62X-1000S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series number of positions plating option wire t ype series mp - unshielded modular t elephone plug 6 position plug 6.60 (keyed a vailable) 8-10 position plug 0.05 11.65 9.6 0.05 7.92 0.1 2.77 23.60 0.1 2.77 6.6 13.34 4 position plug 7.6 0.05 0.1 2.77 6.6 13.34 lr78160 ? licensed from a t&t ? t o mate with w .e. co. and fcc 68 jacks ? all pins from high strength copper alloy jis c5191r-h ? a vailable for flat or round cable with stranded or solid wires ? shielded v ersion a vailable ? csa/nrtl certified file no. lr78160 housing material polycarbonate, ul 94 v -2 rated contact material high strength copper alloy jis c5191r-h insulation resistance 500 megohms min dielectric withstanding v oltage contact resistance 20 milliohms max current rating 1.5 amps recommended wire gauge 26-28 a wg. mp s e rie s modula r plug s k y co n 2011 k y c o n, i n c. ? t e l: +1 408-494-0330 ? us : 1-888 -kyc on - 22 ? f ax : + 1 408 - 494 - 0325 ? w w w . k y con . co m modular j a cks and p l u g s mp series x cable jacket performance specifications features materials and finish electrical characteristics documentation & ordering information kycon part # part number builder 62 - 6 positions/ 2 contacts 64 - 6 positions/ 4 contacts 1010- 1010 positions/ 1010 contacts 66 - 6 positions/ 6 contacts 88 - 8 positions/ 8 contacts (s option) solid wire (standard) stranded wire number of positions/contacts cable jacket plating option 1000 - gold flash 5000 - 50u gold flash wire type blank - stranded wire s - solid wire contact kycon for other options 44 - 4 positions/ 4 contacts blank - flat cable r - round cable operating t emperature -55?c to +85?c dimensions in mm mp series dimensions rohs 1000v ac rms, 60hz for 1 minute


▲Up To Search▲   

 
Price & Availability of MP62X-1000S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X