Part Number Hot Search : 
MCM44C64 78L06 265002 2SC2758 LC4000Z U4285BM 2SK3150L 2316312
Product Description
Full Text Search
 

To Download MP2309DS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mp2309 1a, 23v, 340khz synchronous rectified step-down converter mp2309 rev. 1.5 www.monolithicpower.com 1 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. the future of analog ic technology description the mp2309 is a monolithic synchronous buck regulator. the device integrates 140m ? mosfets that provide 1a continuous load current over a wide operating input voltage of 4.75v to 23v. current mode control provides fast transient response and cycle-by-cycle current limit. an adjustable soft-start prevents inrush current at turn-on. shutdown mode drops the supply current to 1a. this device, available in an 8-pin soic package, provides a very compact system solution with minimal reliance on external components. evaluation board reference board number dimensions ev2309ds-00a 2.0?x x 1.5?y x 0.5?z features ? 1a output current ? wide 4.75v to 23v operating input range ? integrated 140m ? power mosfet switches ? output adjustable from 0.923v to 20v ? up to 95% efficiency ? programmable soft-start ? stable with low esr ceramic output capacitors ? fixed 340khz frequency ? cycle-by-cycle over current protection ? input under voltage lockout applications ? distributed power systems ? networking systems ? fpga, dsp, asic power supplies ? green electronics/ appliances ? notebook computers ?mps? and ?the future of analog ic technology? are registered trademarks of monolithic power systems, inc. typical application input 4.75v to 23v output 3.3v 1a c3 3.3nf c5 10nf 1% mp2309 bs 21 3 5 6 4 8 7 in fb sw ss gnd comp en mp2309-tac01 100 90 80 70 60 50 40 30 20 efficiency (%) 0 0.5 1.0 0.75 0.25 load current (a) mp2309-ec01 efficiency vs load current v in = 5v v in = 12v v in = 23v
mp2309 ? 1a, 23v, 340khz synchronous rectified step-down converter mp2309 rev. 1.5 www.monolithicpower.com 2 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. package reference bs in sw gnd ss en comp fb 1 2 3 4 8 7 6 5 top view mp2309_pd01_soic8 part number* package temperature MP2309DS soic8 ?40 to +85c * for tape & reel, add suffix ?z (eg. MP2309DS?z) for lead free, add suffix ?lf (eg. MP2309DS?lf?z) absolute maxi mum ratings (1) supply voltage v in ....................... ?0.3v to +26v switch voltage v sw .................. ?1v to v in +0.3v boost voltage v bs ..........v sw ? 0.3v to v sw + 6v all other pins................................. ?0.3v to +6v junction temperature...............................150c lead temperature ....................................260c storage temperature .............?65c to +150c recommended operating conditions (2) input voltage v in ............................ 4.75v to 23v output voltage v out .................... 0.923v to 20v ambient operating temperature .... ?40c to +85c thermal resistance (3) ja jc soic8..................................... 90 ...... 45... c/w notes: 1) exceeding these ratings may damage the device. 2) the device is not guaranteed to function outside of its operating conditions. 3) measured on approximately 1? square of 1 oz copper. electrical characteristics v in = 12v, t a = +25c, unless otherwise noted. parameter symbol condition min typ max units shutdown supply current v en = 0v 1 3.0 a supply current v en = 2.0v, v fb = 1.0v 1.3 1.5 ma feedback voltage v fb 4.75v v in 23v 0.900 0.923 0.946 v feedback overvoltage threshold 1.1 v error amplifier voltage gain (4) a ea 400 v/v error amplifier transconductance g ea ? i c = 10a 800 a/v high-side switch on resistance (4) r ds(on)1 140 m ? low-side switch on resistance (4) r ds(on)2 140 m ? high-side switch leakage current v en = 0v, v sw = 0v 10 a upper switch current limit minimum duty cycle 1.4 2 a lower switch current limit from drain to source 0.8 a comp to current sense transconductance g cs 2.4 a/v oscillation frequency f osc1 340 khz short circuit oscillation frequency f osc2 v fb = 0v 100 khz maximum duty cycle d max v fb = 0.8v 90 % minimum on time (4) 220 ns en shutdown threshold v en rising 1.1 1.5 2.0 v en shutdown threshold hysteresis 210 mv en lockout threshold voltage 2.2 2.5 2.7 v en lockout hysteresis 210 mv
mp2309 ? 1a, 23v, 340khz synchronous rectified step-down converter mp2309 rev. 1.5 www.monolithicpower.com 3 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. electrical characteristics (continued) v in = 12v, t a = +25c, unless otherwise noted. parameter symbol condition min typ max units input under voltage lockout threshold v in rising 3.80 4.10 4.40 v input under voltage lockout threshold hysteresis 210 mv soft-start current v ss = 0v 6 a soft-start period c ss = 0.1f 15 ms thermal shutdown (4) 160 c note: 4) guaranteed by design, not tested. pin functions pin # name description 1 bs high-side gate drive boost input. bs supplies the drive for the high-side n-channel mosfet switch. connect a 0.01f or greater capacitor fr om sw to bs to power the high side switch. 2 in power input. in supplies the power to the ic, as well as the step-down converter switches. drive in with a 4.75v to 23v power source. by pass in to gnd with a suitably large capacitor to eliminate noise on the input to the ic. see input capacitor . 3 sw power switching output. sw is the switching node that supplies power to the output. connect the output lc filter from sw to the output load. note that a capacitor is required from sw to bs to power the high-side switch. 4 gnd ground. 5 fb feedback input. fb senses the output voltage to regulate that voltage. drive fb with a resistive voltage divider from the output volt age. the feedback threshold is 0.923v. see setting the output voltage . 6 comp compensation node. comp is used to compensate the regulation control loop. connect a series rc network from comp to gnd to compensate the regulation control loop. in some cases, an additional capacitor from comp to gnd is required. see compensation components. 7 en enable input. en is a digital input that turns t he regulator on or off. drive en high to turn on the regulator, drive it low to turn it off. pull up with 100k ? resistor for automatic startup. 8 ss soft-start control input. ss contro ls the soft-start peri od. connect a capacitor from ss to gnd to set the soft-start period. a 0.1f capacitor se ts the soft-start period to 15ms. to disable the soft-start feature, leave ss unconnected.
mp2309 ? 1a, 23v, 340khz synchronous rectified step-down converter mp2309 rev. 1.5 www.monolithicpower.com 4 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. typical performanc e characteristics v in = 12v, v out = 3.3v, l = 10h, c1 = 10f, c2 = 22f, t a = +25c, unless otherwise noted. mp2309-tpc04 mp2309-tpc05 mp2309-tpc06 mp2309-tpc01 mp2309-tpc02 mp2309-tpc03 mp2309-tpc07 mp2309-tpc8 mp2309-tpc09 v en 5v/div. v out 2v/div. v sw 10v/div. i l 1a/div. v en 5v/div. v out 2v/div. v sw 10v/div. i l 1a/div. v in, ac 200mv/div. v o, ac 20mv/div. v sw 10v/div. i l 1a/div. v in, ac 20mv/div. v o, ac 20mv/div. v sw 10v/div. i l 1a/div. v out 200mv/div. i load 1a/div. i l 1a/div. v out 2v/div. i l 1a/div. v out 2v/div. i l 1a/div. v en 5v/div. v out 2v/div. v sw 10v/div. i l 1a/div. v en 5v/div. v out 2v/div. v sw 10v/div. i l 1a/div. shutdown through enable v in = 12v, v out = 3.3v, no load short circuit recovery short circuit entry load transient test v in = 12v, v out = 3.3v, i out = 0.2a to 1a steps shutdown through enable v in = 12v, v out = 3.3v, i out = 1a (resistance load) no load operation no load full load operation 1a load 2ms/div. 2ms/div. 2ms/div. 2ms/div.
mp2309 ? 1a, 23v, 340khz synchronous rectified step-down converter mp2309 rev. 1.5 www.monolithicpower.com 5 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. operation functional description the mp2309 is a synchronous rectified, current-mode, step-down regulator. it regulates input voltages from 4.75v to 23v down to an output voltage as low as 0.923v, and supplies up to 1a of load current. the mp2309 uses current-mode control to regulate the output voltage. the output voltage is measured at fb through a resistive voltage divider and amplified through the internal transconductance error amplifier. the voltage at the comp pin is compared to the switch current measured internally to control the output voltage. the converter uses internal n-channel mosfet switches to step-down the input voltage to the regulated output voltage. since the high side mosfet requires a gate voltage greater than the input voltage, a boost capacitor connected between sw and bs is needed to drive the high side gate. the boost capacitor is charged from the internal 5v rail when sw is low. when the mp2309 fb pin exceeds 20% of the nominal regulation voltage of 0.923v, the over voltage comparator is tripped and the comp pin and the ss pin are discharged to gnd, forcing the high-side switch off. mp2309_f01_bd01 internal regulators in en + error amplifier 1.2v en ok ovp ramp clk 0.923v 0.3v current comparator current sense amplifier 1.1v shutdown comparator lockout comparator 7 comp 6 ss 8 fb 5 gnd 4 oscillator 100/340khz s r q sw 3 bs 1 in 5v 2 ovp in < 4.10v 5v + q + + 1.5v 2.5v + + + + en -- -- -- -- -- -- -- figure 1?functional block diagram
mp2309 ? 1a, 23v, 340khz synchronous rectified step-down converter mp2309 rev. 1.5 www.monolithicpower.com 6 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. applications information component selection setting the output voltage the output voltage is set using a resistive voltage divider from the output voltage to fb pin. the voltage divider divides the output voltage down to the feedback voltage by the ratio: 2 r 1 r 2 r v v out fb + = thus the output voltage is: 2 r 2 r 1 r 923 . 0 v out + = where v out is the output voltage and v fb is the feedback voltage. r2 can be as high as 100k ? , but a typical value is 10k ? . using the typical value for r2, r1 is determined by: ) 923 . 0 v ( 87 . 10 1 r out ? = for example, for a 3.3v output voltage, r2 is 10k ? , and r1 is 26.1k ? . table 1 lists recommended resistor values. table1?recommended resistors vout r1 r2 1.8v 9.53k ? 10k ? 2.5v 16.9k ? 10k ? 3.3v 26.1k ? 10k ? 5v 44.2 ? 10k ? 12v 121k ? 10k ? inductor the inductor is required to supply constant current to the output load while being driven by the switched input voltage. a larger value inductor will result in less ripple current that will result in lower output ripple voltage. however, the larger value inductor will have a larger physical size, higher series resistance, and/or lower saturation current. a good rule for determining the inductance to use is to allow the peak-to-peak ripple current in the inductor to be approximately 30% of the maximum switch current limit. also, make sure that the peak inductor current is below the maximum switch current limit. the inductance value can be calculated by: ? ? ? ? ? ? ? ? ? ? = in out s out v v 1 l f v l where v in is the input voltage, f s is the switching frequency, and ? i l is the peak-to-peak inductor ripple current. choose an inductor that will not saturate under the maximum inductor peak current. the peak inductor current can be calculated by: ? ? ? ? ? ? ? ? ? + = in out s out load lp v v 1 l f 2 v i i where i load is the load current. the choice of which style inductor to use mainly depends on the price vs. size requirements and any emi requirements. optional schottky diode during the transition between high-side switch and low-side switch, the body diode of the low- side power mosfet conducts the inductor current. the forward voltage of this body diode is high. an optional schottky diode may be paralleled between the sw pin and gnd pin to improve overall efficiency. table 2 lists example schottky diodes and their manufacturers. table 2?diode selection guide part number voltage/current rating vendor b130 30v, 1a diodes, inc. sk13 30v, 1a diodes, inc. mbrs130 30v, 1a international rectifier input capacitor the input current to the step-down converter is discontinuous, therefore a capacitor is required to supply the ac current to the step-down converter while maintaining the dc input voltage. use low esr capacitors for the best performance. ceramic capacitors are preferred, but tantalum or low-esr electrolytic capacitors may also suffice. choose x5r or x7r dielectrics when using ceramic capacitors.
mp2309 ? 1a, 23v, 340khz synchronous rectified step-down converter mp2309 rev. 1.5 www.monolithicpower.com 7 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. since the input capacitor (c1) absorbs the input switching current it requires an adequate ripple current rating. the rms current in the input capacitor can be estimated by: ? ? ? ? ? ? ? ? ? = in out in out load 1 c v v 1 v v i i the worst-case condition occurs at v in = 2v out , where i c1 = i load /2. for simplification, choose the input capacitor whose rms current rating greater than half of the maximum load current. the input capacitor can be electrolytic, tantalum or ceramic. when using electrolytic or tantalum capacitors, a small, high quality ceramic capacitor, i.e. 0.1f, should be placed as close to the ic as possible. when using ceramic capacitors, make sure that they have enough capacitance to provide sufficient charge to prevent excessive voltage ripple at input. the input voltage ripple caused by capacitance can be estimated by: ? ? ? ? ? ? ? ? ? = ? in out in out load in v v 1 v v 1 c i v output capacitor the output capacitor is required to maintain the dc output voltage. ceramic, tantalum, or low esr electrolytic capacitors are recommended. low esr capacitors are preferred to keep the output voltage ripple low. the output voltage ripple can be estimated by: ? ? ? ? ? ? ? ? + ? ? ? ? ? ? ? ? ? = ? 2 c f 8 1 r v v 1 l f v v s esr in out s out out where c2 is the output capacitance value and r esr is the equivalent series resistance (esr) value of the output capacitor. in the case of ceramic capacitors, the impedance at the switching frequency is dominated by the capacitance. the output voltage ripple is mainly caused by the capacitance. for simplification, the output voltage ripple can be estimated by: ? ? ? ? ? ? ? ? ? = in out 2 s out out v v 1 2 c l f 8 v ? v in the case of tantalum or electrolytic capacitors, the esr dominates the impedance at the switching frequency. for simplification, the output ripple can be approximated to: esr in out s out out r v v 1 l f v ? v ? ? ? ? ? ? ? ? ? = the characteristics of the output capacitor also affect the stability of the regulation system. the mp2309 can be optimized for a wide range of capacitance and esr values. compensation components mp2309 employs current mode control for easy compensation and fast transient response. the system stability and transient response are controlled through the comp pin. comp pin is the output of the internal transconductance error amplifier. a series capacitor-resistor combination sets a pole-zero combination to control the characteristics of the control system. the dc gain of the voltage feedback loop is given by: out fb vea cs load vdc v v a g r a = where v fb is the feedback voltage, 0.923v; a vea is the error amplifier voltage gain; g cs is the current sense transconductance and r load is the load resistor value. the system has 2 poles of importance. one is due to the compensation capacitor (c3) and the output resistor of error amplifier, and the other is due to the output capacitor and the load resistor. these poles are located at: vea ea 1 p a 3 c 2 g f = load 2 p r 2 c 2 1 f = where g ea is the error amplifier transconductance.
mp2309 ? 1a, 23v, 340khz synchronous rectified step-down converter mp2309 rev. 1.5 www.monolithicpower.com 8 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. the system has one zero of importance, due to the compensation capacitor (c3) and the compensation resistor (r3). this zero is located at: 3 r 3 c 2 1 f 1 z = the system may have another zero of importance, if the output capacitor has a large capacitance and/or a high esr value. the zero, due to the esr and capacitance of the output capacitor, is located at: esr esr r 2 c 2 1 f = in this case (as shown in figure 2), a third pole set by the compensation capacitor (c6) and the compensation resistor (r3) is used to compensate the effect of the esr zero on the loop gain. this pole is located at: 3 r 6 c 2 1 f 3 p = the goal of compensation design is to shape the converter transfer function to get a desired loop gain. the system crossover frequency where the feedback loop has the unity gain is important. lower crossover frequencies result in slower line and load transient responses, while higher crossover frequencies could cause system unstable. a good rule of thumb is to set the crossover frequency below one-tenth of the switching frequency. determine the r3 value by the following equation: fb out cs ea s fb out cs ea c v v g g f 1 . 0 2 c 2 v v g g f 2 c 2 3 r < = where f c is the desired crossover frequency which is typically below one tenth of the switching frequency. to optimize the compensation components, the following procedure can be used. 1. choose the compensation resistor (r3) to set the desired crossover frequency. 2. choose the compensation capacitor (c3) to achieve the desired phase margin. for applications with typical inductor values, setting the compensation zero, f z1 , below one-forth of the crossover frequency provides sufficient phase margin. determine the c3 value by the following equation: c f 3 r 2 4 3 c > where r3 is the compensation resistor. 3. determine if the second compensation capacitor (c6) is required. it is required if the esr zero of the output capacitor is located at less than half of the switching frequency, or the following relationship is valid: 2 f r 2 c 2 1 s esr < if this is the case, then add the second compensation capacitor (c6) to set the pole f p3 at the location of the esr zero. determine the c6 value by the equation: 3 r r 2 c 6 c esr = external bootstrap diode an external bootstrap diode may enhance the efficiency of the regulator, the applicable conditions of external bst diode are: z v out =5v or 3.3v; and z duty cycle is high: d= in out v v >65% in these cases, an external bst diode is recommended from the output of the voltage regulator to bst pin, as shown in fig.2 mp2309 sw bst c l bst c 5v or 3.3v out external bst diode in4148 + figure 2?add optional external bootstrap diode to enhance efficiency the recommended external bst diode is in4148, and the bst cap is 0.1~1 f.
mp2309 ? 1a, 23v, 340khz synchronous rectified step-down converter mp2309 rev. 1.5 www.monolithicpower.com 9 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. typical application circuit input 4.75v to 23v output 3.3v 1a c3 3.3nf d1 b130 (optional) c5 10nf 1% mp2309 bs 21 3 5 6 4 8 7 in fb sw ss gnd comp en c6 (optional) mp2309-f03 figure 3?mp2309 with 3.3v output, 22uf/6.3v ceramic output capacito
mp2309 ? 1a, 23v, 340khz synchronous rectified step-down converter notice: the information in this document is subject to change wi thout notice. please contact m ps for current specifications. users should warrant and guarantee that third party intellectual property rights ar e not infringed upon when integrating mps products into any application. mps will not assume any legal responsibility for any said applications. mp2309 rev. 1.5 www.monolithicpower.com 10 9/21/2007 mps proprietary information. unaut horized photocopy and duplication prohibited. ? 2007 mps. all rights reserved. package information soic8


▲Up To Search▲   

 
Price & Availability of MP2309DS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X