Part Number Hot Search : 
ADC12 AN8570SH BD898 TDA48 BF799W 1N5249 S4F42Q1 TDA5155X
Product Description
Full Text Search
 

To Download MP2-R47 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description ?high performance, ferrite-based, low profile, surface mount inductors ?small footprint and closed magnetic field construction allow for low emi ?low dcr and high efficiency ?rohs compliant (-r option) applications ?pc cards, cellular telephones, pagers, and disk drives ?gps systems environmental data ?storage temperature range: -40c to +125c ?operating ambient temperature range: -40c to +85c (range is application specific). ?infrared reflow temperature: +240? for 30 seconds maximum pa ck a ging ?supplied in tape and reel packaging, 3900 per reel pa rt inductance ocl (1) irms (2) isat (3) dcr (4) q (5) srf number ? ? 20% amperes amperes ohms (typ.) mhz (typ.) (typ.) (max.) (typ.) MP2-R47 0.47 0.40 2.02 3.40 0.075 10 300 mp2-1r0 1.0 1.02 1.67 2.10 0.103 20 160 mp2-1r5 1.5 1.59 1.51 1.70 0.118 25 155 mp2-2r2 2.2 2.29 1.39 1.40 0.130 32 150 mp2-3r3 3.3 3.58 1.25 1.10 0.156 42 140 mp2-4r7 4.7 4.60 1.18 1.00 0.180 46 130 mp2-6r8 6.8 7.02 1.06 0.80 0.202 46 110 mp2-100 10.0 9.95 0.98 0.68 0.240 55 100 mp2-150 15.0 15.30 0.88 0.54 0.300 65 60 mp2-220 22.0 21.80 0.80 0.45 0.360 65 45 mp2-330 33.0 33.70 0.64 0.37 0.556 65 35 mp2-470 47.0 46.40 0.52 0.31 0.833 65 28 micro-pac low profile power inductors (surface mount) 1) open circuit inductance test parameters: 100khz, 0.250 vrms, 0.0 adc 2) rms current, delta temp. of 40 c ambient temperature of 85 c 3) peak current for approximately 30% roll-off 4) values @ 20 c 5) measured @ 300khz mechanical diagrams yww xxx 7.50 max 5.88 5.2 max. 1.8 max. 1.05 2.00 5.40 7.50 dimensions in millimeters. specifications are subject to change without notice. yww = date code xxx = inductance value per family chart 0 20 40 60 80 100 120 04080 120 160 % of isat % of initial inductance inductance vs saturation current option code option code description -r rohs compliant version
micro-pac low profile power inductors (surface mount) visit us on the web at www.cooperet.com 3601 quantum boulevard boynton beach, florida 33426-8638 t el: +1-561-752-5000 toll free: +1-888-414-2645 fax: +1-561-742-1178 this bulletin is intended to present product design solutions and technical information that will help the end user with design applications. cooper electronic t echnologies reserves the right, without notice, to change design or construction of any products and to discontinue or limit d istribution of any products. cooper electronic technologies also reserves the right to change or update, without notice, any technical information contained in thi s bulletin. once a product has been selected, it should be tested by the user in all possible applications. life support policy: cooper electronic technologies does not authorize the use of any of its products for use in life support d evices or systems without the express written approval of an officer of the company. life support systems are devices which support or sustain life, and whos e failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in signifi cant injury to the user. pm-4108 7/05 ? cooper electronic t echnologies 2005


▲Up To Search▲   

 
Price & Availability of MP2-R47

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X