Part Number Hot Search : 
PC200 GLLM317 GLLM317 HC541 CDG00 101BE CS43L43 HT27C512
Product Description
Full Text Search
 

To Download M55342K10G2P70S-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thick film chip resistor m55342/10 rm1010 glass passivation wraparound terminations 96% alumina chip resistor film 04/09/08 performance mechanical ?specifications subject to change without notice.? ?specifications subject to change without notice.? resistance range 1 - 22m tolerances 1%, 2%, 5%, 10% maximum power 500 mw maximum voltage 75 volts  resistance range 1- 22m tolerances 1%, 2%, 5%, 10% maximum power 500 mw maximum voltage 75 volts  part numbering m55342 k 10 b 100 ds-tr m55342 k 10 b 100d s - tr temperature characteristic: k: 100ppm m: 300ppm temperature characteristic: k: 100ppm m: 300ppm performance specification mil-prf-55342 performance specification mil-prf-55342 termination materials: b: solderable wraparound c: epoxy bondable palladium/silver wraparound u: epoxy bondable platinum/gold wraparound w: gold wire bondable g: gold wraparound termination materials: b: solderable wraparound c: epoxy bondable palladium/silver wraparound u: epoxy bondable platinum/gold wraparound w: gold wire bondable g: gold wraparound size code: /10 = rm1010 size code: /10 = rm1010 resistance and tolerance code: three significant digits, with a letter indicating the decimal location, the tolerance, and the value range. resistance and tolerance code: three significant digits, with a letter indicating the decimal location, the tolerance, and the value range. product level designator: m: 1% per 1000 hrs. r: 0.01% p: 0.1% s: 0.001% t: space level c: non - er product level designator: m: 1% per 1000 hrs. r: 0.01% p: 0.1% s: 0.001% t: space level c: non - er d: 1% g: 2% j: 5% m: 10% e: 1% k h: 2% k k: 5% k n: 10% k f: 1% m t: 2% m l: 5% m p: 10% m       d: 1% g: 2% j: 5% m: 10% e: 1% kh: 2% kk: 5% kn: 10% k f: 1% mt: 2% ml: 5% mp: 10% m       packaging code: tr = tape & reel w= waffle pack packaging code: tr = tape & reel w= waffle pack inches millimeters inches millimeters 2470 fox hill road, state college, pa 16803-1797 2470 fox hill road, state college, pa 16803-1797 phone (814) 355-8004 fax (814) 355-2714 phone (814) 355-8004 fax (814) 355-2714 toll free 1-800-458-3401 toll free 1-800-458-3401 www.resistor.com *maximum allowable change per mil-prf-55342, typical change is 10% of these values. *maximum allowable change per mil-prf-55342, typical change is 10% of these values. tests tcr (-55 to +125 c) in ppm/ c thermal shock low temperature operation short-time overload resistance to soldering heat moisture resistance life, 2,000 hours high temperature exposure tests tcr (-55 to +125 c) in ppm/ c thermal shock low temperature operation short-time overload resistance to soldering heat moisture resistance life, 2,000 hours high temperature exposure k 100 0.5% 0.25% 0.25% 0.25% 0.5% 0.5% 0.5% k 100 0.5% 0.25% 0.25% 0.25% 0.5% 0.5% 0.5% m 300 0.5% 0.5% 0.5% 0.25% 0.5% 2.0% 1.0% m 300 0.5% 0.5% 0.5% 0.25% 0.5% 2.0% 1.0% characteristics* stateoftheart,inc. length width thickness top term bottom term gap approx. weight length width thickness top term bottom term gap approx. weight .101 (.098 - .112) .095 (.095 - .105) .018 (.015 - .033) .015 (.010 - .020) .015 (.010 - .020) .071 (.067 - .075) .0105 grams .101 (.098 - .112) .095 (.095 - .105) .018 (.015 - .033) .015 (.010 - .020) .015 (.010 - .020) .071 (.067 - .075) .0105 grams 2.57 (2.49 - 2.84) 2.41 (2.41 - 2.67) 0.46 (0.38 - 0.84) 0.38 (0.25 - 0.51) 0.38 (0.25 - 0.51) 1.80 (1.70 - 1.91) 2.57 (2.49 - 2.84) 2.41 (2.41 - 2.67) 0.46 (0.38 - 0.84) 0.38 (0.25 - 0.51) 0.38 (0.25 - 0.51) 1.80 (1.70 - 1.91) minimum recommended mounting pads (inches) minimum recommended mounting pads (inches) .131 .101 .065 .033 life test power derating power dissipation current noise tempera ture rise (c) power dissipation (watts) fiber epoxy board ceramic board state of the art, inc. state of the art, inc.


▲Up To Search▲   

 
Price & Availability of M55342K10G2P70S-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X